Part Number Hot Search : 
P2500 GP407 74AHC1G 855954 PE8008 1N4622 MAX1665S 74HC21N
Product Description
Full Text Search
 

To Download KTC3875S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION. FEATURES
Excellent hFE Linearity : hFE(0.1mA)/hFE(2mA)=0.95(Typ.).
A
L
KTC3875S
EPITAXIAL PLANAR NPN TRANSISTOR
E B
L
Low Noise : NF=1dB(Typ.), 10dB(Max.). Complementary to KTA1504S.
G
High hFE : hFE=70
700.
2
3
1
P
P
DIM A B C D E G H J K L M N P
MILLIMETERS _ 2.93 + 0.20 1.30+0.20/-0.15 1.30 MAX 0.45+0.15/-0.05 2.40+0.30/-0.20 1.90 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 0.20 MIN 1.00+0.20/-0.10 7
C
N
H
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation Junction Temperature Storage Temperature Range
)
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg RATING 60 50 5 150 30 150 150 -55 150 UNIT V V V mA mA mW
K
M
1. EMITTER 2. BASE 3. COLLECTOR
SOT-23
Marking
h FE Rank Type Name Lot No.
AL
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Transition Frequency Collector Output Capacitance Noise Figure Note : hFE Classification O:70 140, Y:120 ICBO IEBO
)
TEST CONDITION VCB=60V, IE=0 VEB=5V, IC=0 VCE=6V, IC=2mA IC=100mA, IB=10mA VCE=10V, IC=1mA VCB=10V, IE=0, f=1MHz VCE=6V, IC=0.1mA f=1kHz, Rg=10k GR(G):200 400, BL(L):350 700 MIN. 70 80 TYP. 0.1 2.0 1.0 MAX. 0.1 0.1 700 0.25 3.5 10 V MHz pF dB UNIT A A
SYMBOL
hFE(Note) VCE(sat) fT Cob NF 240,
2001. 2. 24
Revision No : 2
J
D
1/3
KTC3875S
I C - V CE
COLLECTOR CURRENT I C (mA) 280 240
6.0 5.0 COMMON EMITTER
h FE - I C
3k DC CURRENT GAIN h FE 1k 500 300 100 50 30 10 6 0.1 0.3 1 3 10 30 100 300 COLLECTOR CURRENT I C (mA)
COMMON EMITTER
Ta=25 C 3.0
200 160 120 80 40 0 0 1 2 3
2.0 1.0 0.5
Ta=100 C Ta=25 C Ta=-25 C
VCE =6V
I B =0.2mA 0
V CE =1V
4
5
COLLECTOR-EMITTER VOLTAGE V CE (V)
V CE(sat) - I C
COLLECTOR-EMITTER SATURATION V CE(sat) (V) 3 1 0.5 0.3 0.1 0.05 0.03 0.01 0.1
Ta=100 C Ta=25 C Ta=-25 C
VBE(sat) - I C
30 BASE-EMITTER SATURATION VOLTAGE VBE(sat) (V)
COMMON EMITTER I C /I B =10 Ta=25 C
COMMON EMITTER I C /I B =10
10 5 3 1 0.5 0.3 0.1
0.3
1
3
10
30
100
300
0.1
0.3
1
3
10
30
100
300
COLLECTOR CURRENT I C (mA)
COLLECTOR CURRENT I C (mA)
fT - IE
TRANSITION FREQUENCY f T (MHz) 3k 1k 500 300 100 50 30 10 -0.1
COMMON EMITTER V CE =10V Ta=25 C
I
3k BASE CURRENT I B (A) 1k 300 100 30 10 3 1 0.3 0 0.2 0.4
B COMMON EMITTER VCE =6V
- V BE
-0.3
-1
-3
-10
-30
-100
-300
Ta=2 5C Ta=-2 5C
Ta=1 00 C
0.6
0.8
1.0
1.2
EMITTER CURRENT I E (mA)
BASE-EMITTER VOLTAGE V BE (V)
2001. 2. 24
Revision No : 2
2/3
KTC3875S
h PARAMETER - I C
5k 1k 300 h PARAMETER 100 30 10 3 1 0.3 0.1 0.1 0.3
Y O BL GR h re x10 -4
h ie xk BL O Y COMMON EMITTER VCE =12V, f=270Hz Ta=25 C
h PARAMETER - V CE
5k 3k 1k 300 h PARAMETER 100 30 10
h ie xk GR BL Y O BL O Y BL GR Y O h re x10 -4 GR COMMON EMITTER I C =2mA f=270Hz Ta=25 C BL GR Y O h fe
GR
BL Y O BL GR
h oe x
h fe
GR
Y O
3 1 0.3 3 10 50 0.1
1
COLLECTOR CURRENT I C (mA)
0.5
1
3
10
30
100
COLLECTOR-EMITTER VOLTAGE V CE (V)
P C - Ta
COLLECTOR POWER DISSIPATION P C (mW) 200
150
100
50
0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE Ta ( C)
2001. 2. 24
Revision No : 2
h oe x
300
3/3


▲Up To Search▲   

 
Price & Availability of KTC3875S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X