Part Number Hot Search : 
124ML UPD72 2SA185 RF430 LEG35162 74F151 2N5638 ON1776
Product Description
Full Text Search
 

To Download 2N5400S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
GENERAL PURPOSE APPLICATION. HIGH VOLTAGE APPLICATION.
L
2N5400S
EPITAXIAL PLANAR PNP TRANSISTOR
E B
L
FEATURES
High Collector Breakdwon Voltage
A
Low Leakage Current. : ICBO=-100nA(Max.) @VCB=-100V Low Saturation Voltage : VCE(sat)=-0.5V(Max.) @IC=-50mA, IB=-5mA
G
: VCBO=-130V, VCEO=-120V
2
3
1
P
P
C
N
Low Noise : NF=8dB (Max.)
DIM A B C D E G H J K L M N P
MILLIMETERS _ 2.93 + 0.20 1.30+0.20/-0.15 1.30 MAX 0.45+0.15/-0.05 2.40+0.30/-0.20 1.90 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 0.20 MIN 1.00+0.20/-0.10 7
H
M
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation Junction Temperature Storage Temperature Range
)
SYMBOL VCBO VCEO VEBO IC IB PC * Tj Tstg RATING -130 -120 -5 -600 -100 350 150 -55 0.6 ) 150 UNIT V V V mA mA mW
1. EMITTER 2. BASE 3. COLLECTOR
K
SOT-23
Marking
J
D
Lot No.
Note : * Package Mounted On 99.5% Alumina 10 8
Type Name
ZN
1999. 11. 30
Revision No : 2
1/2
2N5400S
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage * SYMBOL ICBO IEBO V(BR)CBO V(BR)CEO V(BR)EBO hFE(1) DC Current Gain * hFE(2) hFE(3) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Transition Frequency Collector Output Capacitance Small-Signal Current Gain Noise Figure * * VCE(sat)1 VCE(sat)2 VBE(sat)1 VBE(sat)2 fT Cob hfe NF TEST CONDITION VCB=-100V, IE=0 VCB=-100V, IE=0, Ta=100 VEB=-3V, IC=0 IC=-0.1mA, IE=0 IC=-1mA, IB=0 IE=-10 A, IC=0 VCE=-5V, IC=-1mA VCE=-5V, IC=-10mA VCE=-5V, IC=-50mA IC=-10mA, IB=-1mA IC=-50mA, IB=-5mA IC=-10mA, IB=-1mA IC=-50mA, IB=-5mA VCE=-10V, IC=-10mA, f=100MHz VCB=-10V, IE=0, f=1MHz VCE=-10V, IC=-1mA, f=1kHz VCE=-5V, IC=-250 A Rg=1k , f=10Hz 15.7kHz MIN. -130 -120 -5 30 40 40 100 30 TYP. MAX. -100 -100 -50 180 -0.2 -0.5 -1.0 -1.0 400 6 200 8 dB V UNIT nA A nA V V V
V MHz pF
* Pulse Test : Pulse Width 300 S, Duty Cycle 2%.
1999. 11. 30
Revision No : 2
2/2
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2N5400S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X