Part Number Hot Search : 
A152ML AY271KE 68HC908G 4HC15 WST2907S NJL81H 4051C CD54A
Product Description
Full Text Search
 

To Download BSR58LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSR58LT1 JFET Chopper Transistor
N-Channel - Depletion
Features
* Pb-Free Package is Available
MAXIMUM RATINGS
Rating Drain -Gate Voltage Gate -Source Voltage Gate Current Total Device Dissipation @ TA = 25C Derate above 25C Lead Temperature Operating and Storage Junction Temperature Range Symbol VDG VGS IG PD 350 2.8 TL TJ, Tstg 300 -65 to +150 mW mW/ C C C 1 2 Value -40 -35 50 Unit Vdc Vdc mAdc
http://onsemi.com
2 SOURCE
3 GATE 1 DRAIN
3 SOT-23 CASE 318 STYLE 10
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Gate -Source Breakdown Voltage (IG = -1.0 mAdc) Gate Reverse Current (VGS = -15 Vdc) Gate Source Cutoff Voltage (VDS = 5.0 Vdc, ID = 1.0 mAdc) Drain-Cutoff Current (VDS = 5.0 Vdc, VGS = -10 Vdc) ON CHARACTERISTICS Zero-Gate-Voltage Drain Current (Note 1) (VDS = 15 Vdc) Static Drain-Source On Resistance (VDS = 0.1 Vdc) Drain Gate and Source Gate On-Capacitance (VDS = VGS = 0, f = 1.0 MHz) Drain Gate Off-Capacitance (VGS = -10 Vdc, f = 1.0 MHz) Source Gate Off-Capacitance (VGS = -10 Vdc, f = 1.0 MHz) 1. Pulse Width = 300 ms, Duty Cycle = 3.0%. IDSS 8.0 80 mAdc V(BR)GSS IGSS VGS(off) ID(off) 40 - -0.8 - - -1.0 -4.0 1.0 Vdc nAdc Vdc nAdc Symbol Min Max Unit
MARKING DIAGRAM
M6M G G
M6 = Device Code M = Date Code* G = Pb-Free Package (Note: Microdot may be in either location) *Date Code orientation and/or overbar may vary depending upon manufacturing location.
rDS(on) Cdg(on) + Csg(on) Cdg(off) Csg(off)
- -
60 28
W pF
ORDERING INFORMATION
Device BSR58LT1 BSR58LT1G Package SOT-23 SOT-23 (Pb-Free) Shipping 3000/Tape & Reel 3000/Tape & Reel
- -
5.0 5.0
pF pF
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2005
1
August, 2005 - Rev. 1
Publication Order Number: BSR58LT1/D
BSR58LT1
TYPICAL SWITCHING CHARACTERISTICS
1000 t d(on), TURN-ON DELAY TIME (ns) 500 200 100 50 20 10 5.0 2.0 1.0 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 ID, DRAIN CURRENT (mA) 20 30 50 RK = 0 RK = RD J111 J112 J113 TJ = 25C VGS(off) = 12 V = 7.0 V = 5.0 V 1000 500 200 t r , RISE TIME (ns) 100 50 20 10 5.0 2.0 1.0 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 ID, DRAIN CURRENT (mA) 20 30 50 RK = 0 RK = RD J111 J112 J113 TJ = 25C VGS(off) = 12 V = 7.0 V = 5.0 V
Figure 1. Turn-On Delay Time
Figure 2. Rise Time
1000 t d(off) , TURN-OFF DELAY TIME (ns) 500 200 100 50 20 10 5.0 2.0 1.0 0.5 0.7 1.0 RK = 0 RK = RD
TJ = 25C J111 J112 J113 VGS(off) = 12 V = 7.0 V = 5.0 V
1000 500 200 t f , FALL TIME (ns) 100 50 20 10 5.0 2.0 RK = 0 RK = RD
TJ = 25C J111 J112 J113 VGS(off) = 12 V = 7.0 V = 5.0 V
2.0 3.0 5.0 7.0 10 ID, DRAIN CURRENT (mA)
20
30
50
1.0 0.5 0.7 1.0
2.0 3.0 5.0 7.0 10 ID, DRAIN CURRENT (mA)
20
30
50
Figure 3. Turn-Off Delay Time
Figure 4. Fall Time
NOTE 1
+VDD RD SET VDS(off) = 10 V INPUT RGEN 50 W 50 W VGEN RK RT RGG VGG
The switching characteristics shown above were measured using a test circuit similar to Figure 5. At the beginning of the switching interval, the gate voltage is at Gate Supply Voltage (-VGG). The Drain-Source Voltage (VDS) is slightly lower than Drain Supply Voltage (VDD) due to the voltage divider. Thus Reverse Transfer Capacitance (Crss) or Gate-Drain Capacitance (Cgd) is charged to VGG + VDS. During the turn-on interval, Gate-Source Capacitance (Cgs) discharges
OUTPUT through the series combination of RGen and RK. Cgd must discharge to
50 W
VDS(on) through RG and RK in series with the parallel combination of effective load impedance (RD) and Drain-Source Resistance (rds). During the turn-off, this charge flow is reversed. Predicting turn-on time is somewhat difficult as the channel resistance rds is a function of the gate-source voltage. While Cgs discharges, VGS approaches zero and rds decreases. Since Cgd discharges through rds, turn-on time is non-linear. During turn-off, the situation is reversed with rds increasing as Cgd charges. The above switching curves show two impedance conditions; 1) RK is equal to RD, which simulates the switching behavior of cascaded stages where the driving source impedance is normally the load impedance of the previous stage, and 2) RK = 0 (low impedance) the driving source impedance is that of the generator.
INPUT PULSE tr 0.25 ns tf 0.5 ns PULSE WIDTH = 2.0 ms DUTY CYCLE 2.0%
RGG & RK RD(RT ) 50) RD + RD ) RT ) 50
Figure 5. Switching Time Test Circuit
http://onsemi.com
2
BSR58LT1
y fs, FORWARD TRANSFER ADMITTANCE (mmhos) 20 J112 10 J111 10 7.0 5.0 Tchannel = 25C VDS = 15 V C, CAPACITANCE (pF) J113 7.0 5.0 Cgd Cgs 15
3.0 2.0 0.5 0.7
3.0 2.0 1.5
Tchannel = 25C (Cds IS NEGLIGIBLE)
1.0
2.0 3.0 5.0 7.0 10 ID, DRAIN CURRENT (mA)
20
30
50
1.0 0.03 0.05 0.1
0.3 0.5 1.0 3.0 5.0 VR, REVERSE VOLTAGE (VOLTS)
10
30
Figure 6. Typical Forward Transfer Admittance
Figure 7. Typical Capacitance
200 rds(on), DRAIN-SOURCE ON-STATE RESISTANCE (OHMS)
rds(on), DRAIN-SOURCE ON-STATE RESISTANCE (NORMALIZED)
IDSS = 10 160 mA
25 mA
50 mA
75 mA 100 mA
125 mA
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -70 -40 -10 20 50 80 110 Tchannel, CHANNEL TEMPERATURE (C) 140 170 ID = 1.0 mA VGS = 0
120
80 Tchannel = 25C
40
0
0
1.0
2.0 3.0 4.0 5.0 6.0 VGS, GATE-SOURCE VOLTAGE (VOLTS)
7.0
8.0
Figure 8. Effect of Gate-Source Voltage On Drain-Source Resistance
Figure 9. Effect of Temperature On Drain-Source On-State Resistance
100 rds(on), DRAIN-SOURCE ON-STATE RESISTANCE (OHMS) 90 80 70 60 50 40 30 20 10
9.0 8.0
VGS, GATE-SOURCE VOLTAGE (VOLTS)
Tchannel = 25C
10 NOTE 2 The Zero-Gate-Voltage Drain Current (IDSS), is the principle determinant of other J-FET characteristics. Figure 10 shows the relationship of Gate-Source Off Voltage (VGS(off) and Drain- Source On Resistance (rds(on)) to IDSS. Most of the devices will be within 10% of the values shown in Figure 10. This data will be useful in predicting the characteristic variations for a given part number. For example: Unknown rds(on) and VGS range for an J112 The electrical characteristics table indicates that an J112 has an IDSS range of 25 to 75 mA. Figure 10, shows rds(on) = 52 W for IDSS = 25 mA and 30 W for IDSS = 75 mA. The corresponding VGS values are 2.2 V and 4.8 V.
rDS(on) @ VGS = 0 VGS(off)
7.0 6.0 5.0 4.0 3.0 2.0 1.0
0 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 IDSS, ZERO-GATE-VOLTAGE DRAIN CURRENT (mA)
Figure 10. Effect of IDSS On Drain-Source Resistance and Gate-Source Voltage
http://onsemi.com
3
BSR58LT1
PACKAGE DIMENSIONS
SOT-23 (TO-236) CASE 318-08 ISSUE AL
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. DIM A A1 b c D E e L HE MIN 0.89 0.01 0.37 0.09 2.80 1.20 1.78 0.35 2.10 MILLIMETERS NOM MAX 1.00 1.11 0.06 0.10 0.44 0.50 0.13 0.18 2.90 3.04 1.30 1.40 1.90 2.04 0.54 0.69 2.40 2.64 MIN 0.035 0.001 0.015 0.003 0.110 0.047 0.070 0.014 0.083 INCHES NOM 0.040 0.002 0.018 0.005 0.114 0.051 0.075 0.021 0.094 MAX 0.044 0.004 0.020 0.007 0.120 0.055 0.081 0.029 0.104
D
3 1 2
E
HE
e
A b A1 L C
STYLE 10: PIN 1. DRAIN 2. SOURCE 3. GATE
SOLDERING FOOTPRINT*
0.95 0.037 0.95 0.037
2.0 0.079 0.9 0.035 0.8 0.031
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
BSR58LT1/D


▲Up To Search▲   

 
Price & Availability of BSR58LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X