Part Number Hot Search : 
4BILR ISL8126 HAA1451 ADP3417 100044 03001 UPG2179 0423G
Product Description
Full Text Search
 

To Download AD7765 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 24-Bit, 156 kSPS, 112 dB - ADC with On-Chip Buffers and Serial Interface AD7765
FEATURES
High performance 24-bit - ADC 115 dB dynamic range at 78 kHz output data rate 112 dB dynamic range at 156 kHz output data rate 156 kHz maximum fully filtered output word rate Pin-selectable oversampling rate (128x and 256x) Low power mode Flexible SPI Fully differential modulator input On-chip differential amplifier for signal buffering On-chip reference buffer Full band low-pass finite impulse response (FIR) filter Overrange alert pin Digital gain correction registers Power-down mode Synchronization of multiple devices via SYNC pin Daisy chaining
VINA+ DIFF VINA- MULTIBIT - MODULATOR
FUNCTIONAL BLOCK DIAGRAM
VOUTA- VOUTA+ VIN+ VIN- MCLK GND AVDD1 AVDD2 AVDD3 AVDD4 DVDD BUF RECONSTRUCTION DECIMATION INTERFACE LOGIC AND OFFSET AND GAIN CORRECTION REGISTERS FIR FILTER ENGINE OVERRANGE DEC_RATE
VREF+
REFGND SYNC RESET/PWRDWN
RBIAS
06519-001
AD7765
FSO SCO SDI SDO FSI
Figure 1.
APPLICATIONS
Data acquisition systems Vibration analysis Instrumentation
The differential input is sampled at up to 40 MSPS by an analog modulator. The modulator output is processed by a series of low-pass filters. The external clock frequency applied to the AD7765 determines the sample rate, filter corner frequencies, and output word rate. The AD7765 device boasts a full band on-board FIR filter. The full stop-band attenuation of the filter is achieved at the Nyquist frequency. This feature offers increased protection from signals that lie above the Nyquist frequency being aliased back into the input signal bandwidth. The reference voltage supplied to the AD7765 determines the input range. With a 4 V reference, the analog input range is 3.2768 V differential biased around a common mode of 2.048 V. This common-mode biasing can be achieved using the on-chip differential amplifier, further reducing the external signal conditioning requirements. The AD7765 is available in a 28-lead TSSOP package and is specified over the industrial temperature range from -40C to +85C. Table 1. Related Devices
Part No. AD7760 AD7762 AD7763 AD7764 AD7766 AD7767 Description 2.5 MSPS, 100 dB, parallel output on-chip buffers 625 kSPS, 109 dB, parallel output on-chip buffers 625 kSPS, 109 dB, serial output, on-chip buffers 312 kSPS, 109 dB, serial output, on-chip buffers 125 kSPS, 108 dB, serial output, 20 mW max power 125 kSPS, 108 dB, serial output, 20 mW max power
GENERAL DESCRIPTION
The AD7765 is a high performance, 24-bit - analog-to-digital converter (ADC). It combines wide input bandwidth, high speed, and performance of 112 dB dynamic range at a 156 kHz output data rate. With excellent dc specifications, the converter is ideal for high speed data acquisition of ac signals where dc data is also required. Using the AD7765 eases the front-end antialias filtering requirements, simplifying the design process significantly. The AD7765 offers pin-selectable decimation rates of 128x and 256x. Other features include an integrated buffer to drive the reference as well as a fully differential amplifier to buffer and level shift the input to the modulator. An overrange alert pin indicates when an input signal has exceeded the acceptable range. The addition of internal gain and internal overrange registers make the AD7765 a compact, highly integrated data acquisition device requiring minimal peripheral components. The AD7765 also offers a low power mode, significantly reducing power dissipation without reducing the output data rate or available input bandwidth.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c)2007 Analog Devices, Inc. All rights reserved.
AD7765 TABLE OF CONTENTS
Features .............................................................................................. 1 Applications....................................................................................... 1 General Description ......................................................................... 1 Functional Block Diagram .............................................................. 1 Revision History ............................................................................... 2 Specifications..................................................................................... 3 Timing Specifications .................................................................. 6 Timing Diagrams.......................................................................... 7 Absolute Maximum Ratings............................................................ 8 ESD Caution.................................................................................. 8 Pin Configuration and Functional Descriptions.......................... 9 Typical Performance Characteristics ........................................... 11 Terminology .................................................................................... 14 Theory of Operation ...................................................................... 15 - Modulation and Digital Filtering...................................... 15 AD7765 Input Structure ................................................................ 16 On-Chip Differential Amplifier ............................................... 17 Modulator Input Structure........................................................ 18 AD7765 Interface............................................................................ 19 Reading Data............................................................................... 19 Reading Status and Other Registers......................................... 19 Writing to the AD7765 .............................................................. 19 AD7765 Functionality.................................................................... 20 Synchronization.......................................................................... 20 Overrange Alerts ........................................................................ 20 Power Modes............................................................................... 20 Decimation Rate Pin.................................................................. 21 Daisy Chaining ............................................................................... 22 Reading Data in Daisy-Chain Mode ....................................... 22 Writing Data in Daisy-Chain Mode ........................................ 23 Clocking the AD7765 .................................................................... 24 MCLK Jitter Requirements ....................................................... 24 Decoupling and Layout Information ........................................... 25 Supply Decoupling ..................................................................... 25 Reference Voltage Filtering ....................................................... 25 Differential Amplifier Components ........................................ 25 Layout Considerations............................................................... 25 Using the AD7765 ...................................................................... 26 Bias Resistor Selection ............................................................... 26 AD7765 Registers ........................................................................... 27 Control Register ......................................................................... 27 Status Register............................................................................. 27 Gain Register--Address 0x0004............................................... 28 Overrange Register--Address 0x0005..................................... 28 Outline Dimensions ....................................................................... 29 Ordering Guide .......................................................................... 29
REVISION HISTORY
6/07--Revision 0: Initial Version
Rev. 0 | Page 2 of 32
AD7765 SPECIFICATIONS
AVDD1 = DVDD = VDRIVE = 2.5 V, AVDD2 = AVDD3 = AVDD4 = 5 V, VREF+ = 4.096 V, MCLK amplitude = 5 V, TA = +25C, normal power mode, using the on-chip amplifier with components as shown in row one of Table 7, unless otherwise noted. 1 Table 2
Parameter DYNAMIC PERFORMANCE Decimate 256x Normal Power Mode Dynamic Range Test Conditions/Comments Specification Unit
MCLK = 40 MHz, ODR = 78.125 kHz, fIN = 1 kHz sine wave Modulator inputs shorted Differential amplifier inputs shorted Input amplitude = -0.5 dB Nonharmonic Input amplitude = -0.5 dB Input amplitude = -6 dB Input amplitude = -60 dB MCLK = 40 MHz, ODR = 78.125 kHz, fIN = 1 kHz sine wave Modulator inputs shorted Differential amplifier inputs shorted Input amplitude = -0.5 dB Input amplitude = -0.5 dB Input amplitude = -6 dB Input amplitude = -6 dB Input amplitude = -60 dB MCLK = 40 MHz, ODR = 156.25 kHz, fIN = 1 kHz sine wave Modulator inputs shorted Differential amplifier inputs shorted
Signal-to-Noise Ratio (SNR) 2 Spurious-Free Dynamic Range (SFDR) Total Harmonic Distortion (THD)
115 110 113.4 109 106 130 -105 -103 -71 113 110 112 109 106 -105 -111 -100 -76
dB typ dB min dB typ dB typ dB min dBFS typ dB typ dB typ dB typ dB typ dB min dB typ dB typ dB min dB typ dB typ dB max dB typ
Low Power Mode Dynamic Range
Signal-to-Noise Ratio (SNR)2 Total Harmonic Distortion (THD)
Decimate 128x Normal Power Mode Dynamic Range
Signal to Noise Ratio (SNR)2 Spurious-Free Dynamic Range (SFDR) Total Harmonic Distortion (THD) Intermodulation Distortion (IMD) Nonharmonic Input amplitude = -0.5 dB Input amplitude = -6 dB Input amplitude = -6 dB, fIN A = 50.3 kHz, fIN B = 47.3 kHz Second-order terms Third-order terms MCLK = 40 MHz, ODR = 156.25 kHz, fIN = 1 kHz sine wave Modulator inputs shorted Differential amplifier inputs shorted Input amplitude = -0.5 dB Input amplitude = -0.5 dB Input amplitude = -6 dB Input amplitude = -6 dB Input amplitude = -6 dB, fIN A= 50.3 kHz, fIN B = 47.3 kHz Second-order terms Third-order terms
Rev. 0 | Page 3 of 32
112 108 110.4 107 105 130 -105 -103 -117 -108 110 109 109 107 105 -105 -111 -100 -134 -110
dB typ dB min dB typ dB typ dB min dBFS typ dB typ dB typ dB typ dB typ dB typ dB min dB typ dB typ dB min dB typ dB typ dB max dB typ dB typ
Low Power Mode Dynamic Range
Signal-to-Noise Ratio (SNR)2 Total Harmonic Distortion (THD)
Intermodulation Distortion (IMD)
AD7765
Parameter DC ACCURACY Resolution Integral Nonlinearity Zero Error Test Conditions/Comments Guaranteed monotonic to 24 bits Normal power mode Low power mode Normal power mode Including on-chip amplifier Low power mode Gain Error Including on-chip amplifier Zero Error Drift Gain Error Drift DIGITAL FILTER CHARACTERISTICS Pass-Band Ripple Pass Band 3 -3dB Bandwidth3 Stop Band3 Stop-Band Attenuation Group Delay Decimate 128x Decimate 256x ANALOG INPUT Differential Input Voltage Input Capacitance REFERENCE INPUT/OUTPUT VREF Input Voltage VREF Input DC Leakage Current VREF Input Capacitance DIGITAL INPUT/OUTPUT MCLK Input Amplitude Input Capacitance Input Leakage Current VINH VINL VOH 4 VOL ON-CHIP DIFFERENTIAL AMPLIFIER Input Impedance Bandwidth for 0.1 dB Flatness Common-Mode Input Voltage Common-Mode Output Voltage POWER REQUIREMENTS AVDD1 (Modulator Supply) AVDD2 (General Supply) AVDD3 (Differential Amplifier Supply) AVDD4 (Ref Buffer Supply) DVDD Specification 24 0.0036 0.0014 0.006 0.03 0.04 0.002 0.024 0.018 0.04 0.00006 0.00005 0.1 ODR x 0.4016 ODR x 0.4096 ODR x 0.5 120 115 177 358 3.2768 5 29 4.096 1 5 2.25 to 5.25 7.3 1 0.8 x DVDD 0.2 x DVDD 2.2 0.1 >1 125 -0.5 to +2.2 2.048 2.5 5 5 5 2.5 Unit Bits % typ % typ % typ % max % typ % typ % max % typ % typ %FS/C typ %FS/C typ dB typ kHz kHz kHz dB typ
-1 dB frequency Beginning of stop band Decimate 128x Decimate 256x MCLK = 40 MHz MCLK = 40 MHz Modulator input pins: VIN(+) - VIN(-), VREF = 4.096 V At on-chip differential amplifier inputs At modulator inputs AVDD3 = 5 V 5%
s typ s typ V p-p pF typ pF typ V A max pF typ V pF typ A/pin max V min V max V min V max M kHz V V V V V min/max V min/max V
Voltage range at input pins: VINA- and VINA+. On-chip differential amplifier pins: VOUT+ and VOUT- 5% 5% 5% 5% 5%
Rev. 0 | Page 4 of 32
AD7765
Parameter Normal Power Mode AIDD1 (Modulator) AIDD2 (General) 5 AIDD3 (Differential Amplifier) AIDD4 (Reference Buffer) DIDD5 Low Power Mode AIDD1 (Modulator) AIDD2 (General)5 AIDD3 (Differential Amplifier) AIDD4 (Reference Buffer) DIDD5 POWER DISSIPATION Normal Power Mode Low Power Mode Power-Down Mode 6
1 2 3
Test Conditions/Comments
Specification 19 13 10 9 37 10 7 5.5 5 20 300 371 160 215 1
Unit mA typ mA typ mA typ mA typ mA typ mA typ mA typ mA typ mA typ mA typ mW typ mW max mW typ mW max mW typ
MCLK = 40 MHz AVDD3 = 5 V AVDD4 = 5 V MCLK = 40 MHz
MCLK = 40 MHz AVDD3 = 5 V AVDD4 = 5 V MCLK = 40 MHz MCLK = 40 MHz, decimate 128x MCLK = 40 MHz, decimate 128x PWRDWN held logic low
See Terminology section. SNR specifications in decibels are referred to a full-scale input, FS. Tested with an input signal at 0.5dB below full scale, unless otherwise specified. Output Data Rate (ODR) = [(MCLK/2)]/Decimation Rate. That is, the maximum ODR for AD7765 = [(40 MHz)/2)/128] = 156.25 kHz. 4 Tested with a 400 A load current. 5 Tested at MCLK = 40 MHz. This current scales linearly with MCLK frequency applied. 6 Tested at 125C.
Rev. 0 | Page 5 of 32
AD7765
TIMING SPECIFICATIONS
AVDD1 = DVDD = 2.5 V, AVDD2 = AVDD3 = AVDD4 = 5 V, VREF+ = 4.096 V, TA = 25C, CLOAD = 25 pF. Table 3.
Parameter fMCLK fICLK t1 t2 t3 t4 t5 t6 t7 t8 t9 t10 t11 t121 t13 t14 t15
1
Limit at TMIN, TMAX 500 40 250 20 1 x tICLK 1 x tICLK 1 2 8 40 9.5 2 32 x tSCO 12 1 x tSCO 32 x tSCO 12 12 0
Unit kHz min MHz max kHz min MHz max typ typ ns typ ns typ ns max ns min ns max ns typ max ns min min max ns min ns min ns max
Description Applied master clock frequency Internal modulator clock derived from MCLK SCO high period SCO low period SCO rising edge to FSO falling edge Data access time, FSO falling edge to data active MSB data access time, SDO active to SDO valid Data hold time (SDO valid to SCO rising edge) Data access time (SCO rising edge to SDO valid) SCO rising edge to FSO rising edge FSO low period Setup time from FSI falling edge to SCO falling edge FSI low period FSI low period SDI setup time for the first data bit SDI setup time SDI hold time
This is the maximum time FSI can be held low when writing to an individual device (a device that is not daisy chained).
Rev. 0 | Page 6 of 32
AD7765
TIMING DIAGRAMS
t1
SCO (O) 32 x tSCO
t2 t3
FSO (O)
t8 t9
t4 t5 t6
D22 D21 D20
06519-002 06519-004 06519-003
t7
D19 D1 D0 ST4 ST3 ST2 ST1 ST0 0 0 0
SDO (O)
D23
Figure 2. Serial Read Timing Diagram
t1
SCO (O)
t2 t10
FSI (I)
t12
t11 t13 t14 t15
RA14 RA13 RA12 RA11 RA10 RA9 RA8 RA1 RA0 D15 D14 D1 D0
SDI (I)
RA15
Figure 3. AD7765 Register Write
SCO (O) 8 x tSCO FSO (O)
SDO (O)
STATUS REGISTER CONTENTS [31:16]
DON'T CARE BITS [15:0]
NEXT DATA READ FOLLOWING THE WRITE TO CONTROL REGISTER FSI (I)
SDI (I)
CONTROL REGISTER ADDR (0x0001)
CONTROL REGISTER INSTRUCTION
Figure 4. AD7765 Status Register Read Cycle
Rev. 0 | Page 7 of 32
AD7765 ABSOLUTE MAXIMUM RATINGS
TA = 25C, unless otherwise noted. Table 4
Parameters AVDD1 to GND AVDD2, AVDD3, AVDD4 to GND DVDD to GND VINA+ , VINA- to GND1 VIN+ , VIN- to GND1 Digital Input Voltage to GND2 VREF to GND3 AGND to DGND Input Current to Any Pin Except Supplies4 Operating Temperature Range Commercial Storage Temperature Range Junction Temperature TSSOP Package JA Thermal Impedance JC Thermal Impedance Lead Temperature, Soldering Vapor Phase (60 sec) Infrared (15 sec) ESD
1
Rating -0.3 V to +2.8 V -0.3 V to +6 V -0.3 V to +2.8 V -0.3 V to +6 V -0.3 V to +6 V -0.3 V to +2.8 V -0.3 V to +6 V -0.3 V to +0.3 V 10 mA -40C to +85C -65C to +150C 150C 143C/W 45C/W 215C 220C 1 kV
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD CAUTION
Absolute maximum voltage for VIN-, VIN+, VINA-, and VINA+ is 6.0 V or AVDD3 + 0.3 V, whichever is lower. 2 Absolute maximum voltage on digital inputs is 3.0 V or DVDD + 0.3 V, whichever is lower. 3 Absolute maximum voltage on VREF input is 6.0 V or AVDD4 + 0.3 V, whichever is lower. 4 Transient currents of up to 100 mA do not cause SCR latch-up.
Rev. 0 | Page 8 of 32
AD7765 PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
VINA- 1 VOUTA+ 2 VINA+ 3 VOUTA- 4 VIN- 5 VIN+ 6 AVDD2 7 AGND3 8 OVERRANGE 9 SCO 10 FSO 11 SDO 12 SDI 13 FSI 14
28 AVDD3 27 VREF + 26 REFGND 25 AVDD4
AD7765
TOP VIEW (Not to Scale)
24 AVDD1 23 AGND1 22 RBIAS 21 AVDD2 20 AGND2 19 MCLK 18 DEC_RATE 17 DVDD 15 SYNC
06519-005
16 RESET/PWRDWN
Figure 5. 28-Lead TSSOP Pin Configuration
Table 5. Pin Function Descriptions
Pin No. 24 7 and 21 28 25 17 22 23 20 8 26 27 1 2 3 4 5 6 9 10 11 12 13 Mnemonic AVDD1 AVDD2 AVDD3 AVDD4 DVDD RBIAS AGND1 AGND2 AGND3 REFGND VREF+ VINA- VOUTA+ VINA+ VOUTA- VIN- VIN+ OVERRANGE SCO FSO SDO SDI Description 2.5 V Power Supply for Modulator. This pin should be decoupled to AGND1 (Pin 23) with a 100 nF capacitor. 5 V Power Supply. Pin 7 should be decoupled to AGND3 (Pin 8) with a 100 nF capacitor. Pin 21 should be decoupled to AGND1 (Pin 23) with a 100 nF capacitor. 3.3 V to 5 V Power Supply for Differential Amplifier. This pin should be decoupled to the ground plane with a 100 nF capacitor. 3.3 V to 5 V Power Supply for Reference Buffer. This pin should be decoupled to AGND1 (Pin 23) with a 100 nF capacitor. 2.5 V Power Supply for Digital Circuitry and FIR Filter. This pin should be decoupled to the ground plane with a 100 nF capacitor. Bias Current Setting Pin. A resistor must be inserted between this pin and AGND. For more details, see the Bias Resistor Selection section. Power Supply Ground for Analog Circuitry. Power Supply Ground for Analog Circuitry. Power Supply Ground for Analog Circuitry. Reference Ground. Ground connection for the reference voltage. Reference Input. Negative Input to Differential Amplifier. Positive Output from Differential Amplifier. Positive Input to Differential Amplifier. Negative Output from Differential Amplifier. Negative Input to the Modulator. Positive Input to the Modulator. Overrange Pin. This pin outputs a logic high to indicate that the user has applied an analog input that is approaching the limit of the analog input to the modulator. Serial Clock Out. This clock signal is derived from the internal ICLK signal. The frequency of this clock is equal to ICLK. See the Clocking the AD7765 section for further details. Frame Sync Out. This signal frames the serial data output and is 32 SCO periods wide. Serial Data Out. Data and status are output on this pin during each serial transfer. Each bit is clocked out on an SCO rising edge and is valid on the falling edge. See the AD7765 Interface section for further details. Serial Data In. The first data bit (MSB) must be valid on the next SCO falling edge after the FSI event is latched. 32 bits are required for each write; the first 16-bit word contains the device and register address and the second word contains the data. See the AD7765 Interface section for further details.
Rev. 0 | Page 9 of 32
AD7765
Pin No. 14 15 16 19 18 Mnemonic FSI SYNC RESET/ PWRDWN MCLK DEC_RATE Description Frame Sync Input. The status of this pin is checked on the falling edge of SCO. If this pin is low, then the first data bit is latched in on the next SCO falling edge. See the AD7765 Interface section for further details. Synchronization Input. A falling edge on this pin resets the internal filter. This can be used to synchronize multiple devices in a system. See the Synchronization section for further details. Reset/Powerdown Pin. When a logic low is sensed on this pin, the part is powered down and all internal circuitry is reset. Master Clock Input. A low jitter digital clock must be applied to this pin. The output data rate depends on the frequency of this clock. See the Clocking the AD7765 section for more details. Decimation Rate. This pin selects one of the three decimation rate modes. When 2.5 V is applied to this pin, a decimation rate of 128x is selected. A decimation rate of 256x is selected by setting the pin to ground.
Rev. 0 | Page 10 of 32
AD7765 TYPICAL PERFORMANCE CHARACTERISTICS
AVDD1 = DVDD = VDRIVE = 2.5 V, AVDD2 = AVDD3 = AVDD4 = 5 V, VREF+ = 4.096 V, MCLK amplitude = 5 V, TA = 25C. Linearity plots are measured to 16-bit accuracy. The input signal is reduced to avoid modulator overload and digital clipping. Fast Fourier transforms (FTTs) of -0.5 dB tones are generated from 262,144 samples in normal power mode. All other FFTs are generated from 8,192 samples.
0 -25 -50
AMPLITUDE (dB)
0 -25 -50
AMPLITUDE (dB)
06519-007
-75 -100 -125 -150 -175 0 20k 40k FREQUENCY (Hz) 60k 78.124k
-75 -100 -125 -150 -175 0 10k 20k 30k 40k 50k 60k 70k FREQUENCY (Hz)
Figure 6. Normal Power Mode; FFT,1 kHz, -0.5 dB Input Tone, 128x Decimation Rate
0 -25 -50
AMPLITUDE (dB)
Figure 9. Low Power Mode; FFT,1 kHz, -0.5 dB Input Tone, 128x Decimation Rate
0 -25 -50
AMPLITUDE (dB)
-75 -100 -125 -150 -175 0 10k 20k FREQUENCY (Hz) 30k 39.062k
-75 -100 -125 -150 -175 0 5k 10k 15k 20k 25k 30k 35k FREQUENCY (Hz)
06519-008
Figure 7. Normal Power Mode; FFT,1 kHz, -0.5 dB Input Tone, 256x Decimation Rate
0 -25 -50
AMPLITUDE (dB)
AMPLITUDE (dB)
Figure 10. Low Power Mode; FFT,1 kHz, -0.5 dB Input Tone, 256x Decimation Rate
0 -25 -50 -75 -100 -125 -150 -175 0 25k 50k FREQUENCY (Hz) 75k
-75 -100 -125 -150 -175 0 25k 50k FREQUENCY (Hz) 75k
Figure 8. Normal Power Mode; FFT,1 kHz, -6 dB Input Tone, 128x Decimation Rate
Rev. 0 | Page 11 of 32
06519-201
Figure 11. Low Power Mode; FFT,1 kHz, - dB Input Tone, 128x Decimation Rate
06519-204
06519-210
06519-211
AD7765
0 -25 -50 -75 -100 -125 -150 -175 0 25k 50k FREQUENCY (Hz) 75k
AMPLITUDE (dB) AMPLITUDE (dB)
0 -25 -50 -75 -100 -125 -150 -175 0 5k 10k 15k 20k 25k 30k 35k FREQUENCY (Hz)
Figure 12. Normal Power Mode; FFT,1 kHz, -6 dB Input Tone, 256x Decimation Rate
40 DVDD 35
Figure 15 Low Power Mode; FFT,1 kHz, -6 dB Input Tone, 256x Decimation Rate
25
20 30
DVDD
CURRENT (mA)
25 20 15 10
CURRENT (mA)
AVDD1 AVDD2
15 AVDD1 10 AVDD2
5 5 AVDD4
06519-114
AVDD3 AVDD4 0 0 5 10 15 20 25 30 35 35 40 45
AVDD3 40 45
06519-115 06519-113
0 0 5 10 15 20 25 30 MCLK FREQUENCY (MHz)
MCLK FREQUENCY (MHz)
Figure 13. Normal Power Mode; Current Consumption vs. MCLK Frequency, 128x Decimation Rate
40 35 DVDD 30
Figure 16. Low Power Mode; Current Consumption vs. MCLK Frequency, 128x Decimation Rate
20 18 16 14 DVDD
CURRENT (mA)
CURRENT (mA)
25 20 15 10 5
AVDD1
12 10 8 6
AVDD1
AVDD2
AVDD2
AVDD3 AVDD4 0 5 10 15 20 25 30 35 40
06519-112
4 2 0 0 5 10 15 20 25 30 AVDD4
AVDD3
0 MCLK FREQUENCY (MHz)
35
40
MCLK FREQUENCY (MHz)
Figure 14. Normal Power Mode; Current Consumption vs. MCLK Frequency, 256x Decimation Rate
Figure 17. Low Power Mode; Current Consumption vs. MCLK Frequency, 256x Decimation Rate
Rev. 0 | Page 12 of 32
06519-205
06519-201
AD7765
0.00300 -40C 0.00225 0.00150 0.00075
INL (%)
0.003225 0.003000
+85C
0.002250
+25C
INL (%)
+25C
0
0.001500
-0.00075 +85C -0.00150 -0.00225 -0.00300 6k 10k 15k 20k 25k 30k 35k 40k 45k 50k 55k 59535 16-BIT CODE SCALING
0.000075
-40C
06519-206
15k
20k
25k
30k
35k
40k
45k
50k
55k 59535
16-BIT CODE SCALING
Figure 18. Normal Power Mode INL
0 -20 -40
AMPLITUDE (dB)
Figure 21. Low Power Mode INL
110 109 108 NORMAL SNR 107
SNR (dB)
LOW SNR
-60 -80 -100 -120 -140 -160
06519-209
106 105 104 103 102 0 64 128 DECIMATION RATE 192 256
0
20k
40k FREQUENCY (Hz)
60k
78124
Figure 19. Normal Power Mode; IMD, fIN A = 49.7 kHz, fIN B = 50.3 kHz, 50 kHz Center Frequency, 128x Decimation Rate
2.0 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 -2.0 6k 10k
Figure 22. Normal and Low Power Mode; SNR vs. Decimation Rate, 1 kHz, -0.5 dB Input Tone
DNL (LSB)
15k
20k
25k
30k
35k
40k
45k
50k
55k 59535
CODE
Figure 20. DNL Plot
06519-208
Rev. 0 | Page 13 of 32
06519-009
-180
06519-207
0 -0.000120 6k 10k
AD7765 TERMINOLOGY
Signal-to-Noise Ratio (SNR) The ratio of the rms value of the actual input signal to the rms sum of all other spectral components below the Nyquist frequency, excluding harmonics and dc. The value for SNR is expressed in decibels (dB). Total Harmonic Distortion (THD) The ratio of the rms sum of harmonics to the fundamental. For the AD7765, it is defined as Zero Error Drift The change in the actual zero error value due to a temperature change of 1C. It is expressed as a percentage of full scale at room temperature. Gain Error The first transition (from 100...000 to 100...001) should occur for an analog voltage 1/2 LSB above the nominal negative full scale. The last transition (from 011...110 to 011...111) should occur for an analog voltage 1 1/2 LSB below the nominal full scale. The gain error is the deviation of the difference between the actual level of the last transition and the actual level of the first transition, from the difference between the ideal levels. Gain Error Drift The change in the actual gain error value due to a temperature change of 1C. It is expressed as a percentage of full scale at room temperature.
THD (dB ) = 20 log where:
V22 + V32 + V42 + V52 + V62 V1
V1 is the rms amplitude of the fundamental. V2, V3, V4, V5, and V6 are the rms amplitudes of the second to the sixth harmonics. Nonharmonic Spurious-Free Dynamic Range (SFDR) The ratio of the rms signal amplitude to the rms value of the peak spurious spectral component, excluding harmonics. Dynamic Range The ratio of the rms value of the full scale to the rms noise measured with the inputs shorted together. The value for dynamic range is expressed in dB. Intermodulation Distortion With inputs consisting of sine waves at two frequencies, fa and fb, any active device with nonlinearities creates distortion products at sum and difference frequencies of mfa nfb, where m, n = 0, 1, 2, 3, and so on. Intermodulation distortion terms are those for which neither m nor n is equal to 0. For example, the secondorder terms include (fa + fb) and (fa - fb), while the third-order terms include (2fa + fb), (2fa - fb), (fa + 2fb), and (fa - 2fb).
The AD7765 is tested using the CCIF standard, where two input frequencies near the top end of the input bandwidth are used. In this case, the second-order terms are usually distanced in frequency from the original sine waves and the third-order terms are usually at a frequency close to the input frequencies. As a result, the second- and third-order terms are specified separately. The calculation of the intermodulation distortion is as per the THD specification, that is, the ratio of the rms sum of the individual distortion products to the rms amplitude of the sum of the fundamentals expressed in dB.
Integral Nonlinearity (INL) The maximum deviation from a straight line passing through the endpoints of the ADC transfer function. Differential Nonlinearity (DNL) The difference between the measured and the ideal 1 LSB change between any two adjacent codes in the ADC. Zero Error The difference between the ideal midscale input voltage (when both inputs are shorted together) and the actual voltage producing the midscale output code.
Rev. 0 | Page 14 of 32
AD7765 THEORY OF OPERATION
The AD7765 features an on-chip fully differential amplifier to feed the - modulator pins , an on-chip reference buffer, and a FIR filter block to perform the required digital filtering of the - modulator output. Using this - conversion technique with the added digital filtering, the analog input is converted into an equivalent digital word. The AD7765 employs three FIR filters in series. By using different combinations of decimation ratios, data can be obtained from the AD7765 at three data rates. The first filter receives data from the modulator at ICLK MHz where it is decimated 4x to output data at (ICLK/4) MHz. The second filter allows a choice of decimation rates: 16x or 32x. The digital filtering on the AD7765 provides full-band filtering. This means that its stop-band attenuation occurs at the Nyquist frequency (ODR/2). This feature provides increased protection against aliasing of sampled frequencies that lie above the Nyquist rate (ODR/2). The filter gives maximum attenuation at the Nyquist rate (see Figure 26). This means that it attenuates all possible alias frequencies by 115 dB or greater. The frequency response in Figure 26 occurs when the AD7765 is operated with a 40 MHz MCLK in the decimate 128x mode. Note that the first stop-band frequency occurs at Nyquist. The frequency response of the filter scales with both the decimation rate chosen and the MCLK frequency applied. The third filter has a fixed decimation rate of 2x. Table 6 shows some characteristics of the digital filtering where ICLK = MCLK /2. The group delay of the filter is defined to be the delay to the center of the impulse response and is equal to the computation plus the filter delays. The delay until valid data is available (the FILTER-SETTLE status bit is set) is approximately twice the filter delay plus the computation delay. This is listed in terms of MCLK periods in Table 6.
0 -20 -40
AMPLITUDE (dB)
- MODULATION AND DIGITAL FILTERING
The input waveform applied to the modulator is sampled and an equivalent digital word is output to the digital filter at a rate equal to ICLK. By employing oversampling, the quantization noise is spread across a wide bandwidth from 0 to fICLK, This means that the noise energy contained in the signal band of interest is reduced (see Figure 23). To further reduce the quantization noise, a high order modulator is employed to shape the noise spectrum so that most of the noise energy is shifted out of the signal band (see Figure 24).
QUANTIZATION NOISE BAND OF INTEREST
fICLK/2
Figure 23. - ADC, Quantization Noise
NOISE SHAPING
06519-013
06519-012
BAND OF INTEREST
fICLK/2
Figure 24. - ADC, Noise Shaping
PASS-BAND RIPPLE = 0.05dB -0.1dB FREQUENCY = 125.1kHz -3dB FREQUENCY = 128kHz STOP BAND = 156.25kHz
-60 -80 -100 -120 -140 -160 0 50 100 150 200 250 300 FREQUENCY (kHz)
DIGITAL FILTER CUTOFF FREQUENCY
BAND OF INTEREST
fICLK/2
Figure 25. - ADC, Digital Filter Cutoff Frequency
The digital filtering that follows the modulator removes the large out-of-band quantization noise (see Figure 25) while also reducing the data rate from fICLK at the input of the filter to fICLK/128 or less at the output of the filter, depending on the decimation rate used.
Table 6. Configuration with Default Filter
ICLK Frequency 20 MHz 20 MHz 12.288 MHz 12.288 MHz Decimation Rate 128x 256x 128x 256x Data State Fully filtered Fully filtered Fully filtered Fully filtered Computation Delay 3.1 s 4.65 s 5.05 s 7.57 s Filter Delay 174 s 346.8 s 283.2 s 564.5 s
06519-014
Figure 26. Filter Frequency Response (156.25 kHz ODR)
SYNC to FILTER-SETTLE 14217 x tMCLK 27895 x tMCLK 14217 x tMCLK 27895 x tMCLK
Pass-Band Bandwidth 62.5 kHz 31.25 kHz 38.4 kHz 19.2 kHz
Output Data Rate (ODR) 156.25 kHz 78.125 kHz 96 kHz 48 kHz
Rev. 0 | Page 15 of 32
06519-015
AD7765 AD7765 INPUT STRUCTURE
The AD7765 requires a 4.096 V input to the reference pin VREF+, supplied by a high precision reference, such as the ADR444. Because the input to the device's - modulator is fully differential, the effective differential reference range is 8.192 V.
VREF + ( Diff ) = 2 x 4.096 = 8.192 V
Modulator _ Input FULLSCALE = 8.192 V x 0.8 = 6.5536 V
This means that a maximum of 3.2768 V p-p can be applied to each of the AD7765 modulator inputs (Pin 5 and Pin 6), with the AD7765 being specified with an input -0.5 dB down from full scale (-0.5 dBFS). The AD7765 modulator inputs must have a common-mode input of 2.048 V. Figure 27 shows the relative scaling between the differential voltages applied to the modulator pins and the respective 24-bit twos complement digital outputs.
As is inherent in - modulators, only a certain portion of this full reference may be used. In the case of the AD7765, 80% of the full differential reference can be applied to the modulator's differential inputs.
INPUT VOLTAGE (V) +4.096V
OVERRANGE REGION
TWOS COMPLEMENT DIGITAL OUTPUT
VIN+ = 3.6855V VIN- = 0.4105V -0.5dBFS INPUT
+3.2768V = MODULATOR FULL-SCALE = 80% OF 4.096V
0111 1111 1111 1111 1111 1111 0111 1000 1101 0110 1111 1101
INPUT TO MODULATOR PIN 5 AND PIN 6 VIN- AND VIN+
VIN+ = 2.048V VIN- = 2.048V
0000 0000 0000 0000 0000 0001 0000 0000 0000 0000 0000 0000 1111 1111 1111 1111 1111 1111
DIGITAL OUTPUT ON SDO PIN
-0.5dBFS INPUT 1000 0111 0010 1001 0000 0010 1000 0000 0000 0000 0000 0000 80% OF 4.096V = MODULATOR FULL-SCALE = -3.2768V
VIN+ = 0.4105V VIN- = 3.6855V
-4.096V OVERRANGE REGION
Figure 27. AD7765 Scaling; Modulator Input Voltage vs. Digital Output Code
Rev. 0 | Page 16 of 32
06519-120
AD7765
ON-CHIP DIFFERENTIAL AMPLIFIER
The AD7765 contains an on-board differential amplifier that is recommended to drive the modulator input pins. Pin 1, Pin 2, Pin 3, and Pin 4 on the AD7765 are the differential input and output pins of the amplifier. The external components, RIN, RFB, CFB, CS, and RM, are placed around Pin 1 through Pin 6 to create the recommended configuration. To achieve the specified performance, the differential amplifier should be configured as a first-order antialias filter, as shown in Figure 28 using the component values listed in Table 7. The inputs to the differential amplifier are then routed through this external component network before being applied to the modulator inputs VIN- and VIN+(Pin 5 and Pin 6). Using the optimal values in the table as an example yields a 25 dB attenuation at the first alias point of 19.84 MHz.
CFB
The common-mode input at each of the differential amplifier inputs (Pin VINA and Pin VINA-) can range from-0.5 V dc to 2.2 V dc. The amplifier has a constant output common-mode voltage of 2.048 V, that is, VREF/2, the requisite common-mode voltage for the modulator input pins (VIN+ and VIN-). Figure 29 shows the signal conditioning that occurs using the differential amplifier configuration detailed in Table 7 with a 2.5 V input signal to the differential amplifier. The amplifier in this example is biased around ground and is scaled to give 3.168 V p-p (-0.5 dBFS) on each modulator input with a 2.048 V common mode.
+2.5V +3.632V
VIN+ 0V A -2.5V +0.464V +2.048V
RFB VINA- A B RIN VINA+ RFB CFB RIN
1 2
VOUTA+ RM
5
+2.5V
+3.632V B VIN- +2.048V
CS
3
DIFF AMP
4
VIN-
0V
CM RM VOUTA-
06519-024
6
VIN+
-2.5V +0.464V
06519-122
Figure 29. Differential Amplifier Signal Conditioning
Figure 28. Differential Amplifier Configuration
Table 7. On-Chip Differential Filter Component Values
RIN (k) 4.75 2.37 to 5.76 RFB (k) 3.01 2.4 to 4.87 RM () 43 36 to 47 CS (pF) 8.2 0 to 10 CFB (pF) 47 20 to 100 CM (pF) 33 39 to 56
To obtain maximum performance from the AD7765, it is advisable to drive the ADC with differential signals. Figure 30 shows how a bipolar, single-ended signal biased around ground can drive the AD7765 with the use of an external op amp, such as the AD8021.
CFB
Optimal Tolerance Range1
1
2R VIN 2R AD8021 R RIN RIN CS
RFB RM VIN- DIFF AMP RM CM VIN+
Values shown were the acceptable tolerances for each component when altered relative to the optimal values used to achieve the stated specifications of the device.
The range of values that can be used for each of the listed components in the differential amplifier configuration is also listed in Table 7. When using the differential amplifier to gain the input voltages to the required modulator input range, it is advisable to implement the gain function by changing RIN, leaving the RFB as the listed optimal value.
RFB CFB
06519-026
Figure 30. Single-Ended-to-Differential Conversion
Rev. 0 | Page 17 of 32
AD7765
MODULATOR INPUT STRUCTURE
The AD7765 employs a double-sampling front end, as shown in Figure 31. For simplicity, only the equivalent input circuitry for VIN+ is shown. The equivalent circuitry for VIN- is the same.
VIN+ CPA SH1 CPB1 SS1 CS1 SH3 SS3 ANALOG MODULATOR
Sampling Switches SS1 and SS3 are driven by ICLK, whereas Sampling Switches SS2 and SS4 are driven by ICLK. When ICLK is high, the analog input voltage is connected to CS1. On the falling edge of ICLK, the SS1 and SS3 switches open and the analog input is sampled on CS1. Similarly, when ICLK is low, the analog input voltage is connected to CS2. On the rising edge of ICLK, the SS2 and SS4 switches open, and the analog input is sampled on CS2. Capacitors CPA, CPB1, and CPB2 represent parasitic capacitances that include the junction capacitances associated with the MOS switches.
Table 8. Equivalent Component Values
SS2
CS2 SH4
SH2
Figure 31. Equivalent Input Circuit
06519-027
CPB2
SS4
CS1 13 pF
CS2 13 pF
CPA 13 pF
CPB1/2 5 pF
Rev. 0 | Page 18 of 32
AD7765 AD7765 INTERFACE
READING DATA
The AD7765 uses an SPI-compatible serial interface. The timing diagram in Figure 2 shows how the AD7765 transmits its conversion results. The data read from the AD7765 is clocked out using the serial clock output (SCO). The SCO frequency is half that of the MCLK input to the AD7765. The conversion result output on the serial data output (SDO) line is framed by the frame synchronization output, FSO, which is sent logic low for 32 SCO cycles. Each bit of the new conversion result is clocked onto the SDO line on the rising SCO edge and is valid on the falling SCO edge. The 32-bit result consists of the 24 data bits followed by five status bits followed further by three zeros. The five status bits are listed in Table 9 and described below the table.
Table 9. Status Bits During Data Read
D7 FILTER-SETTLE D6 OVR D5 LPWR D4 DEC_RATE 1 D3 Don't Care
READING STATUS AND OTHER REGISTERS
The AD7765 features a gain correction register, an overrange register, and a read-only status register. To read back the contents of these registers, the user must first write to the control register of the device and set the bit that corresponds to the register to be read. The next read operation outputs the contents of the selected register (on the SDO pin) instead of a conversion result. To ensure that the next read cycle contains the contents of the register written to, the write operation to that register must be completed a minimum of 8 x tSCO before the falling edge of FSO, which indicates the start of the next read cycle. See Figure 4 for further details. The AD7765 Registers section provides more information on the relevant bits in the control register.
WRITING TO THE AD7765
A write operation to the AD7765 is shown in Figure 3. The serial writing operation is synchronous to the SCO signal. The status of the frame synchronization input, FSI, is checked on the falling edge of the SCO signal. If the FSI line is low, then the first data bit on the serial data in (SDI) line is latched in on the next SCO falling edge. Set the active edge of the FSI signal to occur at a position when the SCO signal is high or low to allow setup and hold times from the SCO falling edge to be met. The width of the FSI signal can be set to between 1 and 32 SCO periods wide. A second, or subsequent, falling edge that occurs before 32 SCO periods have elapsed, is ignored. Figure 3 details the format for the serial data being written to the AD7765 through the SDI pin. Thirty-two bits are required for a write operation. The first 16 bits are used to select the register address for which the data being read is intended. The second 16 bits contain the data for the selected register. Writing to the AD7765 is allowed at any time, even while reading a conversion result. Note that after writing to the devices, valid data is not output until after the settling time for the filter has elapsed. The FILTER-SETTLE status bit is asserted at this point to indicate that the filter has settled and that valid data is available at the output.
*
The FILTER-SETTLE bit indicates whether the data output from the AD7765 is valid. After resetting the device (using the RESET pin) or clearing the digital filter (using the SYNC pin), the FILTER-SETTLE bit goes logic low to indicate that the full settling time of the filter has not yet passed and that the data is not yet valid. The FILTERSETTLE bit also goes to zero when the input to the part has asserted the overrange alerts. The OVR (overrange) bit is described in the Overrange Alerts section. The LPWR bit is set to logic high when the AD7765 is operating in low power mode. See the Power Modes section for further details. The DEC_RATE 1 and DEC_RATE 0 bits indicate the decimation ratio used. Table 10 is a truth table for the decimation rate bits.
* *
*
Table 10. Truth Table
Decimate 128x 256x DEC_RATE 1 1 0
Rev. 0 | Page 19 of 32
AD7765 AD7765 FUNCTIONALITY
SYNCHRONIZATION
The SYNC input to the AD7765 provides a synchronization function that allows the user to begin gathering samples of the analog front-end input from a known point in time. The SYNC function allows multiple AD7765 devices, operated from the same master clock that use common SYNC and RESET signals to be synchronized so that each ADC simultaneously updates its output register. Connect common MCLK, SYNC, and RESET signals to all AD7765 devices in the system. On the falling edge of the SYNC signal, the digital filter sequencer is reset to 0. The filter is held in a reset state until a rising edge of the SCO senses SYNC high. Thus, to perform a synchronization of devices, a SYNC pulse of a minimum of 2.5 ICLK cycles in length can be applied, synchronous to the falling edge of SCO. On the first rising edge of SCO after SYNC goes logic high, the filter is taken out of reset, and the multiple parts gather input samples synchronously. Following a SYNC, the digital filter needs time to settle before valid data can be read from the AD7765. The user knows there is valid data on the SDO line by checking the FILTER-SETTLE status bit (see D7 in Table 9) that is output with each conversion result. The time from the rising edge of SYNC until the FILTERSETTLE bit asserts depends on the filter configuration used. See the Theory of Operation section and the values listed in Table 6 for details on calculating the time until FILTERSETTLE asserts. Note that the FILTER-SETTLE bit is designed as a reactionary flag to alert the user when the conversion data output is valid. changes at the output data rate. If the modulator has sampled a voltage input that exceeded the overrange limit during the process of gathering samples for a particular conversion result output, then the OVR bit is set to logic high.
OVERRANGE PIN OUTPUT
LOGIC LEVEL HI LO
t
OVERRANGE LIMIT OBSOLUTE INPUT TO AD7765 [(VIN+) - (VIN-)] OUTPUT DATA RATE (ODR) (ICLK/DECIMATION RATE OVERRANGE LIMIT
OUTPUT FREQUENCY OF FIR FILTER 1 = ICLK/4
LOGIC LEVEL
OVR BIT
HI
t
Figure 32. OVERRANGE Pin and OVR Bit vs. Absolute Voltage Applied to Modulator
The output points from FIR Filter 1 in Figure 32 are not drawn to scale relative to the output data rate points. The FIR Filter 1 output is updated either 16x or 32x faster than the output data rate depending on the decimation rate in operation.
POWER MODES
During power-up, the AD7765 defaults to operate in normal power mode. There is no register write required. The AD7765 also offers low power mode. To operate the device in low power mode, the user sets the LPWR bit in the control register to logic high (See Figure 33). Operating the AD7765 in low power mode has no impact on the output data rate or available bandwidth.
SCO (O) 32 x tSCO FSI (I) SDI (I) CONTROL REGISTER ADDRESS 0x0001 LOW POWER MODE DATA 0x0010
OVERRANGE ALERTS
The AD7765 offers an overrange function in both a pin and status bit output. The overrange alerts indicate when the voltage applied to the AD7765 modulator input pins exceeds the limit set in the overrange register, indicating that the voltage applied is approaching an overrange level for the modulator. To set this limit, the user must program the register. The default overrange limit is set to 80% of the VREF voltage (see the AD7765 Registers section). The OVERRANGE pin outputs logic high to alert the user that the modulator has sampled an input voltage greater in magnitude than the overrange limit as set in the overrange register. The OVERRANGE pin is set to logic high when the modulator samples an input above the overrange limit. Once the input returns below the limit, the OVERRANGE pin returns to zero. The OVERRANGE pin is updated after the first FIR filter stage. Its output changes at the ICLK/4 frequency. The OVR status bit is output as Bit D6 on SDO during a data conversion and can be checked in the AD7765 status register. This bit is less dynamic than the OVERRANGE pin output. It is updated on each conversion result output, that is, the bit
Figure 33. Write Scheme for Low Power Mode
The AD7765 features a RESET/PWRDWN pin. Holding the input to this pin logic low places the AD7765 in power-down mode. All internal circuitry is reset. To utilize the RESET functionality, pulse the input to this pin low for a minimum of one MCLK period. This action resets the internal circuitry. When the AD7765 receives a logic high input on the RESET/ PWRDWN pin, the device powers up.
Rev. 0 | Page 20 of 32
06519-017
06519-016
LO
AD7765
DECIMATION RATE PIN
The decimation rate of the AD7765 is selected using the DEC_RATE pin. Table 11 shows the voltage input settings required for each of the three decimation rates.
Table 11. DEC_RATE Pin Settings
Decimate 128x 256x DEC_RATE Pin DVDD GND Max Output Data Rate 156.25 kHz 78.125 kHz
Rev. 0 | Page 21 of 32
AD7765 DAISY CHAINING
Daisy chaining devices allows numerous devices to use the same digital interface lines. This feature is especially useful for reducing component count and wiring connections, such as in isolated multiconverter applications or for systems with a limited interfacing capacity. Data readback is analogous to clocking a shift register. The block diagram in Figure 34 shows how to connect devices to achieve daisy-chain functionality. Figure 34 shows four AD7765 devices daisy-chained together with a common MCLK signal applied. from the devices AD7765 (B), AD7765 (C), and AD7765 (D), respectively with all conversion results output in an MSB first sequence. The signals output from the daisy chain are the stream of conversion results from the SDO pin of AD7765 (A) and the FSO signal output by the first device in the chain, AD7765 (A). The falling edge of FSO signals the MSB of the first conversion output in the chain. FSO stays logic low throughout the 32 SCO clock periods needed to output the AD7765 (A) result and then goes logic high during the output of the conversion results from the devices AD7765 (B), AD7765 (C), and AD7765 (D). The maximum number of devices that can be daisy-chained is dependent on the decimation rate selected. Calculate the maximum number of devices that can be daisy chained by simply dividing the chosen decimation rate by 32 (the number of bits that must be clocked out for each conversion). Table 12 provides the maximum number of chained devices for each decimation rate.
Table 12. Maximum Chain Length for all Decimation Rates
Decimation Rate 256x 128x Maximum Chain Length 8 4
READING DATA IN DAISY-CHAIN MODE
Referring to Figure 34, note that the SDO line of AD7765 (A) provides the output data from the chain of AD7765 converters. Also, note that for the last device in the chain, AD7765 (D), the SDI pin is connected to ground. All of the devices in the chain must use common MCLK and SYNC signals. To enable the daisy-chain conversion process, apply a common SYNC pulse to all devices (see the Synchronization section). After applying a SYNC pulse to all devices, the filter settling time must pass before the FILTER-SETTLE bit is asserted indicating valid conversion data at the output of the chain of devices. As shown in Figure 35, the first conversion result is output from the device labeled AD7765 (A). This 32-bit conversion result is then followed by the conversion results
FSI
AD7765 (D)
FSI SDI SYNC MCLK SYNC MCLK SDO
AD7765 (C)
FSI SDI SYNC MCLK SDO
AD7765 (B)
FSI SDI SYNC MCLK SDO
AD7765 (A)
FSI SDI SYNC MCLK
06519-018
FSO SDO
Figure 34. Daisy-Chaining Four Devices in Decimate 128x Mode Using a 40 MHz MCLK Signal
32 x tSCO SCO SDO (A) FSO (A) SDI (A) = SDO (B) SDI (B) = SDO (C) SDI (C) = SDO (D) AD7765 (B) AD7765 (C) AD7765 (D)
AD7765 (A) 32-BIT OUTPUT
32 x tSCO
32 x tSCO
32 x tSCO
AD7765 (B) 32-BIT OUTPUT
AD7765 (C) 32-BIT OUTPUT
AD7765 (D) 32-BIT OUTPUT
AD7765 (A) 32-BIT OUTPUT
AD7765 (B) 32-BIT OUTPUT
AD7765 (C) AD7765 (D)
AD7765 (D)
AD7765 (B) AD7765 (C) AD7765 (D)
AD7765 (C) AD7765 (D)
06519-019
Figure 35. Daisy-Chain Mode, Data Read Timing Diagram (for Daisy-Chain Configuration Shown in Figure 34)
Rev. 0 | Page 22 of 32
AD7765
WRITING DATA IN DAISY-CHAIN MODE
Writing to AD7765 devices in daisy-chain mode is similar to writing to a single device. The serial writing operation is synchronous to the SCO signal. The status of the frame synchronization input, FSI, is checked on the falling edge of the SCO signal. If the FSI line is low, then the first data bit on the serial data in the SDI line is latched in on the next SCO falling edge. Writing data to the AD7765 in daisy-chain mode operates with the same timing structure as writing to a single device (see Figure 3). The difference between writing to a single device and writing to a number of daisy-chained devices is in the implementation of the FSI signal. The number of devices that are in the daisy chain determines the period for which the FSI signal must remain logic low. To write to n number of devices in the daisy chain, the period between the falling edge of FSI
FSI
and the rising edge of FSI must be between 32 x (n-1) to 32 x n SCO periods. For example, if three AD7765 devices are being written to in daisy-chain mode, FSI is logic low for between 32 x (3-1) to 32 x 3 SCO pulses. This means that the rising edge of FSI must occur between the 64th and 96th SCO period. The AD7765 devices can be written to at any time. The falling edge of FSI overrides all attempts to read data from the SDO pin. In the case of a daisy chain, the FSI signal remaining logic low for more than 32 SCO periods indicates to the AD7765 device that there are more devices further on in the chain. This means the AD7765 directs data that is input on the SDI pin to its SDO pin. This ensures that data is passed to the next device in the chain,
AD7765 (D)
FSI SDI SDI SYNC MCLK SYNC MCLK SDO
AD7765 (C)
FSI SDI SYNC MCLK SDO
AD7765 (B)
FSI SDI SYNC MCLK SDO
AD7765 (A)
FSI SDI SYNC MCLK
06519-020
FSO SDO
Figure 36. Writing to AD7765 Daisy-Chain Configuration
FSI
t10
32 x tSCO 32 x tSCO 32 x tSCO 31 x tSCO
SCO
SDI (D)
SDI (D)
SDI (C) = SDO (D)
SDI (C)
SDI (B) = SDO (C)
SDI (B)
06519-021
SDI (A) = SDO (B)
SDI (A)
Figure 37. Daisy-Chain Write Timing Diagram. Writing to Four AD7765 Devices
Rev. 0 | Page 23 of 32
AD7765 CLOCKING THE AD7765
The AD7765 requires an external low jitter clock source. This signal is applied to the MCLK pin. An internal clock signal (ICLK) is derived from the MCLK input signal. The ICLK controls the internal operation of the AD7765. The maximum ICLK frequency is 20 MHz. To generate the ICLK
ICLK = MCLK/2 t j (rms ) =
256 = 470 ps 2 x x 19.2 x 103 x 105.45
For output data rates equal to those used in audio systems, a
The input amplitude also has an effect on these jitter figures. For example, if the input level is 3 dB below full-scale, the allowable jitter is increased by a factor of 2, increasing the first example to 57.75 ps rms. This happens when the maximum slew rate is decreased by a reduction in amplitude. Figure 38 and Figure 39 illustrate this point, showing the maximum slew rate of a sine wave of the same frequency, but with different amplitudes.
1.0
12.288 MHz ICLK frequency can be used. As shown in Table 6,
output data rates of 96 kHz and 48 kHz are achievable with this ICLK frequency.
MCLK JITTER REQUIREMENTS
The MCLK jitter requirements depend on a number of factors and are given by
t j(rms ) OSR = SNR (dB) 2 x x f IN x 10 20
0.5
0
Example 1
This example can be taken from Table 6, where: ODR = 156.25 kHz. fICLK = 20 MHz. fIN (max) = 78.625 kHz. SNR = 104 dB.
t j (rms )
-1.0
Figure 38. Maximum Slew Rate of Sine Wave with Amplitude of 2 V p-p
1.0
0.5
128 = = 102.29 ps 2 x x 78.625 x 103 x105.35
0
This is the maximum allowable clock jitter for a full-scale, 78.625 kHz input tone with the given ICLK and output data rate.
-0.5
Example 2
ODR = 48 kHz. fICLK = 12.288 MHz. fIN (max) = 19.2 kHz. SNR = 109 dB.
-1.0
06519-023
Take a second example for Table 6, where:
Figure 39. Maximum Slew Rate of Same Frequency Sine Wave with Amplitude of 1 V p-p
Rev. 0 | Page 24 of 32
06519-022
where: OSR = oversampling ratio = fICLK/ODR. fIN = maximum input frequency. SNR(dB) = target SNR.
-0.5
AD7765 DECOUPLING AND LAYOUT INFORMATION
SUPPLY DECOUPLING
The decoupling of the supplies applied to the AD7765 is important in achieving maximum performance. Each supply pin must be decoupled to the correct ground pin with a 100 nF, 0603 case size capacitor. Pay particular attention to decoupling Pin 7 (AVDD2) directly to the nearest ground pin (Pin 8). The digital ground pin, AGND2 (Pin 20) is routed directly to ground. Also, connect REFGND (Pin 26) directly to ground. The DVDD (Pin 17) and AVDD3 (Pin 28) supplies should be decoupled to the ground plane at a point away from the device. It is advised to decouple the supplies that are connected to the following supply pins through 0603 size,100nF capacitors to a star ground point linked to Pin 23 (AGND1)
* * * *
7.5V 10F + 100nF 2
ADR444
+VIN VOUT GND 4
6
200 +
VREF+ PIN 27 100nF
Figure 41. Reference Connection
DIFFERENTIAL AMPLIFIER COMPONENTS
The correct components for use around the on-chip differential amplifier are detailed in Table 7. Matching the components on both sides of the differential amplifier is important to minimize distortion of the signal applied to the amplifier. A tolerance of 0.1% or better is required for these components. Symmetrical routing of the tracks on both sides of the differential amplifier also assists in achieving stated performance. Figure 42 shows a typical layout for the components around the differential amplifier. Note that the traces for both differential paths are made as symmetrical as possible, and the feedback resistors and capacitors are placed on the underside of the PCB to enable the simplest routing.
RIN RFB CFB VINA- VINA+
06519-135
VREF+ (Pin 27) AVDD4 (Pin 25) AVDD1 (Pin 24) AVDD2 (Pin 21)
A layout decoupling scheme for the these supplies, which connect to the right hand side of the AD776, is shown in Figure 40. Note the star-point ground created at Pin 23.
AVDD4 (PIN 25) GND AVDD3 (PIN 28) PIN 23 STAR-POINT GND VREF + (PIN 27) AVDD1 (PIN 24) GND PIN 15 AVDD2 (PIN 21) VIA TO GND FROM PIN 20
06519-133
RIN
Figure 42.Typical Layout Structure for Surrounding Components
LAYOUT CONSIDERATIONS
While using the correct components is essential to achieving optimum performance, the correct layout is just as important. The AD7765 product page on analog.com contains the Gerber files for the AD7765 evaluation board. These files should be downloaded and used as a reference when designing any system using the AD7765. The use of ground planes should also be carefully considered. To ensure that the return currents through the decoupling capacitors are flowing to the correct ground pin, the ground side of the capacitors should be as close to the ground pin associated with that supply as recommended in the Supply Decoupling section.
Figure 40.AD7765 Supply Decoupling
REFERENCE VOLTAGE FILTERING
A low noise reference source, such as the ADR444 or ADR34 (4.096 V), is suitable for use with the AD7765. The reference voltage supplied to the AD7765 should be decoupled and filtered, as shown in Figure 41. The recommended scheme for the reference voltage supply is a 200 series resistor connected to a 100 F tantalum capacitor, followed by a 10 nF decoupling capacitor very close to the VREF+ pin
Rev. 0 | Page 25 of 32
06519-134
100F
AD7765
USING THE AD7765
The following is the recommended sequence for powering up and using the AD7765: 1. 2. 3. 4. 5. Apply power to the device. Start the clock oscillator while applying MCLK. Take RESET low for a minimum of one MCLK cycle. Wait a minimum of two MCLK cycles after RESET has been released. If multiple parts are being synchronized, a SYNC pulse must be applied to the parts. Otherwise, no SYNC pulse is required. When applying the SYNC pulse
* *
Data can then be read from the device using the default gain and overrange threshold values. The conversion data read is not valid, however, until the settling time of the filter has elapsed. Once this has occurred, the FILTER-SETTLE status bit is set, indicating that the data is valid. Values for gain and overrange thresholds can be written to or read from the respective registers at this stage.
BIAS RESISTOR SELECTION
The AD7765 requires a resistor to be connected between the RBIAS and AGND pins. The resistor value should be selected to give a current of 25 A through the resistor to ground. For a 4.096 V reference voltage, the correct resistor value is 160 k.
The issue of a SYNC pulse to the device must not coincide with a write to the device. Ensure that the SYNC pulse is taken low for a minimum of 2.5 ICLK cycles.
Rev. 0 | Page 26 of 32
AD7765 AD7765 REGISTERS
The AD7765 has a number of user-programmable registers. The control register is used to set the functionality of the on-chip buffer and differential amplifier and provides an option to power down the AD7765. There are also digital gain and overrange threshold registers. Writing to these registers involves writing the register address followed by a 16-bit data word. The register addresses, details of individual bits, and default values are provided in this section.
CONTROL REGISTER
Table 13. Control Register (Address 0x0001, Default Value 0x0000)
MSB D15 0 D14 RD OVR D13 RD GAIN D12 0 D11 RD STAT D10 0 D9 SYNC D8 0 D7 BYPASS REF D6 0 D5 0 D4 0 D3 PWR DOWN D2 LPWR D1 REF BUF OFF LSB D0 AMP OFF
Table 14. Bit Descriptions of Control Register
Bit 14 13 11 9 7 3 2 1 0
1 2
Mnemonic RD OVR 1, 2, RD GAIN1, 2 RD STAT1, 2 SYNC1 BYPASS REF PWR DOWN LPWR REF BUF OFF AMP OFF
Comment Read Overrange. If this bit is set, the next read operation outputs the contents of the overrange threshold register instead of a conversion result. Read Gain. If this bit is set, the next read operation outputs the contents of the digital gain register. Read Status. If this bit is set, the next read operation outputs the contents of the status register. Synchronize. Setting this bit initiates an internal synchronization routine. Setting this bit simultaneously on multiple devices synchronizes all filters. Bypass Reference. Setting this bit bypasses the reference buffer if the buffer is off. Power Down. A logic high powers the device down without resetting. Writing a 0 to this bit powers the device back up. Low Power Mode. Set to Logic 1 when AD7765 is in low power mode. Reference Buffer Off. Asserting this bit powers down the reference buffer. Amplifier Off. Asserting this bit switches the differential amplifier off.
Bit 14 to Bit 11 and Bit 9 are self-clearing bits. Only one of the bits can be set in any write operation because it determines the contents of the next read operation.
STATUS REGISTER
Table 15. Status Register (Read Only)
MSB D15 PARTNO D14 1 D13 0 D12 0 D11 0 D10 FILTERSETTLE D9 0 D8 OVR D7 0 D6 1 D5 0 D4 REF BUF ON D3 AMP ON D2 LPWR D1 DEC 1 LSB D0 DEC 0
Table 16. Bit Descriptions of Status Register
Bit 15 10 9 8 4 3 2 1 to 0 Mnemonic PARTNO FILTERSETTLE 0 OVR REF BUF ON AMP ON LPWR DEC[1:0] Comment Part Number. This bit is set to one for the AD7765. Filter Settling Bit. This bit corresponds to the FILTER-SETTLE bit in the status word output in the second 16-bit read operation. It indicates when data is valid. Zero. This bit is set to Logic 0. Overrange. If the current analog input exceeds the current overrange threshold, this bit is set. Reference Buffer On. This bit is set when the reference buffer is in use. Amplifier On. This bit is set when the input amplifier is in use. Low Power Mode. This bit is set when operating in low power mode. Decimation Rate. These bits correspond to decimation rate in use.
Rev. 0 | Page 27 of 32
AD7765
GAIN REGISTER--ADDRESS 0x0004
Non-Bit-Mapped, Default Value 0xA000
The gain register is scaled such that 0x8000 corresponds to a gain of 1.0. The default value of this register is 1.25 (0xA000). This results in a full-scale digital output when the input is at 80% of VREF, tying in with the maximum analog input range of 80% of VREF p-p.
OVERRANGE REGISTER--ADDRESS 0x0005
Non-Bit-Mapped, Default Value 0xCCCC
The overrange register value is compared with the output of the first decimation filter to obtain an overload indication with minimum propagation delay. This is prior to any gain scaling or offset adjustment. The default value is 0xCCCC, which corresponds to 80% of VREF (the maximum permitted analog input voltage). Assuming VREF = 4.096 V, the bit is then set when the input voltage exceeds approximately 6.55 V p-p differential. The overrange bit is set immediately if the analog input voltage exceeds 100% of VREF for more than four consecutive samples at the modulator rate.
Rev. 0 | Page 28 of 32
AD7765 OUTLINE DIMENSIONS
9.80 9.70 9.60
28
15
4.50 4.40 4.30
1 14
6.40 BSC
PIN 1 0.65 BSC 0.15 0.05 COPLANARITY 0.10 0.30 0.19 1.20 MAX 8 0 0.75 0.60 0.45
SEATING PLANE
0.20 0.09
COMPLIANT TO JEDEC STANDARDS MO-153-AE
Figure 43. 28-Lead Thin Shrink Small Outline [TSSOP] (RU-28) Dimensions shown in millimeters
ORDERING GUIDE
Model AD7765BRUZ1 AD7765BRUZ-REEL71 EVAL-AD7765EBZ1
1
Temperature Range -40C to +85C -40C to +85C
Package Description 28-Lead Thin Shrink Small Outline [TSSOP] 28-Lead Thin Shrink Small Outline [TSSOP] Evaluation Board
Package Option RU-28 RU-28
Z = RoHS Compliant Part.
Rev. 0 | Page 29 of 32
AD7765 NOTES
Rev. 0 | Page 30 of 32
AD7765 NOTES
Rev. 0 | Page 31 of 32
AD7765 NOTES
(c)2007 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D06519-0-6/07(0)
Rev. 0 | Page 32 of 32


▲Up To Search▲   

 
Price & Availability of AD7765

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X