Part Number Hot Search : 
04M050 133BZ A4998 2N2904 133BZ DZ11B TCLT1007 DZ11B
Product Description
Full Text Search
 

To Download NTMFS4837NT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 +12 V Telecom Power Conversion Solutions
Complies with
+12V +12V NIS5102 SMART HotPlugTM Power Good NCP1582 Buck Controller NCP1582 Buck Controller NCP5210 PWM Dual Buck and Linear DDR2 Power Controller NTMFS4707N NTMFS4837N NTMFS4707N NTMFS4837N NTMFS4707N NTMFS4837N NTMFS4707N NTMFS4837N 1.0 - 1.5V @ 5A 1.0 - 1.5V @ 5A 3.3V @ 3A 2.5V @ 5A
Presenting
BRD8050/D Rev. 2, Sep-2006
Specifications
Microprocessor Core NorthBridge SouthBridge DDR2 Memory
Computing Card
+12V
Multi-DSP Card
+12V NIS5102 SMART HotPlugTM Power Good
NCP5425 Dual Synchronous Buck Controller
NTMFS4836N NTMFS4833N NTMFS4707N NTMFS4837N MMDF2N02E
1.0V @ 18A 1.5V @ 4A 3.3V @ 1A
DSP Core FPGA Core, DSP RAM FLASH DSP I/O, FPGA I/O
NCP1582 Buck Controller
+12V
+12V NIS5102 SMART HotPlugTM Power Good
NCP5425 Dual Synchronous Buck Controller
NTMFS4707N NTMFS4837N NTMFS4707N NTMFS4837N NTMFS4707N NTMFS4837N NTMFS4707N NTMFS4837N
1.5V @ 5A 1.8V @ 5A
CS5253B FPGA Core DRAM
2.5V @ 2A
2.5V @ 3A 3.3V @ 3A
NCP5425 Dual Synchronous Buck Controller
Transceivers FPGA I/O
Switch Fabric Card
Comprehensive Power Conversion Solutions for Mezzanine Cards in Routers, Switches and Base Stations
Highly Integrated Devices Reduce Part Count Robust Hot Swap Protection Includes Innovative MOSFET Temperature Sensing Shutdown State-of-the-Art Approach to DC-DC Conversion
www.onsemi.com
(c) 2006, SCILLC. ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC.
+12 V Telecom Power Conversion Solutions
NIS5102 SMART HotPlugTM is a hot swap protection device for +12 V circuits. The combination of an integrated power MOSFET switch and a unique temperature-sensing capability makes this the most robust hot swap IC available. This highly integrated device also provides adjustable current limit with no external shunt required, undervoltage and overvoltage lockout, and a power good indicator. NCP1582 Low Voltage Synchronous Buck Controller is a voltage mode PWM controller designed to operate from a 5 V or 12 V supply and produce an output voltage as low as 0.8 V. Features include a 0.7 A gate driver and an internally set 350 kHz oscillator. The NCP1582 also incorporates an externally compensated transconductance error amplifier and a programmable soft-start function. Protection features include short circuit protection (SCP) and under voltage lockout (UVLO). NCP5210 3-In-1 PWM Dual Buck and Linear DDR Power Controller contains two synchronous PWM buck controller for driving four external N-Ch FETs to form the DDR memory supply voltage (VDDQ) and the MCH regulator. Protective features include, soft-start circuitry, undervoltage monitoring of 5VDUAL and BOOT voltage, and thermal shutdown. NCP5425 Dual Synchronous Buck Controller is a highly flexible device with internal gate drivers that can provide two independent outputs or one high current output. This feature-rich controller offers adjustable switching frequency up to 750 kHz and a 1% 0.8 V reference.
BILL OF MATERIALS ON SEMICONDUCTOR DEVICE NIS5102QP2HT1G NCP1582DR2G NCP5425DBG NCP5210MNR2G CS5253B-1GDPR5G NTMFS4707NT1G NTMFS4833NT1G NTMFS4836NT1G NTMFS4837NT1G
Presenting
PACKAGE PDFN-12 SOIC-8 TSSOP-20 QFN-20 D2PAK SO-8FL SO-8FL SO-8FL SO-8FL
AVAILABILITY Production Production Production Production Production Production Production Production Production
www.onsemi.com


▲Up To Search▲   

 
Price & Availability of NTMFS4837NT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X