Part Number Hot Search : 
25HCU04A B655M MAX6854 TLOE1 SMBTA64 FR2528 MC10EP11 07523
Product Description
Full Text Search
 

To Download APM2055NU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APM2055NU
N-Channel Enhancement Mode MOSFET
Features
*
20V/10A , RDS(ON)=55m (typ.) @ VGS=10V RDS(ON)=75m (typ.) @ VGS=4.5V RDS(ON)=140m (typ.) @ VGS=2.5V
Pin Description
G
D S
* * *
Super High Dense Cell Design Reliable and Rugged Lead Free Available (RoHS Compliant) Top View of TO-252
D
Applications
*
G
Power Management in Desktop Computer or DC/DC Converters
S
N-Channel MOSFET
Ordering and Marking Information
APM2055N Lead Free Code Handling Code Temp. Range Package Code Package Code U : TO-252 Operating Junction Temp. Range C : -55 to 150 C Handling Code TU : Tube TR : Tape & Reel Lead Free Code L : Lead Free Device Blank : Original Device XXXXX - Date Code
APM2055N U :
APM2055N XXXXX
Note: ANPEC lead-free products contain molding compounds and 100% matte tin plate termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classification at lead-free peak reflow temperature.
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Copyright (c) ANPEC Electronics Corp. Rev. B.3 - Oct., 2005 1 www.anpec.com.tw
APM2055NU
Absolute Maximum Ratings
Symbol Parameter Rating 20 16 150 -55 to 150 TC=25C TC=25C TC=100C TC=25C TC=100C TC=25C TC=100C 3.5 30 15 10* 6 50 20 2.5 W C/W V C C A Unit
Common Ratings (TA=25C Unless Otherwise Noted) VDSS VGSS TJ TSTG IS Drain-Source Voltage Gate-Source Voltage Maximum Junction Temperature Storage Temperature Range Diode Continuous Forward Current
Mounted on Large Heat Sink IDP ID PD RJC 300s Pulse Drain Current Tested Continuous Drain Current Maximum Power Dissipation Thermal Resistance-Junction to Case
2
A A
Mounted on PCB of 1in Pad Area IDP ID PD RJA 300s Pulse Drain Current Tested Continuous Drain Current Maximum Power Dissipation Thermal Resistance-Junction to Ambient TA=25C TA=100C TA=25C TA=100C TA=25C TA=100C TA=25C TA=100C TA=25C TA=100C TA=25C TA=100C 30 15 2 1 2.5 1 50 30 15 2 1 1.6 0.6 75 W C/W W C/W A A
Mounted on PCB of Minimum Footprint IDP ID PD RJA
Note: * Current limited by bond wire.
300s Pulse Drain Current Tested Continuous Drain Current Maximum Power Dissipation Thermal Resistance-Junction to Ambient
A A
Copyright (c) ANPEC Electronics Corp. Rev. B.3 - Oct., 2005
2
www.anpec.com.tw
APM2055NU
Electrical Characteristics
Symbol Static Characteristics BVDSS IDSS VGS(th) IGSS RDS(ON)
a
(TA = 25C unless otherwise noted)
APM2055NU Min. Typ. Max.
Parameter
Test Condition
Unit
Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate Threshold Voltage Gate Leakage Current Drain-Source On-state Resistance
VGS=0V, IDS=250A VDS=16V, VGS=0V TJ=85C VDS=VGS, IDS=250A VGS=16V, VDS=0V VGS=10V, IDS=12A VGS=4.5V, IDS=6A VGS=2.5V, IDS=2A
20 1 30 0.6 0.9 55 75 140 1.5 100 70 90 160
V A V nA m
Diode Characteristics VSD
a
Diode Forward Voltage
ISD=2A, VGS=0V VGS=0V,VDS=0V,F=1MHz VGS=0V, VDS=15V, Frequency=1.0MHz
0.7
1.3
V pF
Dynamic Characteristics b RG Ciss Coss Crss td(ON) Tr td(OFF) Tf Qg Qgs Qgd
Notes: a : Pulse test ; pulse width300s, duty cycle2%. b : Guaranteed by design, not subject to production testing.
Gate Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Turn-on Rise Time Turn-off Delay Time Turn-off Fall Time
2.5 380 120 75 5 8 23 24 5 13 16 3
VDD=10V, RL=10, IDS=1A, VGEN=4.5V, RG=6
ns
Gate Charge Characteristics b Total Gate Charge Gate-Source Charge Gate-Drain Charge VDS=10V, VGS=4.5V, IDS=12A 5.4 1.4 1.7 7 nC
Copyright (c) ANPEC Electronics Corp. Rev. B.3 - Oct., 2005
3
www.anpec.com.tw
APM2055NU
Typical Characteristics
Power Dissipation
60
12
Drain Current
50
10
40
ID - Drain Current (A)
o
Ptot - Power (W)
8
30
6
20
4
10 TC=25 C 0 20 40 60 80 100 120 140 160 180
2 TC=25 C,VG=10V 0 20 40 60 80 100 120 140 160 180
o
0
0
Tj - Junction Temperature (C)
Tj - Junction Temperature (C)
Safe Operation Area Normalized Transient Thermal Resistance
100
2 1
Thermal Transient Impedance
Duty = 0.5 0.2 0.1 0.05
ID - Drain Current (A)
Rd s(o n) Lim it
1ms 10ms 100ms 1s DC
10
0.1
0.02 0.01
1
Single Pulse
2
0.1 0.1
TC=25 C 1 10 60
o
0.01 1E-4 1E-3
Mounted on 1in pad o RJA :50 C/W
0.01
0.1
1
10
100
VDS - Drain - Source Voltage (V)
Square Wave Pulse Duration (sec)
Copyright (c) ANPEC Electronics Corp. Rev. B.3 - Oct., 2005
4
www.anpec.com.tw
APM2055NU
Typical Characteristics (Cont.)
Output Characteristics
30 VGS=5,6,7,8,9,10V
Drain-Source On Resistance
200 180 VGS=2.5V
RDS(ON) - On - Resistance (m)
25
4V
160 140 120 100 80 60 40 20 VGS=10V VGS=4.5V
ID - Drain Current (A)
20
15
3V
10
5
2V
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
0
5
10
15
20
25
30
VDS - Drain - Source Voltage (V)
ID - Drain Current (A)
Transfer Characteristics
30
Gate Threshold Voltage
1.8 IDS =250A 1.6
25
Normalized Threshold Vlotage
1.4 1.2 1.0 0.8 0.6 0.4 0.2
ID - Drain Current (A)
20
15
10
Tj=125 C Tj=-55 C
o
o
5
Tj=25 C
o
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0 -50 -25
0
25
50
75 100 125 150
VGS - Gate - Source Voltage (V)
Tj - Junction Temperature (C)
Copyright (c) ANPEC Electronics Corp. Rev. B.3 - Oct., 2005
5
www.anpec.com.tw
APM2055NU
Typical Characteristics (Cont.)
Drain-Source On Resistance
2.2 2.0 VGS = 10V IDS = 12A
Source-Drain Diode Forward
30
Normalized On Resistance
1.8
IS - Source Current (A)
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -50 -25 0 25 RON@Tj=25 C: 55m 50 75 100 125 150
o
10
Tj=150 C
o
Tj=25 C
o
1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
Tj - Junction Temperature (C)
VSD - Source - Drain Voltage (V)
Capacitance
700 Frequency=1MHz 600
Gate Charge
10 VDS=15V 9 ID = 12A
VGS - Gate-source Voltage (V)
20
8 7 6 5 4 3 2 1
C - Capacitance (pF)
500 400 300 200 Coss 100 Crss 0 Ciss
0
4
8
12
16
0
0
2
4
6
8
10
12
VDS - Drain - Source Voltage (V)
QG - Gate Charge (nC)
Copyright (c) ANPEC Electronics Corp. Rev. B.3 - Oct., 2005
6
www.anpec.com.tw
APM2055NU
Package Information
TO-252 (Reference JEDEC Registration TO-252)
E b2 L2 A C1
D H
L1 L b e1 D1 C A1
E1
Dim A A1 b b2 C C1 D D1 E E1 e1 H L L1 L2
Millimeters Min. 2.18 0.89 0.508 5.207 0.46 0.46 5.334 5.2 REF 6.35 5.3 REF 3.96 9.398 0.51 0.64 0.89 1.02 2.032
7
Inches Max. 2.39 1.27 0.89 5.461 0.58 0.58 6.22 6.73 5.18 10.41 Min. 0.086 0.035 0.020 0.205 0.018 0.018 0.210 0.205 REF 0.250 0.209 REF 0.156 0.370 0.020 0.025 0.035 0.040 0.080
www.anpec.com.tw
Max. 0.094 0.050 0.035 0.215 0.023 0.023 0.245 0.265 0.204 0.410
Copyright (c) ANPEC Electronics Corp. Rev. B.3 - Oct., 2005
APM2055NU
Physical Specifications
Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Reflow Condition
TP
(IR/Convection or VPR Reflow)
tp Critical Zone T L to T P
Ramp-up
Temperature
TL Tsmax
tL
Tsmin Ramp-down ts Preheat
25
t 25 C to Peak
Time
Classification Reflow Profiles
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Time maintained above: - Temperature (T L) - Time (tL) Peak/Classificatioon Temperature (Tp) Time within 5C of actual Peak Temperature (tp) Ramp-down Rate Sn-Pb Eutectic Assembly 3C/second max. 100C 150C 60-120 seconds 183C 60-150 seconds See table 1 10-30 seconds Pb-Free Assembly 3C/second max. 150C 200C 60-180 seconds 217C 60-150 seconds See table 2 20-40 seconds
6C/second max. 6C/second max. 6 minutes max. 8 minutes max. Time 25C to Peak Temperature Notes: All temperatures refer to topside of the package .Measured on the body surface.
8 www.anpec.com.tw
Copyright (c) ANPEC Electronics Corp. Rev. B.3 - Oct., 2005
APM2055NU
Classification Reflow Profiles(Cont.)
Table 1. SnPb Entectic Process - Package Peak Reflow Temperature s Package Thickness Volume mm 3 Volume mm 3 <350 350 <2.5 mm 240 +0/-5C 225 +0/-5C 2.5 mm 225 +0/-5C 225 +0/-5C
Table 2. Pb-free Process - Package Classification Reflow Temperatures Package Thickness Volume mm 3 Volume mm 3 Volume mm 3 <350 350-2000 >2000 <1.6 mm 260 +0C* 260 +0C* 260 +0C* 1.6 mm - 2.5 mm 260 +0C* 250 +0C* 245 +0C* 2.5 mm 250 +0C* 245 +0C* 245 +0C* *Tolerance: The device manufacturer/supplier shall assure process compatibility up to and including the stated classification temperature (this means Peak reflow temperature +0C. For example 260C+0C) at the rated MSL level.
Reliability Test Program
Test item SOLDERABILITY HOLT PCT TST Method MIL-STD-883D-2003 MIL-STD 883D-1005.7 JESD-22-B, A102 MIL-STD 883D-1011.9 Description 245C,5 SEC 1000 Hrs Bias @ 125C 168 Hrs, 100% RH, 121C -65C ~ 150C, 200 Cycles
Carrier Tape & Reel Dimensions
t E Po P P1 D
F W
Bo
Ao
D1
Ko
Copyright (c) ANPEC Electronics Corp. Rev. B.3 - Oct., 2005
9
www.anpec.com.tw
APM2055NU
Carrier Tape & Reel Dimensions (Cont.)
T2
J C A B
T1
Application
A 330 3
B 100 2 D 1.5 +0.1
C 13 0. 5 D1
J 2 0.5 Po
T1 T2 16.4 + 0.3 2.5 0.5 -0.2 P1 2.0 0.1 Ao 6.8 0.1
W 16+ 0.3 - 0.1 Bo 10.4 0.1
P 8 0.1 Ko 2.5 0.1
E 1.75 0.1 t 0.30.05
TO-252
F 7.5 0.1
1.5 0.25 4.0 0.1
(mm)
Cover Tape Dimensions
Application TO- 252 Carrier Width 16 Cover Tape Width 13.3 Devices Per Reel 2500
Customer Service
Anpec Electronics Corp. Head Office : No.6, Dusing 1st Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369
Copyright (c) ANPEC Electronics Corp. Rev. B.3 - Oct., 2005
10
www.anpec.com.tw


▲Up To Search▲   

 
Price & Availability of APM2055NU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X