Part Number Hot Search : 
00111 AMS317A R0100FEA 74HCT4 IRFZ46N AOD476 DTC114E SA130
Product Description
Full Text Search
 

To Download RJ-3318DHP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Unregulated Converters
Selection Guide
Part Number DIP 14 RJ-xx1.8S RJ-xx3.3S RJ-xx05S RJ-xx09S RJ-xx12S RJ-xx15S RJ-xx24S RG-xx1.8D RG-xx3.3D RG-xx05D RG-xx09D RG-xx12D RG-xx15D RG-xx24D 4kV (H) (H) (H) (H) (H) (H) (H) (H) (H) (H) (H) (H) (H) (H)

Dual Output from a Single Input Rail 3kVDC & 4kVDC Isolation Optional Continuous Short Circuit Protected Custom Solutions Available UL94V-0 Package Material Efficiency to 84%
ECONOLINE
DC/DC-Converter
RJ & RG Series
1 Watt DIP14 Single & Dual Output
Input Voltage (VDC) 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24
Output Voltage (VDC) 1.8 3.3 5 9 12 15 24 1.8 3.3 5 9 12 15 24
Output Current (mA) 303 303 200 111 84 66 42 152 152 100 56 42 33 21
Efficiency (%) 70 75 70-78 78-82 78-82 78-82 74-83 70 70 70-78 75-80 78-84 80-84 80-84
xx = Input Voltage * add Suffix "P" for Continuous Short Circuit Protection, e.g. RJ-0505S/P, RG-0505D/HP
EN-60950-1 Certified EN-60601-1 Certified
Specifications (Core Operating Area)
Input Voltage Range Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Output Ripple and Noise (20MHz limited) Operating Frequency Efficiency at Full Load No Load Power Consumption Isolation Voltage Rated Working Voltage Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection P-Suffix Operating Temperature Range (free air convection) Storage Temperature Range Relative Humidity Package Weight H-Suffix H-Suffix (tested for 1 second) (long term isolation) (tested for 1 second) (long term isolation) 1.8V, 3.3V output types 5V output type 9V, 12V, 15V, 24V output types 10% 5% 1.2%/1% of Vin typ. 20% max. 15% max. 10% max. 100mVp-p max. 57kHz min. / 90kHz typ. / 105kHz max. 70% min. / 80% typ. 102mW min./180mW typ./260mW max. 3000VDC min. see Application Notes. 4000VDC min. see Application Notes
Output Power (%)
100 80 60 40 30 20 0
Derating-Graph
(Ambient Temperature)
20pF min. / 65pF max. 15 G min. 1 Second Continuous -40C to +85C (see Graph) -55C to +125C 95% RH 2.5g continued on next page
Safe Operating Area
85 Operating Temperature C
-40
0
50
100
150
www.recom-international.com
July-2006
35
ECONOLINE
DC/DC-Converter
Specifications (Core Operating Area)
MTBF (+25C) (+85C)
RJ & RG Series
992 x 103 hours 1012 x 103 hours 145 x 103 hours 151 x 103 hours
}
Detailed Information see Application Notes chapter "MTBF"
using MIL-HDBK 217F RJ types RG types
using MIL-HDBK 217F RJ types RG types
Typical Characteristics
RJ-xx05S
Efficiency / Load
100 80 60 40
RJ-xx09S
Efficiency / Load
100 80 60 100
RJ-xx12S
Efficiency / Load
80 60
3.305
1205
0509
0512
1212
0505 Efficiency %
40 20 0
1209 Efficiency % 3.309
Efficiency %
40 20 0
3.312
20 0
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
0%
20%
40%
60%
80%
100%
Total Output current (%)
Deviation / Load
25.000 20.000 25.000 20.000
Deviation / Load
25.000 20.000
Deviation / Load
Deviation from Nominal (%)
Deviation from Nominal (%)
15.000 10.000 5.000 0.000 -5.000 -10.000
15.000 10.000 5.000 0.000 -5.000 -10.000
Deviation from Nominal (%)
3.305
0505
3.309
0509
15.000 10.000 5.000 0.000 -5.000 -10.000
0512
1212
1205
1209
3.312
0% 20% 40% 60% Total Output current (%) 80% 100%
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
RJ-xx15S
Efficiency / Load
100 80 60 40 100
RG-xx05D
Efficiency / Load
100 80 60
RG-xx09D
Efficiency / Load
80 60 40
1215
0505
1205
0509
0515 Efficiency % 3.315
40 20 0
1209 3.309
Efficiency %
20 0
3.305
Efficiency %
100%
20 0
0%
20%
40%
60%
80%
100%
Total Output current (%)
0% 20% 40% 60% Total Output current (%)
80%
0% 20% 40% 60% Total Output current (%)
80%
100%
Deviation / Load
25.000 20.000 25.000 20.000
Deviation / Load
25.000 20.000
Deviation / Load
Deviation from Nominal (%)
15.000 10.000 5.000 0.000 -5.000 -10.000
Deviation from Nominal (%)
Deviation from Nominal (%)
0515
3.315
15.000 10.000 5.000 0.000 -5.000 -10.000
3.305
0505
15.000 10.000 5.000 0.000 -5.000 -10.000
3.309
0509
1215
1205
1209
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
36
July-2006
www.recom-international.com
ECONOLINE
DC/DC-Converter
Typical Characteristics
RJ & RG Series
RG-xx15D
Efficiency / Load
100 80 60
RG-xx12D
Efficiency / Load
100 80 60 40
1212
0512
0515
3.315
3.312 Efficiency %
40 20 0
1215
Efficiency %
20 0
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
Total Output current (%)
Total Output current (%)
Deviation / Load
25.000 20.000 25.000 20.000
Deviation / Load
Deviation from Nominal (%)
Deviation from Nominal (%)
15.000 10.000 5.000 0.000 -5.000 -10.000
0512
1212
15.000 10.000 5.000 0.000 -5.000 -10.000
1215
0515
3.312
0% 20% 40% 60% Total Output current (%) 80% 100%
3.315
0% 20% 40% 60% Total Output current (%)
80%
100%
Package Style and Pinning (mm), 14 PIN DIP Package
3rd angle projection
Single Output Dual Output
19.90 7.10 3.25 2.0 15.24
10.00 7.10
19.90
10.00
3.25 7.70 2.0 15.24 7.70
Recommended Footprint Details
o 0.51 typ.
1 14
Recommended Footprint Details
o 0.51 typ.
1 14
1.00 o+0.15/0 Bottom View
10 7 8
1.00 o+0.15/0 Bottom View
7
2.54
2.54
10 9 8
2.54
Top View
2.54
Pin Connections
Top View
Single Output RECOM RJ-0505S ****
Dual Output RECOM RG-0505D ****
Pin # 1 7 8 9 10 14
RJ -Vin NC +Vout No Pin -Vout +Vin
RG -Vin NC +Vout Com -Vout +Vin
NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm
www.recom-international.com
July-2006
37


▲Up To Search▲   

 
Price & Availability of RJ-3318DHP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X