Part Number Hot Search : 
MN100 STPS41 MICRF 00568 44MTD SP20011 2SD1267A 88523
Product Description
Full Text Search
 

To Download MC10H64406 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC10H644, MC100H644 68030/040 PECL to TTL Clock Driver
The MC10H/100H644 generates the necessary clocks for the 68030, 68040 and similar microprocessors. The device is functionally equivalent to the H640, but with fewer outputs in a smaller outline 20-lead PLCC package. It is guaranteed to meet the clock specifications required by the 68030 and 68040 in terms of part-to-part skew, within-part skew and also duty cycle skew. The user has a choice of using either TTL or PECL (ECL referenced to +5.0 V) for the input clock. TTL clocks are typically used in present MPU systems. However, as clock speeds increase to 50 MHz and beyond, the inherent superiority of ECL (particularly differential ECL) as a means of clock signal distribution becomes increasingly evident. The H644 also uses differential ECL internally to achieve its superior skew characteristic. The H644 includes divide-by-two and divide-by-four stages, both to achieve the necessary duty cycle and skew to generate MPU clocks as required. A typical 50 MHz processor application would use an input clock running at 100 MHz, thus obtaining output clocks at 50 MHz and 25 MHz (see Logic Symbol). The 10H version is compatible with MECLTM 10H ECL logic levels, while the 100H version is compatible with 100K levels (referenced to +5.0 V). * Generates Clocks for 68030/040 * Meets 68030/040 Skew Requirements * TTL or PECL Input Clock * Extra TTL and ECL Power/Ground Pins * Within Device Skew on Similar Paths is 0.5 ns * Asynchronous Reset * Single +5.0 V Supply
Function http://onsemi.com
MARKING DIAGRAM
1 10H644 PLCC-20 FN SUFFIX CASE 775 AWLYYWW
A WL YY WW
= Assembly Location = Wafer Lot = Year = Work Week
ORDERING INFORMATION
Device MC10H644FN MC100H644FN Package PLCC-20 PLCC-20 Shipping 37 Units/Rail 37 Units/Rail
Reset (R): LOW on RESET forces all Q outputs LOW and all Q outputs HIGH. Synchronized Outputs: The device is designed to have the POS edges of the /2 and /4 outputs synchronized. Select (SEL): LOW selects the PECL input source (DE/DE). HIGH selects the TTL input source (DT). The H644 also contains circuitry to force a stable state of the PECL input differential pair, should both sides be left open. In this case, the DE side of the input is pulled LOW, and DE goes HIGH.
(c) Semiconductor Components Industries, LLC, 2006
June, 2006 - Rev. 6
1
Publication Order Number: MC10H644/D
MC10H644, MC100H644
Q4 18 GT Q3 GT Q2 GT 19 20 1 2 3 4 Q1 5 VT 6 Q0 7 SEL 8 DT VT 17 Q5 16 GT 15 R 14 13 12 11 10 9 VE DE VBB DE GE
Table 1. PIN DESCRIPTION
PIN GT VT VE GE DE, DE VBB DT Qn, Qn SEL R FUNCTION TTL Ground (0 V) TTL VCC (+5.0 V) ECL VCC (+5.0 V) ECL Ground (0 V) ECL Signal Input (positive ECL) VBB Reference Output TTL Signal Input Signal Outputs (TTL) Input Select (TTL) Reset (TTL)
*Skews are specified for Identical Edges
Figure 1. Pinout: PLCC-20 (Top View)
TTL OUTPUTS VBB DE (ECL) DE (ECL) 2:1 MUX /2 Q1 Q0
DT (TTL)
Q2
SEL (TTL)
Q3
/4
Q4
R (TTL)
Q5
Figure 2. Logic Diagram
http://onsemi.com
2
MC10H644, MC100H644
Table 2. 10H PECL DC CHARACTERISTICS (VT = VE = 5.0 V 5%)
0C Symbol IINH IINL VIH* VIL* VBB* Characteristic Input HIGH Current Input LOW Current Input HIGH Voltage Input LOW Voltage Output Reference Voltage VE = 5.0 V VE = 5.0 V Condition Min 0.5 3.83 3.05 3.62 Max 255 4.16 3.52 3.73 25C Min 0.5 3.87 3.05 3.65 Max 175 4.19 3.52 3.75 85C Min 0.5 3.94 3.05 3.69 Max 175 4.28 3.55 3.81 Unit mA V V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously.
Table 3. 100H PECL DC CHARACTERISTICS (VT = VE = 5.0 V 5%)
0C Symbol IINH IINL VIH* VIL* VBB* Characteristic Input HIGH Current Input LOW Current Input HIGH Voltage Input LOW Voltage Output Reference Voltage VE = 5.0 V VE = 5.0 V Condition Min 0.5 3.835 3.19 3.62 Max 255 4.12 3.525 3.74 25C Min 0.5 3.835 3.19 3.62 Max 175 4.12 3.525 3.74 85C Min 0.5 3.835 3.19 3.62 Max 175 4.12 3.525 3.74 Unit mA V V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. *PECL levels are referenced to VCC and will vary 1:1 with the power supply. The values shown are for VCC = 5.0 V. Only corresponds to ECL Clock Inputs.
Table 4. DC CHARACTERISTICS (VT = VE = 5.0 V 5%)
0C Symbol IEE ICC Characteristic Power Supply Current ECL TTL Condition VE Pin Total all VT pins Min Max 65 85 25C Min Max 65 85 85C Min Max 65 85 Unit mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously.
Table 5. TTL DC CHARACTERISTICS (VT = VE = 5.0 V 5%)
0C Symbol VIH VIL IIH IIL VOH VOL VIK IOS Characteristic Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current Output HIGH Voltage Output LOW Voltage Input Clamp Voltage Output Short Circuit Current VIN = 2.7 V VIN = 7.0 V VIN = 0.5 V IOH = -3.0 mA IOH = -24 mA IOL = 24 mA IIN = -18 mA VOUT = 0 V -100 2.5 2.0 0.5 -1.2 -225 -100 Condition Min 2.0 Max 0.8 20 100 -0.6 2.5 2.0 0.5 -1.2 -225 -100 25C Min 2.0 Max 0.8 20 100 -0.6 2.5 2.0 0.5 -1.2 -225 85C Min 2.0 Max 0.8 20 100 -0.6 Unit V mA mA V V V mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously.
http://onsemi.com
3
MC10H644, MC100H644
Table 6. AC CHARACTERISTICS (VT = VE = 5.0 V 5%)
0C Symbol tPLH tPLH tskwd* tskwd* tskwd* tskp-p* tPD tR tF fmax TW trr TPW TS TH Characteristic Propagation Delay ECL D to Output Propagation Delay TTL D to Output Within-Device Skew Within-Device Skew Within-Device Skew Part-to-Part Skew Propagation Delay R to Output Output Rise/Fall Time 0.8 V - 2.0 V Maximum Input Frequency Minimum Pulse Width Reset Reset Recovery Time Pulse Width Out High or Low @ fin = 100 MHz and CL = 50 pF Setup Time SEL to DE, DT Hold Time SEL to DE, DT Q0, 1 CL = 50 pF Relative 1.5 V Q0, 1, 4, 5 Q2, Q3 All Outputs Q0, 1, 4, 5 All Outputs All Outputs All Outputs Condition CL = 50 pF CL = 50 pF CL = 50 pF CL = 50 pF CL = 50 pF CL = 50 pF CL = 50 pF CL = 50 pF CL = 50 pF Min 5.8 5.7 - - - - 4.3 - 135 1.5 1.25 9.5 Max 6.8 6.7 0.5 0.5 1.5 1.0 7.3 1.6 - - - 10.5 25C Min 5.7 5.7 - - - - 4.3 - 135 1.5 1.25 9.5 Max 6.7 6.7 0.5 0.5 1.5 1.0 7.3 1.6 - - - 10.5 85C Min 6.1 6.0 - - - - 4.5 - 135 1.5 1.25 9.5 Max 7.1 7.0 0.5 0.5 1.5 1.0 7.5 1.6 - - - 10.5 Unit ns ns ns ns ns ns ns ns MHz ns ns ns ns ns
2.0 2.0
- -
2.0 2.0
- -
2.0 2.0
- -
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously.
http://onsemi.com
4
MC10H644, MC100H644
PACKAGE DIMENSIONS
PLCC-20 FN SUFFIX PLASTIC PLCC PACKAGE CASE 775-02 ISSUE D
B -N- Y BRK D -L- -M- W D V 0.010 (0.250) T L-M N Z 0.007 (0.180) M T L-M U
S
N
S S
0.007 (0.180) M T L-M
N
S
20
1
X VIEW D-D
G1
S
S
S
A Z R
0.007 (0.180) M T L-M 0.007 (0.180) M T L-M
S
N N
S
S
S
H K1
0.007 (0.180) M T L-M
S
N
S
C
E G G1 0.010 (0.250) S T L-M J 0.004 (0.100) -T- SEATING
PLANE
K F VIEW S 0.007 (0.180) M T L-M
S
VIEW S
S
N
S
N
S
NOTES: 1. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 2. DIMENSION G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 3. DIMENSIONS R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5. CONTROLLING DIMENSION: INCH. 6. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635).
DIM A B C E F G H J K R U V W X Y Z G1 K1
INCHES MIN MAX 0.385 0.395 0.385 0.395 0.165 0.180 0.090 0.110 0.013 0.019 0.050 BSC 0.026 0.032 0.020 --- 0.025 --- 0.350 0.356 0.350 0.356 0.042 0.048 0.042 0.048 0.042 0.056 --- 0.020 2_ 10 _ 0.310 0.330 0.040 ---
MILLIMETERS MIN MAX 9.78 10.03 9.78 10.03 4.20 4.57 2.29 2.79 0.33 0.48 1.27 BSC 0.66 0.81 0.51 --- 0.64 --- 8.89 9.04 8.89 9.04 1.07 1.21 1.07 1.21 1.07 1.42 --- 0.50 2_ 10 _ 7.88 8.38 1.02 ---
http://onsemi.com
5
MC10H644, MC100H644
MECL is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
MC10H644/D


▲Up To Search▲   

 
Price & Availability of MC10H64406

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X