Part Number Hot Search : 
TS932BID 92U03 CM8562GI FARM2C22 FZT751 MT9040 SZ356I 74LS3
Product Description
Full Text Search
 

To Download 217063 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Lead and Cartridge Fuses
Designed to IEC Standard
RoHS
Pb
5 x 20 mm Fast-Acting Fuse 217 Series
(R)
(R)
* Designed to International (IEC) Standards for use globally. * Meets the IEC 60127-2, Sheet 2 specification for Fast-Acting Fuses. * Available in Cartridge and Axial Lead Form. * Available in ratings of 0.032 to 15 amperes. * RoHS compliant and Lead-Free version available, add XP suffix to standard catalog number
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 150% 210% 275% 400% Ampere Rating .032 - 6.3 8-15 .032-15 .032 - .100 .125 - 15 .032 - .100 .125 - 6.3 8 - 15 .032 - 6.3 8-15 Opening Time 60 minutes, Minimum 30 minutes, Minimum 30 minutes, Maximum 0.01 sec., Min.; .5 sec. Max. 0.05 sec., Min.; 2 sec. Max. .003 sec., Min.; 0.1 sec. Max. .01 sec., Min.; 0.3 sec. Max. .01 sec., Min.; 0.4 sec. Max. .02 second, Maximum .04 second, Maximum
ENVIRONMENTAL SPECIFICATIONS: Operating temperature: -55C to 125C Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles -65C to +125C) Vibration: MIL-STD-202F Method 201A Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative humidity (95%) and elevated temperature (40C) for 240 hours. Salt Spray: MIL-STD-202F Method 101D, Test Condition B
1000%
INTERRUPTING RATING: 35 amperes or 10 x rated current; (whichever is greater) to a maximum 100 amperes @ 250VAC, unity Power Factor.
PHYSICAL SPECIFICATIONS: Material: Body: Glass ORDERING INFORMATION:
RoHS compliant and Lead-Free version available, add XP suffix to standard catalog number Cartridge Nominal Nominal Catalog Ampere Voltage Resistance Melting I2t Number Rating Rating Cold Ohms A2 Sec. 217.032 .032 250 262.2 0.000048 217.040 .040 250 183.2 0.000074 217.050 .050 250 15.20 0.00020 217.063 .063 250 10.43 0.00057 217.080 .080 250 7.88 0.00085 217.100 .100 250 5.10 0.0034 217.125 .125 250 3.68 0.0049 217.160 .160 250 2.53 0.011 217.200 .200 250 1.65 0.025 217.250 .250 250 1.18 0.043 217.315 .315 250 0.810 0.110 217.400 .400 250 0.277 0.130 217.500 .500 250 0.210 0.225 217.630 .630 250 0.168 0.420 217.800 .800 250 0.134 0.870 217 001 1 250 0.096 1.07 217 1.25 1.25 250 0.070 2.29 217 01.6 1.6 250 0.046 4.74 217 002 2 250 0.040 5.88 217 02.5 2.5 250 0.033 9.72 217 3.15 3.15 250 0.022 18.2 217 004 4 250 0.016 30.0 217 005 5 250 0.013 43.9 217 06.3 6.3 250 0.0098 64.2 217 008 8* 250 0.0068 203.5 217 010 10* 250 0.0060 223.5 217 015 15* 250 0.0040 607.0 Cap: Nickel Plated Brass Leads: Tin Plated Copper Terminal Strength: MIL-STD-202F Method 211A, Test Condition A Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A Terminal strength: MIL-STD-202F Method 211A, Test Condition A Product Marking: Cap 1: current and voltage rating. Cap 2: Agency approval markings. Packaging: Available in Bulk (v=5, H=100, M=1000 pcs/pkg) or on Tape/Reel (MRET1=1000 pcs/reel).
11
AXIAL LEAD AND CARTRIDGE FUSES
409
w w w. l i t t e l f u s e . c o m
Axial Lead and Cartridge Fuses
Designed to IEC Standard
RoHS
Pb
5 x 20 mm Fast-Acting Fuse 217 Series
0217 0002
Ampere Range Cartridge NBK120802-E10480 A&C Leaded NBK120802-E10480 B&D Agency Approvals
(R)
(R)
Agency Approvals
20+0.5 5.2+0.1 -0.2 5.1+0.6 5.1+0.6
1A - 15A 32mA - 800mA 1A - 6.3A 32mA - 40mA 50mA - 315mA 400mA - 6.3A 8A & 10A
6.0 MAX
Certificate No. Certificate No.
2002010207007600 2002010207007599 SU05001-3004 SU05001-2005 SU05001-2006 SU05001-2007
0217.032 XE1 to 0217.315 XE1
40
22.5 MAX
o6.5
(R)
Recognised File No. E10480 Guide No. JDYX2 32mA - 6.3A
(R)
File No. Acc. Class No. Licence No. File No.
029862 LR1422-30 KM41462 9848103, 9931059 304518 & 304555 Pending 400mA - 6.3A 32mA - 6.3A
0217.400 XE1 to 0217015 XE1
40
22.5 MAX
5.8 MAX
o6.5* All dimensions in mm
D
V
E
32mA - 10A 32mA - 15A
Notes: * Ratings above 6.3A have 0.8 mm dia lead 1 For RoHS compliant parts replace XE with XEP 2 For RoHS compliant parts add suffix 'XP'
Note: 600mA, 1.5A and 3A ratings are available with UL recognition and CSA acceptance only. 8A and 10A are under consideration by IEC(125V).
Average Time Current Curves
0.032A 0.040A 0.050A 0.063A 0.080A 0.100A 0.125A 0.160A 0.200A 0.250A 0.315A 0.400A 0.500A 0.630A 0.800A 1A 1.25A 1.6A 2A 2.5A 3.15A 4A 5A 6.3A 8A 10A 10000 1000 100 TIME IN SECONDS 10 1 0.1 0.01 0.001 0.01 0.1 1 10 CURRENT IN AMPERES 100 1000 15A
410
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of 217063

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X