Part Number Hot Search : 
25Q64 PC563 BC237B07 C3121 D4448 IDT7035L BSY62 04365
Product Description
Full Text Search
 

To Download 217040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Lead and Cartridge Fuses
Designed to IEC Standard
5 x 20 mm Fast-Acting Fuse 217 Series
* Designed to International (IEC) Standards for use globally. * Meets the IEC 60127-2, Sheet 2 specification for Fast-Acting Fuses. * Available in Cartridge and Axial Lead Form. * Available in ratings of 0.032 to 15 amperes.
(R)
(R)
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 150% 210% 275% 400% Ampere Rating .032 - 6.3 8-15 .032-15 .032 - .100 .125 - 15 .032 - .100 .125 - 6.3 8 - 15 .032 - 6.3 8-15 Opening Time 60 minutes, Minimum 30 minutes, Minimum 30 minutes, Maximum 0.01 sec., Min.; .5 sec. Max. 0.05 sec., Min.; 2 sec. Max. .003 sec., Min.; 0.1 sec. Max. .01 sec., Min.; 0.3 sec. Max. .01 sec., Min.; 0.4 sec. Max. .02 second, Maximum .04 second, Maximum
1000%
ENVIRONMENTAL SPECIFICATIONS: Operating temperature: -55C to 125C Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles -65C to +125C) Vibration: MIL-STD-202F Method 201A Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative humidity (95%) and elevated temperature (40C) for 240 hours. Salt Spray: MIL-STD-202F Method 101D, Test Condition B
INTERRUPTING RATING: 35 amperes or 10 x rated current;
(whichever is greater) to a maximum 100 amperes @ 250VAC, unity Power Factor.
PHYSICAL SPECIFICATIONS: Material: Body: Glass ORDERING INFORMATION:
Cartridge Catalog Number 217.032 217.040 217.050 217.063 217.080 217.100 217.125 217.160 217.200 217.250 217.315 217.400 217.500 217.600 217.630 217.800 217 001. 217 1.25 217 01.5 217 01.6 217 002. 217 02.5 217 003. 217 3.15 217 004. 217 005. 217 06.3 217 008. 217 010. 217 015. Ampere Rating .032 .040 .050 .063 .080 .100 .125 .160 .200 .250 .315 .400 .500 .600 .630 .800 1 1.25 1.5 1.6 2 2.5 3.0 3.15 4 5 6.3 8* 10* 15* Voltage Rating 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 Nominal Resistance Cold Ohms 262.2 183.2 15.20 10.45 7.890 5.697 3.820 2.525 1.700 1.233 0.880 0.277 0.207 0.200 0.190 0.120 0.096 0.070 0.056 0.053 0.042 0.033 0.024 0.022 0.016 0.014 0.009 0.007 0.006 0.004 Nominal Melting I2t A2 Sec. 0.000060 0.000085 0.000190 0.000550 0.000828 0.00450 0.00477 0.010 0.024 0.042 0.112 0.127 0.219 0.390 0.409 0.847 1.042 2.230 4.382 4.616 5.726 9.460 17.041 17.722 29.164 42.796 62.466 198.158 217.633 607.133 Cap: Nickel Plated Brass Leads: Tin Plated Copper Terminal Strength: MIL-STD-202F Method 211A, Test Condition A Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A Terminal strength: MIL-STD-202F Method 211A, Test Condition A Product Marking: Cap 1: current and voltage rating. Cap 2: Agency approval markings. Packaging: Available in Bulk (v=5, H=100, M=1000 pcs/pkg) or on Tape/Reel (MRET1=1000 pcs/reel).
11
AXIAL LEAD AND CARTRIDGE FUSES
409
w w w. l i t t e l f u s e . c o m
Axial Lead and Cartridge Fuses
Designed to IEC Standard
5 x 20 mm Fast-Acting Fuse 217 Series
Agency Approvals
Agency Approvals Cartridge NBK120802-E10480 A&C Leaded NBK120802-E10480 B&D Certificate No. Certificate No. 2002010207007600 2002010207007599 SU05001-3004 SU05001-2005 SU05001-2006 SU05001-2007 Ampere Range
(R)
(R)
0217 000
1A - 15A
20+0.5 5.2+0.1 -0.2 5.1+0.6 5.1+0.6
32mA - 800mA 1A - 6.3A 32mA - 40mA 50mA - 315mA 400mA - 6.3A 8A & 10A
0217.032 XE to 0217.315 XE
40
22.5 MAX
6.0 MAX
o6.5
(R)
Recognised File No. E10480 Guide No. JDYX2 32mA - 6.3A
(R)
File No. Acc. Class No. Licence No. File No.
029862 LR1422-30 KM41462 9848103, 9931059 304518 & 304555 Pending 400mA - 6.3A 32mA - 6.3A
0217.400 XE to 0217015. XE
40
22.5 MAX
5.8 MAX
o6.5* All dimensions in mm
D
V
E
32mA - 10A 32mA - 15A
Notes: * Ratings above 6.3A have 0.8 mm dia lead
Note: 600mA, 1.5A and 3A ratings are available with UL recognition and CSA acceptance only. 8A and 10A are under consideration by IEC(125V).
Average Time Current Curves
0.032A 0.040A 0.050A 0.063A 0.080A 0.100A 0.125A 0.160A 0.200A 0.250A 0.315A 0.400A 0.500A 0.630A 0.800A 1A 1.25A 1.6A 2A 2.5A 3.15A 4A 5A 6.3A 8A 10A 15A
10000
1000
100
10
1
TIME IN SECONDS
0.1
0.01
0.001 0.01 0.1 1 10 CURRENT IN AMPERES 100 1000
410
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of 217040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X