Part Number Hot Search : 
LC75700T CN100 R6200250 PRODUCTS SMV2640L RM251 IRF740AL 3EZ120D1
Product Description
Full Text Search
 

To Download D221RPI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MicroPower Direct
2W, High Isolation, SIP Regulated, Short Circuit Protected DC/DC Converters
Key Features

D200RPI Series
Electrical Specifications
Miniature SIP Package Short Circuit Protected 1.5 MH MTBF

2.0W Output Power High Isolation Low Cost
Specifications typical @ +25C with nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter Input Voltage Range Input Filter Reverse Polarity Input Current Conditions 5 VDC Input 12 VDC Input 24 VDC Input Min. 4.5 10.8 21.6 Typ. 5.0 12.0 24.0 Max. 5.5 13.2 26.4 0.3 Conditions For Vin Min to Max Iout = 10% to 100% 120 0.02 Continuous Conditions 60 Seconds 500 VDC 100 kHz, 1V Min. 3,000 1,000 60 40 Conditions Ambient Case Min. -40 -40 -40 Free Air Convection RH, Non-condensing 95 % Typ. +25 Max. +71 +85 +125 Typ. Max. Units VDC M pF kHz Units C C C Min. Typ. Max. 2.0 0.5 0.5 75 A Units % % % mV P - P % %/C VDC Units
(Pi) Filter
Output
Parameter Output Voltage Accuracy Line Regulation Load Regulation Ripple & Noise (20 MHz) Output Power Protection Temperature Coefficient Output Short Circuit
General
Parameter Isolation Voltage Isolation Resistance Isolation Capacitance Switching Frequency
Environmental
Parameter Operating Temperature Range Operating Temperature Range Storage Temperature Range Cooling Humidity
Physical
Case Size (5V & 12V Models) Case Material Weight (5V & 12V Input Models) 1.26 x 0.32 x 0.55 Inches (32.0 x 8.0 x 14.0 mm) Non-Conductive Black Plastic 0.17 Oz (4.8g) Conditions MIL HDBK 217F, 25C, Gnd Benign Conditions 5 VDC Input Input Voltage Surge (1 Sec) Lead Temperature Internal Power Dissipation MicroPower Direct 12 VDC Input 24 VDC Input 1.5 mm From Case For 10 Sec All Models Min. 1.5 Min. -0.7 -0.7 -0.7 Typ. Max. 9.0 18.0 30.0 260 450 C mW VDC Typ. Max. Units MHours Units
Reliability Specifications
Parameter MTBF
Absolute Maximum Ratings
Parameter
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com WEB: www/micropowerdirect.com
Model Selection Guide
Model Number Input Voltage (VDC) Current (mA) Nominal Range Full-Load No-Load 5 4.5 - 5.5 606 80 5 4.5 - 5.5 606 80 5 4.5 - 5.5 571 80 5 4.5 - 5.5 571 80 5 4.5 - 5.5 588 80 12 10.8 - 13.2 253 45 12 10.8 - 13.2 253 45 12 10.8 - 13.2 238 45 12 10.8 - 13.2 238 45 12 10.8 - 13.2 246 45 24 21.6 - 26.4 130 25 24 21.6 - 26.4 130 25 24 21.6 - 26.4 122 25 24 21.6 - 26.4 122 25 24 21.6 - 26.4 118 25
100
Output Power %
D201RPI D202RPI D203RPI D204RPI D205RPI D211RPI D212RPI D213RPI D214RPI D215RPI D221RPI D222RPI D223RPI D224RPI D225RPI Notes: 1. These units do not require external comonents to operate, but the use of an input capacitor (10 F) may enhance performance in some applications. An output capacitor (4.7 F to 10 F) may be used to reduce ripple.
Voltage (VDC) 5.0 9.0 12.0 15.0 24.0 5.0 9.0 12.0 15.0 24.0 5.0 9.0 12.0 15.0 24.0
Output Current (mA, Max) 400.0 222.0 167.0 133.0 83.0 400.0 222.0 167.0 133.0 83.0 400.0 222.0 167.0 133.0 83.0
Current (mA, Min) 40.0 22.0 17.0 13.0 10.0 40.0 22.0 17.0 13.0 10.0 40.0 22.0 17.0 13.0 10.0
Efficiency (%, Typ) 66 66 70 70 68 66 66 70 70 68 64 64 68 68 70
Fuse Rating Slow-Blow (mA) 1,000 1,000 1,000 1,000 1,000 500 500 500 500 500 200 200 200 200 200
Derating Curve
80
60
40
Capacitive Load
F Max 470
20
0 -25 -10 0 5 10 15 20 30 40 50 60 70 80 85
Ambient Temperature 1C
Pin Connections
Pin 1 2 3 9 10 11 12 Function +Vin -Vin NC NC -Vout +Vout NC
Mechanical Dimensions
Side
0.02 (0.50)
5.5 (14.00)
NC: No Connection
0.60 (15.24) 1.26 (32.00)
0.03 (0.68) 0.02 (0.50) 0.10 (2.5) 0.08 (2.13)
Notes: All dimensions are typical in inches
0.01
(0.30) (mm) Tolerance x.xx = 0.01 (0.25) Pin 1 is marked by a "dot" or indentation on the side of the unit
Bottom
1 2 3 9 10 11 12 0.13 (3.40)
0.32 (8.00)
MicroPower Direct
232 Tosca Drive, Stoughton, MA 02072 www.micropowerdirect.com sales@micropowerdirect.com phone: (781) 344 - 8226 * fax: (781) 344 - 8481


▲Up To Search▲   

 
Price & Availability of D221RPI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X