Part Number Hot Search : 
UF5402 97409 MMBZ5251 040010 1N5353A LTC4354 EZQAFDA GSBAW56
Product Description
Full Text Search
 

To Download NUF2240W1T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NUF2240W1 2 Line EMI Filter with ESD Protection
This device is a 2 line EMI filter array for wireless applications. Greater than -20 dB attenuation is obtained at 800 MHz. It also offers ESD protection-clamping transients from static discharges. ESD protection is provided across all capacitors.
Features http://onsemi.com
Pin 6 Output(1) Pin 5 VCC Pin 4 Output(2)
* EMI Filtering and ESD Protection * Integration of 11 Discrete Components * Compliance with IEC61000-4-2 (Level 4) * SC-88/SOT-363 Package * Moisture Sensitivity Level 1 * ESD Ratings: Machine Model = C *
Human Body Model = 3B This is a Pb-Free Device > 8.0 kV (Contact)
Pin 1 Input(1)
Pin 2 GND
Pin 3 Input(2)
Benefits
* Reduces EMI/RFI Emissions on a Data Line * Integrated Solution Offers Cost and Space Savings in a
SC-88/SOT-363 Package
MARKING DIAGRAM
6 SC-88 CASE 419B 1 24 = Specific Device Code M = Month Code G = Pb-Free Package (Note: Microdot may be in either location) 24 M G G
* Reduces Parasitic Inductances Which Offer a More "Ideal" Low Pass
Filter Response
1
* Integrated Solution Improves System Reliability
Applications
* * * * *
EMI Filtering and ESD Protection for Data Lines Wireless Phones PDAs and Handheld Products Notebook Computers LCD Displays
ORDERING INFORMATION
Device NUF2240W1T1G Package SC-88 (Pb-Free) Shipping 3000/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2005
1
June, 2005 - Rev. 1
Publication Order Number: NUF2240W1/D
NUF2240W1
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Parameter ESD Discharge IEC61000-4-2 Air Discharge Contact Discharge Steady-State Power per Resistor Steady-State Power per Package Operating Temperature Range Storage Temperature Range Maximum Lead Temperature for Soldering Purposes (1.8 in from case for 10 seconds) PR PT TOP TSTG TL -40 to 85 -55 to 150 260 Symbol VPP 15 8.0 mW mW C C C Value Unit kV
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted)
Parameter Maximum Reverse Working Voltage Breakdown Voltage Leakage Current Resistance Capacitance (Notes 1 and 2) Cut-Off Frequency (Note 3) Symbol VRWM VBR IR RA Cd f3dB IR = 1.0 mA VRWM = 3.0 V IR = 20 mA VR = 2.5 V, f = 1.0 MHz Above this frequency, appreciable attenuation occurs 85 100 17 125 6.0 7.0 1.0 115 Test Conditions Min Typ Max 5.0 Unit V V mA W pF MHz
1. Measured at 25C, VR = 2.5 V, f = 1.0 MHz. 2. Total line capacitance is 2 times the Diode Capacitance (Cd). 3. 50 W source and 50 W load termination.
http://onsemi.com
2
NUF2240W1
0 -5 -10 S21 (dB) -15 -20 -25 -30 1.E+06 NORMALIZED CAPACITANCE 1.E+07 1.E+08 FREQUENCY (Hz) 1.E+09 1.E+10
2
1.5
1
0.5
0 0 1 2 3 4 5
REVERSE VOLTAGE (V)
Figure 1. Insertion Loss Characteristic (50 W Source and 50 W Lead Termination)
Figure 2. Typical Capacitance vs. Reverse Biased Voltage (Normalized Capacitance, Cd @ 2.5 V)
110 108 106 RESISTANCE (W) 104 102 100 98 96 94 92 90 -40 -20 0 20 40 60 80
TEMPERATURE (C)
Figure 3. Typical Resistance over Temperature
http://onsemi.com
3
NUF2240W1
PACKAGE DIMENSIONS
SC-88/SC70-6/SOT-363 CASE 419B-02 ISSUE V
D e
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 419B-01 OBSOLETE, NEW STANDARD 419B-02. 4 MILLIMETERS MIN NOM MAX 0.80 0.95 1.10 0.00 0.05 0.10 0.20 REF 0.10 0.21 0.30 0.10 0.14 0.25 1.80 2.00 2.20 1.15 1.25 1.35 0.65 BSC 0.10 0.20 0.30 2.00 2.10 2.20 INCHES NOM MAX 0.037 0.043 0.002 0.004 0.008 REF 0.004 0.008 0.012 0.004 0.005 0.010 0.070 0.078 0.086 0.045 0.049 0.053 0.026 BSC 0.004 0.008 0.012 0.078 0.082 0.086 MIN 0.031 0.000
6
5
HE
1 2 3
-E-
b 6 PL 0.2 (0.008)
M
E
M
A3 A C
DIM A A1 A3 b C D E e L HE
A1
L
SOLDERING FOOTPRINT*
0.50 0.0197
0.65 0.025 0.65 0.025 0.40 0.0157
1.9 0.0748
SCALE 20:1
mm inches
SC-88/SC70-6/SOT-363
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
NUF2240W1/D


▲Up To Search▲   

 
Price & Availability of NUF2240W1T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X