Part Number Hot Search : 
UZ8113 IRFS4 BR200 60200 MA2SV05 MB3505 01800 MBR2045
Product Description
Full Text Search
 

To Download MAX6881ETE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3772; Rev 1; 10/05
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
General Description
The MAX6880-MAX6883 dual-/triple-voltage monitors are designed to sequence power supplies during power-up condition. When all of the voltages exceed their respective thresholds, these devices turn on voltages to the system sequentially, enhancing n-channel MOSFETs used as switches. The time between each sequenced voltage is determined by an external capacitor, thus allowing flexibility in delay timing. The MAX6880/MAX6881 sequence three voltages and the MAX6882/MAX6883 sequence two voltages. These devices initially monitor all of the voltages and when all of them are within their tolerances, the internal charge pumps enhance external n-channel MOSFETs in a sequential manner to apply the voltages to the system. Internal charge pumps drive the gate voltages 5V above the respective input voltage thereby ensuring the MOSFETs are fully enhanced to reduce the on-resistance. The MAX6880-MAX6883 feature capacitor-adjustable slew-rate control to provide controlled turn-on characteristics. After all of the voltages reach 92.5% of their final value, a power-good output (MAX6880/MAX6882) signal is active. The power-good output (PG/RST) can be delayed with an external capacitor to create a power-on reset delay. After the initial power-up phase, the MAX6880-MAX6883 continue to monitor the voltages. If any of the voltages falls below its threshold, the MOSFETs are quickly turned off and the voltages are tracked down together. An internal 100 pulldown resistor ensures that the capacitance at the MOSFET's source is discharged quickly. The power-good output goes low to provide a system reset. The MAX6880-MAX6883 are available in small 4mm x 4mm 24-pin and 16-pin thin QFN packages and specified over the -40C to +85C extended operating temperature range.
Features
Capacitor-Adjustable Power-Up Sequencing Delay Internal Charge Pumps to Enhance External n-Channel FETs Capacitor-Adjustable Timeout Period Power-Good Output (MAX6880/MAX6882) Adjustable Undervoltage Lockout or Logic-Enable Input Internal 100 Pulldown for Each Output to Discharge Capacitive Load Quickly 0.5V to 5.5V Nominal IN_/OUT_ Range 2.7V to 5.5V Operating Voltage Range Immune to Short Voltage Transients Small 4mm x 4mm 24-Pin or 16-Pin Thin QFN Packages
MAX6880-MAX6883
Ordering Information
PART MAX6880ETG+ MAX6881ETE+ MAX6882ETE+ MAX6883ETE+ TEMP RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C PINPACKAGE 24 Thin QFN 16 Thin QFN 16 Thin QFN 16 Thin QFN PKG CODE T2444-4 T1644-4 T1644-4 T1644-4
+Denotes lead-free package.
Pin Configurations
OUT2 OUT3 N.C.
TOP VIEW
18 GATE2 19 OUT1 20 GATE1 21 IN3 22 IN2 23 + IN1 24 1 N.C.
17
16
15
14
13 12 11 10 N.C. N.C. TIMEOUT SLEW DELAY GND
Applications
Multivoltage Systems Networking Systems Telecom Storage Equipment Servers/Workstations
MAX6880
EP*
MARGIN 9 8 7 6 EN/UV
2 ABP
3 SET3
4 SET2
4mm x 4mm THIN QFN
Selector Guide appears at end of data sheet.
*EXPOSED PADDLE CONNECTED TO GND.
Pin Configurations continued at end of data sheet. ________________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
SET1
PG/RST 5
GATE3
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors MAX6880-MAX6883
ABSOLUTE MAXIMUM RATINGS
(All voltages referenced to GND, unless otherwise noted.) IN1, IN2, IN3.............................................................-0.3V to +6V ABP .........................................-0.3V to the highest of VIN1 - VIN3 SET1, SET2, SET3 ....................................................-0.3V to +6V GATE1, GATE2, GATE3 .........................................-0.3V to +12V OUT1, OUT2, OUT3 .................................................-0.3V to +6V MARGIN ...................................................................-0.3V to +6V PG/RST, EN/UV ........................................................-0.3V to +6V DELAY, SLEW, TIMEOUT .........................................-0.3V to +6V OUT_ Current....................................................................50mA GND Current.....................................................................50mA Input/Output Current (all pins except OUT_ and GND) ...........................................................20mA Continuous Power Dissipation (TA = +70C) 16-Pin 4mm x 4mm Thin QFN (derate 16.9mW/C above +70C) .............................1349mW 24-Pin 4mm x 4mm Thin QFN (derate 20.8mW/C above +70C) .............................1667mW Operating Temperature Range ...........................-40C to +85C Storage Temperature Range .............................-65C to +150C Maximum Junction Temperature .....................................+150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(IN1, IN2, or IN3 = +2.7V to +5.5V, EN/UV = MARGIN = ABP, TA = -40C to +85C, unless otherwise specified. Typical values are at TA = +25C, unless otherwise noted.) (Note 1)
PARAMETER SYMBOL CONDITIONS Voltage on the highest of IN_ to ensure that PG/RST is valid and GATE_ = 0 Operating Voltage Range IN_ Voltage on the highest of IN_ to ensure the device is fully operational Supply Current SET_ Threshold Range SET_ Threshold Hysteresis SET_ Input Current EN/UV Input Voltage EN/UV Input Current EN/UV Input Pulse Width DELAY, TIMEOUT Output Current DELAY, TIMEOUT Threshold Voltage SLEW Output Current Sequence Slew-Rate Timebase Accuracy Timebase/CSLEW Ratio Slew-Rate Accuracy during PowerUp and Power-Down IS SR ICC VTH VTH_HYST ISET VEN_R VEN_F IEN tEN ID EN/UV falling, 100mV overdrive (Notes 2, 3) VCC = 3.3V (Note 4) CSLEW = 200pF 100pF < CSLEW < 1nF CSLEW = 200pF, VIN_ = 5.5V (Note 4) -50 22.5 -15 104 +50 IN1 = 5.5V, IN2 = IN3 = 3.3V, no load SET_ falling, TA = +25oC SET_ falling, TA = -40 C to +85C SET_ rising SET_ = 0.5V Input rising Input falling 1.22 -5 7 2.12 2.5 1.25 25 27.5 +15 2.88 -100 1.286 1.25 1.28 +5 0.4925 0.4875 2.7 1.1 0.5 0.5 0.5 +100 5.5 1.8 0.5075 0.5125 mA V % nA V A s A V A % k % MIN 1.4 V TYP MAX UNITS
2
_______________________________________________________________________________________
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
ELECTRICAL CHARACTERISTICS (continued)
(IN1, IN2, or IN3 = +2.7V to +5.5V, EN/UV = MARGIN = ABP, TA = -40C to +85C, unless otherwise specified. Typical values are at TA = +25C, unless otherwise noted.) (Note 1)
Power-Good Threshold Power-Good Threshold Hysteresis GATE_ Output High GATE_ Pullup Current VTH_PG VHYS_PG VGOH IGUP IGD GATE_ Pulldown Current IGDS SET_ to GATE_ Delay PG/RST Output Low Tracking Differential Voltage Stop Ramp Tracking Differential Fault Voltage Power-Low Threshold Power-Low Hysteresis OUT to GND Pulldown Impedance MARGIN Pullup Current MARGIN Input Voltage MARGIN Glitch Rejection IIN VIL VIH 2.0 100 tD-GATE VOL VOUT_ falling VOUT_ rising ISOURCE = 0.5A During power-up and power-down, VGATE_ = 1V During power-up and power-down, VGATE_ = 5V When disabled, VGATE_ = 5V, VIN_ 2.7V When disabled, VGATE_ = 5V, VIN_ 4V SET falling, 25mV overdrive VIN_ 2.7V, ISINK = 1mA, output asserted VIN_ 4.0V, ISINK = 4mA, output asserted Differential between each of the OUT_ and the ramp voltage during power-up and power-down, Figure 1 (Note 5) Differential between each of the OUT_ and the ramp voltage, Figure 1 (Note 5) OUT_ falling OUT_ rising IN_ > 2.7V (Note 6) 7 75 125 IN_ + 4.2 2.5 2.5 91.5 92.5 0.5 IN_ + 5.0 4 4 9.5 20 10 0.3 0.4 180 IN_ + 5.8 93.5 % % V A A mA s V
MAX6880-MAX6883
VTRK
mV
VTRK_F VTH_PL VTH_PLHYS
200 125
250 142 10 100 10
310 170
mV mV mV
13 0.8
A V ns
Note 1: Specifications guaranteed for the stated global conditions. 100% production tested at TA = +25C and TA = +85C. Specifications at TA = -40C to +85C are guaranteed by design. These devices meet the parameters specified when at least one of IN1/IN2/IN3 is between 2.7V to 5.5V, while the remaining IN1/IN2/IN3 are between 0 and 5.5V. Note 2: A current ID = 2.5A 15% is generated internally and is used to set the DELAY and TIMEOUT periods and used as a reference for tDELAY and tTIMEOUT. Note 3: The total DELAY is tDELAY = 200s + (500k x CDELAY). Leave DELAY unconnected for 200s delay. The total TIMEOUT is tTIMEOUT = 200s + (500k x CTIMEOUT). Leave TIMEOUT unconnected for 200s timeout. Note 4: A current IS = 25A 10% is generated internally and used as a reference for tFAULT, tRETRY, and slew rate. Note 5: During power-up, only the condition OUT_ < ramp - VTRK is checked in order to stop the ramp. However, both conditions OUT_ < ramp - VTRK_F and OUT_ > ramp + VTRK_F cause a fault. During power-down, only the condition OUT > ramp + VTRK is checked in order to stop the ramp. However, both conditions OUT_ < ramp - VTRK_F and OUT_ > ramp + VTRK_F cause a fault (see Figure 10). Therefore, if OUT1, OUT2, and OUT3 (during power-up tracking and power-down) differ by more than 2 x VTRK_F, a fault condition is asserted. Note 6: A 100 pulldown to GND activated by a fault condition. See the Internal Pulldown section.
_______________________________________________________________________________________
3
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors MAX6880-MAX6883
250mV UP = FAULT THRESHOLD
250mV UP = FAULT THRESHOLD 125mV UP = STOP RAMP THRESHOLD
125mV DOWN = STOP RAMP THRESHOLD
250mV DOWN = FAULT THRESHOLD
250mV DOWN = FAULT THRESHOLD
REFERENCE RAMP
REFERENCE RAMP
POWER-UP
POWER-DOWN
Figure 1. Stop Ramp/Fault Window During Power-Up and Power-Down
EN/UV BUS VOLTAGE MONITORED THROUGH EN/UV INPUT VEN_R
EN/UV VEN_F
IN1 = 3.3V IN2 = 1.8V IN_ IN3 = 0.7V
MONITORED THROUGH SET THRESHOLDS ON SET_ INPUTS CAPACITORADJUSTED SLEW RATE
OUT1 = 3.3V OUT2 = 1.8V
OUT_
OUT3 = 0.7V
tDELAY
tDELAY
tDELAY
PG/RST
tTIMEOUT
Figure 2. Sequencing In Normal Mode 4 _______________________________________________________________________________________
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors MAX6880-MAX6883
EN/UV BUS VOLTAGE MONITORED THROUGH EN/UV INPUT VEN_R
EN/UV
IN1 = 3.3V
IN2 = 1.8V IN_ IN3 = 0.7V MONITORED THROUGH SET THRESHOLDS ON SET_ INPUTS OUT_ FORCED BELOW VTH_PG OUT1 = 3.3V OUT2 = 1.8V OUT_ OUT3 = 0.7V
CAPACITORADJUSTED SLEW RATE
tDELAY
tDELAY
tDELAY
PG/RST
tTIMEOUT
FORCED INTO QUICK SHUTDOWN WHEN OUT1 FALLS BELOW 92.5% of IN1
Figure 3. Sequencing In Fast Shutdown Mode
_______________________________________________________________________________________
5
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors MAX6880-MAX6883
EN/UV BUS VOLTAGE MONITORED THROUGH EN/UV INPUT VEN_R VEN_F EN/UV
IN1 = 3.3V IN2 = 1.8V IN_ IN3 = 0.7V MONITORED THROUGH SET THRESHOLDS ON SET_ INPUTS CAPACITORADJUSTED SLEW RATE OUT1 = 3.3V OUT2 = 1.8V OUT_ OUT3 = 0.7V
tDELAY
tDELAY
tDELAY tTIMEOUT
PG/RST = LOW
Figure 4. Timing Diagram (Aborted Sequencing)
EN/UV VEN_R
OUT1 OUT2 OUT_ OUT3 IS SLOW
OUT1 OUT2 OUT3 IS SLOW
tDELAY tDELAY tFAULT AND tRETRY NOT TO SCALE ALL SET > 0.5V AND IN_ 2.7V tDELAY
tFAULT tRETRY
tDELAY
tDELAY tDELAY
tFAULT
Figure 5. tFAULT and tRETRY Timing Diagram in Sequencing 6 _______________________________________________________________________________________
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors MAX6880-MAX6883
Typical Operating Characteristics
(VIN_ = 2.7V to 5.5V, CSLEW = 200pF, EN = MARGIN = ABP, TA = +25C, unless otherwise noted.)
VCC SUPPLY CURRENT vs. INPUT VOLTAGE
MAX6880 toc01
NORMALIZED POWER-GOOD TIMEOUT vs. TEMPERATURE
MAX6880 toc02
POWER-GOOD TIMEOUT vs. CTIMEOUT
MAX6880 toc03
1.4 1.3 1.2 1.1 1.0 0.9 0.8 2.5 3.0 3.5 4.0 4.5 5.0 TA = +25C TA = -40C TA = +85C
1.15 NORMALIZED POWER-GOOD TIMEOUT 1.10 1.05 1.00 0.95 0.90 0.85 0.80 0.75 -40 -15 10 35 60
1000
POWER-GOOD TIMEOUT (ms)
VCC SUPPLY CURRENT (mA)
100
10
1
5.5
85
0.1 0.0001
0.001
0.01 CDELAY (F)
0.1
1
INPUT VOLTAGE (V)
TEMPERATURE (C)
NORMALIZED SET_ THRESHOLD vs. TEMPERATURE
MAX6880 toc04
NORMALIZED DELAY TIMEOUT vs. TEMPERATURE
MAX6880 toc05
SLEW RATE vs. CSLEW
MAX6880 toc06
1.005 1.004 NORMALIZED SET_ THRESHOLD 1.003 1.002 1.001 1.000 0.999 0.998 0.997 0.996 0.995 -40 -15 10 35 60
1.25 1.20 NORMALIZED DELAY TIMEOUT 1.15 1.10 1.05 1.00 0.95 0.90 0.85 0.80 0.75
10,000
SLEW RATE (V/s) -40 -15 10 35 60 85
1000
100
10 10 100 CSLEW (pF) 1000 10,000 TEMPERATURE (C)
85
TEMPERATURE (C)
DELAY TIMEOUT vs. CDELAY
MAX6880 toc07
NORMALIZED EN/UV THRESHOLD vs. TEMPERATURE
MAX6880 toc08
IN_ TRANSIENT DURATION vs. IN THRESHOLD OVERDRIVE
27 IN_ TRANSIENT DURATION (s) 24 21 18 15 12 9 6 3 0 PG/RST GOES LOW ABOVE THE CURVE IN_ = 3.3V
MAX6880 toc09
1000
1.005 NORMALIZED EN_/UV THRESHOLD 1.004 1.003 1.002 1.001 1.000 0.999 0.998 0.997 0.996
30
DELAY TIMEOUT (ms)
100
10
1
0.1 0.0001
0.995 0.001 0.01 CDELAY (F) 0.1 1 -40 -15 10 35 60 85 TEMPERATURE (C)
0
50
100
150
200
250
300
IN_ THRESHOLD OVERDRIVE (mV)
_______________________________________________________________________________________
7
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors MAX6880-MAX6883
Typical Operating Characteristics (continued)
(VIN_ = 2.7V to 5.5V, CSLEW = 200pF, EN = MARGIN = ABP, TA = +25C, unless otherwise noted.)
GATE_ VOLTAGE LOW vs. SINK CURRENT
MAX6880 toc10
GATE_ OUTPUT VOLTAGE HIGH vs. GATE SOURCE CURRENT
9 8 GATE VOLTAGE (V) 7 6 5 4 3 2 1 0
MAX6880 toc11
SEQUENCING MODE
MAX6880 toc12
1.6 1.4 GATE_ VOLTAGE LOW (V) 1.2 1.0 0.8 0.6 0.4 0.2 0 0 1 2 3 4 5 6 7 8 9
10
EN/UV 2V/div OUT1 1V/div OUT2 1V/div OUT3 1V/div
10
0
0.5
1.0
1.5
2.0
2.5
3.0
20ms/div
GATE SINK CURRENT (mA)
GATE SOURCE CURRENT (A)
FAST SHUTDOWN WITH RETRY
MAX6880 toc13
FAST SHUTDOWN WITH RETRY
MAX6880 toc14
EN/UV 2V/div
OUT1 2V/div OUT2 2V/div OUT3 PULLED BELOW 92.5% OF IN3 FOR SEQUENCING MODE OUT3 2V/div PG/RST 1V/div 100ms/div
OUT1 1V/div OUT2 1V/div OUT3 1V/div 40ms/div
8
_______________________________________________________________________________________
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Pin Description
PIN MAX6880 1, 11, 12, 15 2 3 4 5 MAX6881 -- MAX6882 -- MAX6883 1, 8, 9, 10 NAME N.C. FUNCTION No Connection. Not internally connected. Internal Supply Bypass Input. Bypass ABP with a 1F capacitor to GND. ABP maintains the device supply voltage during rapid powerdown conditions. Externally Adjusted IN_ Undervoltage Lockout Threshold. Connect SET_ to an external resistor-divider network to set the desired undervoltage threshold for each IN_ supply (see the Typical Application Circuit). All SET_ inputs must be above the internal SET_ threshold (0.5V) to enable sequencing functionality. Logic-Enable Input or Undervoltage Lockout Monitor Input. EN/UV must be high (EN/UV > VEN_R) to enable voltage sequencing power-up operation. OUT_ begins tracking down when EN/UV < VEN_F. Connect EN/UV to an external resistor-divider network to set the external UVLO threshold. Ground Sequence Delay Select Input. Connect a capacitor from DELAY to GND to select the desired delay period before sequencing is enabled (after all SET_ inputs and EN/UV are above their respective thresholds) or between supply sequences. Leave DELAY unconnected for the default 200s delay period. Slew-Rate Adjustment Input. Connect a capacitor from SLEW to GND to select the desired OUT_ slew rate.
MAX6880-MAX6883
-- 2 3 4
1 -- 2 3
-- -- 2 3
ABP SET3 SET2 SET1
6
5
4
4
EN/UV
7
6
5
5
GND
8
7
6
6
DELAY
9
8
7
7
SLEW
10
--
8
--
13
--
9
--
PG/RST Timeout Period Adjust Input. PG/RST asserts high after the timeout period when all OUT_ exceed their IN_ referenced TIMEOUT threshold. Connect a capacitor from TIMEOUT to GND to set the desired timeout period. Leave TIMEOUT unconnected for the default 200s delay period. Margin Input, Active-Low. Drive MARGIN low to enable margin mode (see the Margin section). The MARGIN functionality is MARGIN disabled (returns to normal monitoring mode) after MARGIN returns high. MARGIN is internally pulled up to ABP through a 10A current source.
_______________________________________________________________________________________
9
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors MAX6880-MAX6883
Pin Description (continued)
PIN MAX6880 14 MAX6881 -- MAX6882 10 MAX6883 -- NAME PG/RST FUNCTION Power-Good Output, Open-Drain. PG_RST asserts high tTIMEOUT after all OUT_ voltages exceed the VTH_PG thresholds. Channel 3 Monitored Output Voltage. Connect OUT3 to the source of an n-channel FET. A fault condition activates a 100 pulldown to ground. Gate Drive for External n-Channel FET. An internal charge pump boosts GATE3 to VIN3 + 5V to fully enhance the external n-channel FET when power-up is complete. Channel 2 Monitored Output Voltage. Connect OUT2 to the source of an n-channel FET. A fault condition activates a 100 pulldown to ground. Gate Drive for External n-Channel FET. An internal charge pump boosts GATE2 to VIN2 + 5V to fully enhance the external n-channel FET when power-up is complete. Channel 1 Monitored Output Voltage. Connect OUT1 to the source of an n-channel FET. A fault condition activates a 100 pulldown to ground. Gate Drive for External n-Channel FET. An internal charge pump boosts GATE1 to VIN1 + 5V to fully enhance the external n-channel FET when power-up is complete. Supply Input Voltage. IN1, IN2, or IN3 must be greater than the internal undervoltage lockout (VABP = 2.7V) to enable the sequencing functionality. Each IN_ input is simultaneously monitored by SET_ inputs to ensure all supplies have stabilized before power-up is enabled. If IN_ is connected to ground or left unconnected and SET_ is above 0.5V, then no sequencing control is performed on that channel. Each IN_ is internally pulled down by a 100k resistor. Exposed Paddle. Connect exposed paddle to ground.
16
9
--
--
OUT3
17
10
--
--
GATE3
18
11
11
11
OUT2
19
12
12
12
GATE2
20
13
13
13
OUT1
21
14
14
14
GATE1
22
15
--
--
IN3
23
16
15
15
IN2
24 EP
1 EP
16 EP
16 EP
IN1 EP
10
______________________________________________________________________________________
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Functional Diagram
MAX6880-MAX6883
IN1
TO LOAD
IN2 IN3 IN1 ABP GATE1 OUT1
INTERNAL VCC/UVLO
IN1 CHARGE PUMP
MAX6880
SET1 IN2 COMP
RAMP GENERATOR GATE CONTROLLER
SET2 IN3 COMP CONTROL LOGIC IN2 TO OUT2 CONTROL BLOCK COMP OUT1 OUT2 EN/UV COMP SEQUENCING MONITOR OUT3 IN1 IN2 IN3 VREF PG CIRCUIT MARGIN IN3 TO OUT3 CONTROL BLOCK GATE3 OUT3
GATE2 OUT2
SET3 VBUS
GND
DELAY
SLEW CSLEW
TIMEOUT CTIMEOUT
PG/RST
______________________________________________________________________________________
11
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors MAX6880-MAX6883
Detailed Description
The MAX6880-MAX6883 multivoltage power sequencers/supervisors monitor three (MAX6880/ MAX6881) and two (MAX6882/MAX6883) system voltages and provide proper power-up and power-down control for systems requiring voltage sequencing. These devices ensure the controlled voltages sequence in the proper order as system power supplies are enabled. The MAX6880-MAX6883 generate all required voltages and timing to control up to three external n-channel pass FETs for the OUT1/OUT2/OUT3 supply voltages. The MAX6880-MAX6883 feature adjustable undervoltage thresholds for each input supply. When all of the voltages are above the adjusted thresholds these devices turn on the external n-channel MOSFETs to sequence the voltages to the system. The outputs are turned on one after the other, OUT1 first and OUT3 last. The MAX6880-MAX6883 feature internal charge pumps to fully enhance the external FETs for low-voltage drops at highpass currents. The MAX6880/MAX6882 also feature a power-good output (PG/RST) with a selectable timeout period that can be used for system reset. The MAX6880-MAX6883 monitor up to three voltages. Devices may be configured to exclude any IN_. To disable sequencing operation of any IN_, connect the IN_ to ground (or leave unconnected) and connect SET_ to a voltage greater than 0.5V. The channel exclusion feature adds more flexibility to the device in a variety of different applications. As an example, the MAX6880 can sequence two voltages using IN1 and IN2 while IN3 is left disabled. when its output voltage exceeds a fixed percentage (VTH_PG) of the corresponding IN_ voltage. When all channels have exceeded these thresholds, PG/RST asserts high after tTIMEOUT, indicating a successful sequence. If there is a fault condition during the initial power-up sequence, the process is aborted. When powering down, all outputs turn off simultaneously, tracking each other. No reverse power-down sequencing occurs. The power-supply sequencing operation should be completed within the selected fault timeout period (tFAULT) (see Figure 5). The total sequencing time is extended when the devices must vary the control slew rate to allow slow supplies to catch up. If the external FET is too small (RDS is too high for the selected load current and IN_ source current), the OUT_ voltage may never reach the control ramp voltage. For a slew rate of 935V/s, a fault is signaled if all outputs have not stabilized within 22ms. For a slew rate of 93.5V/s, a fault is signaled if sequencing takes too long (more than 219ms). The fault time period (tFAULT) is set through the capacitor at SLEW (CSLEW). Use the following formula to estimate the fault timeout period: tFAULT = 2.191 x 108 x CSLEW
Autoretry Function
The MAX6880/MAX6881/MAX6882 feature autoretry modes to power-on again after a fault condition has been detected (see the Typical Operating Characteristics). When a fault is detected, for a period of tRETRY, GATE_ remains off and the 100 pulldowns are turned on. After the tRETRY period, the device waits tDELAY and retry sequencing if all power-up conditions are met (see Figure 5). These include all VSET_ > 0.5V, EN/UV > VEN_R, and OUT_ voltages < VTH_PL. The autoretry period tRETRY is a function of CSLEW (see Table 1).
Powering the MAX6880-MAX6883
These devices derive power from either IN1, IN2, or IN3 voltage inputs (see the Functional Diagram). In order to ensure proper operation, at least one of the IN_ inputs must be at least +2.7V. The highest input voltage on IN1/IN2/IN3 supplies power to the devices. Internal hysteresis ensures that the supply input that initially powers these devices continues to power the MAX6880-MAX6883 when multiple input voltages are within 100mV (typ) of each other.
Power-Up and Power-Down
During power-up, OUT_ is forced to follow the internal reference ramp voltage by an internal loop that controls the GATE_ of the external MOSFET. This phase must be completed within the adjustable fault timeout period (tFAULT); otherwise, the part forces a shutdown on all GATE_. Once the power-up is completed, a power-down phase can be initiated by forcing VEN/UV below VEN_F. The reference voltage ramp ramps down at the capacitoradjusted slew rate. The control-loop comparators monitor each OUT_ voltage with respect to the common
Sequencing
The sequencing operation can be initiated after all input conditions for power-up are met VEN/UV > 1.25V and all SET_ inputs are above the internal SET_ threshold (0.5V). In sequencing mode, the outputs are turned on sequentially, OUT1 first and OUT3 last. Before turning on each channel, a delay period is waited (programmable by connecting a capacitor from DELAY to ground. The power-up phase for each channel ends
12
______________________________________________________________________________________
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
reference ramp voltage. During ramp down, if an OUT_ voltage is greater than the reference ramp voltage by more than VTRK, the control loop dynamically stops the control ramp voltage from decreasing until the slow OUT_ voltage catches up. If an OUT_ voltage is greater or less than the reference ramp voltage by more than VTRK_F, a fault is signaled and the fast-shutdown mode is initiated. In fast-shutdown mode, a 100 pulldown resistor is connected from OUT_ to GND to quickly discharge capacitance at OUT_, and GATE_ is pulled low with a strong IGDS current (see Figure 3). Figure 4 shows the aborted sequencing mode. When EN/UV goes low before tTIMEOUT expires, all the outputs go low, and the device goes into fast shutdown. M Margin Input (MARGIN) (MAX6880/MAX6882) MARGIN allows system-level testing while power supplies are below the normal ranges as adjusted by the SET_ inputs. Drive MARGIN low before varying system voltages below the adjusted thresholds to avoid signaling an error. The state of PG/RST does not change while MARGIN is low. PG/RST and all monitoring functions are disabled while MARGIN is low. MARGIN makes it possible to vary the supplies without a need to adjust the thresholds to prevent sequencer alerts. Drive MARGIN high or leave it unconnected for normal operating mode. Slew-Rate Control Input (SLEW) The reference ramp voltage slew rate during any controlled power-up/down phase can be programmed in the 90V/s to 950V/s range by connecting a capacitor (CSLEW) from SLEW to ground. Use the following formula to calculate the typical slew rate: Slew Rate = (9.35 x 10-8)/ CSLEW where slew rate is in V/s and CSLEW is in farads. The capacitor at CSLEW also sets the retry timeout period (tRETRY), see Table 1. For example, if CSLEW = 100pF, we have tRETRY = 350ms, t FAULT = 21.91ms, slew rate = 935V/s. For example, if CSLEW = 1nF, we have tRETRY = 3.5s, slew rate = 93.5V/s. CSLEW is the capacitor on SLEW pad, and must be large enough so the parasitic PC board capacitance is negligible. CSLEW should be in the range of 100pF < CSLEW < 1nF.
MAX6880-MAX6883
Internal Pulldown
To ensure that the OUT_ voltages are not held high by a large output capacitance after a fault has occurred, there is a 100 internal pulldown at OUT_. The pulldown ensures that all OUT_ voltages are below VTH_PL (referenced to GND) before power-up cycling is initiated. The internal pulldown also ensures a fast discharge of the output capacitor during fast shutdown and fault modes. The pulldowns are not present during normal operation.
Stability Comment
No external compensation is required for sequencing or slew-rate control.
Inputs
IN1/IN2/IN3 The highest voltage on IN1, IN2, or IN3 supplies power to the device. The undervoltage threshold for each IN_ supply is set with an external resistor-divider from each IN_ to SET_ to ground. To disable sequencing on any IN_, connect IN_ to ground (or leave unconnected) and connect SET_ to a voltage greater than 0.5V. Undervoltage Lockout Threshold Inputs (SET_) The MAX6880/MAX6881 feature three and the MAX6882/ MAX6883 feature two externally adjustable IN_ undervoltage lockout thresholds (SET1/SET2/SET3). The 0.5V SET_ threshold enables monitoring IN_ voltages as low as 0.5V. The undervoltage threshold for each IN_ supply is set with an external resistor-divider from each IN_ to SET_ to ground (see Figure 6). All SET_ inputs must be above the internal SET_ threshold (0.5V) to enable sequencing functionality. Use the following formula to set the UVLO threshold: VIN_ = VTH (R1 + R2) / R2 where VIN_ is the undervoltage lockout threshold and VTH is the 500mV SET threshold.
VIN_ R1
IN_
MAX6880- MAX6883
SET_
R2
Figure 6. Setting the Undervoltage (UVLO) Thresholds 13
______________________________________________________________________________________
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors MAX6880-MAX6883
Table 1. CSLEW Timing Formulas
TIME PERIOD Slew Rate tRETRY tFAULT FORMULAS (9.35 x 10-8) / CSLEW 3.506 x 109 x CSLEW 2.191 x 108 x CSLEW
ABP Input (MAX6880/MAX6882) ABP powers the analog circuitry. Bypass ABP to GND with a 1F ceramic capacitor installed as close to the device as possible. ABP takes the highest voltage of IN_. Do not use ABP to provide power to external circuitry. ABP maintains the device supply voltage during rapid power-down conditions. OUT1/OUT2/OUT3 The MAX6880/MAX6881 monitor three OUT_ and the MAX6882/MAX6883 monitor two OUT_ outputs to control the sequencing performance. After the internal supply (ABP) exceeds the minimum voltage (2.7V) requirements, EN/UV > VEN_R, and IN1/IN2/IN3 are all greater than their adjusted SET_ thresholds, OUT1/ OUT2/OUT3 begin to sequence. During fault conditions, an internal pulldown resistor (100) on OUT_ is enabled to help discharge load capacitance (100 is connected for fast power-down control).
Limiting Inrush Current The capacitor (CSLEW) at SLEW to ground, controls the OUT_ slew rate, thus controlling the inrush current required to charge the load capacitor at OUT_. Using the programmed slew rate, limit the inrush current by using the following formula: IINRUSH = COUT x SR where IINRUSH is in amperes, COUT is in farads, and SR is in V/s. Delay Time Input (DELAY) To adjust the desired delay period (t DELAY ) before sequencing is enabled, connect a capacitor (CDELAY) between DELAY to ground (see Figures 2 to 5). The selected delay time is also enforced when EN/UV rises from low to high when all the input voltages are present. Use the following formula to calculate the delay time: tDELAY = 200s + (500k x CDELAY) where tDELAY is in s and CDELAY is in farads. Leave DELAY unconnected for the default 200s delay. Timeout Period Input (TIMEOUT) (MAX6880/MAX6882) These devices feature a PG/RST timeout period. Connect a capacitor (C TIMEOUT ) from TIMEOUT to ground to program the PG/RST timeout period. After all OUT_ outputs exceed their IN_ referenced thresholds (VTH_PG), PG/RST remains low for the selected timeout period tTIMEOUT (see Figure 3). tTIMEOUT = 200s + (500k x CTIMEOUT) where tTIMEOUT is in s and CTIMEOUT is in farads. Leave TIMEOUT unconnected for the default 200s timeout delay. U Logic-Enable Input (EN/UV) Drive logic EN/UV input above VEN_R to initiate voltage sequencing during power-up operation. Drive logic EN/UV below V EN_F to initiate tracking power-down operation. Connect EN/UV to an external resistordivider network to set the external undervoltage lockout threshold.
Outputs
GATE_ The MAX6880-MAX6883 feature up to three GATE_ outputs to drive up to three external n-channel FET gates. The following conditions must be met before GATE_ begins enhancing the external n-channel FET_: 1) All SET_ inputs (SET1/SET2/SET3) are above their 0.5V thresholds. 2) At least one IN_ input is above the minimum operating voltage (2.7V). 3) EN/UV > 1.25V. At power-up mode, GATE_ voltages are enhanced by control loops so all OUT_ voltages sequence at a capacitor-adjusted slew rate. Each GATE_ is internally pulled up to 5V above its relative IN_ voltage to fully enhance the external n-channel FET when power-up is complete. Power-Good Output (PG/RST) (MAX6880/MAX6882) The MAX6880/MAX6882 include a power-good (PG/RST) output. PG/RST is an open-drain output and requires an external pullup resistor. All the OUT_ outputs must exceed their IN_ referenced thresholds (IN_ x VTH_PG) for the selected reset timeout period tTIMEOUT (see the TIMEOUT Period Input section) before PG/RST asserts high. PG/RST stays low for the selected reset timeout period (tTIMEOUT) after all the OUT_ voltages exceed their IN_ referenced thresholds. PG/RST goes low when VSET_ < VTH or VEN/UV < VEN_R (see Figure 2).
14
______________________________________________________________________________________
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Applications Information
MOSFET Selection
The external pass MOSFET is connected in series with the sequenced power-supply source. Since the load current and the MOSFET drain-to-source impedance (RDS) determine the voltage drop, the on characteristics of the MOSFET affect the load supply accuracy. The MAX6880-MAX6883 fully enhance the external MOSFET out of its linear range to ensure the lowest drain-to-source on-impedance. For highest supply accuracy/lowest voltage drop, select a MOSFET with an appropriate drain-to-source on-impedance with a gate-to-source bias of 4.5V to 6.0V.
Layout and Bypassing
For better noise immunity, bypass each of the IN_ inputs to GND with 0.1F capacitors installed as close to the device as possible. Bypass ABP to GND with a 1F capacitor installed as close to the device as possible. ABP is an internally generated voltage and must not be used to supply power to external circuitry.
MAX6880-MAX6883
Selector Guide
PART MAX6880 MAX6881 MAX6882 MAX6883 CHANNEL 3 3 2 2 TIMEOUT SELECTABLE Yes No Yes No PG/RST Yes No Yes No MARGIN Yes No Yes No PG THRESHOLD VOLTAGE (%) 92.5 -- 92.5 --
Chip Information
PROCESS: BiCMOS
______________________________________________________________________________________
15
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors MAX6880-MAX6883
Typical Application Circuit
IN1
OUT1
IN2
OUT2
IN3
OUT3
0.1F
0.1F
0.1F
IN1 SET1
IN2
IN3
GATE1
GATE2
GATE3 OUT1
SET2
OUT2
MAX6880
SET3 VBUS
OUT3
EN/UV
PG/RST
MARGIN ABP 1F SLEW GND DELAY TIMEOUT
16
______________________________________________________________________________________
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Pin Configurations (continued)
TOP VIEW
GATE2 GATE3 OUT2 OUT3 MARGIN GATE2 OUT2 PG/RST
MAX6880-MAX6883
12
11
10
9
12
11
10
9
OUT1 13 GATE1 14 IN3 15 IN2 16 +
8 7
SLEW DELAY GND EN/UV
OUT1 13 GATE1 14 IN2 15 IN1 16 +
8 7
TIMEOUT SLEW DELAY GND
MAX6881
EP*
6 5
MAX6882
EP*
6 5
1 IN1
2 SET3
3 SET2
4 SET1
1 ABP
2 SET2
3 SET1
4 EN/UV
4mm x 4mm THIN QFN
GATE2 OUT2 N.C. N.C.
4mm x 4mm THIN QFN
12
11
10
9
OUT1 13 GATE1 14 IN2 15 IN1 16 +
8 7
N.C. SLEW DELAY GND
MAX6883
EP*
6 5
1 N.C.
2 SET2
3 SET1
4 EN/UV
4mm x 4mm THIN QFN
*EXPOSED PADDLE CONNECTED TO GND.
______________________________________________________________________________________
17
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors MAX6880-MAX6883
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
PACKAGE OUTLINE, 12, 16, 20, 24, 28L THIN QFN, 4x4x0.8mm
21-0139
E
1
2
18
______________________________________________________________________________________
24L QFN THIN.EPS
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
MAX6880-MAX6883
PACKAGE OUTLINE, 12, 16, 20, 24, 28L THIN QFN, 4x4x0.8mm
21-0139
E
2
2
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 19 (c) 2005 Maxim Integrated Products
Heaney
Printed USA
is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX6881ETE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X