Part Number Hot Search : 
MJE150 061ED MJE150 P3055 MGFC5 WT6920AM 856331 GB4600
Product Description
Full Text Search
 

To Download ADR3410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADR3410
50 High Linearity 1 Watt Amplifier
ADVANCED PRODUCT INFORMATION - Rev 0.1
FEATURES
* * * * * * * * 1 Watt Output Power 850 to 2200 MHz Operation Bias Control Input for Linearity Adjustment 12.5 dB Gain at 2160 MHz +43 dBm Output IP3 at 2160 MHz 4 dB Noise Figure at 880 MHz Single +5 V Supply -40 to +85 C Operation
APPLICATIONS
* Driver Amplifiers for Multi-Carrier and Single Carrier Power Amplifiers in W-CDMA and PCS Base Stations ISM, Fixed Wireless and Satellite Systems
*
S27 Package 8 Pin SOIC with Heat Slug
PRODUCT DESCRIPTION
The ADR3410 is a high performance, single-stage InGaP HBT amplifier designed for use in wireless infrastructure systems as a highly linear 1 Watt driver. Packaged in a surface mount 8 pin SOIC, the die is mounted to a heat slug, offering excellent thermal dissipation and high reliability. The device may be biased through an external inductor directly to a +5 V supply, and uses an internal active bias circuit with a current adjust input for linearity control.
RFIN
RFOUT /Supply
Power Control Supply
Active Bias Circuit
Figure 1: Block Diagram
04/2003
ADR3410
GND at slug
RFIN
1
8
RFOUT/VCC1
RFIN
2
7
RFOUT/VCC1
VPC
3 Active Bias Circuit
6
RFOUT/VCC1
VCC2
4
5
RFOUT/VCC1
Figure 2: Pinout (X-ray Top View)
Table 1: Pin Description
PIN 1, 2 3 4
NAME RFIN VPC VCC2
DESCRIPTION RF Inputs. Power control input. This voltage input to the active bias circuit has a direct linear relationship to the amplifier current. Supply voltage to active bias circuit.
5, 6, RFOUT / VCC1 RF Outputs, biased to supply voltage. 7, 8 slug GND Ground
2
ADVANCED PRODUCT INFORMATION - Rev 0.1 04/2003
ADR3410
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings PARAMETER Supply Voltage (VCC1, VCC2) Power Control Voltage (VPC) RF Input Power Storage Temperature Junction Temperature MIN 0 0 -40 MAX +6 +5 +15 +20 +150 +200 UNIT VDC VDC dBm C C at 880 MHz at 2160 MHz COMMENTS
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not implied under these conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability.
Table 3: Operating Ranges
PARAMETER Operating Frequency (f) Supply Voltage (VCC1, CC2,) Power Control Voltage (VPC) Case Temperature
MIN 850 +3.6 +2.0 -40
TYP +5.0 -
MAX 2200 +6 +4.5 +85
UNIT MHz VDC VDC C
The device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defined in the electrical specifications.
ADVANCED PRODUCT INFORMATION - Rev 0.1 04/2003
3
ADR3410 Table 4: Electrical Specifications (TA = +25 C, VCC = +5 VDC, see Applications Circuits (1)) PARAMETER Gain: (S21) 880 MHz 2160 MHz Output 1dB Compression (P1dB) (2) 880 MHz 2160 MHz Output Third-Order Intercept (OIP3) 880 MHz 2160 MHz Noise Figure 880 MHz Adjacent Channel Power Ratio Thermal Resistance (JC) Total Supply Current Power Control Current
(3)
MIN
TYP
MAX
UNIT
COMMENTS
-
18.0 12.5
-
dB
VPC = +3.8 V VPC = +3.5 V
-
+29 +29
-
dBm
VPC = +3.8 V VPC = +3.5 V
-
+43 +43 4 -75 30 280 240 60
220
dBm
VPC = +3.8 V VPC = +3.5 V VPC = +3.8 V
f = 880 MHz, VPC = +3.8 V
dB dBc C/W mA A
f = 880 MHz, VPC = +3.8 V f = 2160 MHz, VPC = +3.5 V At VPC pin
Notes: (1) Performance as measured on ANADIGICS test fixture, using the appropriate Application Circuit (see figures 3 & 4) (2) OIP3 is measured with two tones at 1 MHz spacing, +13 dBm output power per tone. (3) IS-95 modulation, +13 dBm channel power, 885 KHz offset.
39 pF RFIN 12 pF 1 2 3 0.1 uF 4 RFIN RFIN VPC
ADR3410 RFOUT/VCC1 RFOUT/VCC1 RFOUT/VCC1 RFOUT/VCC1 8 7 6 5 15 nH
39 pF RFOUT 6 pF
VPC
VCC2
VCC 0.1 uF 100 pF 33 pF
All capacitors are muRata GRM39 series.The 15 nH inductor is a Coilcraft 0603CS series.
Figure 3: 869 - 894 MHz Application Circuit (50 Terminations)
4
ADVANCED PRODUCT INFORMATION - Rev 0.1 04/2003
ADR3410
15 pF RFIN 3.3 pF 1 2 3 0.1 uF 4 RFIN RFIN VPC
ADR3410 RFOUT/VCC1 RFOUT/VCC1 RFOUT/VCC1 RFOUT/VCC1 8 7 6 5 8.2 nH
15 pF RFOUT 2 pF
VPC
VCC2
VCC 0.1 uF 100 pF 33 pF
All capacitors are muRata GRM39 series.The 8.2 nH inductor is a Coilcraft 0603CS series.
Figure 4: 2110 - 2170 MHz Application Circuit (50 Terminations)
ADVANCED PRODUCT INFORMATION - Rev 0.1 04/2003
5
ADR3410
NOTES
6
ADVANCED PRODUCT INFORMATION - Rev 0.1 04/2003
ADR3410
NOTES
ADVANCED PRODUCT INFORMATION - Rev 0.1 04/2003
7
ADR3410
ANADIGICS, Inc.
141 Mount Bethel Road Warren, New Jersey 07059, U.S.A. Tel: +1 (908) 668-5000 Fax: +1 (908) 668-5132 URL: http://www.anadigics.com E-mail: Mktg@anadigics.com IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to change prior to a product's formal introduction. Information in Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
8
ADVANCED PRODUCT INFORMATION - Rev 0.1 04/2003


▲Up To Search▲   

 
Price & Availability of ADR3410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X