Part Number Hot Search : 
S3V91 XWS2405 ADV7183 PM20D33 12000 LC66512B 74AUP GC1C107M
Product Description
Full Text Search
 

To Download 2N5401N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
2N5401N
PNP Silicon Transistor
Description
* General purpose amplifier * High voltage application
Features
* High collector breakdown voltage : VCBO = -160V, VCEO = -160V * Low collector saturation voltage : VCE(sat)=-0.5V(MAX.) * Complementary pair with 2N5551N
Ordering Information
Type NO. 2N5401N Marking 2N5401 Package Code TO-92N
Outline Dimensions
unit : mm
4.20~4.40
4.20~4.40
2.25 Max.
0.52 Max.
13.50~14.50
0.90 Max. 1.27 Typ.
2.14 Typ.
123
3.55 Typ
3.09~3.29
0.40 Max.
PIN Connections 1. Emitter 2. Base 3. Collector
KSD-T0C040-000
1
2N5401N
Absolute Maximum Ratings
Characteristic
Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature range
(Ta=25C)
Symbol
VCBO VCEO VEBO IC PC TJ Tstg
Rating
-160 -160 -5 -600 400 150 -55~150
Unit
V V V mA mW C C
Electrical Characteristics
Characteristic
Collector-emitter breakdown voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol
BVCEO ICBO IEBO hFE (1) hFE (2) hFE (3) VCE(sat)(1) VCE(sat)(2) VBE(sat)(1) VBE fT Cob
* *
Test Condition
IC=-1mA, IB=0 VCB=-160V, IE=0 VEB=-5V, IC=0 VCE=-5V, IC=-1mA VCE=-5V, IC=-10mA VCE=-5V, IC=-50mA IC=-10mA, IB=-1mA IC=-50mA, IB=-5mA IC=-10mA, IB=-1mA IC=-50mA, IB=-5mA VCE=-5V, IC=-50mA VCE=-10V, IC=-10mA VCB=-10V, IE=0, f=1MHz
Min. Typ. Max.
-160 50 60 50 100 -0.7 -0.2 -0.5 -1 -1 -0.9 400 6 240 -100 -100
Unit
V nA nA V V V V V MHz pF
*
VBE(sat)(2)*
*
: Pulse Tester : Pulse Width 300s, Duty Cycle 2.0%
KSD-T0C040-000
2
2N5401N
Electrical Characteristic Curves
Fig. 1 Pc - Ta Fig. 2 IC - VBE
Fig. 3 fT - IC
Fig. 4 VCE(sat), VBE(sat) - IC
Fig. 5 Cob - VCB
KSD-T0C040-000
3
2N5401N
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice.
KSD-T0C040-000
4


▲Up To Search▲   

 
Price & Availability of 2N5401N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X