Part Number Hot Search : 
SD820S10 VS2AUF CX2029 228Q007 SM5818PL CAT4139 CS836305 KF200
Product Description
Full Text Search
 

To Download TFS622 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TFS622.doc
version 1.1 06.01.02 ______________________________________________________________________________________________________
VI TELEFILTER Filter Specification TFS 622 Page 1 / 4 ______________________________________________________________________________________________________
Measurement condition
Ambient temperature: 23 C Input power level: 3 dBm Source impedance: 185 // - 1,25 pF Load impedance: 185 // - 1,25 pF
Construction and pin configuration see page 2
Characteristics
Remark: Reference level for the relative attenuation arel is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 1 dB filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed on 622,105 MHz. The data values given below are only valid for room temperature.
Data
______________________________________________________________________________________________________
typ. value
2
tolerance/limit
max. 6
Insertion loss (Reference level)
ae = amin
dB
dB
______________________________________________________________________________________________________
622,105 MHz fN ______________________________________________________________________________________________________ Nominal frequency
arel Relative attenuation max 1 dB fN 155 kHz 1 MHz ... fN 50 MHz min 18 dB fN ______________________________________________________________________________________________________ Group delay ripple 300 ns max 600 ns fN 155 kHz ______________________________________________________________________________________________________
Nominal phase Phase lifting fN 155 kHz fN 155 kHz

- 100 -
deg
min 65 max 120 max 4 deg deg
______________________________________________________________________________________________________
Input power level
______________________________________________________________________________________________________
3
dBm
dBm
Operating temperature range - 10 C ... + 80 C __________________________________________________________________________________________ Temperature coefficient of frequency TCf *) - 0.036 ppm/K __________________________________________________________________________________________ Frequency inversion temperature
______________________________________________________________________________________________________ *) f(Hz) = TCf(ppm/K) x (T) x fTo(MHz)
35
C
10
C
Generated: Checked / approved:
Construction, pin configuration and 50 - matching network
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS622.doc
version 1.1 06.01.02 ______________________________________________________________________________________________________
VI TELEFILTER Filter Specification TFS 622 Page 2 / 4 ______________________________________________________________________________________________________
(All dimensions in mm)
TFS 622 tft L1
1 Ground 2 Ground 3 Ground 4 Output 5 Ground 6 Ground
7 Ground 8 Ground 9 Ground 10 Input 11 Ground 12 Ground
1 Ground 2 Ground 3 Ground 4 Output 5 Ground 6 Ground
7 Ground 8 Ground 9 Ground 10 Input 11 Ground 12 Ground
C1
10
4
C2
L1
10
4
L2
L1
L2 C1 C2
1,2,3,5,6,7,8,9,11,12
1,2,3,5,6,7,8,9,11,12
Air reflow temperature conditions Stability Characteristics
After the following tests the filter shall meet the whole specification: 1. Shock: 500g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 ______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS622.doc
version 1.1 06.01.02 ______________________________________________________________________________________________________
VI TELEFILTER Filter Specification TFS 622 Page 3 / 4 ______________________________________________________________________________________________________
2. Vibration: 3. Damp heat: (steady state) 4. Resistance to solder heat (reflow): 10 Hz to 500 Hz, 0,035 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 90 % to 95 % rel. humidity, 55 C, 10 days; DIN IEC 68 - 2 - 30 max. 2 times reflow process; for temperature conditions refer to the attached "Air reflow temperature conditions" on sheet 4;
Packing
Tape & Reel: IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: 3000
Tape (all dimensions in mm) W Po Do D1 E F : : : : : : 16 4 1,5 0,3 0,1 + 0,5
Do Po P2
EMBOSSED CARRIER TAPE
1,5 + 0,5 1,75 0,1 7,5 0,1 0,75 2 0,05 8 1,5 5,4 7,4 0,1
E Ao F W
D1 13,4
0,1
G (min) : P2 : P1 : D1(min) : Ao Bo : :
Bo
G
P1
0,1 0,1
COVER TAPE
W2
Reel (all dimensions in mm): A W1 W2 (max) : N (min) C : : : : 330 16,4 +2 22,4 >= 90
C A N
13
0,25
W1
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. The marking of the filters is able to read if the view is directed on the upper side of the carrier tape with the sprocket holes on the right side of the tape.
1st and 2nd air reflow profile
Name: Temperature: Time: pre-heating periods 150 C - 170 C 60 sec. - 90 sec. main-heating periods over 200 C 20 sec. - 25 sec. peak temperature 255 C 5 C
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS622.doc
version 1.1 06.01.02 ______________________________________________________________________________________________________
VI TELEFILTER Filter Specification TFS 622 Page 4 / 4 ______________________________________________________________________________________________________
Chip-mount air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS622

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X