![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DB LECTRO Inc. 7x7 Square/ Single Turn /Trimming Potentiometer -- 3323W -...Install dimension........................... Electrical Characteristics Standard Resistance Range..................50 2M Resistance Tolerance.....................................10% ...Mutual dimension........................... Absolute Minimum Resistance...........1%R 10 Contact Resistance Variation.........CRV3% 5 Insulation Resistance................R11G (500Vac) Standard Resistance Table Resistance(Ohms) 10 20 50 100 200 500 1,000 2,000 5,000 10,000 20,000 25,000 50,000 100,000 200,000 250,000 500,000 1,000,000 2,000,000 Resistance Code Withstand Voltage......................................707Vac Effective Travel................................................250 Environmental Characteristics 100 200 500 101 201 501 102 202 502 103 203 253 503 104 204 254 504 105 205 Power Rating, 315 volts max .................................... ..0.25W@70,0W@100 Temperature Range..........................-55 100 Temperature Coefficient......................250ppm/ Temperature Variation............55,30min,+100 .........................................................30min 5cycles .................................R5%R,(Uab/Uac)5% Vibration.............................10 500Hz,0.75mm,6h, ............................R5%R,(Uab/Uac)7.5%R Collision................390m/s2,4000cycles,R5%R How To Order 3323-----W-------103 Special resistances available www.dblectro.com |
Price & Availability of 3323W200
![]() |