Part Number Hot Search : 
AM29F017 CR6727A TDA8745H V360A03 1N5252B M35V1 LTM8020V U4240B
Product Description
Full Text Search
 

To Download CX2054 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Broadband: RF & Wireless
BROADBAND: RF & WIRELESS
Pulse offers a comprehensive line of RF magnetic components for use in wireless and RF applications, including mobile communications, cable television, hybrid fiber/coax (HFC) equipment, cable modems, set-top boxes, and home networking. The components are also used in RF medical and industrial equipment. Platforms include wirewound chip inductors, transformers/baluns, low-pass filters, diplex filters, directional couplers and RF splitter/combiners. These surface mount and through hole components have minimal insertion loss and excellent return loss to ease the development and manufacturing of today's RF network equipment.
RF, HFC & CATV APPLICATIONS
Low Pass Filters Part Number B5004 B5005 C5001 C5003 C5005 CX5013 C5002 In/Out Passband Impedance (MHz) 75 75 150 150 75 75 50 5-42 5-65 1-50 1-80 1-59.5 1-65 1-49 Insertion Loss (dB MAX) 1.0 1.0 1.2 1.2 1.0 1.5 1.0 Return Loss (dB MIN) 18.0 17.5 15.0 15.0 15.0 15.0 16.0 Data Sheet B907 B907 C209 C209 C209 C209 C208 Part Number A5807 A5808 A5809 A5816 A5908 A5910 A5912 A5916 C3027 C3108 CX3039 CX3042 CX3099 Frequency (MHz) 5-900 5-900 5-900 5-900 5-900 5-900 5-900 5-900 5-900 5-900 5-1000 5-1000 10-1000 Directional Couplers Z () 75 75 75 75 75 75 75 75 75 75 75 75 50 Coupling Nom. Mainline Loss (dB 0.5) (dB TYP) 10.0 7.5 12.0 16.0 7.5 10.0 12.0 16.0 16.0 7.5 20.0 6 16.0 1.1 1.6 0.9 0.8 1.6 1.1 0.9 0.8 0.6 1.6 0.5 1.76 0.8 Data Sheet A102 A102 A102 A102 A102 A102 A102 A102 C207 C243 C221 C243 C234
Diplex Filters Part Number Frequency 1 (MHz) Insertion Loss (dB) Return Loss (dB) Data Sheet
CX6006L 5-65 / 85-870 CX6006 5-65 / 85-870 CX6008 5-65 / 85-864 C6026 3 5-44 / 58-860 CX6026 5-44 / 58-860 C6039 5-860 / 975-1525 CX6007 5-42 / 88-864 C6035 3 5-42 / 88-860 CX6002 5-42 / 54-864 CX6020 2 5-42 / 54-864 C6001 5-42 / 52-870 C6001L4 5-42 / 52-870 SF9023 5-42 / 52-750 C6036NL 3, 5 10-55 / 90-770 3, 5 C6086NL 5-65 / 108-860 1. Low Pass Port / High Pass Port 2. Leadless
<1.2 16 or better C213 <1.2 18 or better C213 1 C216 1.0 TYP 14 / 9 <1.5 12 or better C236 <1.5 12 or better C236 <2.0 10 or better C250 <1.0 14 or better C211 <1.5 12 or better C236 <1.5 14 / 9 1 C230 <1.5 14 / 9 1 C230 <1.0 20 or better C204 <1.0 20 or better C204 <1.5 18 or better C202 <1.5 12 or better C236 <1.5 12 or better C236 3. Coaxial F-connector integrated 4. L = Low cost 5. NL = Lead-free
RF Splitter/Combiners: 2-Way, 0 Part Number Frequency (MHz) Isolation (dB TYP) Return Loss (TYP) 9 30 30 27 24 26 31 16 30 22 Insertion Loss Data (dB TYP) Sheet 1.7 0.22 0.22 0.45 0.48 0.65 0.48 0.65 0.8 0.65 C222 C212 C212 C226 C223 C218 C241 C220 C220 C220
C4020 1 96-864 25 CX4004 5-65 40 CX4004L 2 5-65 40 CX4005 5-250 24 C4006 5-1000 27 CX4011 5-1000 25 C4036 5-1000 25 CX4012L 2 5-1000 20 CX4024 5-1000 30 CX4012 40-1000 27 1. Differential splitter/combiner 2. L = Low cost
FIBRE CHANNEL (SAN)
Dual Serial Data Interface Transformers Part Number Turns Ratio Package Style 1 L/W/H (in.) * Data Sheet A100 A100 A101 A101 Part Number A1801 No. of Lines 2
IEEE 1394
Common Mode Choke Inductance OCL (H MIN) 3 Package L/W/H (in.) * .290 / .240 / .150 Data Sheet A104
A6801 1CT:1CT 16-pin SOIC A6802 1:1 16-pin SOIC PE-65507 1:1 16-pin SOIC PE-65508 1:1 16-pin SOIC 1. SOIC = 50 mil pitch lead spacing
.500 / .295 / .220 .500 / .295 / .220 .500 / .270 / .220 .500 / .270 / .220
THT - Through Hole Package SMT - Surface Mount Package
* Length and width are MAX package dimensions. Height includes the wash area.
G003.U (2/07)
www.pulseeng.com
7
Broadband: RF & Wireless
BROADBAND: RF & WIRELESS
RF, HFC & CATV APPLICATIONS (continued) Wideband RF Transformers
Part Impedance Number Ratio CX2068 1:12.25 C2139NL 3 1:1 CX2148 1:1 CX2148A 1:1 CX2149 1:1 CX2155 1:1 CX2156 1:1 CX2024 1:1 CX2038L 1 1:1 CX2039L 1 1:1 CX2040L 1 1:1 CX2041 1:1 CX2050 1:1 CX2060 1:1 CX2072 1:1 CX2078 1:1 CX2076 1:1 CX2043L 1 1:1.5 CX2044L 1 1:1.5 CX2081 1:1.5 CT CX2039 1:1 (50 ) CX2038 1:1 (75 ) CX2052 1:1CT Bandwidth (MHz TYP) 3 dB 2 dB 1 dB 0.1-150 0.5-100 1.5-50 -- -- 5-1000 -- -- 5-500 -- -- 5-500 -- Up to 1500 10-1200 -- -- 5-500 -- -- 2.3-2700 -- Up to 1500 10-1200 -- Up to 1500 4.5-1000 -- Up to 1500 4.5-1000 1.5-500 2.5-400 5-350 0.05-450 0.75-300 0.1-200 0.15-400 -- -- 0.15-400 -- -- Up to 1500 10-1000 -- 5-500 -- Up to 2150 -- -- 1-1000 -- 1-500 5-100 5.0-125 -- -- -- Up to 1500 4.5-1000 -- Up to 1500 4.5-1000 0.08-200 -- -- Package Style THT SMT 2 SMT SMT SMT 2 SMT SMT SMT 2 SMT 2 SMT 2 SMT 2 SMT 2 6-pin SMT 6-pin THT 5-pin SMT 5-pin SMT SMT 2 SMT 2 SMT 2 5-pin SMT SMT 2 SMT 2 6-pin SMT Data Sheet C206 C244 C224 C224 C217 C238 C215 C217 C203 C203 C203 C203 C206 C206 C227 C215 C233 C203 C203 C215 C203 C203 C206 Part Impedance Bandwidth (MHz TYP) Package Data Number Ratio 3 dB 2 dB 1 dB Style Sheet CX2062 1:1CT 0.08-200 -- -- 6-pin THT C206 CX2147 1:1CT -- -- 1-160 SMT C242 CX2157 1:1CT 0.4-800 0.5-700 1-600 SMT 2 C232 CX2045L 1 1:2 -- -- 3-300 SMT 2 C203 1 CX2047L 1:4 -- .5-300 1.5-100 SMT 2 C203 C2022 1:4CT 0.100-500 0.150-390 .300-220 6-pin SMT C200 C2073 1:4CT -- 1-500 1-200 SMT 2 C224 C2073A 1:4CT -- 1-500 1-200 SMT 2 C224 CX2032 1:4CT -- -- 5-165 Low Profile C210 CX2047 1:4CT -- 0.50-300 1.5-100 SMT 2 C203 CX2054 1:4CT 0.20-350 -- -- 6-pin SMT C206 CX2064 1:4CT 0.20-350 -- -- 6-pin THT C206 CX2065 1:4CT 0.02-250 -- -- 6-pin THT C206 CX2074 1:4CT -- -- 5-170 SMT C242 CX2158 1:4CT 2-775 3-600 6-250 SMT 2 C232 CX2049L 1 1:8 2-500 -- -- SMT 2 C203 CX2059 1:9 0.15-200 -- -- 6-pin SMT C206 C2020 1CT:1CT 0.150-210 .200-150 .350-90 6-pin SMT C200 C2042 1CT:1CT 0.30-300 0.40-200 0.5-90 6-pin SMT C210 CX2029 36:1CT 0.05-21 -- -- SMT 2 C203 CX2141 4CT:1CT 0.3 - 300 0.4 - 200 0.5 - 90 SMT 2 C232 CX2142 1:1 -- -- 50-870 SMT 2 C232 C2160 2.65:1 Up to 130 Up to 100 0.40-70 SMT 2 C232 1. L = Low cost 2. Leadless 3. NL = Lead-free
THT - Through Hole Package SMT - Surface Mount Package
8
www.pulseeng.com
G003.U (2/07)


▲Up To Search▲   

 
Price & Availability of CX2054

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X