Part Number Hot Search : 
DG387BA SI823X THAT1280 150EBU02 M67781 R3740 70005 AN7147N
Product Description
Full Text Search
 

To Download IPS13N03LA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPD13N03LA IPS13N03LA
IPF13N03LA IPU13N03LA
OptiMOS(R)2 Power-Transistor
Features * Ideal for high-frequency dc/dc converters * Qualified according to JEDEC1) for target applications * N-channel, logic level * Excellent gate charge x R DS(on) product (FOM) * Superior thermal resistance * 175 C operating temperature
Product Summary V DS R DS(on),max ID 25 12.8 30 V m A
Type
IPD13N03LA
IPF13N03LA
IPS13N03LA
IPU13N03LA
Package Ordering Code Marking
P-TO252-3-11 Q67042-S4159 13N03LA
P-TO252-3-23 Q67042-S4195 13N03LA
P-TO251-3-11 Q67042-S4248 13N03LA
P-TO251-3-21 Q67042-S4160 13N03LA
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C2) T C=100 C Pulsed drain current Avalanche energy, single pulse Reverse diode dv /dt Gate source voltage4) Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1 I D,pulse E AS dv /dt V GS P tot T j, T stg T C=25 C T C=25 C3) I D=24 A, R GS=25 I D=30 A, V DS=20 V, di /dt =200 A/s, T j,max=175 C Value 30 30 210 60 6 20 46 -55 ... 175 55/175/56 mJ kV/s V W C Unit A
Rev. 1.7
page 1
2004-05-24
IPD13N03LA IPS13N03LA
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case SMD version, device on PCB R thJC R thJA Values typ.
IPF13N03LA IPU13N03LA
Unit max.
minimal footprint 6 cm2 cooling area5)
3.2 75 50
K/W
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=20 A V DS=25 V, V GS=0 V, T j=25 C V DS=25 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=4.5 V, I D=20 A V GS=10 V, I D=30 A Gate resistance Transconductance RG g fs |V DS|>2|I D|R DS(on)max, I D=30 A 25 1.2 1.6 0.1 2 1 A V
18
10 10 17.5 10.7 0.9 36
100 100 21.9 12.8 S nA m
1)
J-STD20 and JESD22 Current is limited by bondwire; with an R thJC=3.2 K/W the chip is able to carry 47 A. See figure 3 T j,max=150 C and duty cycle D <0.25 for V GS<-5 V
2)
3)
4) 5)
2 Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
Rev. 1.7
page 2
2004-05-24
IPD13N03LA IPS13N03LA
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics 6) Gate to source charge Gate charge at threshold Gate to drain charge Switching charge Gate charge total Gate plateau voltage Gate charge total, sync. FET Output charge Reverse Diode Diode continous forward current Diode pulse current Diode forward voltage IS I S,pulse V SD T C=25 C V GS=0 V, I F=30 A, T j=25 C V R=15 V, I F=I S, di F/dt =400 A/s 0.95 Q gs Q g(th) Q gd Q sw Qg V plateau Q g(sync) Q oss V DS=0.1 V, V GS=0 to 5 V V DD=15 V, V GS=0 V V DD=15 V, I D=15 A, V GS=0 to 5 V 2.7 1.3 1.8 3.3 6.3 3.4 5.5 6.6 C iss C oss Crss t d(on) tr t d(off) tf V DD=15 V, V GS=10 V, I D=15 A, R G=2.7 784 303 41 5.4 4.6 15 2.6 Values typ.
IPF13N03LA IPU13N03LA
Unit max.
V GS=0 V, V DS=15 V, f =1 MHz
1043 402 62 8.0 6.9 23 3.9
pF
ns
3.6 1.7 2.7 4.7 8.3 7.3 8.7
nC
V nC
30 210 1.2
A
V
Reverse recovery charge
Q rr
-
-
10
nC
6)
See figure 16 for gate charge parameter definition
Rev. 1.7
page 3
2004-05-24
IPD13N03LA IPS13N03LA
1 Power dissipation P tot=f(T C) 2 Drain current I D=f(T C); V GS10 V
IPF13N03LA IPU13N03LA
50
40
40 30
30
P tot [W]
I D [A]
20 10 0 0 50 100 150 200
20
10
0 0 50 100 150 200
T C [C]
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
1000
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
10
limited by on-state resistance
1 s 0.5
100
10 s
1
0.2
Z thJC [K/W]
I D [A]
0.1 0.05 0.02 0.01
100 s DC
10
1 ms
0.1
10 ms
single pulse
1 0.1 1 10 100
0.01
0
0
0
0
0
0
1
V DS [V]
10-6
10-5
10-4
10-3
10-2
10-1
100
t p [s]
Rev. 1.7
page 4
2004-05-24
IPD13N03LA IPS13N03LA
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
60
10 V
IPF13N03LA IPU13N03LA
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
50
3V 4.5 V 3.2 V 3.5 V 3.8 V 4.1 V
50
40
40
4.1 V
R DS(on) [m]
30
4.5 V
I D [A]
30
3.8 V
20
20
3.5 V
10
10
3.2 V 3V 2.8 V
10 V
0 0 1 2 3
0 0 10 20 30 40 50
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
60
8 Typ. forward transconductance g fs=f(I D); T j=25 C
50
40
40 30
g fs [S]
20 20 10
175 C 25 C
I D [A]
0 0 1 2 3 4 5
0 0 10 20 30 40 50 60
V GS [V]
I D [A]
Rev. 1.7
page 5
2004-05-24
IPD13N03LA IPS13N03LA
9 Drain-source on-state resistance R DS(on)=f(T j); I D=30 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
24 2.5
IPF13N03LA IPU13N03LA
20 2
16
200 A 98 %
R DS(on) [m]
V GS(th) [V]
1.5
20 A
12
typ
1
8
4
0.5
0 -60 -20 20 60 100 140 180
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. Capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
104
10000
1000
25 C
103
1000
Ciss
100
175 C, 98% 175 C 25 C, 98%
C [pF]
102
I F [A]
10 1 20 25 30 0.0
Coss
100
Crss
101
10
0
5
10
15
0.5
1.0
1.5
2.0
V DS [V]
V SD [V]
Rev. 1.7
page 6
2004-05-24
IPD13N03LA IPS13N03LA
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
100
IPF13N03LA IPU13N03LA
14 Typ. gate charge V GS=f(Q gate); I D=25 A pulsed parameter: V DD
12
15 V
10
150 C
100 C
25 C
5V
20 V
8
10
V GS [V]
1 10 100 1000
I AV [A]
6
4
2
1
0 0 2 4 6 8 10 12 14
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
29
V GS
28 27 26
Qg
V BR(DSS) [V]
25 24 23 22 21 20 -60 -20 20 60 100 140 180
V g s(th)
Q g(th) Q gs
Q sw Q gd
Q g ate
T j [C]
Rev. 1.7
page 7
2004-05-24
IPD13N03LA IPS13N03LA
Package Outline P-TO252-3-11: Outline
IPF13N03LA IPU13N03LA
Footprint:
Packaging:
Dimensions in mm
Rev. 1.7
page 8
2004-05-24
IPD13N03LA IPS13N03LA
Package Outline P-TO252-3-23: Outline
IPF13N03LA IPU13N03LA
Footprint:
Dimensions in inch [mm]
Rev. 1.7
page 9
2004-05-24
IPD13N03LA IPS13N03LA
Package Outline P-TO251-3-11: Outline
IPF13N03LA IPU13N03LA
P-TO251-3-21: Outline
Dimensions in inch [mm]
Rev. 1.7
page 10
2004-05-24
IPD13N03LA IPS13N03LA
Published by Infineon Technologies AG Bereich Kommunikation St.-Martin-Strae 53 D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved.
IPF13N03LA IPU13N03LA
Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices, please contact your nearest Infineon Technologies office in Germany or our Infineon Technologies representatives worldwide (see address list). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact your nearest Infineon Technologies office. Infineon Technologies' components may only be used in life-support devices or systems with the expressed written approval of Infineon Technologies if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.7
page 11
2004-05-24


▲Up To Search▲   

 
Price & Availability of IPS13N03LA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X