Part Number Hot Search : 
B8850 NTXV2N6 N74ACT KST9015 SF1608GD SFF10 IDT74A C4467
Product Description
Full Text Search
 

To Download DL4743A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
DL4728A THRU DL4754A
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
FEATURES
* Voltage Range:3.3V to 39V * Double slug type construction
DL-41
MECHANICAL DATA
* Case: Glass sealed case * Terminals:Solder plated, solderable per MIL-STD-750, Method 2026 * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.35 gram
5.00.2
0.4 2.4+0.1
CATHODE MARK
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in millimeters
SYMBOL Zener Current see Table "Characterisitics" Power Dissipation at Tamb=25 oC Junction Temperature Storage Temperature Range Ptot Tj Tstg
VALUE 1 (1) 175 -55 to + 200
UNITS
W
o o
C
C
K/mW Thermal Resistance Junction to Ambient Air RthA 170
(1)
Typ. Min. Max. Volts
Forward Voltage at IF=200mA
VF
1.2
Typ. Min. Max.
1)Valid Provided that leads are kept at ambient temperature at a distance of 10 mm from case. NOTE: Suffix "A" indicates Zener Voltage Tolerance 5%
300
EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT
RATING AND CHARACTERISTIC CURVES (DL4728A THRU DL4754A)
Nominal Zener Voltage VZ@IZT Volts
DL4728A DL4729A DL4730A DL4731A DL4732A DL4733A DL4734A DL4735A DL4736A DL4737A DL4738A DL4739A DL4740A DL4741A DL4742A DL4743A DL4744A DL4745A DL4746A DL4747A DL4748A DL4749A DL4750A DL4751A DL4752A DL4753A DL4754A 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39
Test Maximum Zener Maximum Reverse Max. Surge Maximum IZK Regulator Current Current Impedance Leakage Current Current IR IZT ZZT@IZT ZZT@IZK IR @VR IZM mA Ohms Ohms uA Volts mA mA mA
76 69 64 58 53 49 45 41 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 10 10 9.0 9.0 8.0 7.0 5.0 2.0 3.5 4.0 4.5 5.0 7.0 8.0 9.0 10 14 16 20 22 23 25 35 40 45 50 60 400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 100 100 50 10 10 10 10 10 10 10 10 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 1380 1260 1170 1085 965 890 810 730 660 605 550 500 454 414 380 344 304 285 250 225 205 190 170 150 135 125 115 276 252 234 217 193 178 162 146 133 121 110 100 91 83 76 69 61 57 50 45 41 38 34 30 27 25 23
Admissible power dissipation versus ambient temperature
Valid provided that leads are kept at ambient temperature at a distance of 10mm from case
W 1.0 mA 240
Breakdown characteristics
5V 10V 15V 20V 200 IZ
DL47-SERIES
25V 30V
0.8
Ptot
0.6
160
0.4
120
0.2
80
0 0 100 200 C
o
0 7V5 6V8 6V2 5V6 5V1 4V7 4V3 3V9 3V3 9V1 11 12 15 20 22 24 27
Tamb
VZ
DC COMPONENTS CO., LTD.
R
301
NEXT NEXT
BACK BACK
EXIT EXIT


▲Up To Search▲   

 
Price & Availability of DL4743A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X