Part Number Hot Search : 
SC458 GRM1555C PDTC124 BLF888BS GMBT2411 RATION 11173 7620K
Product Description
Full Text Search
 

To Download CXG1212UR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Power 3P3T Switch with Logic Control
Preliminary
PreliminaryCXG1212UR
Description
This IC can be used in wireless communication systems, for example, CDMA EV-DO handsets. The IC has on-chip logic for operation with 3 CMOS control inputs. The Sony JPHEMT process is used for low insertion loss and on-chip logic circuit. (Applications: Antenna switch for cellular handsets, CDMA, EV-DO)
Features
Low insertion loss: 0.3dB@900MHz 3 CMOS compatible control line
Package
Small package size: 20-pin UQFN
Structure
GaAs JPHEMT MMIC
Absolute Maximum Ratings
(Ta = 25C) Bias voltage Control voltage Operating temperature Storage temperature RF input power VDD Vctl Topr Tstg 7 5 -35 to +85 -60 to +150 V V
C C
Pin = 37dBm
This IC is ESD sensitive device. Special handling precautions are required. Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-1-
PE05729-PS
CXG1212UR
Block Diagram and Recommended Circuit
RF5 (Ext)
CRF GND GND
RF3 (GPS)
CRF GND 7 6 GND RF1 (CDMA1) 4 CRF 3 F8 RF2 (CDMA2) 2 F9 1 GND CRF GND
10 GND RF6 (Sub-Ant) 12 CRF GND6 13 F13 F12
9
8
11
F7 F6 F5 F1 F2 F10
5
GND4 RF4 (Main-Ant)
14
F11
F4 F3
15 CRF 16 GND Cbypass (100pF) 17 VDD 18 CTLA 19 CTLB 20 CTLC
F5 F6
When using this IC, the following external components should be used: CRF: This capacitor is used for RF decoupling and must be used for all applications. Cbypass: This capacitor is used for DC line filtering.
Truth Table
State CTLA CTLB CTLC 1 2 3 4 5 6 7 8 L L H H L L H H L L L L H H H H L H L H L H L H Mode CDMA1 Ext ON state F1 F2 F3 F4 F7 F8 F9 F10 F11 F12 F13 ON ON OFF ON
RF1 - RF5 OFF ON OFF OFF OFF OFF OFF OFF ON
CDMA1 Ext RF1 - RF5 OFF ON ON OFF OFF OFF OFF OFF OFF ON ON OFF OFF CDMA2 Sub RF2 - RF6 CDMA1 Main RF1 - RF4 ON OFF OFF OFF OFF OFF OFF OFF ON ON OFF ON ON
CDMA1 Main RF1 - RF4 ON OFF ON OFF OFF OFF OFF OFF OFF ON OFF ON OFF CDMA2 Sub RF2 - RF6 GPS Ext CDMA2 Ext GPS Main GPS Sub RF3 - RF5 OFF OFF OFF OFF OFF OFF ON ON ON OFF ON OFF ON RF2 - RF5 OFF OFF OFF ON OFF OFF OFF ON OFF ON ON OFF ON RF3 - RF4 OFF OFF OFF OFF ON OFF OFF ON ON OFF OFF ON ON
RF3 - RF6 OFF OFF OFF OFF OFF ON OFF ON ON OFF ON ON OFF
-2-
CXG1212UR
DC Bias Conditions
(Ta = 25C) Item Vctl (H) Vctl (L) VDD Min. 2.0 0 2.6 Typ. 2.85 -- 2.85 Max. 3.2 0.5 3.2 Unit V V V
Pin Description
Pin No. 1 2 3 4 5 6 7 8 9 10 GND RF2 (CDMA2) GND RF1 (CDMA1) GND GND RF3 (GPS) GND GND RF5 (Ext) Symbol Pin No. 11 12 13 14 15 16 17 18 19 20 GND RF6 (Sub-Ant) GND6 GND4 RF4 (Main-Ant) GND VDD CTLA CTLB CTLC Symbol
-3-
CXG1212UR
Electrical Characteristics
(Ta = 25C, VDD = 2.85V) Item Symbol Condition 900MHz Insertion loss IL 1.5GHz 1.9GHz 900MHz Isolation ISO. 1.5GHz 1.9GHz VSWR VSWR 2fo Harmonics 3fo 50
*1 *3 *1 *3 *2
Min.
Typ. 0.30 0.40 0.50
Max. 0.55 0.65 0.75
Unit dB dB dB dB dB dB --
23 20 18
30 30 25 1.2 -75 -75 -75 -75 -60 -60 -60 -60
dBc dBc dBc dBc dBm dBm dBm s A A
Input IP3 1dB compression input power Switching speed Bias current Control current
*1 *2 *3 *4
IIP3 P1dB TSW IDD Ictl
55 55
65 65 32 4 10 450 45
*4
VDD = 2.85V
VDD = 2.85V Vctl (H) = 2.85V
270 15
Pin = 25dBm, 0/2.85V control, VDD = 2.85V, 900MHz Pin = 25dBm (900MHz) + 25dBm (901MHz), 0/2.85V control, VDD = 2.85V Pin = 25dBm, 0/2.85V control, VDD = 2.85V, 1.9GHz Pin = 25dBm (1.9GHz) + 25dBm (1.901GHz), 0/2.85V control, VDD = 2.85V
-4-
CXG1212UR
Package Outline
(Unit: mm)
20PIN UQFN (PLASTIC)
x4 0.1 0.55 0.05 2.7 15 16 11 10 2.7 A 0.4 0.1 1.3 S A-B C
4-R0.3
C B
20 1 PIN 1 INDEX 5
6
0.4 0.18 0.07 0.25 0.05 M S A-B C
0.14
0.
26
0.05
S
S
Solder Plating + 0.09 0.14 - 0.03 + 0.09 0.25 - 0.03
MAX0.02
5-18m
S
TERMINAL SECTION
Note:Cutting burr of lead are 0.05mm MAX.
SONY CODE EIAJ CODE JEDEC CODE UQFN-20P-01
PACKAGE STRUCTURE
PACKAGE MATERIAL LEAD TREATMENT LEAD MATERIAL PACKAGE MASS EPOXY RESIN SOLDER PLATING COPPER ALLOY 0.02g
LEAD PLATING SPECIFICATIONS ITEM LEAD MATERIAL SOLDER COMPOSITION PLATING THICKNESS SPEC. COPPER ALLOY Sn-Bi Bi:1-4wt%
-5-
Sony Corporation


▲Up To Search▲   

 
Price & Availability of CXG1212UR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X