Part Number Hot Search : 
BAT54 SOT15 WP710 41000 CM1117F 15N120 13R683C TND027TD
Product Description
Full Text Search
 

To Download SY10E141 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micrel, Inc.
8-BIT SHIFT REGISTER
SY10E141 SY100E141 SY10E141
SY100E141
FEATURES
s s s s s s s s s s s 700MHz min. shift frequency Extended 100E VEE range of -4.2V to -5.5V 8 bits wide Bi-directional Four selectable modes for full functionality Asynchronous Master Reset Fully compatible with industry standard 10KH, 100K ECL levels Internal 75K input pulldown resistors Fully compatible with Motorola MC10E/100E141 Pin-compatible with E241 Available in 28-pin PLCC package
DESCRIPTION
The SY10/100E141 are 8-bit, full-function shift registers designed for use in new, high-performance ECL systems. The E141 performs serial/parallel in and serial/parallel out, shifting in either direction. The eight inputs D0-D7 accept parallel input data, while DL/DR accept serial input data for left/right shifting. The two select pins, SEL0 and SEL1 permit four modes of operation: Load, Hold, Shift Left and Shift Right, as shown in the Truth Table. Input data is clocked into the register on the rising clock edge after meeting the minimum set-up time. A logic HIGH on the Master Reset (MR) pin asynchronously resets all the registers to zero.
PIN NAMES
Pin D0-D7 DL, DR SEL0, SEL1 CLK Q0-Q7 MR VCCO Function Parallel Data Inputs Serial Data Inputs Mode Select Inputs Clock Data Outputs Master Reset VCC to Output
BLOCK DIAGRAM
DL BITS 1-6
D DR D0
Q R Q0 D
D
Q R Q D7
D
Q R Q7
SEL1 SEL0 CLK MR
M9999-032006 hbwhelp@micrel.com or (408) 955-1690
Rev.: E
Amendment: /0
1
Issue Date: March 2006
Micrel, Inc.
SY10E141 SY100E141
PACKAGE/ORDERING INFORMATION
VCCO Q7 SEL0
Ordering Information(1)
Part Number Package Type J28-1 J28-1 J28-1 J28-1 J28-1 J28-1 J28-1 J28-1 Operating Range Commercial Commercial Commercial Commercial Industiral Industrial Industrial Industrial Package Marking SY10E141JC SY10E141JC SY100E141JC SY100E141JC SY10E141JY with Pb-Free bar-line indicator SY10E141JY with Pb-Free bar-line indicator SY100E141JY with Pb-Free bar-line indicator SY100E141JY with Pb-Free bar-line indicator Lead Finish Sn-Pb Sn-Pb Sn-Pb Sn-Pb Matte-Sn Matte-Sn Matte-Sn Matte-Sn
DL
25 24 23 22 21 20 19
D7 D6
D5
SEL1 CLK MR VEE DR D0 D1
26 27 28 1 2 3 4 5 6 7 8 9 10 11
18 17
Q6 Q5 VCC NC VCCO Q4 Q3
SY10E141JC SY10E141JCTR(2) SY100E141JC SY100E141JCTR(2) SY10E141JY(3) SY10E141JYTR(2, 3) SY100E141JY(3) SY100E141JYTR(2, 3)
Notes:
PLCC TOP VIEW J28-1
16 15 14 13 12
Q0
28-Pin PLCC (J28-1)
D4 VCCO
Q1 Q2
D2 D3
1. Contact factory for die availability. Dice are guaranteed at TA = 25C, DC Electricals only. 2. Tape and Reel. 3. Pb-Free package is recommended for new designs.
TRUTH TABLE
Function Load Shift Right Shift Left Hold Reset DL X X X L H X X X DR X L H X X X X X SEL0 L L L H H H H X SEL1 L H H L L H H X MR L L L L L L L H CLK Z Z Z Z Z Z Z X Q0 D0 L H L Q0 Q0 Q0 L Q1 D1 Q0 L Q0 Q1 Q1 Q1 L Q2 D2 Q1 Q0 Q1 Q2 Q2 Q2 L Q3 D3 Q2 Q1 Q2 Q3 Q3 Q3 L Q4 D4 Q3 Q2 Q3 Q4 Q4 Q4 L Q5 D5 Q4 Q3 Q4 Q5 Q5 Q5 L Q6 D6 Q5 Q4 Q5 L L L L Q7 D7 Q6 Q5 L H H H L
M9999-032006 hbwhelp@micrel.com or (408) 955-1690
2
Micrel, Inc.
SY10E141 SY100E141
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0C Symbol IIH IEE Parameter Input HIGH Current Power Supply Current 10E 100E -- -- 131 131 157 157 -- -- 131 131 157 157 -- -- 131 151 157 181 TA = +25C TA = +85C Max. 150 Unit A mA Condition -- -- Min. Typ. Max. Min. Typ. -- -- 150 -- -- Max. Min. Typ. 150 -- --
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0C Symbol fSHIFT tPD Parameter Max. Shift Frequency Propagation Delay to Output CLK MR Set-up Time D SEL0 SEL1 Hold Time D SEL0 SEL1 Reset Recovery Time Minimum Pulse Width CLK, MR Within-Device Skew Rise/Fall Time 20% to 80% 700 625 600 175 350 300 200 100 100 900 400 -- 300 900 750 725 25 200 150 -25 -200 -150 700 -- 60 525 -- 975 975 -- -- -- -- -- -- -- -- -- 800 TA = +25C 700 625 600 175 350 300 200 100 100 900 400 -- 300 900 750 725 25 200 150 -25 -200 -150 700 -- 60 525 -- 975 975 -- -- -- -- -- -- -- -- -- 800 TA = +85C Max. -- 975 975 ps 175 350 300 200 100 100 900 400 -- 300 25 200 150 -25 -200 -150 700 -- 60 525 -- -- -- ps -- -- -- -- -- -- 800 ps ps ps ps -- -- 1 -- -- -- Unit MHz ps 625 600 750 725 Condition -- -- 700 900 Min. Typ. Max. Min. Typ. Max. Min. Typ.
tS
tH
tRR tPW tskew tr tf
Note: 1. Within-device skew is defined as identical transitions on similar paths through a device.
M9999-032006 hbwhelp@micrel.com or (408) 955-1690
3
Micrel, Inc.
SY10E141 SY100E141
28-PIN PLCC (J28-1)
Rev. 03
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131
TEL
USA
+ 1 (408) 944-0800
FAX
+ 1 (408) 474-1000
WEB
http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2006 Micrel, Incorporated. M9999-032006 hbwhelp@micrel.com or (408) 955-1690
4


▲Up To Search▲   

 
Price & Availability of SY10E141

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X