Part Number Hot Search : 
3638A 2220A FH22NJ CMZ5342 5310F STLC5465 MPC83 KSZ8995X
Product Description
Full Text Search
 

To Download WFP70N06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Wisdom Semiconductor
WFP70N06
N-Channel MOSFET
Features

RDS(on) (Max 0.015 )@VGS=10V Gate Charge (Typical 50nC) Improved dv/dt Capability, High Ruggedness 100% Avalanche Tested Maximum Junction Temperature Range (175C)
Symbol
2. Drain
1. Gate

3. Source
General Description
This Power MOSFET is produced using Wisdom's advanced planar stripe, DMOS technology. This latest technology has been especially designed to minimize on-state resistance, have a high rugged avalanche characteristics. These devices are well suited for high efficiency switch mode power supplies, active power factor correction, electronic lamp ballasts based on half bridge topology.
TO-220
12
3
Absolute Maximum Ratings
Symbol
VDSS ID IDM VGS EAS EAR dv/dt PD TSTG, TJ TL Drain to Source Voltage Continuous Drain Current(@TC = 25C) Continuous Drain Current(@TC = 100C) Drain Current Pulsed Gate to Source Voltage Single Pulsed Avalanche Energy Repetitive Avalanche Energy Peak Diode Recovery dv/dt Total Power Dissipation(@TC = 25 C) Derating Factor above 25 C Operating Junction Temperature & Storage Temperature Maximum Lead Temperature for soldering purpose, 1/8 from Case for 5 seconds.
(Note 2) (Note 1) (Note 3) (Note 1)
Parameter
Value
60 70 48 280
Units
V A A A V mJ mJ V/ns W W/C C C
20
756 16.2 7.0 162 1.08 - 55 ~ 175 300
Thermal Characteristics
Symbol
RJC RCS RJA
Parameter
Thermal Resistance, Junction-to-Case Thermal Resistance, Case to Sink Thermal Resistance, Junction-to-Ambient
Value Min.
-
Typ.
0.5 -
Max.
0.93 62.5
Units
C/W C/W C/W
Copyright@Wisdom Semiconductor Inc., All rights reserved.
WFP70N06
Electrical Characteristics
Symbol Off Characteristics
BVDSS BVDSS/ TJ IDSS Drain-Source Breakdown Voltage Breakdown Voltage Temperature coefficient Drain-Source Leakage Current Gate-Source Leakage, Forward Gate-source Leakage, Reverse VGS = 0V, ID = 250uA ID = 250uA, referenced to 25 C VDS = 60V, VGS = 0V VDS = 48V, TC = 125 C VGS = 20V, VDS = 0V VGS = -20V, VDS = 0V VDS = VGS, ID = 250uA VGS =10 V, ID = 35A 60 0.07 10 100 100 -100 V V/C uA uA nA nA ( TC = 25 C unless otherwise noted )
Parameter
Test Conditions
Min
Typ
Max
Units
IGSS
On Characteristics
VGS(th) RDS(ON) Gate Threshold Voltage Static Drain-Source On-state Resistance 2.0 0.0125 4.0 0.015 V
Dynamic Characteristics
Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd Input Capacitance Output Capacitance Reverse Transfer Capacitance VGS =0 V, VDS =25V, f = 1MHz 1755 790 155 2280 1030 200 pF
Dynamic Characteristics
Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge(Miller Charge) VDS =48V, VGS =10V, ID =70A
(Note 4, 5)
VDD =30V, ID =35A, RG =25
(Note 4, 5)
25 135 115 105 50 11 18
60 280 240 220 65 nC ns
-
Source-Drain Diode Ratings and Characteristics
Symbol
IS ISM VSD trr Qrr NOTES
1. Repeativity rating : pulse width limited by junction temperature 2. L = 180uH, IAS =70A, VDD = 25V, RG = 25 , Starting TJ = 25C 3. ISD 70A, di/dt 300A/us, VDD BVDSS, Starting TJ = 25C 4. Pulse Test : Pulse Width 300us, Duty Cycle 2% 5. Essentially independent of operating temperature.
Parameter
Continuous Source Current Pulsed Source Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Test Conditions
Integral Reverse p-n Junction Diode in the MOSFET IS =70A, VGS =0V IS=70A, VGS=0V, dIF/dt=100A/us
Min.
-
Typ.
60 110
Max.
70 280 1.5 -
Unit.
A V ns uC
Copyright@Wisdom Semiconductor Inc., All rights reserved.
Typical Characteristics
10
2
ID, Drain Current [A]
10
1
ID, Drain Current [A]
VGS 15.0 V 10.0 V 8.0 V 7.0 V 6.0 V 5.5 V 5.0 V Bottom : 4.5 V Top :
10
2
10
1
175 25 -55
Notes : 1. VDS = 25V 2. 250s Pulse Test
Notes : 1. 250s Pulse Test 2. TC = 25
10 -1 10
0
10
0
10
1
10
0
VDS, Drain-Source Voltage [V]
2
4
6
8
10
VGS, Gate-Source Voltage [V]
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
30
Drain-Source On-Resistance
VGS = 10V
20
VGS = 20V
15
IDR, Reverse Drain Current [A]
25
10
2
R DS(O N) [m ],
10
10
1
5
Note : TJ = 25
175
0
25
Notes : 1. VGS = 0V 2. 250s Pulse Test
0 0 50 100 150 200 250 300
10
ID, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VSD, Source-Drain voltage [V]
Figure 3. On-Resistance Variation vs. Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage Variation vs. Source Current and Temperature
12
5000
Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd Crss = Cgd
VGS, Gate-Source Voltage [V]
4000
10
VDS = 30V VDS = 48V
Coss
Capacitance [pF]
8
3000
Ciss
Notes : 1. VGS = 0 V 2. f = 1 MHz
6
2000
4
1000
Crss
2
Note : ID = 70A
0 -1 10
10
0
10
1
0
0
10
20
30
40
50
60
VDS, Drain-Source Voltage [V]
QG, Total Gate Charge [nC]
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Typical Characteristics
(Continued)
1.2
2.5
BVDSS, (Normalized) Drain-Source Breakdown Voltage
RDS(ON), (Normalized) Drain-Source On-Resistance
1.1
2.0
1.5
1.0
1.0
0.9
Notes : 1. VGS = 0 V 2. ID = 250 A
0.5
Notes : 1. VGS = 10 V 2. ID = 35 A
0.8 -100
-50
0
50
100
o
150
200
0.0 -100
-50
0
50
100
o
150
200
TJ, Junction Temperature [ C]
TJ, Junction Temperature [ C]
Figure 7. Breakdown Voltage Variation vs. Temperature
80
Operation in This Area is Limited by R DS(on)
Figure 8. On-Resistance Variation vs. Temperature
10
3
70 60
ID, Drain Current [A]
10
2
ID, Drain Current [A]
100 s 1 ms 10 ms DC
10
1
50 40 30 20 10 0 25
Notes :
1. TC = 25 C 2. TJ = 175 C 3. Single Pulse
o o
10 -1 10
0
10
0
10
1
10
2
50
75
100
125
150
175
VDS, Drain-Source Voltage [V]
TC, Case Temperature []
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current vs. Case Temperature
10
0
Z JC Thermal Response (t),
D = 0 .5 0 .2
10
-1
0 .1 0 .0 5 0 .0 2 0 .0 1
N o te s : 1 . Z J C t) = 0 .9 3 /W M a x . ( 2 . D u ty F a c to r , D = t 1 /t 2 3 . T J M - T C = P D M * Z J C t) (
PDM t1
s in g le p u ls e
t2
10
-2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
t 1 , S q u a r e W a v e P u ls e D u r a tio n [s e c ]
Figure 11. Transient Thermal Response Curve
Gate Charge Test Circuit & Waveform
5K 0 1V 2 20F 0n 30F 0n
SmTp a e ye a DT sU V D S
VS G Q g 1V 0 Q g s Q g d
VS G
DT U
3A m
C re hg a
Resistive Switching Test Circuit & Waveforms
V D S R G V G S
R L V D D
V D S
9 0 %
1 0 V
D U T
V G S
1 0 %
to d) (n
t r tn o
to df (f ) tf o f
t f
Unclamped Inductive Switching Test Circuit & Waveforms
L V D S I D R G 1 0 V
tp
BS VS D 1 2 -----------E= - LS - - - - - - A -- I SA 2 B S- D VS V D D BS VS D IS A V D D I( t D) V D D
t p
D U T
V( Dt S) Te i m
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
+ V
DS
_ I
SD
L D r iv e r R
G
S am e T ype as DUT
V
DD
V
GS
* d v / d t c o n t r o lle d b y R G * I S D c o n t r o l l e d b y p u l s e p e r io d
V GS ( D r iv e r )
G a t e P u ls e W id t h D = -------------------------G a t e P u ls e P e r io d
10V
I F M , B o d y D io d e F o r w a r d C u r r e n t
I SD (DUT ) IR M
d i/ d t
B o d y D io d e R e v e r s e C u r r e n t
V DS (DUT )
B o d y D io d e R e c o v e r y d v / d t
V
SD
V
DD
B o d y D io d e F o r w a r d V o lt a g e D r o p
Package Dimensions
TO-220
9.90 0.20 1.30 0.10 2.80 0.10 (8.70) o3.60 0.10 (1.70) 4.50 0.20
1.30 -0.05
+0.10
9.20 0.20
(1.46)
13.08 0.20
(1.00)
(3.00)
15.90 0.20
1.27 0.10
1.52 0.10
0.80 0.10 2.54TYP [2.54 0.20] 2.54TYP [2.54 0.20]
10.08 0.30
18.95MAX.
(3.70)
(45 )
0.50 -0.05
+0.10
2.40 0.20
10.00 0.20


▲Up To Search▲   

 
Price & Availability of WFP70N06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X