Part Number Hot Search : 
S974T ST22F 1N4060A MMBFJ113 AM252 MM74C92 SMP11 100N02AE
Product Description
Full Text Search
 

To Download P4KE11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
TVS P4KE SERIES
GPP TRANSIENT VOLTAGE SUPPRESSOR
400 WATT PEAK POWER 1.0 WATT STEADY STATE
FEATURES
* * * * * * Plastic package has underwriters laboratory Glass passivated chip construction 400 watt surage capability at 1ms Excellent clamping capability Low zener impedance Fast response time
DO-41
Ratings at 25 o C ambient temperature unless otherwise specified.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load, For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix for types P4KE6.8 thru P4KE400 Electrical characteristics apply in both direction
MAXIMUM RATINGS (At TA = 25 C unless otherwise noted) RATINGS Peak Power Dissipation at TA = 25 oC, TP = 1mS ( Note 1 ) Steady State Power Dissipation at TL = 75oC lead lengths, .375" ( 9.5 mm ) ( Note 2 ) Peak Forward Surge Current, 8.3ms single half sine wavesuperimposed on rated load( JEDEC METHOD ) ( NoteS 3 ) Maximum Instantaneous Forward Current at 25A for unidirectional only ( Note 4 ) Operating and Storage Temperature Range
o o
SYMBOL PPPM PD
VALUE Minimum 400 1.0
UNITS Watts Watts
IFSM
40
Amps
VF TJ, TSTG
3.5/6.5 -65 to + 175
Volts
0
C 1998-8
NOTES : 1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25 C per Fig.2. 2. Mounted on 1.6 X 1.6" ( 40 X 40mm ) per Fig. 5 3. VF = 3.0V max. for devices of V(BR) < 200V and VF = 6.5 Volts max. for devices of V(BR) > 200V.
Back
RECTRON
RECTRON
RECTRON
RECTRON


▲Up To Search▲   

 
Price & Availability of P4KE11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X