Part Number Hot Search : 
0LVEL L9658 ISL88731 OM5239ST 12000 681KD20 4026BEY 12TRPBF
Product Description
Full Text Search
 

To Download AT405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POSEICO
POSEICO SPA POwer SEmiconductors Italian COrporation
POSEICO SPA Via N. Lorenzi 8, 16152 Genova - ITALY Tel. ++ 39 010 6556234 - Fax ++ 39 010 6557519 Sales Office: Tel. ++ 39 010 6556775 - Fax ++ 39 010 6442510
PHASE CONTROL THYRISTOR
AT405
Repetitive voltage up to Mean on-state current Surge current 1200 V 305 A 2.8 kA
FINAL SPECIFICATION
gen 03 - ISSUE : 05
Symbol
Characteristic
Conditions
Tj [C]
125 125 125
Value
Unit
BLOCKING
V V V I I
RRM RSM DRM RRM DRM
Repetitive peak reverse voltage Non-repetitive peak reverse voltage Repetitive peak off-state voltage Repetitive peak reverse current Repetitive peak off-state current V=VRRM V=VDRM
1200 1300 1200 30 30
V V V mA mA
125 125
CONDUCTING
I I I V V r
T (AV) T (AV) TSM
Mean on-state current Mean on-state current Surge on-state current I t On-state voltage Threshold voltage On-state slope resistance
180 sin, 50 Hz, Th=55C, double side cooled 180 sin, 50 Hz, Tc=85C, double side cooled sine wave, 10 ms without reverse voltage On-state current = 600 A 25 125 125 125
305 245 2.8 39 x1E3 1.88 1.0 1.900
A A kA As V V mohm
I t
T T(TO) T
SWITCHING
di/dt dv/dt td tq Q rr I rr I I
H L
Critical rate of rise of on-state current, min. Critical rate of rise of off-state voltage, min. Gate controlled delay time, typical Circuit commutated turn-off time, typical Reverse recovery charge Peak reverse recovery current Holding current, typical Latching current, typical
From 75% VDRM up to 300 A, gate 10V 5ohm Linear ramp up to 70% of VDRM VD=100V, gate source 10V, 10 ohm , tr=.5 s dV/dt = 20 V/s linear up to 75% VDRM di/dt=-20 A/s, I= 195 A VR= 50 V VD=5V, gate open circuit VD=5V, tp=30s
125 125 25 125 25 25
200 500 0.7 200
A/s V/s s s C A
300 700
mA mA
GATE
V I V V I V P P
GT GT GD FGM FGM RGM GM G
Gate trigger voltage Gate trigger current Non-trigger gate voltage, min. Peak gate voltage (forward) Peak gate current Peak gate voltage (reverse) Peak gate power dissipation Average gate power dissipation
VD=5V VD=5V VD=VDRM
25 25 125
3.5 200 0.25 20 8 5
V mA V V A V W W
Pulse width 100 s
75 1
MOUNTING
R R T F
th(j-h) th(c-h) j
Thermal impedance, DC Thermal impedance Operating junction temperature Mounting force Mass ORDERING INFORMATION : AT405 S 12 standard specification
Junction to heatsink, double side cooled Case to heatsink, double side cooled
95 20 -30 / 125 4.9 / 5.9 55
C/kW C/kW C kN g
VDRM&VRRM/100
AT405 PHASE CONTROL THYRISTOR
FINAL SPECIFICATION gen 03 - ISSUE : 05
POSEICO
POSEICO SPA POwer SEmiconductors Italian COrporation
DISSIPATION CHARACTERISTICS SQUARE WAVE
Th [C] 130 120 110 100 90 80
30
70 60 50 0 100
60
90
120 180 DC
200 IF(AV) [A]
300
400
500
PF(AV) [W] 800 700
180 DC 120 90 60 30
600 500 400 300 200 100 0 0 100 200
300 IF(AV) [A]
400
500
AT405 PHASE CONTROL THYRISTOR
FINAL SPECIFICATION gen 03 - ISSUE : 05
POSEICO
POSEICO SPA POwer SEmiconductors Italian COrporation
DISSIPATION CHARACTERISTICS SINE WAVE
Th [C] 130 120 110 100 90 80
30
70 60 50 0 100
60
90
120 180
200 IF(AV) [A]
300
400
500
PF(AV) [W] 800 700 600 500
30 60 90 120 180
400 300 200 100 0 0 100 200 IF(AV) [A] 300 400 500
AT405 PHASE CONTROL THYRISTOR
FINAL SPECIFICATION gen 03 - ISSUE : 05
POSEICO
POSEICO SPA POwer SEmiconductors Italian COrporation
ON-STATE CHARACTERISTIC Tj = 125 C
SURGE CHARACTERISTIC Tj = 125 C
1000 900 800 On-state Current [A] 700 ITSM [kA] 0.6 1.1 1.6 2.1 2.6 600 500 400 300 200 100 0 On-state Voltage [V]
3
2.5
2
1.5
1
0.5
0 1 10 n cycles 100
TRANSIENT THERMAL IMPEDANCE DOUBLE SIDE COOLED
100.0 90.0 80.0 70.0 Zth j-h [C/kW] 60.0 50.0 40.0 30.0 20.0 10.0 0.0 0.001
0.01
0.1 t[s]
1
10
100 Cathode terminal type DIN 46244 - A 4.8 - 0.8 Gate terminal type AMP 60598 - 1 Distributed by
All the characteristics given in this data sheet are guaranteed only with uniform clamping force, cleaned and lubricated heatsink, surfaces with flatness < .03 mm and roughness < 2 m. In the interest of product improvement POSEICO S.p.A. reserves the right to change any data given in this data sheet at any time without previous notice. If not stated otherwise the maximum value of ratings (simbols over shaded background) and characteristics is reported.


▲Up To Search▲   

 
Price & Availability of AT405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X