Part Number Hot Search : 
MAX38 E058A40 2SD2499 AN5551 ADG512BN H1270NL DG261208 LM129BH
Product Description
Full Text Search
 

To Download TS112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS112
Multifunction Telecom Switch
Load Voltage Load Current Max RON
TS112 350 120 20
Units V mA
Description TS112 is a 350V, 120mA, 20 1-Form-A relay with an optocouper in a single package for telecom applications. It features lower on-resistance and high sensitivity.
Features * Small 8 Pin SOIC Narrow Package * Low Drive Power Requirements (TTL/CMOS Compatible) * No Moving Parts * High Reliability * Arc-Free With No Snubbing Circuits * 1500VRMS Input/Output Isolation * FCC Compatible * VDE Compatible * No EMI/RFI Generation * Machine Insertable, Wave Solderable * Tape & Reel Version Available Applications * Telecommunications * Telecom Switching * Tip/Ring Circuits * Modem Switching (Laptop, Notebook, Pocket Size) * Hookswitch * Dial Pulsing * Ground Start * Ringer Injection * Instrumentation * Multiplexers * Data Acquisition * Electronic Switching * I/O Subsystems * Meters (Watt-Hour, Water, Gas) * Medical Equipment-Patient/Equipment Isolation * Security * Aerospace * Industrial Controls
Approvals * UL Recognized: File Number Pending * CSA Certified: File Number Pending * BSI Certified: Pending
Options/Suffixes * Narrow Package * TR: Tape & Reel
Ordering Information Part # TS112 TS112TR Description 8 Pin SOIC (50/Tube) 8 Pin SOIC Tape & Reel (1000/Reel)
Pin Configuration
TS112 Pinout
+ LED - Relay - LED - Relay Collector - Phototransistor Emitter - Phototransistor 1 2 3 4 8 7 6 5 Load - Relay (MOSFET Output) Load - Relay (MOSFET Output) LED - Phototransistor -/+ LED - Phototransistor +/-
DS-TS112-R1
www.clare.com
1
TS112
Absolute Maximum Ratings (@ 25 C)
Parameter Input Power Dissipation Input Control Current Peak (10ms) Reverse Input Voltage Total Power Dissipation Isolation Voltage Input to Output Operational Temperature Storage Temperature Soldering Temperature (10 Seconds Max.)
1 2
Min 1500 -40 -40 -
Typ Max Units - 1501 mW 100 mA 1 A 5 V - 8002 mW VRMS +85 C +125 C +220 C
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this data sheet is not implied. Exposure of the device to the absolute maximum ratings for an extended period may degrade the device and effect its reliability.
Derate Linearly 1.33 mw/C Derate Linearly 6.67 mw/C
Electrical Characteristics
Parameter Relay Portion (Pins 7, 8) Output Characteristics @ 25C Load Voltage (Peak) Load Current (Continuous) Peak Load Current On-Resistance Off-State Leakage Current Switching Speeds Turn-On Turn-Off Output Capacitance Load Current Limit Relay Portion (Pins 1, 2) Input Characteristics @ 25C Input Control Current Input Dropout Current Input Voltage Drop Reverse Input Voltage Reverse Input Current Detector Portion (Pins 3, 4) Output Characteristics @ 25C Phototransistor Blocking Voltage Phototransistor Output Current Saturation Voltage Current Transfer Ratio Conditions Symbol Min Typ Max Units
10ms IL=120mA VL=350V IF=5mA, VL=10V IF=5mA, VL=10V 50V; f=1MHz
VL IL ILPK RON ILEAK TON TOFF COUT ICL
-
15 25 -
350 120 350 20 1 3 3 -
V mA mA A ms ms pF mA
IL=120mA IF=5mA VR
IF IF VF VR IR
2 0.4 0.9 -
0.7 1.2 -
50 1.4 5 10
mA mA V V A
IC=10A VCE=5V, IF=0mA IC=2mA, IF=16mA IF=6mA, VCE=0.5V
BVCEO ICEO VSAT CTR
20 33
50 50 0.3 100
500 0.5 -
V nA V %
2
www.clare.com
Rev. 1
TS112
Electrical Characteristics (continued)
Parameter Detector Portion (Pins 5, 6) Input Characteristics @ 25C Input Control Current Input Voltage Drop Input Current (Detector must be off) Input to Output Capacitance (Relay Only) Input to Output Isolation Conditions Symbol Min Typ Max Units
IC=2mA, VCE=0.5V IF=5mA IC=1A, VCE=5V
IF VF IF
6 0.9 5
2 1.2 25
100 1.4 -
mA V A
-
CI/O VI/O
1500
0.8 -
-
pF VRMS
Rev. 1
www.clare.com
3
TS112
PERFORMANCE DATA*
35 30 Device Count (N)
TS112 Typical LED Forward Voltage Drop (N=50 Ambient Temperature = 25C) IF = 5mADC
35 30 Device Count (N) 25 20 15 10 5 0 1.17 1.19 1.21 1.23 1.25
TS112 Typical On-Resistance Distribution (N=50 Ambient Temperature = 25C) (Load Current = 120mADC)
35 30 Device Count (N) 8.75 9.25 9.75 10.25 10.75 25 20 15 10 5 0
TS112 Typical Blocking Voltage Distribution (N=50 Ambient Temperature = 25C)
25 20 15 10 5 0 LED Forward Voltage Drop (V)
365
375
385
395
405
415
425
On-Resistance ()
Blocking Voltage (V)
TS112 Typical IF for Switch Operation (N=50 Ambient Temperature = 25C) (Load Current = 120mADC)
25 20 15 10 5 0 0.30 0.42 0.54 0.66 0.78 0.90 1.02 LED Current (mA) 25 20 15 10 5 0
TS112 Typical IF for Switch Dropout (N=50 Ambient Temperature = 25C) (Load Current = 120mADC)
25 20 15 10 5 0 0.18 0.30 0.42 0.54 0.66 0.78 0.90
TS112 Typical Turn-On Time (N=50 Ambient Temperature = 25C) (Load Current = 120mADC; IF = 2mADC)
Device Count (N)
Device Count (N)
Device Count (N)
0.88
1.23
1.58
1.93
2.28
2.63
2.98
LED Current (mA)
Turn-On (ms)
25 20 15 10 5 0
TS112 Typical Turn-Off Time (N=50 Ambient Temperature = 25C) (Load Current = 120mADC; IF = 2mADC)
Percent of Maximum Load Rating (Typical) (%) 100 75 50 25 0 0.06 0.10 0.14 0.18 0.22 0.26 0.30
TS112 Load Current vs. Ambient Temperature
0.10 0.09 0.08 0.07 0.06 0.05 0.04 0.03 0.02 0.01 0 -40
TS112 Typical Leakage vs. Temperature (Measured across Pins 15 & 16)
Device Count (N)
Leakage (A)
IF = 5mA
-40
0
25
50
85
-20
0
20
40
60
80
100
Turn-Off (ms)
Ambient Temperature (C)
Temperature (C)
TS112 Typical Blocking Voltage vs. Temperature
415 Blocking Voltage (VRMS) 410 Turn-On (ms) 405 400 395 390 385 380 -40 -20 0 20 40 60 80 100 Temperature (C) 3.0 2.5 2.0 1.5 1.0 0.5 0 -40
TS112 Typical Turn-On vs. Temperature (Load Current = 120mADC)
0.30 0.25 Turn-Off (ms) 5mA 0.20 0.15 0.10 0.05
TS112 Typical Turn-Off vs. Temperature (Load Current = 120mA)
10mA 20mA
5mA 0 -20 0 20 40 60 80 100 -40 -20 0 20 40 60 80 100 Temperature (C) Temperature (C)
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
4
www.clare.com
Rev. 1
TS112
PERFORMANCE DATA*
TS112 Typical LED Forward Voltage Drop vs. Temperature
LED Forward Voltage Drop (V) 1.8 1.6 Turn-On (ms) 1.4 1.2 1.0 0.8 -40 -20 0 20 40 60 80 100 120 Temperature (C)
TS112 Typical Turn-On vs. LED Forward Current (Load Current = 120mADC)
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30 35 40 45 50 Forward Current (mA)
TS112 Typical Turn-Off vs. LED Forward Current (Load Current = 120mADC)
0.18 0.16 Turn-Off (ms) 0.14 0.12 0.10 0.08 0.06 0.04 0 5 10 15 20 25 30 35 40 45 50 Forward Current (mA)
50mA 30mA 20mA 10mA 5mA
60 On-Resistance () 50 40 30 20 10 0
TS112 Typical On-Resistance vs. Temperature (Load Current = 120mADC; IF = 2mADC)
TS112 Typical IF for Switch Operation vs. Temperature (Load Current = 120mADC)
1.8 1.6 LED Current (mA) 1.2 1.0 0.8 0.6 0.4 0.2 0 LED Current (mA) 1.4 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 -40 -20 0 20 40 60 80 100 0 -40
TS112 Typical IF for Switch Dropout vs. Temperature (Load Current = 120mADC)
-40
-20
0
20
40
60
80
100
-20
0
20
40
60
80
100
Temperature (C)
Temperature (C)
Temperature (C)
200 150 Load Current (mA) 100 50 0 -50 -100 -150
TS112 Typical Load Current vs. Load Voltage (Ambient Temperature = 25C) IF = 5mADC
TS112 Energy Rating Curve
1.2
Normalized CTR (%)
TS112 Typical Normalized CTR vs. Forward Current (VCE = 0.5V)
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0
1.0 Load Current (A) 0.8 0.6 0.4 0.2 0 10s 100s 1ms 10ms 100ms Time 1s 10s 100s
-200 -2.0 -1.5
-1.0 -0.5
0
0.5
1.0
1.5
2.0
0
2
4
6
8
10
12
14
16
18
20
Load Voltage (V)
IF (mA)
TS112 Typical Normalized CTR vs. Temperature (VCE = 0.5V)
8 Normalized CTR (%) 7 6 IC (mA) 5 4 3 2 1 0 -40 -20 0 20 40 60
TS112 Typical Collector Current vs. Forward Current (VCE = 0.5V)
12 10 8 6 4 2 0 0 2 4 6 8 10 12 14 16 18 20
1mA 2mA 5mA 10mA 15mA 20mA 80 100 120
Temperature (C)
IF (mA)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
Rev. 1
www.clare.com
5
TS112
Mechanical Dimensions
8 Pin SOIC Narrow ("N" Suffix)
6.09 .10 (.240 .004) .38 x 45 (.015 x 45) 1.01 .025 (.040 .001) .20 .025 (.008 .001) 2.18 MAX. (.086) 3.81 .05 (.150 .002) 9.34 .20 (.368 .008)
PC Board Pattern (Top View) 2.540 .127
(.100 .005)
1.193 (.047) .787 (.031)
5.080 .127 (.200 .005)
2.54 TYP. .38 TYP. (.100 TYP.) (.015 TYP.)
Tape and Reel Packaging for 8 and 16 Pin Narrow SOIC Package
330.2 DIA. (13.00) 6.73 (.265) .41 (.016) 2.01 (.079) 1.50 (.059) 3.99 (.157)
1.75 (.069)
Top Cover Tape Thickness .10 MAX. (.004) 12.09 (.476)
7.49 (.295)
2.70 (.106) 2.30 (.091)
2.00 (.079)
1
16.00 (.630) 6.80 (.268) 10.30 (.406)
Embossed Carrier
Top Cover Tape
.05R TYP.
11.99 (.472)
3.00 (.118) 6.50 (.256)
1.55 .102 (.061 .004)
Embossment
User Direction of Feed
Dimensions mm (inches)
6
www.clare.com
Rev. 1
Worldwide Sales Offices
CLARE LOCATIONS
Clare Headquarters 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Clare Micronix Division 145 Columbia Aliso Viejo, CA 92656-1490 Tel: 1-949-831-4622 Fax: 1-949-831-4628 Clare Switch Division 4315 N. Earth City Expressway Earth City, MO 63045 Tel: 1-314-770-1832 Fax: 1-314-770-1812
EUROPE
European Headquarters CP Clare nv Bampslaan 17 B-3500 Hasselt (Belgium) Tel: 32-11-300868 Fax: 32-11-300890 France Clare France Sales Lead Rep 99 route de Versailles 91160 Champlan France Tel: 33 1 69 79 93 50 Fax: 33 1 69 79 93 59 Germany Clare Germany Sales ActiveComp Electronic GmbH Mitterstrasse 12 85077 Manching Germany Tel: 49 8459 3214 10 Fax: 49 8459 3214 29 Italy C.L.A.R.E.s.a.s. Via C. Colombo 10/A I-20066 Melzo (Milano) Tel: 39-02-95737160 Fax: 39-02-95738829 Sweden Clare Sales Comptronic AB Box 167 S-16329 Spanga Tel: 46-862-10370 Fax: 46-862-10371 United Kingdom Clare UK Sales Marco Polo House Cook Way Bindon Road Taunton UK-Somerset TA2 6BG Tel: 44-1-823 352541 Fax: 44-1-823 352797
ASIA/PACIFIC
Asian Headquarters Clare Room N1016, Chia-Hsin, Bldg II, 10F, No. 96, Sec. 2 Chung Shan North Road Taipei, Taiwan R.O.C. Tel: 886-2-2523-6368 Fax: 886-2-2523-6369
SALES OFFICES AMERICAS
Americas Headquarters Clare 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Eastern Region Clare 603 Apache Court Mahwah, NJ 07430 Tel: 1-201-236-0101 Fax: 1-201-236-8685 Toll Free: 1-800-27-CLARE Central Region Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824 Western Region Clare 1852 West 11th Street, #348 Tracy, CA 95376 Tel: 1-209-832-4367 Fax: 1-209-832-4732 Toll Free: 1-800-27-CLARE Canada Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824
http://www.clare.com
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare's Standard Terms and Conditions of Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of Clare's product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-TS112-R1 (c)Copyright 2001, Clare, Inc. OptoMOS(R) is a registered trademark of Clare, Inc. All rights reserved. Printed in USA. 6/21/01


▲Up To Search▲   

 
Price & Availability of TS112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X