Part Number Hot Search : 
PCF8593P 3CU30 ON1868 TIP3055G 2SA748 NJM2761 3002E MS4M5
Product Description
Full Text Search
 

To Download BG240128E1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BO LYMIN
BG240128E1
Feature 1. SMT PCB with metal frame 2. No built-in controller 3. 1/128 duty cycle 4. +5V power supply 5. Option: negative voltage 6. Option: temperature compensation 7. Option: LED array/edge B/L, EL B/L, CCFL
Mechanical Data Item Standard Value Module Dimension 144.0 x 104.0 Viewing Area 114.0 x 64.0 Dot Size 0.43 x 0.43 Dot Pitch 0.45 x 0.45 Pin Assignment Pin Symbol
1 2 3 4 5 6 7 8~11 12 13 14 15 FLM CP LP M Vdd Vss Vee DB0~DB3 Vo NC A K
Unit mm mm mm mm Electronic Characteristics
Function
First Line Marker Data Shift Clock Data Latch Clock AC signal for LCD driver output Power supply (GND) Power supply (GND) Negative voltage output Data bus line Contrast adjustment No connection Backlight power supply(+) Backlight power supply(GND)
Symbol Condition Typical Unit Value Input Voltage Vdd Vdd = +5V 5.0 V Supply Current Idd Vdd = +5V 6.0 mA LCD Driving 18.5 V Vdd-Vo 25 oC Voltage Item
LED Forward
Voltage
Vf If
25 oC 25 oC
4.2 900
V
Current
LED Forward
mA
Dimension
8.0 15 0 144.00.5 128.0 114.0(VA) 107.98(AA) A 10.3(EL or No B/L) 14.3(LED or CCFL B/L) 9.2 (LED or CCFL B/L) 5.2 (EL or No B/L) 1
3.5
0.45 0.43 A 104.00.5 74.0 64.0(VA 57.58(AA A 240*128 DOTS 8 0.45 0.43 1515 1.0 PTH 2 0 PAD .0 PTH .0 PAD 2.5 5 1.6 L B/L(OPTION) 97.0 5 DOT SIZE SCALE 10/1 4.0
3.0


▲Up To Search▲   

 
Price & Availability of BG240128E1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X