Part Number Hot Search : 
78FDH HC244 TORX177 4HCT3 SST509 SGM9114 SFT1403 UN603
Product Description
Full Text Search
 

To Download T201SH9ABE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T Series Subminiature Toggle Switches
Features/Benefits
Models Available
S S S S S S
Compact size--small footprint Single and double pole models PC and panel mount options available
A Toggle
Typical Applications
Hand-held telecommunications Instrumentation Medical equipment
Build-A-Switch
Our easy Build-A-Switch concept allows you to mix and match options to create the switch you need. Below is a complete listing of options shown in catalog. To order, simply select desired option from each category and place in the appropriate box. Switches with standard options are shown on pages A-40 and A-41. Available options are shown and described on pages A-41 thru A-45. For additional options not shown in catalog, consult Customer Service Center. All models have epoxy terminal seal and are compatible with all "bottom-wash" PCB cleaning methods. Typical Example:
Switch Function T101 (STD.) SPDT On-None-On T103 (STD.) SPDT On-Off-On T105 (STD.) SPDT Mom.-Off-Mom. T201 (STD.) DPDT On-None-On T102 SPST Off-None-On T107 SPDT On-Off-Mom. T108 SPDT On-None-Mom. T203 DPDT On-Off-On T205 DPDT Mom.-Off-Mom. T207 DPDT On-Off-Mom. T208 DPDT On-None-Mom. T211 DPDT On-On-On
T10
1
S
H
Z
Q
E
Actuator M (STD.) .210 high P3 (STD.) Flatted, anti-rotation, .450 high S (STD.) .370 high K Locking lever K1 Locking lever L .290 high L1 .620 high M1 .220 high S1 .410 high
Bushing H (STD.) .220 high, threaded, flat H9 (STD.) .220 high, unthreaded, flat CF Splashproof, .310 high, threaded, flat D9 .260 high, unthreaded, keyway K9 .310 high, unthreaded, keyway T .310 high, threaded, flat T9 .310 high, unthreaded, flat TD .260 high, threaded, keyway TK .310 high, threaded, keyway Y .220 high, threaded, keyway Y9 .220 high, unthreaded, keyway
Terminations A (STD.) Right angle, PC thru-hole AV (STD.) Vertical right angle, PC thru-hole C (STD.) PC Thru-hole V3 (STD.) Vertical mount V-bracket Z (STD.) Solder lug W Wire wrap Contact Material B (STD.) Gold Q (STD.) Silver K Gold M Silver G Gold over silver L Gold over silver
Seal E (STD.) Epoxy
Locking Lever Actuator Finish NONE (STD.) Natural aluminum 2 Black 3 Red 7 Blue
Specifications
CONTACT RATING: B contact material: 0.4 VA max. @ 20 V AC or DC max. Q contact material (TX01 models): 3 AMPS @ 120 V AC or 28 V DC. All other models: 2 AMPS @ 120 V AC or 28 V DC. See page A-45 for additional ratings. ELECTRICAL LIFE: TX01 models: 60,000 make-and-break cycles at full load. All other models: 30,000 cycles. CONTACT RESISTANCE: Below 20 milliohms typ. initial @ 2-4 V DC, 100 mA, for both silver and gold plated contacts. INSULATION RESISTANCE: 109 ohms min. DIELECTRIC STRENGTH: 1000 V RMS min. @ sea level. OPERATING TEMPERATURE: - 30_C to 85_C. SOLDERABILITY: Per MIL-STD-202F method 208D, or EIA RS-186E method 9 (1 hour steam aging).
NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
Materials
CASE: Glass filled nylon 6/6, flame retardant, heat stabilized or diallyl phthalate (DAP), (UL 94V-0). ACTUATOR: Brass, chrome plated. BUSHING: Brass, nickel plated. HOUSING: Stainless steel. SWITCH SUPPORT: Brass, tin plated. END CONTACTS: B contact material: Copper alloy, with gold plate over nickel plate. Q contact material: Coin silver, silver plated. See page A-45 for additional contact materials. CENTER CONTACTS & TERMINALS: B contact material: Copper alloy, with gold plate over nickel plate. Q contact material: Copper alloy, silver plated. See page A-45 for additional contact materials. TERMINAL SEAL: Epoxy. HARDWARE: Nut & Locking Ring: Brass, nickel plated. Lockwasher: Steel, nickel plated.
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846 Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602 S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
Rev. A 8/99
A-39
T Series Subminiature Toggle Switches
SWITCHES WITH STANDARD OPTIONS
A Toggle
POS. 1 NO. POLES SPDT ON POS. 2 POS. 3 PART NUMBER
T101SHZQE
NOTE: For PC termination, replace `Z' with `C'. For panel mounting information, see page A-42. For PC mounting information, see page A-43.
T101SHZQE
SPDT
T102 Models: Omit terminal 2
PART NUMBER
NO. POLES DPDT ON
T201SHZQE
T201SHZQE
NOTE: For PC termination, replace `Z' with `C'. For panel mounting information, see page A-42. For PC mounting information, see page A-43.
DPDT
POS. 1 NO. POLES ON ON SPDT MOM. ON ON
PART NUMBER
T101MH9ABE Horizontal Actuation
SPDT
T101MH9ABE T103MH9ABE T105MH9ABE T107MH9ABE T108MH9ABE
NOTE: For PC mounting information, see page A-43. MOM. = Momentary
POS. 1 NO. POLES DPDT ON
PART NUMBER
T201MH9ABE T201MH9ABE Horizontal Actuation
NOTE: For PC mounting information, see page A-43.
DPDT
A-40
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846 Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602 S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
Rev. A 8/99
NNN NNN
POS. 1
NNN NNN
NONE POS. 2 NONE POS. 2
ON
POS. 3
ON
POS. 3
NN NN
NONE OFF OFF OFF NONE POS. 2
ON ON MOM. MOM. MOM.
POS. 3
NN NN
NONE
ON
T Series Subminiature Toggle Switches
SWITCH WITH STANDARD OPTIONS
POS. 1 NO. POLES SPDT
POS. 2
POS. 3
A Toggle
PART NUMBER
T101MH9AVBE
ON
NOTE: For PC mounting information, see page A-44.
NO. POLES
MODEL NO.
T101 (STD.) T103 (STD.) T105 (STD.)
SP
ON ON MOM. ON ON OFF ON ON MOM. ON ON ON
T107 T108 T102 T201 (STD.) T203 T205
DP
T207 T208 T211*
MOM. = Momentary All models with all options when ordered with G, L, M or Q contact material.
ACTUATOR
M
(STD.) .210 HIGH
S
(STD.) .370 HIGH
1
Standard with A, AV or V3 terminations.
Standard with Z, C or W terminations.
L
.290 HIGH
L1
.620 HIGH
1
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846 Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602 S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
Rev. A 8/99
NNNN NNNN
NNN
NONE POS. 1
ON
T101MH9AVBE Vertical Actuation
SPDT
SWITCH FUNCTION
SWITCH FUNCTION POS. 2 POS. 3 CONNECTED TERMINALS POS. 1 POS. 2 POS. 3
SCHEMATIC ON ON MOM. MOM. MOM. ON ON ON MOM. MOM. MOM. ON 2-3,5-6 2-3,5-4 2-1,5-4 DPDT * Wiring for 3-way switch, see page L-29. 2-3,5-6 OPEN 2-1,5-4 OPEN N/A 3-1 SPDT SPST 2-3 OPEN 2-1
NONE OFF OFF OFF NONE NONE NONE OFF OFF OFF NONE ON
ACTUATOR
ACTUATOR FINISH
M1 .220 HIGH
S1
.410 HIGH
1
2
2
P3
(STD.) ANTI-ROTATION, FLATTED, .450 HIGH
1
2
Actuator shown with standard H bushing. Subtract .040 (1,02) for TD and D9 bushings, subtract .090 (2,29) for T, T9, TK, K9 & CF bushings.
2
Actuators shown with T, TK & CF bushings, add .050 (1,27) for TD and D9 bushings, add .090 (2,29) for H, H9, Y & Y9 bushings. NOTE: Dress nut part number 709901201 supplied standard with threaded bushing. All actuators have chrome finish (except K & K1). No finish selection required.
Available with T & T9 bushings only.
A-41
T Series Subminiature Toggle Switches
ACTUATOR
ACTUATOR
ACTUATOR FINISH
K
LOCKING LEVER
K1
LOCKING LEVER
Locking Positions
A Toggle
-01 & -02 Models 2 Position lock
-03 & -11 Models 3 Position lock
-08 Models 1 Position lock
OPTION CODE
K & K1 ACTUATOR CAP FINISH (STD.) NATURAL AL. BLACK ANODIZED AL. RED ANODIZED AL. BLUE ANODIZED AL.
Not available with CF bushing option. NOTE: Keyway on right side. To prevent accidental actuation, toggles must be lifted before being actuated. When released, toggles again lock in place. Overtightening mounting nut may cause actuator to bind. Bushing option code not required. Not available with TX05 & TX07 models.
NONE 2 3 7
BUSHING
H (STD.) .220 HIGH THREADED, FLAT H9 (STD.) .220 HIGH UNTHREADED, FLAT Y .220 HIGH THREADED, KEYWAY Y9 .220 HIGH UNTHREADED, KEYWAY T .310 HIGH THREADED, FLAT T9 .310 HIGH UNTHREADED, FLAT
H standard with C, W & Z terminations. H9 standard with A, AV & V3 terminations.
TK K9
.310 HIGH THREADED, KEYWAY .310 HIGH UNTHREADED, KEYWAY
TD D9
.260 HIGH THREADED, KEYWAY .260 HIGH UNTHREADED, KEYWAY
CF
SPLASHPROOF, .310 HIGH THREADED, FLAT
IP67 Degree of protection. Internal o-ring actuator seal and external bushing seal washer standard. Not available with K locking lever option. 10 - 48 BUSHING PANEL MOUNTING 1/4 IN. BUSHING
With Standard Locking Ring
With Standard Locking Ring
With Standard Locking Ring
Without Locking Ring
Without Locking Ring
With Small Locking Ring
Without Locking Ring
A-42
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846 Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602 S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
Rev. A 8/99
T Series Subminiature Toggle Switches
TERMINATIONS
Z
(STD.) SOLDER LUG
C
SP DP
(STD.) PC THRU-HOLE
SP
DP
A Toggle
Not available with K, L or M contact materials.
W
WIRE WRAP PC MOUNTING SP DP
T102 - omit center hole.
A
(STD.) RIGHT ANGLE, PC THRU-HOLE PC MOUNTING
Actuator Shown In Pos. 1
T101MH9ABE Horizontal Actuation
SPDT
Not available with T102 model.
A
(STD.) RIGHT ANGLE, PC THRU-HOLE PC MOUNTING
Actuator Shown In Pos. 1
T201MH9ABE Horizontal Actuation
DPDT
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846 Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602 S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
Rev. A 8/99
A-43
T Series Subminiature Toggle Switches
TERMINATIONS
AV
(STD.) VERTICAL RIGHT ANGLE, PC THRU-HOLE
A Toggle
PC MOUNTING
T101MH9AVBE Vertical Actuation
Actuator Shown In Pos. 1 T102 Models: Omit terminal 2
SPDT
NOTE: Terminal bend radii and lead-in manufacturing option.
AV
(STD.) VERTICAL RIGHT ANGLE, PC THRU-HOLE
PC MOUNTING
T201MH9AVBE Vertical Actuation
Actuator Shown In Pos. 1
DPDT
NOTE: Terminal bend radii and lead-in manufacturing option.
V3
(STD.) VERTICAL MOUNT, V-BRACKET
PC MOUNTING
T101MH9V3BE
SPDT
Actuator Shown In Pos. 1
T102 Models: Omit terminal 2
T102 Models: Omit center hole.
A-44
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846 Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602 S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
Rev. A 8/99
T Series Subminiature Toggle Switches
TERMINATIONS
V3
(STD.) VERTICAL MOUNT, V-BRACKET
A
PC MOUNTING
Toggle
T201MH9V3BE
DPDT
Actuator Shown In Pos. 1
CONTACT MATERIAL
OPTION CODE
CONTACT MATERIAL
TERMINAL PLATING GOLD 1
RATINGS
B (STD.) K Q (STD.) M G L
2,3 GOLD OVER SILVER 2 3 4,5 SILVER 4 5
GOLD 1
TIN-LEAD 6 SILVER 5
LOW LEVEL / DRY CIRCUIT
0.4 0 4 VA MAX. @ 20 V AC OR DC MAX. MAX MAX
POWER TIN-LEAD 6 GOLD 3 LOW LEVEL / DRY CIRCUIT OR POWER TIN-LEAD 6
TX01 MODELS: 3 AMPS @ 120 V AC OR 28 V DC. ALL OTHER MODELS: 2 AMPS @ 120 V AC OR 28 V DC. TX01 MODELS: 0.4 VA MAX @ 20 V AC OR DC MAX. OR 3 AMPS @ 120 V AC OR 28 V DC. ALL OTHER MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR 2 AMPS @ 120 V AC OR 28 V DC.
CONTACT MATERIAL / APPLICATION RECOMMENDATIONS - SEE CHART, PAGE L-31.
1 2 3
CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate. END CONTACTS: Coin silver, with gold plate over nickel plate. CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over nickel plate. END CONTACTS: Coin silver, silver plated. CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated. TERMINALS: Copper alloy, with tin-lead alloy over nickel plate.
All models
with all options when ordered with G, L, M or Q contact material.
B contact material standard with A, AV, V3 & W terminations. Q contact material standard with C & Z terminations.
4 5 6
SEAL
E
(STD.) EPOXY SEAL
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846 Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602 S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
Rev. A 8/99
A-45


▲Up To Search▲   

 
Price & Availability of T201SH9ABE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X