Part Number Hot Search : 
2SB649A 0D241K C2500 1003A 14B101 VN120 TEA7092 M63023
Product Description
Full Text Search
 

To Download CA2644Z5U104MR500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MULTI-LAYER CERAMIC CAPACITORS
SMD Type
No. 1 2 3 4 5
Name Ceramic dielectric Internal electrode Terminal Electrode Electric Intermediate plating External
Material Ceramics Palladium Silver Silver Nickel Solder
TYPE DESIGNATION (HOW TO ORDER)
CS
2012
Z5U
104
M
500
N
R
CAPACITANC CODE (picofarads) 1st two digits are significant; third digit denotes number of zeros: 331=330pF R denotes decimal 8R2=8.2pF See chart capacitance range
TOLERANCE CODE IB = ae pF 0.1 IC = ae pF 0.25 ID = ae pF 0.5 F = ae 1% G= ae 2% J = ae 5% K = ae 10% M= ae 20% Z = +80~-20% P = +100~-0% IFor capacitance values below 10 pF only. DIELECTRIC CODE
VOLTAGE CODE 1st two digits are significant: third digit denotes number of zeros. Standard Voltages : 250 = 25 VDCW 500 = 50 VDCW
TERMINAL CODE P = Palladium Silver S = Silver N = Nickel
SIZE CODE See chart
C0G X7R Z5U Y5V
TYPE CODE
PACKING CODE B = BULK PACK R = REEL PACK
5
MULTI-LAYER CERAMIC CAPACITORS
SMD Type
CAPACITANCE RANGE AND DIMENSIONS BY TYPE
SIZE CODE L SIZE(mm) W C0G
0R5
1608 1.600.1 0.800.1 0.800.1 X7R Z5U Y5V C0G
0R5
2012 2.000.20 1.250.15 1.20 MAX X7R Z5U Y5V C0G
0R5
3216 3.200.25 1.600.20 1.20 MAX X7R Z5U Y5V C0G
3225 3.200.25 2.500.25 1.30 MAX X7R Z5U Y5V
T CAPACITANCE VALUE
0.5pF 1 2 3 4 5 6 7 8 9 10 12 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10nF 15 22 33 47 68 100 150 220 330 470 680 1000 0R5 010 020 030 040 050 060 070 080 090 100 120 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103 153 223 333 473 683 104 154 224 334 474 684 105
220
390
750
101
101
331 471
102
102
102
272
472
103 153 223
103
103
103
103
104
104
104
104 154
474 105 105
474 105
6
MULTI-LAYER CERAMIC CAPACITORS
SMD Type
REEL PACKING DIMENSIONS REEL DIMENSIONS
(Unit : mm)
NUMBER OF PACKAGES
A B C D j 78Aae 1 2 j 0Min 5 j 3.0ae 1 0.5 j 1.0ae 2 0.8 E W t R 2.0ae 0.5 10.0ae 0.5 2.0ae 0.5 1.0
TYPE
CS1608 CS2012 CS3216
EIA CODE
CC0603 CC0805 CC1206
Qt / REEL
4.000pcs 4.000 3.000
TAPE DIMENSIONS
CS3225 CC1210
4.000 3.000
(Unit : mm)
TYPE EIA CODE
CS1608 CS2012 CS3216 CS3225 CC0603 CC0805 CC1206 CC1210
A
2.0ae 0.2 2.4ae 0.2 3.6ae 0.2 3.6ae 0.2
B
1.20ae 0.2 1.65ae 0.2 2.00ae 0.2 2.90ae 0.2
C
8.0ae 0.3 8.0ae 0.3 8.0ae 0.3 8.0ae 0.3
D
3.5ae 0.05 3.5ae 0.05 3.5ae 0.05 3.5ae 0.05
E
F
G
H
J
1.75ae 0.1 1.75ae 0.1 1.75ae 0.1 1.75ae 0.1
4.0ae 0.1 4.0ae 0.1 4.0ae 0.1 4.0ae 0.1
2.0ae 0.05 2.0ae 0.05 2.0ae 0.05 2.0ae 0.05
4.0ae 0.1 4.0ae 0.1 4.0ae 0.1 4.0ae 0.1
1.5ae 0.1 TM 0 1.5ae 0.1 TM 0 1.5ae 0.1 TM 0 1.5ae 0.1 TM 0
TAPING (FIGURE)
(1) EMBOSSED TAPE (2) PAPER TAPE
7
MULTI-LAYER CERAMIC CAPACITORS
Radial & Axial
TYPE DESIGNATION (HOW TO ORDER) CR CA 051B 2644 X7R Z5U 104 104 M M 500 500
(HOW TO ORDER)
B R
CAPACITANCE CODE THIS IS EXPRESSED IN PICOFARADS THE FIRST DIGITS ARE SIGNIFICANT FIGURES. THE THIRD IS THE NUMBER OF ZEROS.
TOLERANCE CODE B = 0.1 pF C = 0.25 pF D = 0.5 pF F = 1% G= 2% J = 5% K = 10% ... ... M= ... 220% ... 8020% ...Z = + ... ... P = +100 0% ... For capacitance values Below 10 pF only.
EIA Characteristic Z5U X7R COG(NPO) Y5V
EIA TEMPERATURE CHARACTERISTICS Maximum Capacitance Change Over Temperature Temperature Range Range +10 to + 85 - 55 to + 125 - 55 to + 125 - 30 to + 85 -56% + 22% 15% 030ppm/ -82%+22%
ae ae
...
VOLTAGE RATING. THE D.C WORKING VOLTAGE RATING AT MAXIMUM OPERATING TEMPERATURE THE FIRST TWO DIGITS ARE SIGNIFICANT FIGURES, THE THIRD IS THE NUMBER OF ZEROS
TYPE CODE SEE DIMENSIONS.
PACKING CODE BBULK PACK RREEL PACK FFLAT PACK
DIMENSIONS BY TYPE
(Unit : mm)
RADIAL TYPE CR051A CR051B CR051D CR077B CR077D P 2.5 5.0 7.6 5.0 7.6 H (max) 6.4 9.2 10.2 L (max) 5.1 W (max) 5.1 0.5 7.7 7.6 3.2 d T (max) TYPE CA2633 CA2644 CA2666 H (max) 3.3 4.4 6.6
AXIAL L (max) W (max) dj
2.6
25
0.5
8
MULTI-LAYER CERAMIC CAPACITORS
Radial & Axial
CAPACITANCE RANGE TYPE
RADIAL TYPE CAPACITANCE VALUE
1pF 2 3 4 5 6 7 8 9 10 12 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10nF 15 22 33 47 68 100 150 220 330 470 680 1000 010 020 030 040 050 060 070 080 090 100 120 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103 153 223 333 473 683 104 154 224 334 474 684 105
AXIAL CR077 CA2644 Y5V C0G
010
CR051 C0G
010
CA2666 Y5V C0G X7R Z5U Y5V
X7R
Z5U
Y5V C0G
X7R
Z5U
X7R
Z5U
220
220
101
101
102
102 122
102
102
102
222 332
103
103 153
103
473 104 154 224 334 474 474 474 105 334 104 104 104 104
9
MULTI-LAYER CERAMIC CAPACITORS
Radial & Axial
MARKING (PRINT ON THE ONE SIDE)
1 M
0 5
4 Z
Capacitance Code
Tolerance Code
Voltage Code 1 : 100V 2 : 200V 3 : 25V 5 : 50V
EIA Characteristic Z : Z5U X : X7R C : C0G V : Y5V
(Unit : mm)
CODE DIMENSIONS
D H H1 H2 L L1 P 3.98 16.00 8.99 0.00 11.00 1.52 12.70
TOLERANCE
0.30 0.50 0.76-0.50 2.00 max max 0.30
CODE
P1 P2 T W1 W2 A B
DIMENSIONS
3.86 6.35 0.89 18.00 0.00 13.79-38.10 28.57-86.00
TOLERANCE
0.71 1.29 max +0.99-0.50 6.00 max Within range Within range
CODE
C E Fae G S ae ae ae ae
DIMENSIONS
9.50 29.97-50.04 34.89-102.00 76.20-358.14 5.00
TOLERANCE
min within range within range within range 0.78 ae ae
No adhesive may be exposed
(Unit : mm)
CODE
PACKING TYPE DIMENSION TOLERANCE 52 64.8
F
26 38.8 +2.0 -0 52 52
G
26 26 1.25
(Unit : mm)
CODE A B C D E
DIMENSIONS
356.00 F+3.17~F+6.35 35.70 15.90 63.50
TOLERANCE
max Within range
CODE
H J K L M
DIMENSIONS
=J =H 0.80 1.20 1.20
TOLERANCE
1.20 1.20 max max max
CODE
N P R S T
DIMENSIONS
5.00 0.80 3.20 1.60 610.00
TOLERANCE
0.40 max min max min ae ae
10


▲Up To Search▲   

 
Price & Availability of CA2644Z5U104MR500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X