Part Number Hot Search : 
TZMB33 DDZ16 SMZ140 SMZ140 DDZ16 27N60 A3010 NCS210
Product Description
Full Text Search
 

To Download 6A80G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6A05G THRU 6A100G
6.0 AMPS. Glass Passivated Rectifiers
Voltage Range 50 to 1000 Volts Current 6.0 Amperes
Features
a a a Low forward voltage drop High current capability High reliability High surge current capability
R-6
a
a a a a a
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Axial leads, solderable per MIL-STDLead: 202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 250C/10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 1.65 grams
Dimensions in inches and (millimeters)
a
Maximum Ratings and Electrical Characteristics
Rating at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% 6A05G 6A10G 6A20G 6A40G 6A60G 6A80G 6A100G Units Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @TA = 50C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @6.0A Maximum DC Reverse Current @ TA=25C at Rated DC Blocking Voltage @ TA=125C Typical Junction Capacitance ( Note ) Operating and Storage Temperature Range TJ,TSTG
50 35 50
100 70 100
200 140 200
400 280 400 6.0 250
600 420 600
800 560 800
1000 700 1000
V V V A A
1.1
1.0 10 100 100 - 65 to + 150
V uA uA pF C
Note: Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
- 318 -
RATINGS AND CHARACTERISTIC CURVES (6A05G THRU 6A100G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
6 5 4 3 2 1
Single PhaseHalf Wave 60Hz Resistive of Inductive Load Ground plane 1" x 1" Copper surface area PC BOARD Recommanded PC Board PC Board Standard PC Board Mounting
0 20 40 60 80 100 120
o
PEAK FORWARD SURGE CURRENT. (A)
300 250 200 150 100 50
FIG.2-MAXIUM NON-REPETITIVE FORWARD SURGE CURRENT
Tj=25oC
Mounting
140
160
180
200
1
5
10
50
100
AMBIENT TEMPERATURE. ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL FORWARD CHARACTERISTICS
100.0
FIG.4- TYPICAL JUNCTION CAPACITANCE
1000
INSTANTANEOUS FORWARD CURRENT. (A)
JUNCTION CAPACITANCE.(pF)
10.0
1.0
100
Tj=25oC
0.1
.01
.6
.8
.10
1.2
1.4
1.6
1.8
2.0
10
1
FORWARD VOLTAGE. (V)
10 REVERSE VOLTAGE. (V)
50
100
- 319 -
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 6A80G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X