Part Number Hot Search : 
MAX6602 23A01 23A01 3306B B2912BS1 FT5767M FT5767M SE051
Product Description
Full Text Search
 

To Download R7639 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY DATA JUN. 2000
PHOTOMULTIPLIER TUBE R7639
Quantum Efficiency: 40 % at 155 nm High Sensitivity Solar Blind Photocathode (115 nm to 230 nm) 28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type
FEATURES
Spectral Response ..................... 115 nm to 230 nm Cathode Sensitivity Radiant at 155 nm ......................... 50 mA/W Typ. Quantum Efficiency at 155 nm ..................... 40 % Anode Sensitivity (at 1000 V) Radiant at 155 nm ................... 1.5 x 105 A/W Typ.
APPLICATIONS
Emission Spectroscopy VUV Spectrophotometer
TPMSF0083
GENERAL
Parameter Spectral Response Wavelength of Maximum Response Photocathode Material Minimum Effective Area Window Material Dynode Secondary Emitting Surface Structure Number of Stages Direct Interelectrode Capacitances Anode to Last Dynode Anode to All Other Electrodes Base Weight Suitable Socket Description/Value 115 to 230 155 Diamond 3 x 12 MgF2 Sb-Cs Circular-cage 9 4 6 11-pin base JEDEC No.B11-88 45 E678-11A(option) Unit nm nm -- mm -- -- -- -- pF pF
Figure 1: Typical Spectral Response
TPMSB0172EB
100
CATHODE RADIANT SENSITIVITY (mA/W) QUANTUM EFFICIENCY (%)
CATHODE RADIANT SENSITIVITY
10 QUANTUM EFFICIENCY
1
g --
0.1 100 120 140 160 180 200 220 240 260 280 300
WAVELENGTH (nm)
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office. Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2000 Hamamatsu Photonics K.K
PHOTOMULTIPLIER TUBE R7639
MAXIMUM RATINGS (Absolute Maximum Values)
Parameter Supply Voltage Between Anode and Cathode Between Anode and Last Dynode Between Successive Dynodes Between First Dynode and Cathode Average Anode Current Ambient Temperature Rating 1250 250 250 250 0.1 -30 to +50 Unit V dc V dc V dc V dc mA C
CHARACTERISTICS (at 25C)
Parameter Cathode sensitivity Quantum Efficiency at 121.6 nm at 155 nm Radiant at 121.6 nm at 155 nm Anode Sensitivity Radiant at 155 nm Gain Anode Dark Current (After 30 minutes storage in the darkness) 10 -- 10 -- 26 40 26 50 -- -- -- -- -- -- 5
-16
Min.
Typ.
Max.
Unit
% % mA/W mA/W A/W -- nA W ns ns ns
1.0 x 104 1.5 x 105 -- -- -- 3.0 x 10 0.5 1.46 x 10 2.2 22 1.2
6
ENI (Equivalent Noise Input) Time Response Anode Pulse Rise Time Electron Transit Time Transit Time Spread (TTS) Anode Current Stability Light Hysteresis Voltage Hysteresis
--
-- -- --
-- -- --
-- --
0.1 1.0
-- --
% %
NOTES
: Averaged over any interval of 30 seconds maximum. : Measured with the same light source as Note B and with the voltage distribution ratio shown in Table 1 below. : The electron transit time is the interval between the arrival of delta function light pulse at the entrance window of the tube and the time when the anode output reaches the peak amplitude. In measurement, the whole photocathode is illuminated. : Also called transit time jitter. This is the fluctuation in electron transit time between individual pulses in the signal photoelectron mode, and may be defined as the FWHM of the frequency distribution of electron transit times. : Hysteresis is temporary instability in anode current after light and voltage are applied.
Table 1: Voltage Distribution Ratio
Electrode
K Dy1 Dy2 Dy3 Dy4 Dy5 Dy6 Dy7 Dy8 Dy9 P 1 1 1 1 1
Distribution 11111 Ratio Supply Voltage=1000 V dc K: Cathode Dy: Dynode P: Anode
: Measured with the same supply voltage and voltage distribution ratio as Note E after removal of light. : ENI is an indication of the photon-limited signal-to-noise ratio. It refers to the amount of light in watts to produce a signal-to-noise ratio of unity in the output of a photomultiplier tube. 2q*ldb*G*f S where q = Electronic charge (1.60 x 10-19 coulomb). ldb = Anode dark current(after 30 minutes storage) in amperes. G = Gain. f = Bandwidth of the system in hertz. 1 hertz is used. S = Anode radiant sensitivity in amperes per watt at the wavelength of peak response. : The rise time is the time for the output pulse to rise from 10 % to 90 % of the peak amplitude when the entire photocathode is illuminated by a delta function light pulse. ENI =
ANODE CURRENT
li
l max. l min. TIME
0
5
6
7 (minutes)
TPMSB0002EA
l max -- l min. Hysteresis = x 100 (%) li (1) Light Hysteresis The tube is operated at 750 volts with an anode current of 1 micro-ampere for 5 minutes. The light is then removed from the tube for a minute. The tube is then re-illuminated by the previous light level for a minute to measure the variation. (2) Voltage Hysteresis The tube is operated at 300 volts with an anode current of 0.1 microampere for 5 minutes. The light is then removed from the tube and the supply voltage is quickly increased to 800 volts. After a minute, the supply voltage is then reduced to the previous value and the tube is reilluminated for a minute to measure the variation.
Figure 2:Typical Gain and Anode Radiant Sensitivity
TPMSB0173EB
Figure 3:Typical Time Response
TPMSB0004EB
108
108
100 80 60
ANODE RADIANT SENSITIVITY (A/IW) at 155mm
107
TYPICAL GAIN
107
40
TRAN SIT T IME
106
106
20
105
TYPICAL ANODE 105 SENSITIVITY
TIME (ns)
GAIN
10 8 6
104
104
4
RISE
TIME
103 MINIMUM ANODE SENSITIVITY 102 500
103
2
700
1000
102 1500
1
300
500
700
1000
1500
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
Figure 4:Dimensional Outline and Basing Diagram (Unit: mm)
Figure 5:Socket E678-11A (Option) (Unit: mm)
49 38
20 MAX. FACE PLATE 28.5 1.5 3 MIN. MgF2 WINDOW DY6 6
20 MAX.
5
DY5
5
7
DY7 8 DY8 9 DY9 10 P K
12 MIN.
DY4 4
29
80 MAX.
94 MAX.
49.0 2.5
DY2
2 1 11
PHOTOCATHODE
DY1
DIRECTION OF LIGHT
TACCA0064EA
32.2 0.5 11 PIN BASE JEDEC No. B11-88
TPMSA0040EA
NOTE: There is a 2 mm diameter hole to exhaust inner air on the plastic base.
18
4
DY3 3
3.5
33
PHOTOMULTIPLIER TUBE R7639
Warning--Personal Safety Hazards Electrical Shock--Operating voltages applies to this device present a shock hazard.
HOMEPAGE URL http://www.hamamatsu.com HAMAMATSU PHOTONICS K.K., Electron Tube Center 314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: france@hamamatsu.com United Kingdom: Hamamatsu Photonics UK Limited: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone: 44(20)8-367-3560, Fax: 44(20)8-367-6384 E-mail: info@hamamatsu.co.uk North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it TPMS1058E03
JUN. 2000 IP Printed in Japan (1,000)


▲Up To Search▲   

 
Price & Availability of R7639

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X