Part Number Hot Search : 
BZT52C CR3JM 1N5234 2SD553 F4NNTTD AMTCX J1011F21 HD74LS32
Product Description
Full Text Search
 

To Download 714-91-116-41-014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 712 / 714
PCB connectors carrier assemblies 2.54 mm Single row / double row Solder tail
47
PCB "Zero profile" receptacles Accept pins 0.40-0.56 mm Single receptacle contacts for solder mount into PCB, supplied on disposable carriers. For corresponding pin connectors see pages 43 to 46
Platings 91 93 99
Sleeve 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb
Clip 0.25 m Au 0.75 m Au 5 m Sn Pb
Pin
Ordering information Replace xx with the number of poles, e.g. 714-91-2xx-41-001 for a double row version with 8 pins per row becomes: 714-91-216-41-001 Option: Double row, disposable carrier strip on request
712-91-1xx-41-001 712-93-1xx-41-001 712-99-1xx-41-001
Straight receptacle contacts: solder mount, into PCB thickness 1.4 to 2 mm with hole 0.7 to 0.9 mm Availability: supplied on single row, disposable carrier strip, from 2 to 64 contacts Standard number of contacts 5, 6, 8, 10, 14, 16, 20, 21, 25, 30, 32, 48, 56, 60, 64
714-91-1xx-41-001 714-93-1xx-41-001 714-99-1xx-41-001
Straight receptacle contacts: solder mount into PCB thickness 1 to 2.6 mm with hole 1.5 mm Availability: supplied on single row, disposable carrier strip, from 2 to 64 contacts Standard number of contacts 5, 6, 8, 10, 14, 16, 20, 21, 25, 30, 32, 48, 56, 60, 64
714-91-1xx-41-014 B 714-93-1xx-41-014 B 714-99-1xx-41-014 B
Straight receptacle contacts: solder mount into PCB thickness 1 to 4 mm with hole 1.5 mm Availability: supplied on single row, disposable carrier strip, from 2 to 64 contacts Standard number of contacts 5, 6, 8, 10, 14, 16, 20, 21, 25, 30, 32, 48, 56, 60, 64
B Products not available from stock. Please consult PRECI-DIP.


▲Up To Search▲   

 
Price & Availability of 714-91-116-41-014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X