Part Number Hot Search : 
BYG20 MB39A123 222M35 EE08812 SB140 B2566 02050 SB140
Product Description
Full Text Search
 

To Download TFS60A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TFS60A.doc
version 1.2
20.11.2003
VI TELEFILTER
Measurement condition
Ambient temperature TA: Input power level: Terminating impedance: 25 C 0 dBm source: 50 load: 2k
Filter specification
TFS 60 A
1/5
II 3 pF
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 60A is the insertion loss. The minimum of the pass band attenuation amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3 dB filter attenuation level relative to the insertion loss ae. The temperature coefficient of frequency Tcf is valid both for the reference frequency fc and the frequency response of the filter in the operating temperature range.
Data
Insertion loss ae (reference level) Nominal frequency Centre frequency Pass band Pass band ripple (p-p) Relative attenuation fc fc fc fc fc fc fc +
a rel
typ. Value
27,9 dB 27,1
Limit
1,5 dB
fN fc PB
60 0,4
MHz
60 fN max.
60 MHz 0,12 MHz 8 MHz 0,7 dB
dB
.......fc 8 MHz ....... fc 9,825 MHz ....... fc 10,325 12,325 12,5 12,5 MHz MHz MHz MHz ....... ....... ....... ....... fc fc fc fc +
8 9,825 11,825 12,325 12,5 20 20
MHz MHz MHz MHz MHz MHz MHz
0,4 2,7 35 4 32 36 39 55 45 700 3,8
dB dB dB dB dB dB dB dB dB ns ns
max. max. max. min. min. min. min. min. min.
0,7 dB 3 dB 30 dB 3 30 34 33 44 44 dB dB dB dB dB dB ns ns
Reflected wave signal suppression Feedthrough signal suppression Absolute group delay in fN 8,5 MHz Group delay ripple in fN 8,5 MHz smoothing aperture 3,6 MHz Operable temperature range Storage temperature range Temperature coefficient of frequency TCf* DC voltage AC voltage
*)
max. 800 max. 4
-72 ppm / K
-25 C ... 65 C -40 C ... 85 C max. max. 12 10 V V
VDC Vpp
fc(Hz) = Tcf(ppm/K) x (T - TA) x fCAT (MHz)
generated: checked / approved:
TELEFILTER GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS60A.doc
version 1.2
20.11.2003
VI TELEFILTER
Filter specification
TFS 60 A
2/5
Construction and Pin Connection
(All dimensions in mm)
17.3 Max. date code TFS 60A R47
1 2 3 4 5 6,7,8 input input - ground chip carrier - ground output output internally connected to pin 3
10,16 5,08 1 2 3 4 5
date code: N P R ...
year + week 2001 2002 2003
67 1,2
8
Equivalent circuit for ports
1
4
2 3, 6, 7, 8
5
TELEFILTER GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS60A.doc
version 1.2
20.11.2003
VI TELEFILTER
Stability Characteristics
Filter specification
TFS 60 A
3/5
After the following tests the filter shall meet the whole specification: 1. Shock: 500g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 -55 C to 125C / 30 min. each / 10 cycles DIN IEC 68 part 2 - 14 Test N
2. Vibration:
3. Change of temperature:
4. Resistance to solder heat (reflow):reflow possible: twice max.; for temperature conditions, please refer to the attached "Air reflow temperature conditions" on page 4;
Packing Tape & Reel: DIN IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side;
TELEFILTER GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS60A.doc
version 1.2
20.11.2003
VI TELEFILTER
Air reflow temperature conditions
Filter specification
TFS 60 A
4/5
1st and 2nd air reflow profile Name: Temperature: Time: pre-heating periods 150 C - 170 C 60 sec. - 90 sec. main-heating periods over 200 C 20 sec. - 25 sec. peak temperature 255 C 5 C
Chip-mount air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
TELEFILTER GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
TFS60A.doc
version 1.2
20.11.2003
VI TELEFILTER
History
Version 1.0 1.1 Reason of Changes - generate specification
Filter specification
TFS 60 A
5/5
Name Pfeiffer Pfeiffer
Date 10.04.2003 14.10.2003
- package changed, terminating impedance added - typical values added
1.2
- limit of absolute group delay added - typical values of reflected wave signal and feedthrough signal suppression, and group delay ripple changed
Pfeiffer
20.11.2003
TELEFILTER GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS60A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X