Part Number Hot Search : 
SS4036G B240010 Q68000 EPA3578 MIC809S VSC7924 15N50C1 FH601S
Product Description
Full Text Search
 

To Download D2L20U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Super Fast Recovery Rectifiers
Single
D2L20U
200V 1.5A
FEATURES
OUTLINE DIMENSIONS
Case : AX078
(Unit : mm)
*oe noise Low
*oe trr35ns *oe Applicable to Automatic Insertion APPLICATION *oe Switching power supply *oe Free Wheel *oe Home Appliances, Office Equipment *oe Telecommunication, Factory Automation
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tl=25*Z) Item Symbol Conditions Ratings Storage Temperature Tstg -40*150 Operating Junction Temperature Tj 150 Maximum Reverse Voltage VRM 200 Average Rectified Forward Current 50Hz sine wave, R-load, Tl=125*Z IO 1.5 Peak Surge Forward Current IFSM 50Hz sine wave, R-load, Ta=25*Z 1.3 50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25*Z 40 *oeElectrical Characteristics (If not specified Tl=25*Z) Item Symbol Conditions Forward Voltage =1.5A, Pulse measurement VF IF Reverse Current IR V=V , Pulse measurement R RM Reverse Recovery Time trr IF =0.5A,*@ I R =1A Thermal Resistance AEjl junction to lead AEja junction to ambient Unit *Z *Z V A A
Ratings Unit Max.0.98 V Max.10 EA Max.35 ns Max.17 *Z/W Max.105
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
D2L20U
Forward Voltage
10
Forward Current IF [A]
Tl=150C [MAX] Tl=150C [TYP] Tl=25C [MAX] Tl=25C [TYP] 1
Pulse measurement per diode
0.1
0
0.4
0.8
1.2
1.6
2
2.4
2.8
Forward Voltage VF [V]
D2L20U
3
Forward Power Dissipation
D=0.8 DC
Forward Power Dissipation PF [W]
2.5 SIN 0.3 2 0.1 0.05 1.5 0.2
0.5
1
0.5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
Average Rectified Forward Current IO [A]
Tj = Tjmax IO 0 tp D=tp /T T
D2L20U
2 DC
Derating Curve
Average Rectified Forward Current IO [A]
D=0.8
1.5
0.5 SIN 0.3
1
0.2
0.1 0.5 0.05
0
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
VR = VRM 0 0
IO
VR tp D=tp /T T
D2L20U
2.5 DC D=0.8 2 0.5 1.5 SIN 0.3 0.2 1 0.1 0.5 0.05
Derating Curve
Average Rectified Forward Current IO [A]
0
0
20
40
60
80
100
120
140
160
Lead Temperature Tl [C]
VR = VRM 0 0
IO
VR tp D=tp /T T
D2L20U
Peak Surge Forward Capability
IFSM
80
10ms 10ms
1 cycle
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=25C before surge current is applied 60
40
20
0
1
2
5
10
20
50
100
Number of Cycles [cycles]
D2L20U
Junction Capacitance
f=1MHz Tl=25C TYP per diode
Junction Capacitance Cj [pF]
100
10
1
10
100
Reverse Voltage VR [V]


▲Up To Search▲   

 
Price & Availability of D2L20U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X