Part Number Hot Search : 
MAX12528 SR1200 LBN70A26 2082JP I2SK3564 0M75J ET104 3033CTRU
Product Description
Full Text Search
 

To Download SI-5154S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High-side Power Switch with Diagnostic Function and Built-in Zener Diode SI-5154S
Features
q Built-in diagnostic function to detect short and open circuiting of loads and output status signals q Low saturation PNP transistor use q Allows direct driving using LS-TTL and C-MOS logic levels q Built-in overcurrent and thermal protection circuits q Built-in protection against reverse connection of power supply q Tj = 150C guaranteed q Built-in Zener diode q TO-220 equivalent full-mold package not require insulation mica
External Dimensions (unit: mm)
10 0.2 3.2 0.2 4.2 0.2 2.8 0.2
4.0 0.2
7.9 0.2 16.9 0.3
a b
2.6 0.1
Absolute Maximum Ratings
Parameter Power supply voltage Input terminal voltage DIAG terminal voltage Collector-emitter voltage Output current Power Dissipation PD2 Junction temperature Operating temperature Storage temperature Tj TOP Tstg 1.8 -40 to +150 -40 to +100 -40 to +150 W C C C Symbol VB VIN VDIAG VCE IO PD1 Ratings -13 to +40 -0.3 to VB 6 VB -VZ 2.5 22 Unit V V V V A W
(Ta=25C)
Conditions
0.85 -0.1 P1.7 0.15 * 4
+0.2
0.45 -0.1 4 0.6
+0.2
1
2
3
4
5
Refer to "Surge clamp voltage" in Electrical Characteristics
1. GND 2. VIN 3. Vo 4. DIAG 5. VB
a: Type No. b: Lot No.
(Forming No. 1111)
With infinite heatsink (Tc=25C) Stand-alone without heatsink
Standard Circuit Diagram
VB 5 VO
Electrical Characteristics
Ratings Parameter Operating power supply voltage Quiescent circuit current Saturation voltage of output transistor Output leak current Output ON Input voltage Output OFF Output ON Input current Output OFF Overcurrent protection starting current Thermal protection starting temperature Open load detection resistor Output transfer time TOFF VDH DIAG output voltage VDL TPLH DIAG output transfer time TPHL Minimum load inductance Surge clamp voltage L 1 28 34 40 30 0.3 30 4.5 15 30 6 IIL IS -0.1 2.6 VIL IIH -0.3 0.8 1 Symbol VBopr Iq VCE (sat) 0.72 IO, leak VIH 2.0 2 VB min 6.0 5 typ max 30 12 0.3
(Ta=25C unless otherwise specified)
Unit V mA V V mA V V mA mA A VBopr = 14V, VIN = 0V IO 1.0A, VBopr = 6 to 16V IO 2.5A, VBopr = 6 to 16V VCEO = 16V, VIN = 0V VBopr = 6 to 16V VBopr = 6 to 16V VIN = 5V VIN = 0V VBopr = 14V, VO = VBopr -1.5V Conditions
LS-TTL or CMOS VIN 2
SI-5154S
3 DIAG 4
VCC
5.1k
Load
GND
Overheat Normal
1
Truth table VIN VO
H L H L
Diagnostic Function
Normal Open load Shorted load
TTSD Ropen TON
150 30 8 30
C k S S V V S S mH V
VBopr 6V VBopr = 6 to 16V VBopr = 14V, IO = 1A VBopr = 14V, IO = 1A VCC = 6V, VBopr = 6 to 16V VCC = 6V, VBopr = 6 to 16V, IDO = 2mA VBopr = 14V, IO = 1A VBopr = 14V, IO = 1A
VIN VO DIAG
Mode Normal
*1
VZ
IC = 5mA
Open load Shorted load Overheat
Note: *1. The Zener diode for surge clamping has an energy capability of 200 mJ (single pulse). * The rule of protection against reverse connection of power supply is VB = -13V, one minute. * This driver is exclusively used for ON/OFF control.
VIN L H L H L H L H
VO L H H H L L L L
DIAG
L H H H L L L L
q DIAG output will be undetermined when a voltage exceeding 25V is applied to VB terminal.
26
3.6 0.5
0.94 0.15
2.9 -0.3
+0.2
20 max
s Quiescent Circuit Current
10
s Circuit Current
50
s Saturation Voltage of Output Transistor
2
40 Ta= -40C 25C 150C
Ta = -40C 25C
Iq (mA)
IB (mA)
30
VCE (sat) (V)
5
1 VB = 6 to 16V
Ta = 125C 25C -40C
20
150C
10
0 0
10
20
30
40
0 0
10
20
30
40
0
0
1
2
3
VB (V)
VB (V)
IO (A)
s Overcurrent Protection Characteristics (Ta= -40C)
20 VB = 18V 16 14V
s Overcurrent Protection Characteristics (Ta=25C)
20 VB = 18V 16 14V
s Overcurrent Protection Characteristics (Ta=125C)
20 VB = 18V 16 14V
VO (V)
VO (V)
8 8V 4
8 8V
VO (V)
12
12
12
8
8V
6V
4 6V 0
4
6V
0
0
1
2
3
4
5
0
1
2
3
4
5
0
0
1
2
3
4
5
IO (A)
IO (A)
IO (A)
s Threshold input voltage
20 Ta = 125C 25C -40C 15 VB = 16V IO = 1A 10
s Input Current (Output ON)
1.0 VB = 14V VIN = 5V 0.8
s Input Current (Output OFF)
5 VB = 14V VIN = 0V 4
IIH (mA)
0.4
IIL (A)
0 50 100 150
VO (V)
0.6
3
2
5 0.2 1
0
0
1
2
0 -50
0 -50
0
50
100
150
VIN (th) (V)
Ta (C)
Ta (C)
s Output Terminal Leak Current
2 VB = 14V
s Saturation Voltage of DIAG Output
0.5 VB = 14V IDIAG = 2mA 0.4
s Thermal Protection Characteristics
20 VB = 14V VDIAG = 5V IO = 10mA VO
15
IO leak (mA)
VDL (V)
VO (V)
0.3
1
10
0.2
0.1
5
VDIAG
0 -50
0
50
100
150
0 -50
0 0 50 100 150 0 50 100 150 200
Ta (C)
Ta (C)
Ta (C)
27


▲Up To Search▲   

 
Price & Availability of SI-5154S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X