Part Number Hot Search : 
SPN6435 UGB8DT 0402J 74122 V82MA3S S13003 004000 M128128
Product Description
Full Text Search
 

To Download BB641 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Variable Capacitance Diode
BB 641
q q q
For VHF Hyperband TV/TR tuners High capacitance ratio Low series resistance
1
2
Type
Ordering Code (tape and reel) Q62702-B792
Pin Configuration Marking 1 2 C A red G
Package
BB 641
SOD-323
Maximum Ratings Parameter Reverse voltage Reverse voltage (R 5 k) Forward current Operating temperature range Storage temperature range Thermal Resistance Junction-ambient Symbol Values 30 35 20 - 55 ... + 150 - 55 ... + 150 Unit V V mA C C
VR VRM IF Top Tstg
Rth JA
450
K/W
Semiconductor Group
1
05 95
BB 641
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC Characteristics Reverse current VR = 30 V VR = 30 V, TA = 85 C Diode capacitance VR = 1 V, f = 1 MHz VR = 28 V, f = 1 MHz Capacitance ratio VR = 1 V, 28 V, f = 1 MHz Capacitance matching VR = 1 V ... 28 V, f = 1 MHz Series resistance CT = 30 pF, f = 100 MHz Series inductance Value typ. max. Unit
IR
- - - - 69 2.88 24 - 1.55 1.8 20 200
nA
CT
62 2.65 76 3.1
pF
CT1/CT28
22 CT/CT - 2.5 -
- % - - - nH -
rS Ls
Package Outline SOD-323
Dimensions in mm
Semiconductor Group 2
BB 641
Diode capacitance CT = f (VR) f = 1 MHz
Semiconductor Group
3


▲Up To Search▲   

 
Price & Availability of BB641

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X