Part Number Hot Search : 
BUX41N EMG4T2R A2403 168T319 00390 1N414 HA13165 BC337
Product Description
Full Text Search
 

To Download 1N5394G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5391G - 1N5399G
PRV : 50 - 1000 Volts Io : 1.5 Amperes
FEATURES :
* * * * * Glass passivated chip High current capability High reliability Low reverse current Low forward voltage drop
GLASS PASSIVATED JUNCTION SILICON RECTIFIERS DO - 41
0.107 (2.7) 0.080 (2.0)
1.00 (25.4) MIN.
0.205 (5.2) 0.166 (4.2)
MECHANICAL DATA :
* Case : DO-41 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.339 gram
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATING Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current 0.375"(9.5mm) Lead Length Ta = 75C Peak Forward Surge Current 8.3ms Single half sine wave Superimposed on rated load (JEDEC Method) Maximum Forward Voltage at IF = 1.5 Amps. Maximum DC Reverse Current at rated DC Blocking Voltage Ta = 25 C Ta = 100 C
SYMBOL
1N 1N 1N 1N 1N 1N 1N 1N 1N 5391G 5392G 5393G 5394G 5395G 5396G 5397G 5398G 5399G
UNIT
VRRM VRMS VDC IF(AV)
50 35 50
100 70 100
200 140 200
300 210 300
400 280 400 1.5
500 350 500
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps.
IFSM VF IR IR(H) CJ RJA TJ TSTG
50 1.1 5.0 50 15 30 - 65 to + 175 - 65 to + 175
Amps. Volts A A pF C/W C C
Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Junction Temperature Range Storage Temperature Range Notes :
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC (2) Thermal resistance from Junction to Ambient at 0.375" (9.5mm) Lead Lengths, P.C. Board Mounted.
UPDATE : AUGUST 2, 1998
RATING AND CHARACTERISTIC CURVES ( 1N5391G - 1N5399G )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
1.5 50
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
Ta = 25 C
PEAK FORWARD SURGE CURRENT, AMPERES
0 25 50 75 100 125 150 175
1.2
40
0.9
30
0.6
20
0.3
10
0
0 1 2 4 6 10 20 40 60 100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
10 10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
FORWARD CURRENT, AMPERES
Ta = 100 C
REVERSE CURRENT, MICROAMPERES
1.0
1.0
0.1
Pulse Width = 300 s 2% Duty Cycle TJ = 25 C
0.1
Ta = 25 C
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0.01 0 20 40 60 80 100 120 140
FORWARD VOLTAGE, VOLTS
PERCENT OF RATED REVERSE VOLTAGE, (%)


▲Up To Search▲   

 
Price & Availability of 1N5394G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X