Part Number Hot Search : 
2004A 200BZ 121SV5S0 394J250 76633 TDA7050 K4H5108 2062S
Product Description
Full Text Search
 

To Download 1N5394G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
1N5391G - 1N5399G
1.5A 1.5A GENERAL PURPOSE GPP DIODES
Maximum Peak Reverse Voltage PRV V PK Maximum Average Rectified Current @ Half-Wave Resistive Load 60Hz I O@ T L A AV C Maximum Forward Peak Surge Current @ 8.3ms Superimposed I FM (Surge) A PK Maximum Reverse Current @ PRV @ TA=25C I
R
TYPE
Maximum Forward Voltage @ TA=25C I FM A PK V FM V PK
Package Dimensions
Adc
1N5391G 1N5392G 1N5393G 1N5394G 1N5395G 1N5396G 1N5397G 1N5398G 1N5399G
50 100 200 300 400 500 600 800 1000
1.5
70
50
5.0
1.5
1.4
DO - 41
1.0(25.4) MIN
.205(5.2) .166(4.2)
1.0(25.4) MIN
.034(0.9) .028(0.7)
DIA .107(2.7) DIA .080(2.0)
DO - 41
32A-1/2
LESHAN RADIO COMPANY, LTD.
1N5391G-1N5399G DO-15 1.5A RATING & CHARACTERISTIC CURVES OF 1.5A GENERAL DIODES OF DO-15 PACKAGE
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
2.0
AVERAGE FORWARD CURRENT,(A)
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20 10 TJ =25C
TL.Lead Temperature
INSTANTANEOUS FORWARD CURRENT,(A)
1.0
TA.Ambient Temperature 0.05 Single Phase Half Wave 60Hz Resistive or Inductive Load .375"(9.5mm)LEAD AENGTH 0 25 50 75 100 125 150 175
1
0
0.1
AMBIENT TEMPERATURE, (C)
Pulse Width=300s 1% Duty Cycle 0.01 0.6 0.8 1.0 1.2 1.4 1.5
FIG. 3 - MAXINUM NON-REPETITIVE FOWARD SURGE CURRENT
50
PEAK FORWARD SURGE CURRENT,(A)
INSTANTANEOUS FORWARD VOLTAGE,(V)
40
8.3ms Single Half Sine-Wave (JEDEC Method)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
30 10
INSTANTANEOUS FORWARD CURRENT,(A)
20
TJ =100C
10
1.0 TJ =75C
0 1 2 4 6 8 10 20 40 NUMBER OF CYCLES AT 60Hz 60 80100
0.1 TJ =25C
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
100
JUNCTION CAPACITANCE,(pF)
0.01 TJ =25C 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
10
1 .1 10 REVERSE VOLTAGE,(V) 100
32A-2/2


▲Up To Search▲   

 
Price & Availability of 1N5394G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X