Part Number Hot Search : 
KGL4205 TA7666 CA12240 MBR1535 CS4412A TA7666 IDP23E60 D1790
Product Description
Full Text Search
 

To Download 1N5394G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5391G THRU 1N5399G
GLASS PASSIVATED JUNCTION RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.5 Amperes
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High temperature metallurgically bonded construction Glass passivated cavity-free junction Capable of meeting environmental standards of MIL-S-19500 1.5 ampere operation at TA=70 with no thermal runaway Typical IR less than 0.1 A High temperature soldering guaranteed: 350 /10 seconds, 0.375 (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: DO-15 molded plastic over glass body Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.014 ounce, 0.395 gram
DIM A B C D inches Min. 0.228 0.102 0.028 1.000
DIM ENSIONS mm Max. 0.299 0.142 0.034 Min. 5.8 2.6 0.71 25.40 Max. 7.6 3.6 0.86 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified.
Symbols
1N53 91G
1N53 92G
1N53 93G
1N53 94G
1N53 95G
1N53 96G
1N53 97G
1N53 98G
1N53 99G
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TL=70 Peak forward surge current 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) Maximum instantaneous forward voltage at 1.5A, TA=70 Maximum DC reverse current at rated DC blocking voltage TA=25 TA=150
VRRM VRMS VDC I(AV) IFSM VF IR Trr CJ R
JA
50 35 50
100 70 100
200 140 200
300 210 300
400 280 400 1.5 50.0 1.4 5.0 300.0 2.0 15.0 45.0 -65 to +175
500 350 500
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps Volts A S F /W
Typical reverse recovery time (Note 1) Typical junction capacitance (Note 2) Typical thermal resistance (Note 3) Operating junction and storage temperature range
TJ, TSTG
Notes: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts (3) Thermal resistance from junction to ambient at 0.375 (9.5mm) lead length, P.C.B. mounted
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of 1N5394G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X