Part Number Hot Search : 
53102 53102 53102 ABT24 CM311 NTE1616 TQ9203 R7NZF
Product Description
Full Text Search
 

To Download 15KP260CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Avalanche Diodes
15000 Watt Axial Leaded Transient Voltage Suppressor
RoHS
15KP Series
(R)
The 15KP Series is designed specifically to protect sensitive electronics equipment from voltage transients induced by lightning and other transient voltage events. These devices are ideal for the protection of I/O interfaces, Vcc bus and other vulnerable circuits used in automotive, industrial and consumer electronic applications.
FEATURES
* RoHS Compliant * 17.0 to 280 Volts * Uni-directional and Bi-directional * Glass passivated junction * 15000W peak pulse power capability on
10/1000s waveform
* Excellent clamping capability * Repetition rate(duty cycle): 0.05% * Low incremental surge resistance * Fast response time: typically less than 1.0ps from
MAXIMUM RATINGS AND CHARACTERISTICS @25C AMBIENT TEMPERATURE (unless otherwise noted)
RATING Peak Pulse Power Dissipation on 10/1000s waveform (note 1, FIG.1) Peak pulse current of on 10\1000s waveform (note 1, FIG.3) Steady State Power Dissipation at TL=75C, Lead lengths .375", (9.5mm)(Note 2) Peak Forward Surge Current, 1/20 second/25C (JEDEC Method) Operating junction and Storage Temperature Range I FSM 400 Amps C SYMBOL PPPM VALUE Min 15000 UNIT Watts
0 Volts to BV, Bidirectional less than 10ns
* High temperature soldering guaranteed:
265C/10 seconds/.375", (9.5mm) lead length, 51bs.(2.3kg) tension
Agency Approvals: Recognized under the components
program of underwriters laboratories.
IPPM PM(AV)
SEE TABLE 1 Amps 8
Watts
Agency File Number: E128662
Tj, TSTG -55 to +175
ORDERING INFORMATION
15KP CA
Voltage Bi-Directional 5% Voltage Tolerance Packaging Option
Mechanical Specifications:
B = Bulk (500 pcs) T = Tape and reeled (800 pcs)
Weight: Case: Mounting Position: Polarity: Terminal:
302
0.07 ounce, 2.5 grams Molded plastic over glass passivated junction Any Color band denotes positive end (cathode) except Bipolar Plated Axial leads, solderable per MIL-STD-750, Method 2026
w w w. l i t t e l f u s e . c o m
Silicon Avalanche Diodes
15000 Watt Axial Leaded Transient Voltage Suppressor
RoHS
15KP Series
Part Numbers Reverse Stand off Voltage VR (Volts) 17 18 20 22 24 26 28 30 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170 180 200 220 240 260 280 Breakdown Voltage VBR (Volts) @ IT Test Current IT (mA) Maximum Peak Pulse Current IPP (A) 512 485 437 404 369 347 316 296 274 251 228 215 205 193 181 171 160 154 144 132 123 119 109 103 93 84 78 72 62 58 55 52 47 42 39 36 33 Maximum Reverse Leakage IR @ VR (A) 5000 5000 1500 500 150 50 25 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 Maximum Clamping Voltage VC @ IPP (Volts) 29.3 30.9 34.3 37.1 40.5 44.0 47.5 50.7 54.8 59.7 65.8 69.7 73.0 77.7 82.8 87.5 94.0 97.3 104.0 114.0 122.0 126.0 137.0 146.0 162.0 178.0 193.0 209.0 243.0 259.0 275.0 291.0 322.0 356.0 388.0 419.0 452.0
(R)
ELECTRICAL SPECIFICATION @ Tamb 25C
Uni-Polar 15KP17A 15KP18A 15KP20A 15KP22A 15KP24A 15KP26A 15KP28A 15KP30A 15KP33A 15KP36A 15KP40A 15KP43A 15KP45A 15KP48A 15KP51A 15KP54A 15KP58A 15KP60A 15KP64A 15KP70A 15KP75A 15KP78A 15KP85A 15KP90A 15KP100A 15KP110A 15KP120A 15KP130A 15KP150A 15KP160A 15KP170A 15KP180A 15KP200A 15KP220A 15KP240A 15KP260A 15KP280A
Bi-Polar 15KP17CA 15KP18CA 15KP20CA 15KP22CA 15KP24CA 15KP26CA 15KP28CA 15KP30CA 15KP33CA 15KP36CA 15KP40CA 15KP43CA 15KP45CA 15KP48CA 15KP51CA 15KP54CA 15KP58CA 15KP60CA 15KP64CA 15KP70CA 15KP75CA 15KP78CA 15KP85CA 15KP90CA 15KP100CA 15KP110CA 15KP120CA 15KP130CA 15KP150CA 15KP160CA 15KP170CA 15KP180CA 15KP200CA 15KP220CA 15KP240CA 15KP260CA 15KP280CA
18.9 20.0 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40.0 44.4 47.8 50.0 53.3 56.7 60.0 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100.0 111.0 122.0 133.0 144.0 167.0 178.0 189.0 200.0 222.0 245.0 267.0 289.0 311.0
50 50 20 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
6
SILICON DIODE ARRAYS
303
For bidirectional type having Vrwm of 30 volts and less, the IR limit is double. For parts without A , the VBR is + 10%
w w w. l i t t e l f u s e . c o m
Silicon Avalanche Diodes
15000 Watt Axial Leaded Transient Voltage Suppressor
RoHS
15KP Series
Case Style P600
(R)
Package Outline Dimensions
1.0 (25.4) MIN. 0.360 (9.1) 0.340 (8.6) DIA. 0.360 (9.1) 0.340 (8.6)
0.052 (1.32) 0.048 (1.22) DIA.
1.0 (25.4) MIN.
Dimensions in inches and (millimeters)
304
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of 15KP260CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X