Part Number Hot Search : 
RU6070L 8T59P 2SC32 D6025 G0838 EL2424 21364 RO2073
Product Description
Full Text Search
 

To Download E3S-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Sensing
Supply voltage 10 to 30 VDC
Output
7m
2m
20 cm, 70 cm
100 mA
General-Purpose Photoelectric Sensor
Wide Selection of High Performance Small DC Sensors Offers Longer Sensing Distances
s Fast 0.5 msec response time for high-speed sensing s Extended sensing distances up to 7 meters s Self-diagnostic functions available s User-friendly features for easy installation and use s Meets: NEMA 4X, 6 and IP67 s Many mounting configurations available s Choose prewired or connector-ready models s E3S-AD Series includes 10 cm short range diffuse version
E3S-A
Ordering Information
s SENSORS
Through-beam sensors include both emitter and receiver. The polarized retroreflective sensors include E39-R1 reflector. All sensors include mounting hardware. Optional mounting brackets are available as accessories. Method of detection Sensing distance Mounting Output Extra features Horizontal NPN None None Timer, alarm and turbo PNP None None Timer, alarm and turbo None None Timer, alarm and turbo None None Timer, alarm and turbo Through-beam 7 m (22.97 ft) Part number E3S-AT11 E3S-AT16 E3S-AT21 E3S-AT31 E3S-AT36 E3S-AT41 E3S-AT61 E3S-AT66 E3S-AT71 E3S-AT81 E3S-AT86 E3S-AT91 Retroreflective Diffuse reflective 2 m (6.56 ft) 10 cm (3.94 in) 20 cm (7.87 in) 70 cm (2.3 ft) E3S-AR11 E3S-AR16 E3S-AR21 E3S-AR31 E3S-AR36 E3S-AR41 E3S-AR61 E3S-AR66 E3S-AR71 E3S-AR81 E3S-AR86 E3S-AR91 E3S-AD13 E3S-AD18 E3S-AD23* E3S-AD33 E3S-AD38 E3S-AD43* E3S-AD63 E3S-AD68 E3S-AD73* E3S-AD83 E3S-AD88 E3S-AD93* E3S-AD11 E3S-AD16 E3S-AD21 E3S-AD31 E3S-AD36 E3S-AD41 E3S-AD61 E3S-AD66 E3S-AD71 E3S-AD81 E3S-AD86 E3S-AD91 E3S-AD12 E3S-AD17 E3S-AD22* E3S-AD32 E3S-AD37 E3S-AD42* E3S-AD62 E3S-AD67 E3S-AD72* E3S-AD82 E3S-AD87 E3S-AD92*
Connection Prewired Connector Prewired Prewired Connector Prewired Prewired Connector Prewired Prewired Connector Prewired
Vertical
NPN
PNP
*10 and 70 cm diffuse versions do not have turbo function
E3S-A
s ACCESSORIES
Description Mounting bracket for vertical sensors (2 required for through-beam type) Slits for E3S-ATuu sensors (3 pairs: 2 mm, 1 mm and 0.5 mm wide, includes mounting hardware) Mutual interference filters for E3S-ATuu sensors (2 pairs: horizontal and vertical, includes mounting hardware) Optical alignment reflector for E3S-ATuu Straight connector cordsets 2 m (6.56 ft) cable (4-pole female connector) 5 m (16.40 ft) cable 10 m (32.81 ft) cable Right-angle connector cordsets 2 m (6.56 ft) cable (4-pole female connector) 5 m (16.40 ft) cable 10 m (32.81 ft) cable Small corner cube reflector 10 to 130 cm (3.94 to 51.18 in) 7 to 60 cm (2.76 to 23.62 in) Adhesive back reflector 10 to 30 cm (3.94 to 11.81 in) 10 to 60 cm (3.94 to 23.62 in) Mounting bracket for E39-R1 reflector
E3S-A
Part number E39-L59 E39-S46 E39-E6 E39-R5 Y96E-43SD2 Y96E-43SD5 Y96E-43SD10 Y96E-43RD2 Y96E-43RD5 Y96E-43RD10 E39-R3 E39-R4 E39-RSA E39-RSB E39-L7
s REPLACEMENT PARTS
Description Knob for sensitivity adjuster Mounting bracket spacer for connector versions Corner cube reflector (supplied with E3S-ARuu) Mounting bracket for horizontal sensors (supplied with each sensor) Mounting bracket for vertical sensors (supplied with each sensor) Part number E39-G2 E39-L60 E39-R1 E39-L69 E39-L70
Specifications
Part number Method of detection Supply voltage Current consumption E3S-ATuu Through-beam E3S-ARuu Polarized retroreflective 10 to 30 VDC, 10% 40 mA max. 30 mA max. (emitter and 45 mA with turbo receiver) 55 mA with turbo 0 to 7 m 0.1 to 2 m with E39-R1 (0 to 22.97 ft) (0.33 to 6.56 ft) E3S-ADu3, E3S-ADu8 Diffuse reflective E3S-ADu1, E3S-ADu6 E3S-ADu2, E3S-ADu7
35 mA max.
30 mA max. 35 mA max. 45 mA with turbo
Sensing distance
White mat paper Black mat paper With 2.4 m (7.87 ft) accessories with E39-E6 2.5 m (8.20 ft) with 2 mm slit 1.1 m (3.61 ft) with 1 mm slit 0.5 m (1.64 ft) with 0.5 mm slit
10 to 130 cm with E39-R3 (3.94 to 51.18 in) 7 to 60 cm with E39-R4 (2.76 to 23.62 in) 10 to 30 cm with E39-RSA (3.94 to 11.81 in) 10 to 60 cm with E39-RSB (3.94 to 23.62 in)
0 to 10 cm (0 to 3.94 in) 0.3 to 2.5 cm (0.12 to 0.98 in) --
0.1 to 20 cm (0.04 to 7.87 in) 0.5 to 2.3 cm (0.20 to 0.91 in) --
0 to 70 cm (0 to 27.56 in) 0.15 to 33 cm (0.06 to 12.99 in) --
Light source
Pulse modulated red LED (700 nm)
Standard object
Type Size
Opaque materials 7 mm (0.28 in) 30 mm (1.18 in) minimum minimum
Pulse modulated Pulse modulated infrared LED red LED (880 nm) (700 nm) Opaque and transparent materials 10 x 10 cm (3.94 x 3.94 in) white mat paper
Pulse modulated infrared LED (880 nm) 20 x 20 cm (7.87 x 7.87 in) white mat paper
Operation mode Variation in sensing distance Hysteresis Variation in optical axis and mounting direction
Light-ON/Dark-ON operation, switch selectable -- -- +30% max., -0% max. -- 2 max. -- 10% max. 20% max.
2
E3S-A
SPECIFICATIONS (continued)
Part number Sensitivity Mutual interference protection Control output Type E3S-ATuu E3S-ARuu E3S-ADu3, E3S-ADu8 E3S-ADu1, E3S-ADu6 Provided
E3S-A
E3S-ADu2, E3S-ADu7 Provided
Adjustable, 2-turn knob with clutch and indicator Not provided Provided Provided
Max. load
NPN transistor, open collector (E3S-Au1u, E3S-Au2u, E3S-Au6u, E3S-Au7u), (E3S-AD1u, E3S-AD2u, E3S-AD6u, E3S-AD7u) PNP transistor, open collector (E3S-Au3u, E3S-Au4u, E3S-Au8u, E3S-Au9u), (E3S-AD3u, E3S-AD4u, E3S-AD8u, E3S-AD9u) 100 mA max. at 30 VDC
Max. 1 VDC max. at 100 mA load current ON-state voltage drop Self-diagnostics 50 mA max. load at 30 VDC, NPN or PNP transistor open collector to match control output alarm output Response time OFF-delay timer Check input NPN PNP 0.5 ms max. ON, 0.5 ms max. OFF 0 to 100 ms with 3/4 turn adjuster Light OFF: gray wire connected to 0 to 1.5 VDC -- Light OFF: gray wire connected to supply -- voltage (30 VDC max.) 0.5 ms max. -- -- -- 0.5 ms max. -- --
Response time Circuit protection Indicators
Materials
Lens Case Bracket
Mounting Connections Prewired Connector Weight Prewired
Connector
Enclosure rating
IEC 144 NEMA Ambient Operating temperature Storage
Load short-circuit protection, reverse polarity protection Emitter: Operation (red), Stability (green) Operation (red) Receiver: Operation (red) Stability (green) Denatured polyarylate Polybutylene terephthalate (PBT) Stainless steel Either side surface with two threaded holes. Bracket E39-L69 for horizontal or E39-L70 for vertical sensors and hardware included. 2 m (6.56 ft) long cable M12 threaded connector, 4 pin Emitter: 60 g (2.1 oz.) 60 g (2.1 oz.) 60 g (2.1 oz.) 60 g (2.1 oz.) 60 g (2.1 oz.) Receiver: 60 g (2.1 oz.) Emitter: 11 g (0.4 oz.) 11 g (0.4 oz.) 11 g (0.4 oz.) 11 g (0.4 oz.) 11 g (0.4 oz.) Receiver: 11 g (0.4 oz.) IP67 4X, 6 -25 to 55C (-13 to 131F) with no ice build-up -40 to 70C (-40 to 158F)
s OUTPUT CIRCUIT DIAGRAMS NPN Cable Type
Through-beam emitter E3S-AT11, E3S-AT61 Through-beam receiver E3S-AT11, E3S-AT61 Retroreflective E3S-AR11, E3S-AR61 Diffuse reflective E3S-AD11, E3S-AD12, E3S-AD13, E3S-AD61, E3S-AD62, E3S-AD63
Light Stability (Red) (Green) 10 to 30 VDC Black (Blue) Main circuit ZD Red (Brown)
Red (Brown) Main circuit
Load White (Black) (relay) 10 to 30 VDC 100 mA max. Black (Blue)
NOTE: IEC colors are shown in parentheses.
3
E3S-A
NPN Cable Type with Self-Diagnostic Functions
Through-beam emitter E3S-AT21, E3S-AT71
E3S-A
Through-beam receiver E3S-AT21, E3S-AT71 Diffuse reflective E3S-AD21, E3S-AD22, E3S-AD71, E3S-AD72
Red (Brown) 10 to 30 VDC
Light Stability (Red) (Green)
Red (Brown) Load (relay) 100 mA max. Main circuit ZD 50 mA max. Load White (Black) (relay) Control output (Orange) Self-diagnostic output Black (Blue)
Main circuit
Grey (Pink) Check input 0V Black (Blue)
10 to 30 VDC
ZD
NPN Cable Type with Alarm Output
Diffuse reflective E3S-AD23, E3S-AD73
NPN Cable Type with Self-Diagnostic Functions
Retroreflective E3S-AR21, E3S-AR71
Light Stability (Red) (Green)
Light Stability (Red) (Green)
Red (Brown) Load (relay) Load White (Black) (relay) Control output (Orange) Alarm output
Red (Brown) Load (relay) Load White (Black) (relay) Control output Orange Self-diagnostic output 12K Gray (Pink) Check input
100 mA max. Main circuit ZD 50 mA max.
100 mA max. Main circuit 10 to 30 VDC ZD 50 mA max. ZD
10 to 30 VDC
ZD
Black (Blue)
Black (Blue)
NPN Connector Type
Through-beam emitter Through-beam receiver E3S-AT16, E3S-AT66 E3S-AT16, E3S-AT66 Retroreflective E3S-AR16, E3S-AR66 Diffuse reflective E3S-AD16, E3S-AD17, E3S-AD18, E3S-AD66, E3S-AD67, E3S-AD68
Load Output (relay)
PNP Cable Type
Through-beam emitter E3S-AT31, E3S-AT81 Through-beam receiver E3S-AT31, E3S-AT81 Retroreflective E3S-AR31, E3S-AR81 Diffuse reflective E3S-AD31, E3S-AD32, E3S-AD33, E3S-AD81, E3S-AD82, E3S-AD83
Red (Brown) Main circuit Black (Blue) 10 to 30 VDC
Light Stability (Red) (Green) ZD Main circuit
Red (Brown) Control output White (Black) 100 mA max. Load Black (Blue) (relay) 10 to 30 VDC
4
NOTE: IEC colors are shown in parentheses.
E3S-A
PNP Cable Type with Self-Diagnostic Functions
Through-beam emitter E3S-AT41, E3S-AT91
E3S-A
Through-beam receiver E3S-AT41, E3S-AT91 Diffuse reflective E3S-AD41, E3S-AD42, E3S-AD91, E3S-AD92
Red (Brown) 10 to 30 VDC Check input Main circuit Gray (Pink) Light Stability (Red) (Green)
Red (Brown)
ZD
Self-diagnostic output 10 to 30 VDC
50 mA max. Orange Black (Blue) 0V Main circuit ZD 100 mA max. Control output White (Black) Load (relay) Load (relay) Black (Blue)
PNP Cable Type with Alarm Output
Diffuse reflective E3S-AD43, E3S-AD93 Retroreflective E3S-AR41, E3S-AR91
Red (Brown) Check input 4.4K ZD 50 mA max. ZD 100 mA max. Gray (Pink) Selfdiagnostic Orange output 10 to 30 VDC Control output White (Black) Load (relay) Load (relay) Black (Blue)
Red (Brown)
Light Stability (Red) (Green)
ZD 50 mA max.
Alarm output Orange (White) Control output White (Black) Load (relay) Load (relay) Black (Blue) 10 to 30 VDC
Light Stability (Red) (Green)
Main circuit
ZD 100 mA max.
Main circuit
PNP Connector Type
Through-beam emitter E3S-AT36, E3S-AT86 Through-beam receiver E3S-AT36, E3S-AT86 Retroreflective E3S-AR36, E3S-AR86 Diffuse reflective E3S-AD36, E3S-AD37, E3S-AD38, E3S-AD86, E3S-AD87, E3S-AD88,
Output Load (relay)
NOTE: IEC colors are shown in parentheses.
5
E3S-A
E3S-A
Engineering Data
s EXCESS GAIN RATIO
Excess Gain vs. Set Distance (Typical) E3S-ATu1
500 300 100 Excess gain ratio Excess gain ratio 50 30 10 5 3 1 1 0 3 5 Distance (m) 7 10 0.5 0 20 E3S-ADs 1 s 40 60 80 Distance (cm)
E3S-ADu1, -ADu2 (Detection of White Paper)
500 300 100 50 30 10 5 3 E3S-ADs 2 s
E3S-ADu1, -ADu2 (Detection of Black Paper)
100
Sensing object: white (E3S-ADs 2: 20 x 20 cm s E3S-ADs 1: 10 x 10 cm) s Excess gain ratio
50 30 10 5 3 1 2.5 0.3 0.1 E3S-ADs 1 s
Sensing object: black (E3S-ADs 2: 20 x 20 cm s E3S-ADs 1: 10 x 10 cm) s
E3S-ADs 2 s
100
120
0
20
40 60 Distance (cm)
80
E3S-ADu1, -ADu2 (White Paper within Short Distance)
500 200 100 Excess gain ratio 50 20 10 5 2 1 0 1 2 3 4 5 6 Distance (cm) 7 8 9 E3S-ADs 1 s Sensing object: white (E3S-ADs 2: 20 x 20 cm s E3S-ADs 1: 10 x 10 cm) s E3S-ADs 2 s
E3S-ADu1, -ADu2 (Black Paper within Short Distance)
500 200 100 Excess gain ratio 50 20 10 5 2 1 0 1 2 3 4 5 6 Distance (cm) 7 8 9 E3S-ADs 1 s E3S-ADs 2 s Sensing object: white (E3S-ADs 2: 20 x 20 cm s E3S-ADs 1: 10 x 10 cm) s
E3S-ADs 3, -ADs 8 s s (Detection of White Paper)
6 Sensing object: white (E3S-ADs 3/E3Ss ADs 8: 10 x 10 cm) s
5
Excess gain ratio
4
3
2
1
0
50
100
150
200
Distance X (mm)
E3S-ADs 3, -ADs 8 s s (Detection of Black Paper)
E3S-ARu1 (With Reflector: E39-R1)
6 Sensing object: black (E3S-ADs 3/E3Ss ADs 8: 10 x 10 cm) s Excess gain ratio
100 50 30
5
Excess gain ratio
4
10 5 3
3
2
1
1
Operating level
0
20
40
60
80
100
Distance X (mm)
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 Distance (m)
6
E3S-A
E3S-A
s OPERATING RANGE
Parallel Operating Range (Typical) E3S-ATu1
50 40 Parallel operating range Y (cm) 30 Y X 2 4 6 8 Distance X (m) Operating position Y (mm) 20 10 0 10 20 30 40 50
Operating Range (Typical) E3S-ADu1
10 8
E3S-ADu2
4 Y X Operating position Y (mm) 3 2 1 0 1 2 3 4 20 40 60 80 Distance X (cm) Y X
6 4 2 0 2 4 6 8 10 10 20
Distance X (cm)
s OPERATING RANGE (typical)
E3S-ADs 3, E3S-ADs 8 (Left and Right) s s
60 Y X 20
s SENSING DISTANCE VS. OBJECT SIZE
E3S-ADs 3, E3S-ADs 8 (Up and Down) s s E3S-ADs 3, E3S-ADs 8 s s
200 Sensing object: white Y 40 X 20 OFF
60
Sensing distance (mm)
40
Operating position Y (mm)
Operating position Y (mm)
180
ON
160
0
0
140
-20
-20
120
-40
-40 100 -60 0 5 10 15 20 25 30 35
-60 0 20 40 60 80 100 120 140 160
0
20
40
60
80 100 120 140 160
Area of object (cm)
Distance X (mm)
Distance X (mm)
s SENSING DISTANCE VS. OBJECT SIZE
E3S-ADu1
38 Sensing object: white 36 34 Sensing distance (cm) Sensing distance (cm) 32 30 28 26 24 22 20 0 5x5 10x10 20x20 30x30 Size of object (cm) 60 0 5x5 10x10 20x20 30x30 Size of object (cm) OFF ON 10 OFF 00 90 80 70 ON
s REFLECTOR PARALLEL MOVEMENT
(Typical) E3S-ARu1
10 Parallel operating range Y (cm) 8 6 4 2 0 2 4 6 8 10 0.5 1.0 1.5 Distance X (m) X 2.0 2.5 Y
E3S-ADu2
20
Sensing object: white
7
E3S-A
E3S-A
Dimensions
Unit: mm (inch)
s SENSORS
E3S-AD11, E3S-AD12, E3S-AD13, E3S-AD31, E3S-AD32, E3S-AD33 (see note 1), E3S-AD21, E3S-AD22, E3S-AD23, E3S-AD41, E3S-AD42, E3S-AD43 Receiver: E3S-AT11, E3S-AT31 (see note 2) E3S-AT21, E3S-AT41
Emitter: E3S-AT11, E3S-AT31 (see note 3) E3S-AT21, E3S-AT41
Sensitivity adjuster (white) 40 (1.57) 5.5 7 Time adjuster (black) 4 40 (1.57) 12.9 12.5
Turbo switch 4 Light indicator (red)
Light indicator (red)
12.9
12.4 12 (0.49) Stability indicator (green) Lens 7 x 7 Optical axis 1.3 21 8 2.5 10.5 20 M3 holes (typ.) 22.3 (0.88)
12.4 12 (0.49)
1.3 22.3 (0.88)
10.5
20
E3S-AD61, E3S-AD62, E3S-AD63, E3S-AD81, E3S-AD82, E3S-AD83 (see note 1), E3S-AD71, E3S-AD72, E3S-AD73, E3S-AD91, E3S-AD92, E3S-AD93 Receiver: E3S-AT61, E3S-AT81 (see note 2) E3S-AT71, E3S-AT91
Emitter: E3S-AT61, E3S-AT81 (see note 3) E3S-AT71, E3S-AT91
Optical axis Lens 7 x 7 13.5 40 8.3 4 Lens 7 x 7 13.5 40 8.3
Optical axis 4
12.4
12
12.4 12
Stability indicator Light indicator (red) Sensitivity (green) adjuster (white) 3.6 Time adjuster (Turbo switch) 7 (black) 21 5.5
1.3
1.3
Turbo switch 2.5 10.5 20 M3 holes (typ.) 10.5 20
NOTES: 1. No time adjuster/turbo included on models E3S-AD61, E3S-AD62, E3S-AD81and E3S-AD82. 2. No time adjuster included on models E3S-AT61 and E3S-AT81. 3. No turbo switch included on models E3S-AT61 and E3S-AT81.
8
E3S-A
SENSORS (continued)
E3S-AD16, E3S-AD17, E3S-AD18, E3S-AD36, E3S-AD37, E3S-AD38 Receiver: E3S-AT16, E3S-AT36
Sensitivity adjuster (white) (receiver only) 50 (1.97) Light indicator (red) 40 12.9 7 10 17.8
E3S-A
Emitter: E3S-AT16, E3S-AT36
M12 connector 10
M12 connector 40
Light indicator (red)
12.4 12 (0.49) Stability indicator (green) Lens 7 x 7 Optical axis
12.4 12
1.3 21 8 10.5 20
1.3
2.5 10.5 20
E3S-AD66, E3S-AD67, E3S-AD68, E3S-AD86, E3S-AD87, E3S-AD88 Receiver: E3S-AT66, E3S-AT86
Lens 7 x 7 13.5 51.3 (2.02) 40 8.3 10 M12 connector
Emitter: E3S-AT66, E3S-AT86
M12 connector 10
13.5
40 8.3
12 (0.47) Optical axis Stability indicator (green) 3.6 7 21 (0.83) Light indicator (red) Sensitivity adjuster (white) 1.3
12
Lens 7 x 7 1.3
Optical axis
2.5 10.5 20 10.5 20
E3S-AR11, E3S-AR31 (see note) E3S-AR21, E3S-AR41
42.3 Light indicator (red) 15.2 2.3 7
Sensitivity OFF-delay time adjuster/turbo adjuster switch (black) (white) Turn to adjust the OFF-delay time: push to switch turbo function on. 9 5.5
12.4 12
Stability indicator (green) Lens 7 x 14 Receiver Optical axis 1.3
21 11.5
21.3 (0.89)
2.5 2.3 10.5 20
Emitter
NOTE: No time adjuster/turbo included on models E3S-AR11 and E3S-AR31.
9
E3S-A
SENSORS (continued)
E3S-AR61, E3S-AR81 E3S-AR71, E3S-AR91
Lens 7 x 14 13.5 40 8.3 Receiver Optical axis Emitter 4
E3S-A
12.4 (0.49)
12 12
Stability indicator (green) 5.9 7 23.3 (0.92) 5.5
Light indicator (red) Sensitivity adjuster (white) OFF-delay time adjuster/turbo switch (black) Turn to adjust the OFF-delay time: push to switch turbo function 2.5 1.3 10.5 20
M3 holes (typ.)
E3S-AR16, E3S-AR36
15.2 2.3 42.3 7
Sensitivity adjuster (white) 10
M12 connector
Light indicator (red)
12.4 12
Stability indicator (green) Lens 7 x 14 Receiver Optical axis
1.3 21 11.5 2.5 10.5 Emitter 20
E3S-AR66, E3S-AR86
Receiver Lens 7 x 14
Optical axis
Emitter M12 connector
40 17
10
14.9
12
Stability indicator (green) 3.6
Light indicator (red) Sensitivity adjuster (white)
7 21 10
2.5 1.3 10.5 20
10
E3S-A
s OPTIONAL CONNECTOR CORDSETS
E3S-A
Cordsets consist of a female connector and 3-conductor, 22 AWG, PVC jacketed cable rated for 300 V, 90C. The cable may be extended to a maximum of 200 m (656 ft). Straight Connector Cordsets Y96E-43SDu
14.67 (0.57) 34.92 (1.32) 45 90 Aluminum coupling nut Silver-plated copper contacts 2. Output* White
Face View, Female Connector
2 m (6.56 ft) length for Y96E-43SD2 5 m (16.40 ft) length for Y96E-43SD5 10 m (32.81 ft) length for Y96E-43SD10
1. +V Red (Brown)
3. 0 V Black (Blue)
4. Output White (Black)
Right Angle Connector Cordsets Y96E-43RDu
14.67 (0.57) 26.5 (1.04) Aluminum coupling nut Silver-plated copper contacts
NOTES: *Not used on 3-wire models. IEC colors are shown in parentheses.
2 m (6.56 ft) length for Y96E-43RD2 5 m (16.40 ft) length for Y96E-43RD5 10 m (32.81 ft) length for Y96E-43RD10
s CORNER CUBE REFLECTORS
E39-R1 Reflector (included with E3S-ARuu)
7.5 (0.30) 2.7 (0.11) 34 (1.339) 7 (0.276)
E39-L7 Reflector Adapter for E39-R1 Reflector
39.3 (1.55) 34 (1.34) 12 (0.47) 3.2 (0.13)
Two 3.5 (0.14) dia.
Nut (M5) 59.9 52 (2.36) (2.07) 59 (2.32) 52 (2.05) M5 Spring washer (M5) 1.6 (0.06) 8 (0.32) Two M3
11
E3S-A
s CORNER CUBE REFLECTORS (continued)
E39-R3 Optional Reflector
E3S-A
Dimensions with E39-L54 Mounting Bracket (included)
29 (1.14) 3.4
11
4.5
6
20 0.2
3.4 7 18.45 22.9 20
13.7
14
0.2 11 (0.43) 16 (0.63)
Two M3
34.8
25.4 34
38 41.8 25.4 0.1 38 (1.50) 34 (1.33)
19.3
Two M3
1.2
10.1 1.2 1.2
E39-R4 Optional Mini-reflector
13.7 4 2 9.70.1 4.9
23 190.1
4 Two, 2.2 dia. 1.4
2
E39-RSA Optional Adhesive-backed Reflector
E39-RSB Optional Adhesive-backed Reflector
40 38 0.7
35 33 10 8 Four 1R Reflective surface
0.7 35 33 Adhesive tape side Four 1R Reflective surface Adhesive tape side
s OPTICAL AXIS CONFIRMATION REFLECTOR
E39-R5 for E3S-A Sensors
15.9 9.7 11.7 7.9 11.6 Bracket clips to the front of E3S-A receiver 59.9 25
11.2
40.9
7.5
12
E3S-A
s SLITS AND FILTERS
E39-S46 Slits Kit for through-beam sensors contains 0.5 mm, 1 mm and 2 mm wide slits and mounting frame. E39-E6 Mutual Interference Filter
E3S-A
11.6 A
6.8 2.1 11.6 6.8
9.7 13.6 21.4 or 11.1 21.4
A = Slit width
2.1
s MOUNTING SPACER FOR CONNECTOR-TYPE SENSORS
E39-L60 Spacer
6.5
33 20
11.75 6.5 2.5
11.75 5 2.5 3.4 dia. 5
3.4 dia.
s MOUNTING BRACKETS (supplied with sensors)
E39-L69 Mounting Bracket E39-L70 Mounting Bracket
10.7 16.5 3.2 7.2 16.5
10.7 7.2
3.2 4.8 5 20 30 3.1 3.6
20 7.2 41.7
Four mounting holes
10.7 1.2 Two, M3 x 12 screws
10.7 1.2
20
Two, M3 x 12 screws
13
E3S-A
s E39-L59 OPTIONAL VERTICAL MOUNTING BRACKET
40 17 10
E3S-A
12
10.5 6.5
20 57.3 74.3 Two mounting holes
15.7 3.6 7 21 5.5 3.2 6.2 18 Mounting bracket (E39-L59)
3.2 34.5
3.2 20
10.5 1.3
20
Two, M3 x 12 screws
s E39-G2 SENSITIVITY ADJUSTER KNOB
8 dia. 0.8 1
12.6
7 dia.
s MOUNTING BRACKET NOTCH
Each mounting bracket slot has a notch to provide a center position for aligning the sensor parallel to the bracket. This ensures that the beam is aligned with the mounting surface.
E3S-A
Base of mounting bracket Optical axis Bracket can move in this direction Optical axis lock hole (M3)
Mounting direction
14
E3S-A
E3S-A
Operation
s SENSITIVITY ADJUSTMENT
Steps Function Sensing Condition Step 1 Determine Position A
Photoelectric sensor Sensing object
Step 2 Determine Position B
Photoelectric sensor
Step 3 Adjust to optimum setting
Photoelectric sensor
Sensing object
Sensing object
Sensitivity adjuster
A
B
A
B
Min
Max
Min
Max
Min
Max
Indicators
OFF STABILITY (green)
ON LIGHT (red)
OFF STABILITY (green)
OFF LIGHT (red)
ON STABILITY (green)
OFF LIGHT (red)
Procedure
Place target at the desired sensing distance. Set sensitivity adjuster to the minimum scale position, and gradually increase sensitivity by turning the sensitivity adjuster clockwise until the Light Incident indicator (red LED) turns ON. Position A designates the point at which the LED has turned ON.
Remove the target. Starting from the maximum scale position, gradually decrease sensitivity by turning the sensitivity adjuster counterclockwise until the Light Incident indicator (red LED) turns OFF. Position B designates the point at which the LED has turned OFF.
Set the sensitivity indicator to the position between Positions A and B (in some cases, Positions A and B are opposite of the above example). The photoelectric sensor will then work normally if the stability indicator (green) is lit with and without the target. If it is not lit, stable operation cannot be expected, in which case a different detection method should be applied.
Unlike conventional photoelectric sensors, the variation in the sensitivity of E3S photoelectric sensors is minimal. This means the sensitivity can be adjusted on only a single photoelectric sensor, and then the adjusters on the other photoelectric sensors can be set to the same scale position. There is no need to adjust the sensitivity of each photoelectric sensor individually.
s TIMER AND TURBO SWITCH
E3S Sensors equipped with the self-diagnostic feature incorporates an OFF-delay timer that can be adjusted within range of 0 to 100 ms. The emitter of the through-beam sensor with the self-diagnostic feature incorporates a turbo switch. When this switch is on, the intensity of the red LED light source can be increased to make a brighter spot. The OFF-delay time adjuster of the retroreflective and the 20-cm diffuse reflective sensor is used as a turbo switch. When the adjuster is pressed, it functions as a turbo switch to automatically increase the power of the light source to create a brighter light spot. Do not press the adjuster when turning it. Turbo Function (Turbo Switch) With the turbo function switched ON, the light spot is visible even at a distance of 20 cm (7.87 in), making it easy to check the sensing position and the angle of the optical axis. 1. After using the turbo function, readjust the OFF-delay time that had been set, since the OFF-delay time could have been changed when the turbo switch (which is on the OFFdelay time adjuster) was pressed. 2. Press the OFF-delay time adjuster to switch ON the turbo function with a maximum force of 1 kg and within a maximum period of 3 minutes. (The photoelectric sensor, however, will not malfunction even if the turbo function is switched on for more than 3 minutes.) The turbo function is effective with the turbo switch pressed, and the function is reset automatically when released. With Turbo Switch ON Normal Operating Condition
Visible spot
PUSH
Sensitivity adjuster The OFF-delay time adjuster is used as a turbo switch (black)
15
E3S-A
Self-Diagnostic Function
E3S-A
With this function, the E3S-A sensor checks changes in environmental conditions (especially a change in the ambient temperature) and self-diagnoses the resistance against the changes. The result is shown by the indicators or an output signal. Amount of incident light 1.2 or more Incident light indicator (red) With light incident (red indicator: ON) Indicator Green Indicator Selfdiagnostic function Self-diagnostic example
Green Red
Stable operating -- state with incident light: Stable operation is expected in the rated temperature range with the green indicator ON. Conditional operating state with incident light: Stable operation is expected if the temperature fluctuation is within 10% of the primary temperature.
--
1.0 to 1.2
Green Red
The selfThe optical axis misaligned by vibration. diagnostic alarm output alerts the user to this Light decreased by dust. state if it Dust continues for 0.3 s.
0.8 to 1.0
Without light incident (red indicator: OFF)
Green Red
With light leakage (through-beam and retroreflective sensors)
Sensing object
Light reflected from the floor or the background (diffuse reflective sensors)
Sensing object
With the influence of external noise
Noise
0.8 or less
Green Red
Stable operating -- state with no incident light: Stable operation is expected in the rated temperature range with the green indicator ON.
--
s EXTERNAL DIAGNOSTIC INPUT FUNCTION
To switch the emission off, short-circuit the gray (pink) and the black (blue) cords of the emitter of the E3S-ATu or the E3S-ARu with the NPN output feature. For the E3S-ARu with the PNP output feature, short-circuit the gray (pink) and the red (brown) cords.
Light emission
Red (Brown) + V OFF (with PNP output) Gray (Externaldiagnostic input) OFF (with NPN output) Black (Blue) 0 V Red (Brown) + V ON (with PNP output) Gray (Pink) (Externaldiagnostic input) ON (with NPN output) Black (Blue) 0 V
No emission
NOTE: IEC colors are shown in parentheses.
16
E3S-A
s SLITS FOR THROUGH-BEAM SENSORS
E39-S46 Slit Set Using slits allows smaller objects to be detected and reduces the sensing distance. Slit width Sensing distance 0.5 mm 0.5 m (1.64 ft) 1 mm 1.1 m (3.61 ft) 2 mm 2.4 m (8.20 ft) Min. object size 0.5 mm (0.02 in) 1 mm (0.04 in) 2 mm (0.08 in)
2 mm Metal cover Slit (0.5 mm or 1 mm)
E3S-A
Rubber attachment Arrow indicating position of optical axis
Use the rubber attachment with the metal cover if a slit width of 2 mm is required. Insert the 0.5- or 1-mm slit between the metal cover and rubber attachment if a slit width of 0.5 or 1 mm is desired. These slits fit into the rubber attachment. NOTE: Apply the slit to the lens of the photoelectric sensor marked with an arrow indicating the position of the optical axis (apply it to the bottom lens of horizontal sensors and the top lens of vertical sensors).
Notches to hold cover E3S-A
s OPTICAL AXIS CONFIRMATION REFLECTOR E39-R5
Use this attachment when the set distance is long and adjustment is mechanically difficult with a sensing object. Attach the reflector to the receiver (refer to the figure). Look at the reflector from right behind the emitter. The reflector should be bright with red light when the optical beam strikes the reflector. If the emitter has a turbo function, the reflector looks brighter with the function switched on. When the reflector is removed, the light beam strikes the receiver.
Eye E39-R5 Receiver Optical axis confirmation reflector
Emitter
s ADJUSTER CAP AND OPTIONAL E39-G2 SENSITIVITY ADJUSTER KNOB
Adjuster Cap (Supplied with each sensor) In order to prevent the sensitivity or OFF-delay time that has been set from changing accidentally, cover the adjusters with the adjuster cap (enclosed).
Aduster cap
E39-G2 Adjuster Knob To temporarily use the knob to adjust the sensitivity of the photoelectric sensor, insert side A into the shaft of the sensitivity adjuster. To snap the adjuster onto the sensor, push side B onto the sensitivity knob.
(A)
Press the adjuster cap until this face touches the name plate on the sensor. Aduster
(B)
s E39-E6 MUTUAL INTERFERENCE FILTER
A set of 4 filters are sold together for two through-beam models (for 2 each of emitters and receivers). The arrow printed on the cover indicates the direction of polarization. By attaching the filters opposite to each other in polarization to the emitters and the receivers (refer to the figure) in rows, mutual interference can be prevented (in any case, the filter attached to an emitter and to the corresponding receiver must be the same in direction of polarization or the photoelectric sensor will not function).
Emitter
Receiver
Be aware of the direction of polarization.
17
E3S-A
E3S-A
NOTE: DIMENSIONS ARE IN MILLIMETERS. To convert millimeters to inches divide by 25.4.
Omron Europe B.V. EMA-ISD, tel:+31 23 5681390, fax:+31 23 5681397, http://www.eu.omron.com/ema
Cat. No. CEDSAX2
3/97
Specifications subject to change without notice.
Printed in the U.S.A.
18


▲Up To Search▲   

 
Price & Availability of E3S-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X