Part Number Hot Search : 
BA6296FP VSA31115 CY7C14 73056 SRS045 DTA143T KI1557DH AGQ26024
Product Description
Full Text Search
 

To Download 1N4565-1-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4565 thru 1N4584A-1 DO-7 6.4 Volt Temperature Compensated Zener Reference Diodes
SCOTTSDALE DIVISION
DESCRIPTION The popular 1N4565 thru 1N4584A-1 series of Zero-TC Reference Diodes provides a selection of both 6.4 V nominal voltages and temperature coefficients to as low as 0.0005%/oC for minimal voltage change with temperature. Four different operating currents are available for selection at 0.5 mA, 1.0 mA, 2.00 mA, and 4.00 mA. These glass axial-leaded DO-7 reference diodes are internal-metallurgical-bonded and are also available in JAN, JANTX, and JANTXV military qualifications. Microsemi also offers numerous other Zener Reference Diode products for a variety of other voltages up to 200 V.
APPEARANCE
WWW . Microsemi .C OM
DO-7 (DO-204AA)
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
FEATURES
* JEDEC registered 1N4565 thru 1N4584 series . * Reference voltage diodes of nominal 6.4 V +/- 5% with tighter tolerance options available * Temperature Coefficient range: 0.01%/oC to 0.0005%/oC. * Zener Test Current selection range: 0.500 mA, 1.00 mA, 2.00 mA and 4.00 mA. * Internal metallurgical bonded * 1N4565 thru 1N4584 also have qualification to MILPRF-19500/452 by adding the JAN, JANTX, JANTXV, or JANS prefixes to part numbers a well as the "-1" suffix; e.g. JANTX1N4574A-1, etc. * Military surface mount equivalents also available in DO-213AA by adding UR-1 suffix and the JAN, JANTX, and JANTXV prefix, e.g. JANTX1N4569AUR-1 (see separate data sheet) * Also available in DO-35 package including military qualifications up to JANTXV (see separate data sheet) *
APPLICATIONS / BENEFITS
Provides minimal voltage change over a broad operating temperature range for instrumentation and other circuit designs requiring a voltage reference Temperature coefficient selections available from 0.01%/C to 0.0005%/C Tight reference voltage tolerances available with nominal value of 6.4 V by adding tolerance 1%, 2%, 3%, etc. after the part number for identification, e.g. 1N4569-2%, 1N4579A-1%, 1N4574A-1-1%, etc. Flexible axial-leaded mounting terminals Nonsensitive to ESD per MIL-STD-750 Method 1020
* *
* *
MAXIMUM RATINGS
* * * Operating Temperatures: -65 C to +175 C Storage Temperatures: -65oC to +175oC DC Power Dissipation: 500 mW @ TL = 25oC with maximum current IZM 70 mA. NOTE: For optimum voltage-temperature stability, the operating test current (IZT) should be as specified in the Electrical Characteristics Table (power less than 30 mW) Solder Temperatures: 260oC for 10 s (max)
o o
MECHANICAL AND PACKAGING
* * * * * * * CASE: Hermetically sealed glass case. DO-7 (DO204AA) package TERMINALS: Leads, tin-lead plated solderable per MIL-STD-750, Method 2026 MARKING: Part number and cathode band POLARITY: Reference diode to be operated with the banded end positive with respect to the opposite end TAPE & REEL option: Standard per EIA-296 (add "TR" suffix to part number) WEIGHT: 0.2 grams. See package dimensions on last page
1N4565(A)(-1) thru 1N4584(A)(-1) DO-7
*
Copyright 2003 10-27-2003 REV B
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
1N4565 thru 1N4584A-1 DO-7 6.4 Volt Temperature Compensated Zener Reference Diodes
SCOTTSDALE DIVISION
*ELECTRICAL CHARACTERISTICS @ 25oC, unless otherwise specified
JEDEC TYPE Number (Notes 1, 4 & 5) 1N4565 1N4565A 1N4566 1N4566A 1N4567 1N4567A 1N4568 1N4568A 1N4569 1N4569A 1N4570 1N4570A 1N4571 1N4571A 1N4572 1N4572A 1N4573 1N4573A 1N4574 1N4574A 1N4575 1N4575A 1N4576 1N4576A 1N4577 1N4577A 1N4578 1N4578A 1N4579 1N4579A 1N4580 1N4580A 1N4581 1N4581A 1N4582 1N4582A 1N4583 1N4583A 1N4584 1N4584A
NOTES: 1. 2. 3. When ordering devices with tighter tolerances than specified for the VZ voltage nominal of 6.40V, add a hyphened suffix to the part number for desired tolerance, e.g. 1N4569A-2%, 1N4574A-1-1%, 1N4579-1-2%, 1N4584A-1-3%, etc. o Zener impedance is measured by superimposing 0.75 mA ac rms on 7.5 mA dc @ 25 C. Voltage measurements to be performed 15 seconds after application of dc test current IZT.
WWW . Microsemi .C OM
ZENER TEST CURRENT (Note 3) IZT mA .5 .5 .5 .5 .5 .5 .5 .5 .5 .5 .5 .5 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0
MAXIMUM VOLTAGE TEMPERATURE COEFFICIENT
VZ +/- %/oC
.01 .01 .005 .005 .002 .002 .001 .001 .0005 .0005 .01 .01 .005 .005 .002 .002 .001 .001 .0005 .0005 .01 .01 .005 .005 .002 .002 .001 .001 .0005 .0005 .01 .01 .005 .005 .002 .002 .001 .001 .0005 .0005
+/- mV/ C .64 .64 .32 .32 .13 .13 .06 .06 .03 .03 .64 .64 .32 .32 .13 .13 .06 .06 .03 .03 .64 .64 .32 .32 .13 .13 .06 .06 .03 .03 .64 .64 .32 .32 .13 .13 .06 .06 .03 .03
o
MAXIMUM REVERSE CURRENT IR @ 3 V
Temp. Range 0 to +75oC o -55 to +100 C 0 to +75oC -55 to +100oC 0 to +75oC -55 to +100oC 0 to +75oC o -55 to +100 C o 0 to +75 C o -55 to +100 C o 0 to +75 C -55 to +100oC 0 to +75oC o -55 to +100 C o 0 to +75 C o -55 to +100 C o 0 to +75 C -55 to +100oC 0 to +75oC o -55 to +100 C o 0 to +75 C o -55 to +100 C 0 to +75oC -55 to +100oC 0 to +75oC -55 to +100oC 0 to +75oC o -55 to +100 C o 0 to +75 C -55 to +100oC o 0 to +75 C -55 to +100oC 0 to +75oC o -55 to +100 C o 0 to +75 C o -55 to +100 C o 0 to +75 C -55 to +100oC 0 to +75oC o -55 to +100 C
A 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0
MAX. DYNAMIC IMPEDANCE (Note 2) ZZT @ IZT OHMS 200 200 200 200 200 200 200 200 200 200 100 100 100 100 100 100 100 100 100 100 50 50 50 50 50 50 50 50 50 50 25 25 25 25 25 25 25 25 25 25
1N4565(A)(-1) thru 1N4584(A)(-1) DO-7
*JEDEC Registered Data.
4.
5.
1N4565 thru 1N4584 also have qualification to MIL-PRF-19500/452 by adding the JAN, JANTX, JANTXV, or JANS prefixes to part numbers as well as the "-1" suffix; e.g. JANTX1N4569A-1, JANTXV1N4574A-1, etc.
Designate Radiation Hardened devices with "RH" prefix instead of "1N," i.e., RH4584A.
Copyright 2003 10-27-2003 REV B
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
1N4565 thru 1N4584A-1 DO-7 6.4 Volt Temperature Compensated Zener Reference Diodes
SCOTTSDALE DIVISION
GRAPHS Typical change of Temperature Coefficient with change in Operating Current Typical Change in Zener Voltage with change in Operating Current
WWW . Microsemi .C OM
TC (mV/C)
TC (%/C
IZ - Operating Current (mA)
VZ (mV)
1N4565 - 1N4569A
IZ - Operating Current (mA)
TC (mV/C)
TC (%/C
IZ - Operating Current (mA)
VZ (mV)
1N4570 - 1N4574A
IZ - Operating Current (mA)
1N4565(A)(-1) thru 1N4584(A)(-1) DO-7
TC (mV/C)
TC (%/C
IZ - Operating Current (mA)
VZ (mV)
1N4575 - 1N4579A
IZ - Operating Current (mA)
Copyright 2003 10-27-2003 REV B
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
1N4565 thru 1N4584A-1 DO-7 6.4 Volt Temperature Compensated Zener Reference Diodes
SCOTTSDALE DIVISION
WWW . Microsemi .C OM
TC (mV/C)
TC (%/C
IZ - Operating Current (mA)
VZ (mV)
1N4580 - 1N4584A PACKAGE DIMENSIONS
IZ - Operating Current (mA)
All dimensions in INCH mm
1N4565(A)(-1) thru 1N4584(A)(-1) DO-7
Copyright 2003 10-27-2003 REV B
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 4


▲Up To Search▲   

 
Price & Availability of 1N4565-1-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X