Part Number Hot Search : 
FUJITSU MIP512 DB155 COMPONEN BC558 ARC242 T3010 133AC
Product Description
Full Text Search
 

To Download P4KE250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P4KE6.8 - P4KE400CA
TRANSIENT VOLTAGE SUPPRESSOR Features
* * * * * * * UL Recognized 400W Peak Pulse Power Dissipation Voltage Range 6.8V - 400V Constructed with Glass Passivated Die Uni and Bidirectional Versions Available Excellent Clamping Capability Fast Response Time
A
B
A
D
C
DO-41
Mechanical Data
* * * * * * Case: Transfer Molded Epoxy Leads: Plated Leads, Solderable per MIL-STD-202, Method 208 Marking: Unidirectional - Type Number and Cathode Band Marking: Bidirectional - Type Number Only Approx. Weight: 0.4 grams Mounting Position: Any
Dim A B C D
Min 25.40 4.06 0.71 2.00
Max -- 5.21 0.884 2.72
All Dimensions in mm
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Peak Power Dissipation, Tp = 1.0 ms (Non repetitive current pulse, per Figure 1 and derated above TA = 25C per Figure 4) Steady State Power Dissipation at TL = 75C Lead Lengths 9.5 mm per Figure 5 (Mounted on Copper Land Area of 40mm2) Peak Forward Surge Current, 8.3 ms Single Half Sine Wave, Superimposed on Rated Load (JEDEC Method) Duty Cycle = 4 pulses per minute maximum) Forward Voltage @ IF = 20A 300s Square Wave Pulse, Unidirectional Only Operating and Storage Temperature Range VBR 200V VBR > 200V Symbol Ppk Pd IFSM VF Tj, TSTG Value 400 1.0 40 3.5 6.5 -55 to +175 Unit W W A V C
DS21508 Rev. B-4
1 of 4
P4KE6.8-P4KE400CA
100,000
IP, PEAK PULSE CURRENT (%pp)
Cj, CAPACITANCE (pF)
100
tr = 10ms Peak Value Ipp
Tj = 25C f = 1.0 MHz Vsig = 50mV p-p
10,000
Measured at Zero Bias
Half Value Ipp/2
50
1000
Measured at Stand-off Voltage
tp
0
10 X 1000 Waveform as defined by R.E.A.
100
0
1
2
3
1
10
100
1000
t, TIME (ms) Fig. 1 Pulse Waveform
VRWM, REVERSE STANDOFF VOLTAGE (V) Fig. 2 Typical Junction Capacitance
Non-Repetitive Pulse Waveform Shown in Fig. 1 TA = 25C
100
PP, PEAK PULSE POWER (kW)
10
1.0
0.1 0.1 1.0 10 100 1000 10000
Tp, PULSE WIDTH (s) Fig. 3 Pulse Rating Curve
PK PULSE DERATING (% PK PWR OR CURRENT)
Pd , STEADY STATE POWER DISSIPATION (W)
100
1.0
75
0.75
Single Phase Half-Wave 60Hz Resistive or Inductive Load
50
0.5 L = 9.5 mm
25
10 X 1000 Waveform as defined by REA
0.25 40 x 40 x 1 mm Cu 0 0 25 50 75 100 125 150 175 200 TL , LEAD TEMPERATURE (C) Fig. 5, Steady State Power Derating
0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 4 Pulse Derating Curve
Notes:
1. Suffix `C' denotes bidirectional device. Suffix `A' denotes 5% tolerance device, no suffix denotes 10% tolerance device. 2. For bidirectional devices having VR of 10 volts and under, the IR limit is doubled. 3. Type Number marking may contain a "V" or dash in place of decimal point.
DS21508 Rev. B-4
2 of 4
P4KE6.8-P4KE400CA
Type Number (UNI) P4KE6.8 P4KE6.8A P4KE7.5 P4KE7.5A P4KE8.2 P4KE8.2A P4KE9.1 P4KE9.1A P4KE10 P4KE10A P4KE11 P4KE11A P4KE12 P4KE12A P4KE13 P4KE13A P4KE15 P4KE15A P4KE16 P4KE16A P4KE18 P4KE18A P4KE20 P4KE20A P4KE22 P4KE22A P4KE24 P4KE24A P4KE27 P4KE27A P4KE30 P4KE30A P4KE33 P4KE33A P4KE36 P4KE36A P4KE39 P4KE39A P4KE43 P4KE43A
Type Number (BI) P4KE6.8C P4KE6.8CA P4KE7.5C P4KE7.5CA P4KE8.2C P4KE8.2CA P4KE9.1C P4KE9.1CA P4KE10C P4KE10CA P4KE11C P4KE11CA P4KE12C P4KE12CA P4KE13C P4KE13CA P4KE15C P4KE15CA P4KE16C P4KE16CA P4KE18C P4KE18CA P4KE20C P4KE20CA P4KE22C P4KE22CA P4KE24C P4KE24CA P4KE27C P4KE27CA P4KE30C P4KE30CA P4KE33C P4KE33CA P4KE36C P4KE36CA P4KE39C P4KE39CA P4KE43C P4KE43CA
Reverse Standoff Voltage VRWM (V) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.20 10.50 11.10 12.10 12.80 12.90 13.60 14.50 15.30 16.20 17.10 17.80 18.80 19.40 20.50 21.80 23.10 24.30 25.60 26.80 28.20 29.10 30.80 31.60 33.30 34.80 36.80
Breakdown Voltage VBR @ IT Min (V) 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.50 10.80 11.40 11.70 12.40 13.50 14.30 14.40 15.20 16.20 17.10 18.00 19.00 19.80 20.90 21.60 22.80 24.30 25.70 27.00 28.50 29.70 31.40 32.40 34.20 35.10 37.10 38.70 40.90 Max (V) 7.48 7.14 8.25 7.88 9.02 8.61 10.00 9.50 11.00 10.50 12.10 11.60 13.20 12.60 14.30 13.70 16.50 15.80 17.60 16.80 19.80 18.90 22.00 21.00 24.20 23.10 26.40 25.20 29.70 28.40 33.00 31.50 36.30 34.70 39.60 37.80 42.90 41.00 47.30 45.20
Test Current IT (mA) 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Max Reverse Leakage @ VR IR (mA) 1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Max Clamping Voltage @ Ipp VC (V) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3
Max Peak Pulse Current IPP (A) 38.0 40.0 36.0 37.0 33.0 35.0 30.0 31.0 28.0 29.0 26.0 27.0 24.0 25.0 22.0 23.0 19.0 20.0 18.0 19.0 16.0 17.0 14.0 15.0 13.0 14.0 12.0 13.0 11.0 11.2 10.0 10.0 9.0 9.0 8.0 8.4 7.4 7.8 6.8 7.1
DS21508 Rev. B-4
3 of 4
P4KE6.8-P4KE400CA
Type Number (UNI) P4KE47 P4KE47A P4KE51 P4KE51A P4KE56 P4KE56A P4KE62 P4KE62A P4KE68 P4KE68A P4KE75 P4KE75A P4KE82 P4KE82A P4KE91 P4KE91A P4KE100 P4KE100A P4KE110 P4KE110A P4KE120 P4KE120A P4KE130 P4KE130A P4KE150 P4KE150A P4KE160 P4KE160A P4KE170 P4KE170A P4KE180 P4KE180A P4KE200 P4KE200A P4KE220 P4KE220A P4KE250 P4KE250A P4KE300 P4KE300A P4KE350 P4KE350A P4KE400 P4KE400A
Type Number (BI) P4KE47C P4KE47CA P4KE51C P4KE51CA P4KE56C P4KE56CA P4KE62C P4KE62CA P4KE68C P4KE68CA P4KE75C P4KE75CA P4KE82C P4KE82CA P4KE91C P4KE91CA P4KE100C P4KE100CA P4KE110C P4KE110CA P4KE120C P4KE120CA P4KE130C P4KE130CA P4KE150C P4KE150CA P4KE160C P4KE160CA P4KE170C P4KE170CA P4KE180C P4KE180CA P4KE200C P4KE200CA P4KE220C P4KE220CA P4KE250C P4KE250CA P4KE300C P4KE300CA P4KE350C P4KE350CA P4KE400C P4KE400CA
Reverse Standoff Voltage VRWM (V) 38.10 40.20 41.30 43.60 45.60 47.80 50.20 53.00 55.10 58.10 60.70 64.10 66.40 70.10 73.70 77.80 81.00 85.50 89.20 94.00 97.20 102.00 105.00 111.00 121.00 128.00 130.00 136.00 138.00 145.00 146.00 154.00 162.00 171.00 175.00 185.00 202.00 214.00 243.00 256.00 284.00 300.00 324.00 342.00
Breakdown Voltage VBR @ IT Min (V) 42.30 44.70 45.90 48.50 50.40 53.20 55.80 58.90 61.20 64.60 67.50 71.30 73.80 77.90 81.90 86.50 90.00 95.00 99.00 105.00 108.00 114.00 117.00 124.00 135.00 143.00 144.00 152.00 153.00 162.00 162.00 171.00 180.00 190.00 198.00 209.00 225.00 237.00 270.00 285.00 315.00 332.00 360.00 380.00 Max (V) 51.70 49.40 56.10 53.60 61.60 58.80 68.20 65.10 74.80 71.40 82.50 78.80 90.20 86.10 100.00 95.50 110.00 105.00 121.00 116.00 132.00 126.00 143.00 137.00 165.00 158.00 176.00 168.00 187.00 179.00 198.00 189.00 220.00 210.00 242.00 231.00 275.00 263.00 330.00 315.00 385.00 368.00 440.00 420.00
Test Current IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Max Reverse Leakage @ VR IR (mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Max Clamping Voltage @ Ipp VC (V) 67.8 64.8 73.5 70.1 80.5 77.0 89.0 85.0 98.0 92.0 108.0 103.0 118.0 113.0 131.0 125.0 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 230.0 219.0 244.0 234.0 258.0 246.0 287.0 274.0 344.0 328.0 360.0 344.0 430.0 414.0 504.0 482.0 574.0 548.0
Max Peak Pulse Current IPP (A) 6.2 5.0 5.7 6.0 5.2 5.5 4.7 5.0 4.3 4.6 3.9 4.1 3.6 3.7 3.2 3.4 2.9 3.1 2.7 2.8 2.4 2.5 2.2 2.3 2.0 2.0 1.8 1.9 1.7 1.8 1.6 1.7 1.5 1.53 1.16 1.22 1.1 1.16 0.93 0.97 0.79 0.83 0.70 0.73
DS21508 Rev. B-4
4 of 4
P4KE6.8-P4KE400CA


▲Up To Search▲   

 
Price & Availability of P4KE250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X