Part Number Hot Search : 
RL257 228M00 PQ1CG21H K4S1616 20020 BT24005 BT24005 2SC32
Product Description
Full Text Search
 

To Download TFS455B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Filename: TFS455B.doc
Version 1.0
21.08.2003
VI TELEFILTER
Measurement condition
Ambient temperature: Input power level: Terminating impedance: * Input: Output: 23 0 50 50 C dBm
Filter specification
TFS455B
1/5
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS455B is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation a min is defined as the insertion loss a e. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3 dB filter attenuation level relative to the insertion loss a e. The nominal frequency fN is fixed at 455,0 MHz without tolerance. The given values for the relative attenuation a rel and for the group delay ripple have to be reached at the frequencies given below even if the centre frequency fc is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency f c.
Data
Insertion Loss (reference level) Nominal Frequency Centre Frequency Passband at 23C 2,8 dB Relative Attenuation fN 10,0 MHz fN fN 105 MHz fN fN + 8,0 MHz fN + fN + 12,5 MHz fN + Operating Temperature Range Storage Temperature Range Temperature Coefficient of Frequency Input Power Level TCf ** 105 454,7 12,5 1545 MHz MHz MHz MHz OTR arel ae fN fC PB
typ. value
1,35 455 MHz dB
tolerance / limit
2,8 455,0 dB MHz
7,8
MHz
min.
5
MHz
39 40 42 40 -32 -
dB dB dB dB
min. 25 min. 30 min. 30 min. 25 - 10 C ... + 85 C - 45 C ... + 90 C max. 25
dB dB dB dB
ppm/K
dBm
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference
values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team. **) f(Hz) = TCf(ppm/K) x (T-T0) x fTo(MHz).
Generated:
Checked / Approved:
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filename: TFS455B.doc
Version 1.0
21.08.2003
VI TELEFILTER
Construction and pin connection Construction, pin configuration
(All dimensions in mm)
Filter specification
TFS455B
2/5
5.0 SQ -0.1 7 5
+0.15
455B R34
1 date code
Pin 1 Pin 2 Pin 3 Pin 4 Ground Input Ground Package Ground Pin 5 Pin 6 Pin 7 Pin 8 Ground Output Ground Package ground
3
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filename: TFS455B.doc
Version 1.0
21.08.2003
VI TELEFILTER
Stability Characteristics
Filter specification
TFS455B
3/5
After the following tests the filter shall meet the whole specification: 1. Shock: 2. Vibration: 3. Change of temperature: 500g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 -55 C to 125C / 30 min. each / 10 cycles DIN IEC 68 part 2 14 Test N
4. Resistance to solder heat (reflow):
reflow possible: twice max.; for temperature conditions, please refer to the attached "Air reflow temperature conditions" on page 4;
Packing
Tape & Reel: IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: reel of empty components at start: reel of empty components at start including leader: trailer 3000 min 300 mm min 500 mm min 300 mm
Tape (all dimensions in mm) W Po Do D1 E F : : : : : : 12 4 1,5 1,5 0,3 0,1 + 0,5 + 0,5
Do Po
EMBOSSED CARRIER TAPE
P
2
E A
o
1,75 0,1
F
7,5 0,1
13,4
D
0,1
1
B
W
o
G (min) : P2 P1 : :
0,75 2 8 1,5 5,3 5,3 0,1 0,1
COVER TAPE
0,05
G
0,1
P
1
D1(min) : Ao Bo : :
W2
Reel (all d imensions in mm ): A W1 : : 330 12 ,4 + 0 ,2 18 ,4 50 13
W2 (m ax) : N (m in) : C :
+ 0 ,2 / -0 ,5
A
C N
W1
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. Markings on the filters can be read if the upper side of the carrier tape is regarded with the sprocket holes on its right.
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filename: TFS455B.doc
Version 1.0
21.08.2003
VI TELEFILTER
Air reflow temperature conditions
Filter specification
TFS455B
4/5
1st and 2nd air reflow profile
Name: Temperature: Time:
pre-heating periods 150 C - 170 C 60 sec. - 90 sec.
main-heating periods over 200 C 20 sec. - 25 sec.
peak temperature 255 C 5 C
Chip-mount air reflow profile
260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240
Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filename: TFS455B.doc
Version 1.0
21.08.2003
VI TELEFILTER
History
Version 1.0 Reason of Changes
Filter specification
TFS455B
5/5
Name Dr. Sabah
Date 21.08.2003
- Generation of filter specification according to customer requirement
Tele Filter GmbH Potsdamer Strae 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS455B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X