Part Number Hot Search : 
AD5116 LBN04404 M62366GP ED302T03 C8051F0 B3716 LM39300 LP2950CT
Product Description
Full Text Search
 

To Download MRF3866R1R2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
MRF3866, R1, R2
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
Features
* * * * Low Cost SO-8 Plastic Surface Mount Package. S-Parameter Characterization Tape and Reel Packaging Options Available Maximum Available Gain = 17 dB @ 300 MHz
SO-8
R1 suffix-Tape and Reel, 500 units R2 suffix-Tape and Reel, 2500 units
DESCRIPTION: Designed for general-purpose RF amplifier applications, such as; pre-drivers, Oscillators, etc.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C)
Symbol VCEO VCBO VEBO IC Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Value 30 55 3.5 400 Unit Vdc Vdc Vdc mA
Thermal Data
P
D Total Device Dissipation @ TC = 25C Derate above 25C 1.0 8 Watts mW/ C
MSC1312.PDF 10-25-99
MRF3866, R1, R2
ELECTRICAL SPECIFICATIONS (Tcase = 25C)
STATIC (off)
Symbol BVCER BVCBO BVEBO ICEO Test Conditions Min. Collector-Emitter Breakdown Voltage (IC = 5.0 mAdc, IB = 0, rbe = 10 Ohms) Collector-Base Breakdown Voltage (IC = 0.1 mAdc, IE = 0) Emitter-Base Breakdown Voltage (IE = 0.1 mAdc, IC = 0) Collector Cutoff Current (VCE = 15 Vdc, VBE = 0 Vdc) 55 55 3.5 Value Typ. Max. .02 Unit Vdc Vdc Vdc mA
(on)
HFE DC Current Gain (IC = 360 mAdc, VCE = 5.0 Vdc) (IC = 50 mAdc, VCE = 5.0 Vdc) 5.0 10 250 200
DYNAMIC
Symbol COB Ftau Test Conditions Min. Output Capacitance (VCB = 30 Vdc, IE = 0, f = 1.0 MHz) Current-Gain Bandwidth Product (IC = 50 mAdc, VCE = 15 Vdc, f = 200 MHz) 800 Value Typ. 1.6 1000 Max. 2.0 Unit pF MHz
MSC1312.PDF 10-25-99
MRF3866, R1, R2
FUNCTIONAL
Symbol Test Conditions Min. Maximum Unilateral Gain IC = 50 mAdc, VCE = 15 Vdc, f = 300 MHz Maximum Available Gain IC = 50 mAdc, VCE = 15 Vdc, f = 300 MHz Insertion Gain IC = 50 mAdc, VCE = 15 Vdc, f = 300 MHz Value Typ. 15 17 12.5 Max. Unit dB dB dB
G
U max
11.5
MAG |S21|
2
Table 1. Common Emitter S-Parameters, @ VCE = 15 V, IC = 50 mA
f
S11
(MHz)
100 300 500 700 1000
|S11|
.632 .683 .710 .717 .715
-164 -179 171 162 158
S21
|S21|
12.94 4.33 2.57 1.82 1.24
93 75 62 51 36
S12
|S12|
.018 .039 .056 .071 .092
53 61 61 62 65
S22
|S22|
.315 .307 .346 .393 .455
-27 -29 -43 -58 -72
MSC1312.PDF 10-25-99
MRF3866, R1, R2
RF Low Power PA, LNA, and General Purpose Discrete Selector Guide
Freq (MHz) Efficiency (%) IC max (mA) Gu Max (dB) Ccb(pF) BVCEO IC max (mA)
3.5 20 30 30 1 1 3 1 1 1 2.6 12 15 25 15 15 12 15 15 15 1 15 15 12 16 2.2 0.45 1 1 1 17 10 10 12 15 400 400 400 50 40 150 30 50 35 100 200 200 30 50 40 200 200 100 70 35 30
Pout (watts)
Freq (MHz)
NF (dB) NF IC (mA) NF VCE
Package
Device
SO-8 TO-39 POWER MACRO POWER MACRO TO-39 TO-39 TO-72 MA C R O X MA C R O X TO-39 SO-8 P O W ER MA C R O P O W ER MA C R O MA C R O X MA C R O X SO-8 P O W ER MA C R O P O W ER MA C R O
MRF4427, R2 2N4427 MRF553 MRF553T MRF607 2N6255 2N5179 MRF559 MRF559 2N3866A MRF555 MRF555T MRF559 MRF559 MRF8372,R1,R2 MRF557 MRF557T
NPN 175 NPN 175 NPN 175 NPN 175 NPN 175 NPN 175 NPN 200 NPN 5 1 2 NPN 5 1 2 NPN 4 0 0 NPN 4 7 0 NPN 4 7 0 NPN 8 7 0 NPN 8 7 0 NPN 8 7 0 NPN 8 7 0 NPN 8 7 0
0.15 1 1.5 1.5 1.75 3
18 10 11.5 11.5 11.5 7.8 20
60 50 60 50 50 50
12 12 12.5 12.5 12.5 12.5 6
20 20 16 16 16 18 12 16 16 30 30 16 16 16 16 16 16 16
400 400 500 500 330 1000 50 150 150 400 400 400 400 150 150 200 400 400
TO-39 TO-39 SO-8 TO-72 TO-72 TO-39 TO-72 TO-72 MACRO T
2N5109 MRF5943C MRF5943, R1, R2 2N5179 2N2857 MRF517 MRF904 2N6304 BFR91 BFR96 MRF5812, R1, R2 MRF581A BFR90 BFY90 MRF914 MRF581 MRF586 MRF951 MRF571 BFR91 BFR90
NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN NPN
200 200 200 200 300 300 450 450 500 500 500 500 500 500 500 500 500 1000 1000 1000 1000
3 3.4 3.4 4.5 5.5 7.5 1.5 5 1.9 2 2 2 2.4 2.5 2.5 2.5 3 1.3 1.5 2.5 3
10 30 30 1.5 50 50 5 2 2 10 50 50 2 2 5 50 90 5 10 2 2
15 15 15 6 6 15 6 5 5 10 10 10 10 5 10 10 15 6 6 5 10 15 11 14 10 8 10 15.5 14 15 11
GN (dB)
12 11.4 15 17 13 5.5 11 14 16.5 14.5 17.8 15 18 20 15 17.8 14.5 17
1200 1000 1300 900 1600 4600 4000 1400 5000 500 5000 5000 5000 1300 4500 5000 4500 8000 8000
0.5 0.5 1 1 1.5 1.5 0.5 0.5 0.75 1.5 1.5
10 13 10 10 11 11 6.5 9.5 8 8 8
65 60 45 45 50 50 70 65 55 55 55
7.5 12.5 28 28 12.5 12.5 7.5 12.5 12.5 12.5 12.5
MACRO T SO-8 MACRO X Macro TO-72 TO-72 MACRO X TO-39 MACRO X MACRO X MACRO T MACRO T
M R F 3 8 6 6 , R 1 , R 2 NPN 4 0 0
11 12.5
5000 5000
TO-39 TO-39
MRF545 MRF544
PNP NPN
14 13.5
1400 1500
Ftau (MHz)
GPE (dB)
GPE VCC
Package
Device
BVCEO
Type
Type
2
70 70
400 400
RF (Low Power PA / General Purpose) Selection Guide
RF (LNA / General Purpose) Selection Guide
Low Cost RF Plastic Package Options
1 8 2 4 3 3 2 4 1 4
Macro T
Macro X
Power Macro
SO-8
MSC1312.PDF 10-25-99
MRF3866, R1, R2
PIN 1. EMITTER 2. COLLECTOR 3. COLLECTOR 4. EMITTER
5. EMITTER 6. BASE 7. BASE 8. EMITTER
8.
5.
1.
4.
MSC1312.PDF 10-25-99


▲Up To Search▲   

 
Price & Availability of MRF3866R1R2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X