Part Number Hot Search : 
LTC1386 2SB935A 385117 MAX9947 50231 LTC1386 MCJ33A 2N4030
Product Description
Full Text Search
 

To Download MAX1182 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2094; Rev 0; 7/01
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs
General Description
The MAX1182 is a +3V, dual 10-bit analog-to-digital converter (ADC) featuring fully-differential wideband track-and-hold (T/H) inputs, driving two pipelined, 9stage ADCs. The MAX1182 is optimized for low-power, high-dynamic performance applications in imaging, instrumentation and digital communication applications. This ADC operates from a single +2.7V to +3.6V supply, consuming only 195mW while delivering a typical signal-to-noise ratio (SNR) of 59dB at an input frequency of 20MHz and a sampling rate of 65Msps. The T/H driven input stages incorporate 400MHz (-3dB) input amplifiers. The converters may also be operated with single-ended inputs. In addition to low operating power, the MAX1182 features a 2.8mA sleep mode as well as a 1A power-down mode to conserve power during idle periods. An internal +2.048V precision bandgap reference sets the full-scale range of the ADC. A flexible reference structure allows the use of the internal or an externally derived reference, if desired for applications requiring increased accuracy or a different input voltage range. The MAX1182 features parallel, CMOS-compatible three-state outputs. The digital output format is set to two's complement or straight offset binary through a single control pin. The device provides for a separate output power supply of +1.7V to +3.6V for flexible interfacing. The MAX1182 is available in a 7mm x 7mm, 48pin TQFP package, and is specified for the extended industrial (-40C to +85C) temperature range. Pin-compatible higher and lower speed versions of the MAX1182 are also available. Please refer to the MAX1180 datasheet for 105Msps, the MAX1181 datasheet for 80Msps, the MAX1183 datasheet for 40Msps, and the MAX1184 datasheet for 20Msps. In addition to these speed grades, this family includes a 20Msps multiplexed output version (MAX1185), for which digital data is presented time-interleaved on a single, parallel 10-bit output port.
Features
o Single +3V Operation o Excellent Dynamic Performance: 59dB SNR at fIN = 20MHz 77dB SFDR at fIN = 20MHz o Low Power: 65mA (Normal Operation) 2.8mA (Sleep Mode) 1A (Shutdown Mode) o 0.02dB Gain and 0.25 Phase Matching (typ) o Wide 1VP-P Differential Analog Input Voltage Range o 400MHz -3dB Input Bandwidth o On-Chip +2.048V Precision Bandgap Reference o User-Selectable Output Format--Two's Complement or Offset Binary o 48-Pin TQFP Package with Exposed Pad for Improved Thermal Dissipation o Evaluation Kit Available
MAX1182
Ordering Information
PART MAX1182ECM TEMP. RANGE -40C to +85C PIN-PACKAGE 48 TQFP-EP
Pin Configuration
REFN REFP REFIN REFOUT D9A D8A D7A D6A D5A D4A D3A D2A
48 47 46 45 44 43 42 41 40 39 38
COM VDD GND INA+ INAVDD GND INBINB+ GND VDD CLK
37
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
36 35 34 33 32 31 30 29 28 27 26 25
D1A D0A OGND OVDD OVDD OGND D0B D1B D2B D3B D4B D5B
Applications
High Resolution Imaging I/Q Channel Digitization Multchannel IF Undersampling Instrumentation Video Application
MAX1182
GND VDD VDD
________________________________________________________________ Maxim Integrated Products
GND T/B SLEEP PD OE D9B D8B D7B D6B
48 TQFP-EP
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs MAX1182
ABSOLUTE MAXIMUM RATINGS
VDD, OVDD to GND...............................................-0.3V to +3.6V OGND to GND.......................................................-0.3V to +0.3V INA+, INA-, INB+, INB- to GND ...............................-0.3V to VDD REFIN, REFOUT, REFP, REFN, CLK, COM to GND ..........................................-0.3V to (VDD + 0.3V) OE, PD, SLEEP, T/B, D9A-D0A, D9B-D0B to OGND .............................-0.3V to (OVDD + 0.3V) Continuous Power Dissipation (TA = +70C) 48-Pin TQFP (derate 12.5mW/C above +70C).......1000mW Operating Temperature Range ...........................-40C to +85C Junction Temperature ......................................................+150C Storage Temperature Range .............................-60C to +150C Lead temperature (soldering, 10s) ..................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VDD = +3V, OVDD = +2.5V; 0.1F and 1.0F capacitors from REFP, REFN, and COM to GND; REFOUT connected to REFIN through a 10k resistor, VIN = 2Vp-p (differential w.r.t. COM), CL = 10pF at digital outputs (Note 5), fCLK = 65MHz (50% duty cycle), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.)
PARAMETER DC ACCURACY Resolution Integral Nonlinearity Differential Nonlinearity Offset Error Gain Error ANALOG INPUT Differential Input Voltage Range Common-Mode Input Voltage Range Input Resistance Input Capacitance CONVERSION RATE Maximum Clock Frequency Data Latency DYNAMIC CHARACTERISTICS (fCLK = 65MHz, 4096-point FFT) fINA or B = 7.47MHz, TA = +25C Signal-to-Noise Ratio SNR fINA or B = 20MHz, TA = +25C fINA or B = 39.9MHz (Note 1) Signal-to-Noise and Distortion (up to 5th harmonic) fINA or B = 7.47MHz, TA = +25C SINAD fINA or B = 20MHz, TA = +25C fINA or B = 39.9MHz (Note 1) fINA or B = 7.47MHz, TA = +25C Spurious-Free Dynamic Range SFDR fINA or B = 20MHz, TA = +25C fINA or B = 39.9MHz, (Note 1) 65 65 56.5 56 56.8 56.5 59.5 59 59 59 58.5 58.5 76 77 75 dBc dB dB fCLK 65 5 MHz Clock Cycles VDIFF VCM RIN CIN Switched capacitor load Differential or single-ended inputs 1.0 VDD/2 0.5 33 5 V V k pF INL DNL fIN = 7.47MHz fIN = 7.47MHz, no missing codes guaranteed 10 0.6 0.4 < 1 0 1.9 1.0 1.7 2 Bits LSB LSB % FS % FS SYMBOL CONDITIONS MIN TYP MAX UNITS
2
_______________________________________________________________________________________
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +3V, OVDD = +2.5V; 0.1F and 1.0F capacitors from REFP, REFN, and COM to GND; REFOUT connected to REFIN through a 10k resistor, VIN = 2Vp-p (differential w.r.t. COM), CL = 10pF at digital outputs (Note 5), fCLK = 65MHz (50% duty cycle), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.)
PARAMETER Third-Harmonic Distortion Intermodulation Distortion (first 5 odd-order IMDs) Total Harmonic Distortion (first 5 harmonics) Small-Signal Bandwidth Full-Power Bandwidth Aperture Delay Aperture Jitter Overdrive Recovery Time Differential Gain Differential Phase Output Noise INTERNAL REFERENCE Reference Output Voltage Reference Temperature Coefficient Load Regulation BUFFERED EXTERNAL REFERENCE (VREFIN = +2.048V) REFIN Input Voltage Positive Reference Output Voltage Negative Reference Output Voltage Differential Reference Output Voltage Range REFIN Resistance VREFIN VREFP VREFN VREF RREFIN VREF = VREFP - VREFN 0.98 2.048 2.012 0.988 1.024 >50 1.07 V V V V M REFOUT TCREF 2.048 3% 60 1.25 V ppm/C mV/mA INA+ = INA- = INB+ = INB- = COM FPBW tAD tAJ For 1.5 x full-scale input SYMBOL HD3 CONDITIONS fINA or B = 7.47MHz fINA or B = 20MHz fINA or B = 39.9MHz (Note 1) IMD fINA or B = 19.13042MHz at -6.5dB FS fINA or B = 21.2886MHz at -6.5dB FS (Note 2) fINA or B = 7.47MHz, TA = +25C THD fINA or B = 20MHz, TA = +25C fINA or B = 39.9MHz, (Note 1) Input at -20dB FS, differential inputs Input at -0.5dB FS, differential inputs MIN TYP -83 -82 -77 -75 -75.5 -76 -74 500 400 1 2 2 1 0.25 0.2 MHz MHz ns psRMS ns % degrees LSBRMS -64 -63 dBc dBc dBc MAX UNITS
MAX1182
_______________________________________________________________________________________
3
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs MAX1182
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +3V, OVDD = +2.5V; 0.1F and 1.0F capacitors from REFP, REFN, and COM to GND; REFOUT connected to REFIN through a 10k resistor, VIN = 2Vp-p (differential w.r.t. COM), CL = 10pF at digital outputs (Note 5), fCLK = 65MHz (50% duty cycle), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.)
PARAMETER Maximum REFP, COM Source Current Maximum REFP, COM Sink Current Maximum REFN Source Current Maximum REFN Sink Current SYMBOL ISOURCE ISINK ISOURCE ISINK RREFP, RREFN VREF VCOM VREFP VREFN Measured between REFP and COM, and REFN and COM VREF = VREFP - VREFN CONDITIONS MIN TYP >5 250 250 >5 MAX UNITS mA A A mA
UNBUFFERED EXTERNAL REFERENCE (VREFIN = AGND, reference voltage applied to REFP, REFN, and COM) REFP, REFN Input Resistance Differential Reference Input Voltage COM Input Voltage REFP Input Voltage REFN Input Voltage 4 1.024 10% VDD/2 10% VCOM + VREF /2 VCOM VREF /2 CLK PD, OE, SLEEP, T/B CLK PD, OE, SLEEP, T/B 0.1 VIH = OVDD or VDD (CLK) VIL = 0 5 ISINK = 200A ISOURCE = 200A OE = OVDD OE = OVDD 5 OVDD - 0.2 10 0.2 5 5 0.8 x VDD 0.8 x OVDD 0.2 x VDD 0.2 x OVDD k V V V V
DIGITAL INPUTS (CLK, PD, OE, SLEEP, T/B) Input High Threshold Input Low Threshold Input Hysteresis Input Leakage Input Capacitance VIH VIL VHYST IIH IIL CIN V V V A pF V V A pF
DIGITAL OUTPUTS (D9A-D0A, D9B-D0B) Output Voltage Low VOL Output Voltage High Three-State Leakage Current Three-State Output Capacitance VOH ILEAK COUT
4
_______________________________________________________________________________________
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs MAX1182
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +3V, OVDD = +2.5V; 0.1F and 1.0F capacitors from REFP, REFN, and COM to GND; REFOUT connected to REFIN through a 10k resistor, VIN = 2Vp-p (differential w.r.t. COM), CL = 10pF at digital outputs (Note 5), fCLK = 65MHz (50% duty cycle), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.)
PARAMETER POWER REQUIREMENTS Analog Supply Voltage Range Output Supply Voltage Range Analog Supply Current VDD OVDD Operating, fINA or B = 20MHz at -0.5dB FS IVDD Sleep mode Shutdown, clock idle, PD = OE = OVDD Operating, CL = 15pF, fINA or B = 20MHz at -0.5dB FS Output Supply Current IOVDD Sleep mode Shutdown, clock idle, PD = OE = OVDD Operating, fINA or B = 20MHz at -0.5dB FS Power Dissipation PDISS Sleep mode Shutdown, clock idle, PD = OE = OVDD Power-Supply Rejection Ratio TIMING CHARACTERISTICS CLK Rise to Output Data Valid Output Enable Time Output Disable Time CLK Pulse Width High CLK Pulse Width Low Wake-Up Time tDO tENABLE tDISABLE tCH tCL tWAKE Figure 3 (Note 3) Figure 4 Figure 4 Figure 3, clock period: 15.4ns Figure 3, clock period: 15.4ns Wakeup from Sleep mode (Note 4) Wakeup from Shutdown (Note 4) fINA or B = 20MHz at -0.5dB FS fINA or B = 20MHz at -0.5dB FS fINA or B = 20MHz at -0.5dB FS 5 10 1.5 7.7 1.5 7.7 1.5 0.42 1.5 -70 0.02 0.25 0.2 8 ns ns ns ns ns s PSRR Offset Gain 2.7 1.7 3.0 2.5 65 2.8 1 11 100 2 195 8.4 3 0.2 0.1 45 10 240 15 3.6 3.6 80 V V mA A mA A mW W mV/V %/V SYMBOL CONDITIONS MIN TYP MAX UNITS
CHANNEL-TO-CHANNEL MATCHING Crosstalk Gain Matching Phase Matching dB dB degrees
Note 1: SNR, SINAD, THD, SFDR, and HD3 are based on an analog input voltage of -0.5dB FS referenced to a +1.024V full-scale input voltage range. Note 2: Intermodulation distortion is the total power of the intermodulation products relative to the individual carrier. This number is 6dB or better, if referenced to the two-tone envelope. Note 3: Digital outputs settle to VIH, VIL. Parameter guaranteed by design. Note 4: With REFIN driven externally, REFP, COM, and REFN are left floating while powered down. Note 5: Equivalent dynamic performance is obtainable over full OVDD range with reduced CL.
_______________________________________________________________________________________
5
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs MAX1182
Typical Operating Characteristics
(VDD = +3V, OVDD = +2.5V, internal reference, differential input at -0.5dB FS, fCLK = 65MHz, CL 10pF, TA = +25C, unless otherwise noted.)
FFT PLOT CHA (8192-POINT RECORD, DIFFERENTIAL INPUT)
MAX1182 toc01
FFT PLOT CHB (8192-POINT RECORD, DIFFERENTIAL INPUT)
-10 -20 AMPLITUDE (dB) -30 -40 -50 -60 -70 -80 -90 -100 CHB fINA = 6.0065MHz fINB = 7.51410MHz fCLK = 65.00057MHz AINB = -0.56dB FS
MAX1182 toc02
FFT PLOT CHA (8192-POINT RECORD, DIFFERENTIAL INPUT)
-10 -20 AMPLITUDE (dB) -30 -40 -50 -60 -70 -80 -90 -100 fINA = 20.08257MHz fINB = 25.09727MHz fCLK = 65.00057MHz AINB = -0.52dB FS CHA
MAX1182 toc03
0 -10 -20 AMPLITUDE (dB) -30 -40 -50 -60 -70 -80 -90 -100 0 5 10 15 20 25 30 CHA fINA = 6.0065MHz fINB = 7.51410MHz fCLK = 65.00057MHz AINA = -0.55dB FS
0
0
35
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
ANALOG INPUT FREQUENCY (MHz)
ANALOG INPUT FREQUENCY (MHz)
ANALOG INPUT FREQUENCY (MHz)
FFT PLOT CHB (8192-POINT RECORD, DIFFERENTIAL INPUT)
MAX1182 toc04
FFT PLOT CHA (8192-POINT RECORD, DIFFERENTIAL INPUT)
MAX1182 toc05
FFT PLOT CHB (8192-POINT RECORD, DIFFERENTIAL INPUT)
-10 -20 AMPLITUDE (dB) -30 -40 -50 -60 -70 -80 -90 -100 fINA = 37.31661MHz fINB = 46.99687MHz fCLK = 65.00057MHz AINB = -0.49dB FS CHB
MAX1182 toc06
0 -10 -20 AMPLITUDE (dB) -30 -40 -50 -60 -70 -80 -90 -100 0 5 10 15 20 25 30 fINA = 20.08257MHz fINB = 25.09727MHz fCLK = 65.00057MHz AINB = -0.52dB FS CHB
0 -10 -20 AMPLITUDE (dB) -30 -40 -50 -60 -70 -80 -90 -100 fINA = 37.31661MHz fINB = 46.99687MHz fCLK = 65.00057MHz AINB = -0.52dB FS CHA
0
35
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
ANALOG INPUT FREQUENCY (MHz)
ANALOG INPUT FREQUENCY (MHz)
ANALOG INPUT FREQUENCY (MHz)
TWO-TONE IMD PLOT (8192-POINT RECORD, DIFFERENTIAL INPUT)
MAX1182 toc07
SIGNAL-TO-NOISE RATIO vs. ANALOG INPUT FREQUENCY
MAX1182 toc08
SIGNAL-TO-NOISE + DISTORTION vs. ANALOG INPUT FREQUENCY
DIFFERENTIAL INPUT CONFIGURATION CHB 60
MAX1182 toc09
0 -10 -20 AMPLITUDE (dB) -30 -40 -50 -60 -70 -80 -90 -100 0 5 10 15 20 25 30 2nd ORDER IMD fIN1 = 19.13042MHz fIN2 = 21.28864MHz fCLK = 65.00057MHz AIN = -6.5dB FS TWO-TONE ENVELOPE = -0.47dB FS fIN1
61 60 59 SNR (dB) 58 57 56 55
62
DIFFERENTIAL INPUT CONFIGURATION CHB CHA
fIN2 3rd ORDER IMD
SINAD (dB)
CHA 58
56 54 1 10 ANALOG INPUT FREQUENCY (MHz) 100 1 10 ANALOG INPUT FREQUENCY (MHz) 100
35
ANALOG INPUT FREQUENCY (MHz)
6
_______________________________________________________________________________________
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs
Typical Operating Characteristics (continued)
(VDD = +3V, OVDD = +2.5V, internal reference, differential input at -0.5dB FS, fCLK = 65MHz, CL 10pF, TA = +25C, unless otherwise noted.)
TOTAL HARMONIC DISTORTION vs. ANALOG INPUT FREQUENCY
MAX1182 toc10
MAX1182
SPURIOUS-FREE DYNAMIC RANGE vs. ANALOG INPUT FREQUENCY
DIFFERENTIAL INPUT CONFIGURATION CHA
MAX1182 toc11
FULL-POWER INPUT BANDWIDTH vs. ANALOG INPUT FREQUENCY, SINGLE-ENDED
MAX1182 toc12
-65 DIFFERENTIAL INPUT CONFIGURATION -68 CHB
87 83 79 SFDR (dB)
6 4 2 GAIN (dB) 0 -2 -4 -6 -8
THD (dB)
-71 CHA
75 71
-74
CHB
-77
67 63 1 10 ANALOG INPUT FREQUENCY (MHz) 100 1 10 ANALOG INPUT FREQUENCY (MHz) 100
-80
1
10
100
1000
ANALOG INPUT FREQUENCY (MHz)
SMALL-SIGNAL INPUT BANDWIDTH vs. ANALOG INPUT FREQUENCY, SINGLE-ENDED
MAX1182 toc13
SIGNAL-TO-NOISE RATIO vs. INPUT POWER (fIN = 20.085279MHz)
MAX1182 toc14
SIGNAL-TO-NOISE + DISTORTION vs. INPUT POWER (fIN = 20.085279MHz)
MAX1182 toc15
6 AIN = 100mVP-P 4 2 GAIN (dB) 0 -2 -4 -6 -8 1 10 100
65 60 55 50 45 40 35 -20
65 60 55 SINAD (dB) 50 45 40 35 -20
SNR (dB)
1000
-16
-12
-8
-4
0
-16
-12
-8
-4
0
ANALOG INPUT FREQUENCY (MHz)
INPUT POWER (dB FS)
INPUT POWER (dB FS)
TOTAL HARMONIC DISTORTION vs. INPUT POWER (fIN = 20.085279MHz)
MAX1182 toc16
SPURIOUS-FREE DYNAMIC RANGE vs. INPUT POWER (fIN = 20.085279MHz)
MAX1182 toc17
INTEGRAL NONLINEARITY (BEST-ENDPOINT FIT)
MAX1182 toc18
-55
80
1.0
-60
76
0.5 INL (LSB) -20 -16 -12 -8 -4 0
SFDR (dB)
THD (dB)
-65
72
0
-70
68
-0.5 -75 64
-80 -20 -16 -12 -8 -4 0 INPUT POWER (dB FS)
60 INPUT POWER (dB FS)
-1.0 0 128 256 384 512 640 768 896 1024 DIGITAL OUTPUT CODE
_______________________________________________________________________________________
7
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs MAX1182
Typical Operating Characteristics (continued)
(VDD = +3V, OVDD = +2.5V, internal reference, differential input at -0.5dB FS, fCLK = 65MHz, CL 10pF, TA = +25C, unless otherwise noted.)
GAIN ERROR vs. TEMPERATURE, EXTERNAL REFERENCE (VREFIN = +2.048V)
MAX1182 toc19 MAX1182 toc20
DIFFERENTIAL NONLINEARITY
0.5 0.4 0.3 0.2 DNL (LSB) 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 0 128 256 384 512 640 768 896 1024 DIGITAL OUTPUT CODE 1.0 0.5
OFFSET ERROR vs. TEMPERATURE, EXTERNAL REFERENCE (VREFIN = +2.048V)
MAX1182 toc21
0.15 0.10 OFFSET ERROR (% FS) CHB 0.05 0 -0.05 -0.10 -0.15
CHB GAIN ERROR (% FS) 0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 -40 -15 10 35 60 CHA
CHA
85
-40
-15
10
35
60
85
TEMPERATURE (C)
TEMPERATURE (C)
ANALOG SUPPLY CURRENT vs. ANALOG SUPPLY VOLTAGE
MAX1182 toc22
ANALOG SUPPLY CURRENT vs. TEMPERATURE
MAX1182 toc23
ANALOG POWER-DOWN CURRENT vs. ANALOG POWER SUPPLY
OE = PD = OVDD 0.24
MAX1182 toc24
80
85
0.30
70 IVDD (mA) IVDD (mA)
75 IVDD (A)
0.18
60
65
0.12 55
50
0.06
40 2.70 2.85 3.00 3.15 VDD (V) 3.30 3.45 3.60
45 -40 -15 10 35 TEMPERATURE (C) 60 85
0 2.70 2.85 3.00 3.15 VDD (V) 3.30 3.45 3.60
SFDR, SNR, THD, SINAD vs. CLOCK DUTY CYCLE
fIN = 25.097265MHz SFDR, SNR, THD, SINAD (dB) 80 SFDR
MAX1182 toc25
INTERNAL REFERENCE VOLTAGE vs. ANALOG POWER VOLTAGE
MAX1182 toc26
90
2.045
2.040 VREFOUT (V)
70 SNR 60 SINAD THD
2.035
2.030
50
2.025
40 30 35 40 45 50 55 60 65 70 CLOCK DUTY CYCLE (%)
2.020 2.70 2.85 3.00 3.15 VDD (V) 3.30 3.45 3.60
8
_______________________________________________________________________________________
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs
Typical Operating Characteristics (continued)
(VDD = +3V, OVDD = +2.5V, internal reference, differential input at -0.5dB FS, fCLK = 65MHz, CL 10pF, TA = +25C, unless otherwise noted.)
INTERNAL REFERENCE VOLTAGE vs. TEMPERATURE
MAX1182 toc27
MAX1182
OUTPUT NOISE HISTOGRAM (DC INPUT)
140000 120000
MAX1182 toc28
2.06 2.05 2.04
160000 129421
VREFOUT (V)
COUNTS
100000 80000 60000 40000
2.03 2.02 2.01 2.00 -40 -15 10 35 60 85 TEMPERATURE (C)
20000 0 0 N-2 926 N-1 N 725 N+1 0 N+2
DIGITAL OUTPUT CODE
Pin Description
PIN 1 2, 6, 11, 14, 15 3, 7, 10, 13, 16 4 5 8 9 12 17 NAME COM VDD GND INA+ INAINBINB+ CLK T/B FUNCTION Common-Mode Voltage Input/Output. Bypass to GND with a 0.1F capacitor. Analog Supply Voltage. Bypass to GND with a capacitor combination of 2.2F in parallel with 0.1F. Analog Ground Channel A Positive Analog Input. For single-ended operation, connect signal source to INA+. Channel A Negative Analog Input. For single-ended operation, connect INA- to COM. Channel B Negative Analog Input. For single-ended operation, connect INB- to COM. Channel B Positive Analog Input. For single-ended operation, connect signal source to INB+. Converter Clock Input T/B selects the ADC digital output format. High: Two's complement. Low: Straight offset binary. Sleep Mode Input. High: Deactivates the two ADCs, but leaves the reference bias circuit active. Low: Normal operation. Power-Down Input. High: Power-down mode Low: Normal operation Output Enable Input. High: Digital outputs disabled Low: Digital outputs enabled
18
SLEEP
19
PD
20
OE
_______________________________________________________________________________________
9
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs MAX1182
Pin Description (continued)
PIN 21 22 23 24 25 26 27 28 29 30 31, 34 32, 33 35 36 37 38 39 40 41 42 43 44 45 46 47 48 NAME D9B D8B D7B D6B D5B D4B D3B D2B D1B D0B OGND OVDD D0A D1A D2A D3A D4A D5A D6A D7A D8A D9A REFOUT REFIN REFP REFN FUNCTION Three-State Digital Output, Bit 9 (MSB), Channel B Three-State Digital Output, Bit 8, Channel B Three-State Digital Output, Bit 7, Channel B Three-State Digital Output, Bit 6, Channel B Three-State Digital Output, Bit 5, Channel B Three-State Digital Output, Bit 4, Channel B Three-State Digital Output, Bit 3, Channel B Three-State Digital Output, Bit 2, Channel B Three-State Digital Output, Bit 1, Channel B Three-State Digital Output, Bit 0 (LSB), Channel B Output Driver Ground Output Driver Supply Voltage. Bypass to OGND with a capacitor combination of 2.2F in parallel with 0.1F. Three-State Digital Output, Bit 0 (LSB), Channel A Three-State Digital Output, Bit 1, Channel A Three-State Digital Output, Bit 2, Channel A Three-State Digital Output, Bit 3, Channel A Three-State Digital Output, Bit 4, Channel A Three-State Digital Output, Bit 5, Channel A Three-State Digital Output, Bit 6, Channel A Three-State Digital Output, Bit 7, Channel A Three-State Digital Output, Bit 8, Channel A Three-State Digital Output, Bit 9 (MSB), Channel A Internal Reference Voltage Output. May be connected to REFIN through a resistor or a resistor divider. Reference Input. VREFIN = 2 (VREFP - VREFN). Bypass to GND with a >1nF capacitor. Positive Reference Input/Output. Conversion range is (VREFP - VREFN). Bypass to GND with a > 0.1F capacitor. Negative Reference Input/Output. Conversion range is (VREFP - VREFN). Bypass to GND with a > 0.1F capacitor.
10
______________________________________________________________________________________
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs
Detailed Description
The MAX1182 uses a 9-stage, fully-differential pipelined architecture (Figure 1) that allows for highspeed conversion while minimizing power consumption. Samples taken at the inputs move progressively through the pipeline stages every half clock cycle. Counting the delay through the output latch, the clockcycle latency is five clock cycles. 1.5-bit (2-comparator) flash ADCs convert the heldinput voltages into a digital code. The digital-to-analog converters (DACs) convert the digitized results back into analog voltages, which are then subtracted from the original held input signals. The resulting error signals are then multiplied by two and the residues are passed along to the next pipeline stages where the process is repeated until the signals have been processed by all nine stages. Digital error correction compensates for ADC comparator offsets in each of these pipeline stages and ensures no missing codes. hold mode. In track mode, switches S1, S2a, S2b, S4a, S4b, S5a and S5b are closed. The fully-differential circuits sample the input signals onto the two capacitors (C2a and C2b) through switches S4a and S4b. S2a and S2b set the common mode for the amplifier input, and open simultaneously with S1, sampling the input waveform. Switches S4a and S4b are then opened before switches S3a and S3b, connect capacitors C1a and C1b to the output of the amplifier, and switch S4c is closed. The resulting differential voltages are held on capacitors C2a and C2b. The amplifiers are used to charge capacitors C1a and C1b to the same values originally held on C2a and C2b. These values are then presented to the first-stage quantizers and isolate the pipelines from the fast-changing inputs. The wide input bandwidth T/H amplifiers allow the MAX1182 to trackand-sample/hold analog inputs of high frequencies (> Nyquist). The ADC inputs (INA+, INB+, INA-, and INB-) can be driven either differentially or single-ended. Match the impedance of INA+ and INA- as well as INB+ and INB- and set the common-mode voltage to mid-supply (VDD/2) for optimum performance.
MAX1182
Input Track-and-Hold (T/H) Circuits
Figure 2 displays a simplified functional diagram of the input track-and-hold (T/H) circuits in both track and
VIN
T/H
x2
VOUT
VIN
T/H
x2
VOUT
FLASH ADC 1.5 BITS
DAC
FLASH ADC 1.5 BITS
DAC
2-BIT FLASH ADC STAGE 1 STAGE 2 STAGE 8 STAGE 9 STAGE 1 STAGE 2 STAGE 8
2-BIT FLASH ADC STAGE 9
DIGITAL CORRECTION LOGIC T/H 10 D9A-D0A T/H
DIGITAL CORRECTION LOGIC 10 D9B-D0B
VINA
VINB
VINA = INPUT VOLTAGE BETWEEN INA+ AND INA- (DIFFERENTIAL OR SINGLE-ENDED) VINB = INPUT VOLTAGE BETWEEN INB+ AND INB- (DIFFERENTIAL OR SINGLE-ENDED)
Figure 1. Pipelined Architecture--Stage Blocks ______________________________________________________________________________________ 11
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs MAX1182
INTERNAL BIAS S2a C1a S4a INA+ C2a S4c S1 OUT S4b C2b C1b S3b S2b INTERNAL BIAS S5b COM HOLD INTERNAL BIAS S2a C1a S4a INB+ C2a S4c S1 OUT S4b C2b C1b S3b S2b INTERNAL BIAS S5b COM OUT TRACK HOLD TRACK CLK INTERNAL NONOVERLAPPING CLOCK SIGNALS OUT
COM S5a S3a
INA-
COM S5a S3a
INB-
MAX1182
Figure 2. MAX1182 T/H Amplifiers
12
______________________________________________________________________________________
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs
Analog Inputs and Reference Configurations
The full-scale range of the MAX1182 is determined by the internally generated voltage difference between REFP (VDD/2 + VREFIN/4) and REFN (VDD/2 - VREFIN/4). The full-scale range for both on-chip ADCs is adjustable through the REFIN pin, which is provided for this purpose. REFOUT, REFP, COM (VDD/2), and REFN are internally buffered low-impedance outputs. The MAX1182 provides three modes of reference operation: * Internal reference mode * Buffered external reference mode * Unbuffered external reference mode In internal reference mode, connect the internal reference output REFOUT to REFIN through a resistor (e.g., 10k) or resistor divider, if an application requires a reduced full-scale range. For stability and noise filtering purposes bypass REFIN with a >10nF capacitor to GND. In internal reference mode, REFOUT, COM, REFP, and REFN become low-impedance outputs. In buffered external reference mode, adjust the reference voltage levels externally by applying a stable and accurate voltage at REFIN. In this mode, COM, REFP, and REFN become outputs. REFOUT may be left open or connected to REFIN through a >10k resistor. In unbuffered external reference mode, connect REFIN to GND. This deactivates the on-chip reference buffers for REFP, COM, and REFN. With their buffers shut down, these nodes become high impedance and may be driven through separate external reference sources. ered as an analog input and routed away from any analog input or other digital signal lines. The MAX1182 clock input operates with a voltage threshold set to VDD/2. Clock inputs with a duty cycle other than 50%, must meet the specifications for high and low periods as stated in the Electrical Characteristics.
MAX1182
System Timing Requirements
Figure 3 depicts the relationship between the clock input, analog input, and data output. The MAX1182 samples at the rising edge of the input clock. Output data for channels A and B is valid on the next rising edge of the input clock. The output data has an internal latency of five clock cycles. Figure 4 also determines the relationship between the input clock parameters and the valid output data on channels A and B.
Digital Output Data, Output Data Format Selection (T/B), Output Enable (/OE)
All digital outputs, D0A-D9A (Channel A) and D0B-D9B (Channel B), are TTL/CMOS logic-compatible. There is a 5-clock-cycle latency between any particular sample and its corresponding output data. The output coding can be chosen to be either straight offset binary or two's complement (Table 1) controlled by a single pin (T/B). Pull T/B low to select offset binary and high to activate two's complement output coding. The capacitive load on the digital outputs D0A-D9A and D0B-D9B should be kept as low as possible (<15pF), to avoid large digital currents that could feed back into the analog portion of the MAX1182, thereby degrading its dynamic performance. Using buffers on the digital outputs of the ADCs can further isolate the digital outputs from heavy capacitive loads. To further improve the dynamic performance of the MAX1182 small-series resistors (e.g., 100) maybe added to the digital output paths, close to the MAX1182. Figure 4 displays the timing relationship between output enable and data output valid as well as power down/wake-up and data output valid.
Clock Input (CLK)
The MAX1182's CLK input accepts CMOS-compatible clock signals. Since the interstage conversion of the device depends on the repeatability of the rising and falling edges of the external clock, use a clock with low jitter and fast rise and fall times (< 2ns). In particular, sampling occurs on the rising edge of the clock signal, requiring this edge to provide lowest possible jitter. Any significant aperture jitter would limit the SNR performance of the on-chip ADCs as follows: SNRdB = 20 log10 (1 / [2 x fIN x tAJ]), where fIN represents the analog input frequency and tAJ is the time of the aperture jitter. Clock jitter is especially critical for undersampling applications. The clock input should always be consid-
Power-Down (PD) and Sleep (SLEEP) Modes
The MAX1182 offers two power-save modes--sleep and full power-down mode. In sleep mode (SLEEP = 1), only the reference bias circuit is active (both ADCs are disabled), and current consumption is reduced to 2.8mA. To enter full power-down mode, pull PD high. With OE simultaneously low, all outputs are latched at the last value prior to the power down. Pulling OE high forces the digital outputs into a high impedance state.
______________________________________________________________________________________
13
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs MAX1182
5 CLOCK-CYCLE LATENCY N N+1 N+2 N+3 N+4 N+5 N+6
ANALOG INPUT
CLOCK INPUT tD0 DATA OUTPUT D9A-D0A N-6 N-5 N-4 tCH N-3
tCL N-2 N-1 N N+1
DATA OUTPUT D9B-D0B
N-6
N-5
N-4
N-3
N-2
N-1
N
N+1
Figure 3. System Timing Diagram
OE
tENABLE OUTPUT D9A-D0A HIGH-Z
tDISABLE HIGH-Z
amplifiers. The user may select the RISO and CIN values to optimize the filter performance, to suit a particular application. For the application in Figure 5, a RISO of 50 is placed before the capacitive load to prevent ringing and oscillation. The 22pF CIN capacitor acts as a small bypassing capacitor.
VALID DATA
Using Transformer Coupling
A RF transformer (Figure 6) provides an excellent solution to convert a single-ended source signal to a fully differential signal, required by the MAX1182 for optimum performance. Connecting the center tap of the transformer to COM provides a VDD/2 DC level shift to the input. Although a 1:1 transformer is shown, a stepup transformer may be selected to reduce the drive requirements. A reduced signal swing from the input driver, such as an op amp, may also improve the overall distortion. In general, the MAX1182 provides better SFDR and THD with fully-differential input signals than singleended drive, especially for very high input frequencies. In differential input mode, even-order harmonics are lower as both inputs (INA+, INA- and/or INB+, INB-) are balanced, and each of the ADC inputs only requires half the signal swing compared to single-ended mode.
OUTPUT D9B-D0B
HIGH-Z
VALID DATA
HIGH-Z
Figure 4. Output Timing Diagram
Applications Information
Figure 5 depicts a typical application circuit containing two single-ended to differential converters. The internal reference provides a V DD/2 output voltage for level shifting purposes. The input is buffered and then split to a voltage follower and inverter. One lowpass filter per ADC suppresses some of the wideband noise associated with high-speed operational amplifiers, follows the
14
______________________________________________________________________________________
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs MAX1182
Table 1. MAX1182 Output Codes For Differential Inputs
DIFFERENTIAL INPUT VOLTAGE* VREF x 511/512 VREF x 1/512 0 - VREF x 1/512 -VREF x 511/512 -VREF x 512/512 *VREF = VREFP - VREFN DIFFERENTIAL INPUT +FULL SCALE - 1LSB + 1 LSB Bipolar Zero - 1 LSB - FULL SCALE + 1 LSB - FULL SCALE STRAIGHT OFFSET BINARY T/B = 0 11 1111 1111 10 0000 0001 10 0000 0000 01 1111 1111 00 0000 0001 00 0000 0000 TWO'S COMPLEMENT T/B = 1 01 1111 1111 00 0000 0001 00 0000 0000 11 1111 1111 10 0000 0001 10 0000 0000
Single-Ended AC-Coupled Input Signal
Figure 7 shows an AC-coupled, single-ended application. Amplifiers like the MAX4108 provide high-speed, high-bandwidth, low noise, and low distortion to maintain the integrity of the input signal.
Grounding, Bypassing, and Board Layout
The MAX1182 requires high-speed board layout design techniques. Locate all bypass capacitors as close to the device as possible, preferably on the same side as the ADC, using surface-mount devices for minimum inductance. Bypass VDD, REFP, REFN, and COM with two parallel 0.1F ceramic capacitors and a 2.2F bipolar capacitor to GND. Follow the same rules to bypass the digital supply (OVDD) to OGND. Multilayer boards with separated ground and power planes produce the highest level of signal integrity. Consider the use of a split ground plane arranged to match the physical location of the analog ground (GND) and the digital output driver ground (OGND) on the ADCs package. The two ground planes should be joined at a single point such that the noisy digital ground currents do not interfere with the analog ground plane. The ideal location of this connection can be determined experimentally at a point along the gap between the two ground planes, which produces optimum results. Make this connection with a low-value, surface-mount resistor (1 to 5), a ferrite bead or a direct short. Alternatively, all ground pins could share the same ground plane, if the ground plane is sufficiently isolated from any noisy, digital systems ground plane (e.g., downstream output buffer or DSP ground plane). Route high-speed digital signal traces away from the sensitive analog traces of either channel. Make sure to isolate the analog input lines to each respective converter to minimize channelto-channel crosstalk. Keep all signal lines short and free of 90 degree turns.
Typical QAM Demodulation Application
The most frequently used modulation technique for digital communications applications is probably the Quadrature Amplitude Modulation (QAM). Typically found in spread-spectrum based systems, a QAM signal represents a carrier frequency modulated in both amplitude and phase. At the transmitter, modulating the baseband signal with quadrature outputs, a local oscillator followed by subsequent up-conversion can generate the QAM signal. The result is an in-phase (I) and a quadrature (Q) carrier component, where the Q component is 90 degree phase-shifted with respect to the inphase component. At the receiver, the QAM signal is divided down into it's I and Q components, essentially representing the modulation process reversed. Figure 8 displays the demodulation process performed in the analog domain, using the dual matched +3V, 10-bit ADC MAX1182 and the MAX2451 quadrature demodulator to recover and digitize the I and Q baseband signals. Before being digitized by the MAX1182, the mixed-down signal components may be filtered by matched analog filters, such as Nyquist or pulse-shaping filters which remove any unwanted images from the mixing process, thereby enhancing the overall signalto-noise (SNR) performance and minimizing inter-symbol interference.
______________________________________________________________________________________
15
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs MAX1182
+5V
0.1F LOWPASS FILTER MAX4108 300 0.1F INA+ RIS0 50 CIN 22pF
-5V
0.1F
600 300 600 COM +5V 0.1F +5V 0.1F INPUT 0.1F MAX4108 300 0.1F MAX4108 INARIS0 50 0.1F CIN 22pF LOWPASS FILTER 600
-5V
300 -5V
300 300 +5V 600
MAX1182
0.1F LOWPASS FILTER MAX4108 300 0.1F INB+ RIS0 50 CIN 22pF
-5V
0.1F
600 300 600
+5V
0.1F +5V 0.1F 600 0.1F LOWPASS FILTER INBRIS0 50 -5V 0.1F CIN 22pF
INPUT MAX4108 300 0.1F MAX4108
-5V
300
300 300 600
Figure 5. Typical Application for Single-Ended to Differential Conversion 16 ______________________________________________________________________________________
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs MAX1182
25 INA+ 22pF 0.1F VIN N.C. 1 2 3 T1 6 5 4 2.2F 0.1F
COM
MINICIRCUITS TT1-6 25 INA22pF MAX1182 25 INB+ 22pF 0.1F VIN N.C. 1 2 3 T1 6 5 4 2.2F 0.1F
MINICIRCUITS TT1-6 25 INB22pF
Figure 6. Transformer-Coupled Input Drive
Static Parameter Definitions
Integral Nonlinearity (INL)
Integral nonlinearity is the deviation of the values on an actual transfer function from a straight line. This straight line can be either a best straight-line fit or a line drawn between the endpoints of the transfer function, once offset and gain errors have been nullified. The static linearity parameters for the MAX1182 are measured using the best straight-line fit method.
error specification of less than 1LSB guarantees no missing codes and a monotonic transfer function.
Dynamic Parameter Definitions
Aperture Jitter
Figure 9 depicts the aperture jitter (tAJ), which is the sample-to-sample variation in the aperture delay.
Aperture Delay
Aperture delay (tAD) is the time defined between the falling edge of the sampling clock and the instant when an actual sample is taken (Figure 9).
Differential Nonlinearity (DNL)
Differential nonlinearity is the difference between an actual step-width and the ideal value of 1LSB. A DNL
______________________________________________________________________________________
17
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs MAX1182
REFP
VIN MAX4108 100
0.1F
1k RISO 50 INA+ 1k CIN 22pF COM REFN 0.1F RISO 50 INACIN 22pF REFP
100
MAX1182
VIN MAX4108 100
0.1F
1k RISO 50 INB+ 1k CIN 22pF
REFN
0.1F
RISO 50 INBCIN 22pF
100
Figure 7: Using an Op Amp for Single-Ended, AC-Coupled Input Drive
Signal-to-Noise Ratio (SNR)
For a waveform perfectly reconstructed from digital samples, the theoretical maximum SNR is the ratio of the full-scale analog input (RMS value) to the RMS quantization error (residual error). The ideal, theoretical minimum analog-to-digital noise is caused by quantization error only and results directly from the ADC's resolution (N-Bits): SNRdB[max] = 6.02dB x N + 1.76dB In reality, there are other noise sources besides quantization noise e.g. thermal noise, reference noise, clock jitter, etc. SNR is computed by taking the ratio of the RMS signal to the RMS noise, which includes all spectral components minus the fundamental, the first five harmonics, and the DC offset.
18
Signal-to-Noise Plus Distortion (SINAD)
SINAD is computed by taking the ratio of the RMS signal to all spectral components minus the fundamental and the DC offset.
Effective Number of Bits (ENOB)
ENOB specifies the dynamic performance of an ADC at a specific input frequency and sampling rate. An ideal ADC's error consists of quantization noise only. ENOB is computed from: ENOB = SINADdB - 1.76dB 6.02dB
______________________________________________________________________________________
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs MAX1182
MAX2451
INA+ INA0 90
MAX1182 INB+ INB-
DSP POST PROCESSING
DOWNCONVERTER /8
Figure 8. Typical QAM Application, Using the MAX1182
Total Harmonic Distortion (THD)
THD is typically the ratio of the RMS sum of the first four harmonics of the input signal to the fundamental itself. This is expressed as:
CLK
ANALOG INPUT tAD tAJ SAMPLED DATA (T/H)
V2 2 + V3 2 + V4 2 + V5 2 THD = 20 x log10 V1 where V1 is the fundamental amplitude, and V2 through V5 are the amplitudes of the 2nd- through 5th-order harmonics.
Spurious-Free Dynamic Range (SFDR)
T/H TRACK HOLD TRACK
SFDR is the ratio expressed in decibels of the RMS amplitude of the fundamental (maximum signal component) to the RMS value of the next largest spurious component, excluding DC offset.
Intermodulation Distortion (IMD)
Figure 9. T/H Aperture Timing
The two-tone IMD is the ratio expressed in decibels of either input tone to the worst 3rd-order (or higher) intermodulation products. The individual input tone levels are at -6.5dB full scale and their envelope is at -0.5dB full scale.
Chip Information
TRANSISTOR COUNT: 10,811 PROCESS: CMOS
______________________________________________________________________________________
19
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs MAX1182
Functional Diagram
VDD GND INA+ T/H INAPIPELINE ADC 10 DEC OUTPUT DRIVERS 10 D9A-D0A OGND OVDD
CLK
CONTROL OE
INB+ T/H INB-
PIPELINE ADC
10 DEC
OUTPUT DRIVERS
10 D9B-D0B
REFERENCE
MAX1182
REFOUT REFN COM REFP REFIN
T/B PD SLEEP
20
______________________________________________________________________________________
Dual 10-Bit, 65Msps, +3V, Low-Power ADC with Internal Reference and Parallel Outputs
Package Information
48L,TQFP.EPS
MAX1182
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 21 (c) 2001 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX1182

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X