Part Number Hot Search : 
LZ951600 FT825 SMAJ10 1N756D 04560 APC78169 6ESB1 5ETP12
Product Description
Full Text Search
 

To Download 72021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Si4830ADY
Vishay Siliconix
Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
PRODUCT SUMMARY
VDS (V)
30
FEATURES
ID (A)
7.5 6.5
rDS(on) (W)
0.022 @ VGS = 10 V 0.030 @ VGS = 4.5 V
D D D D
LITTLE FOOTr Plus Schottky Si4830DY Pin Compatible PWM Optimized 100% Rg Tested
SCHOTTKY PRODUCT SUMMARY
VDS (V)
30
APPLICATIONS
D Asymmetrical Buck-Boost DC/DC Converter IF (A)
2.0 D1
VSD (V) Diode Forward Voltage
0.50 V @ 1.0 A
D2
SO-8
S1 G1 S2 G2 1 2 3 4 Top View S1 Ordering Information: Si4830ADY--E3 (Lead Free) Si4830ADY-T1--E3 (Lead Free with Tape and Reel) N-Channel MOSFET S2 N-Channel MOSFET 8 7 6 5 D1 D1 D2 D2 G1 G2 Schottky Diode
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current Continuous Source Current (Diode Conduction)a Maximum Power Dissipationa TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
10 secs
30 "20 7.5 6.0 30 1.7 2.0 1.3 -55 to 150
Steady State
Unit
V
5.7 4.6 0.9 1.1 0.7 W _C A
Operating Junction and Storage Temperature Range
THERMAL RESISTANCE RATINGS
MOSFET Parameter
Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 72021 S-32621--Rev. D, 29-Dec-03 www.vishay.com t v 10 sec Steady-State Steady-State
Schottky Typ
53 93 35
Symbol
RthJA RthJF
Typ
52 93 35
Max
62.5 110 40
Max
62.5 110 40
Unit
_C/W C/W
1
Si4830ADY
Vishay Siliconix
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED).
Parameter Static
Gate Threshold Voltage Gate-Body Leakage VGS(th) IGSS VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 30 V, VGS = 0 V V Zero Gate Voltage Drain Current IDSS VDS = 30 V, VGS = 0 V TJ = 85_C V V, On-State Drain Currentb Drain-Source On-State Drain Source On State Resistanceb Forward Transconductanceb Diode Forward Voltageb ID(on) rDS( ) DS(on) gfs VSD VDS = 5 V, VGS = 10 V VGS = 10 V, ID = 7.5 A VGS = 4.5 V, ID = 6.5 A VDS = 15 V, ID = 7.5 A IS = 1 A VGS = 0 V A, Ch-1 Ch-2 Ch-1 Ch-2 Ch-1 Ch-2 20 0.017 0.024 19 0.75 0.47 1.2 0.5 0.022 0.030 0.8 3.0 "100 1 100 15 2000 A W S V mA V nA
Symbol
Test Condition
Min
Typa
Max
Unit
Dynamica
Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Source Drain Reverse Recovery Time Qg Qgs Qgd Rg td(on) tr td(off) tf trr IF = 1 7 A di/dt = 100 A/ms 1.7 A, Ch-1 Ch-2 VDD = 15 V, RL = 15 W ID ^ 1 A, VGEN = 10 V, Rg = 6 W 0.5 VDS = 15 V, VGS = 4.5 V, ID = 7.5 A , , 7 2.9 2.5 1.5 9 10 19 9 35 32 2.4 15 17 30 15 55 55 ns W 11 nC
Notes a. Guaranteed by design, not subject to production testing. b. Pulse test; pulse width v 300 ms, duty cycle v 2%.
SCHOTTKY SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Forward Voltage Drop
Symbol
VF
Test Condition
IF = 1.0 A IF = 1.0 A, TJ = 125_C Vr = 30 V Vr = 30 V, TJ = 100_C Vr = -30 V, TJ = 125_C Vr = 10 V
Min
Typ
0.47 0.36 0.004 0.7 3.0 50
Max
0.50 0.42 0.100 10 20
Unit
V
Maximum Reverse Leakage Current g Junction Capacitance
Irm CT
mA pF
www.vishay.com
2
Document Number: 72021 S-32621--Rev. D, 29-Dec-03
Si4830ADY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
30 25 I D - Drain Current (A) 20 15 10 5 3V 0 0 2 4 6 8 10 VDS - Drain-to-Source Voltage (V) 0 0 1 2 3 4 5 VGS - Gate-to-Source Voltage (V) I D - Drain Current (A) VGS = 10 thru 5 V 30 4V 25 20 15 10 5
MOSFET
Transfer Characteristics
TC = 125_C 25_C -55_C
On-Resistance vs. Drain Current
0.040 r DS(on) - On-Resistance ( W ) 1200
Capacitance
0.030 VGS = 4.5 V 0.020 VGS = 10 V
C - Capacitance (pF)
960
Ciss
720
480 Coss 240 Crss
0.010
0.000 0 5 10 15 20 25 30
0 0 5 10 15 20 25 30
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
10 V GS - Gate-to-Source Voltage (V) VDS = 15 V ID = 7.5 A 8 r DS(on) - On-Resistance (Normalized) 1.8 1.6 1.4 1.2 1.0 0.8 0.6 -50
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 7.5 A
6
4
2
0 0 3 6 9 12 15 Qg - Total Gate Charge (nC) Document Number: 72021 S-32621--Rev. D, 29-Dec-03
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C) www.vishay.com
3
Si4830ADY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
20 10 r DS(on) - On-Resistance ( W ) I S - Source Current (A) 0.06 0.05 0.04 ID = 7.5 A 0.03 0.02 0.01 0.00 0.2 0.4 0.6 0.8 1.0 1.2 0 2 4 6 8 10 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
MOSFET
On-Resistance vs. Gate-to-Source Voltage
TJ = 150_C 1 TJ = 25_C
0.1 0.0
Threshold Voltage
0.4 0.2 V GS(th) Variance (V) ID = 250 mA -0.0 -0.2 -0.4 -0.6 -0.8 -50 20 Power (W) 60 100
Single Pulse Power, Junction-to-Ambient
80
40
-25
0
25
50
75
100
125
150
0 10-3
10-2
10-1 Time (sec)
1
10
TJ - Temperature (_C)
100
Safe Operating Area, Junction-to-Foot
Limited by rDS(on) 1 ms
10 I D - Drain Current (A)
1
10 ms 100 ms
0.1
TC = 25_C Single Pulse
1s 10 s dc
0.01 0.1 1 10 100 VDS - Drain-to-Source Voltage (V) www.vishay.com Document Number: 72021 S-32621--Rev. D, 29-Dec-03
4
Si4830ADY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1
MOSFET
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (sec)
Notes: PDM t1
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 93_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
t1 t2
10
100
600
2 1
Normalized Thermal Transient Impedance, Junction-to-Foot
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
Document Number: 72021 S-32621--Rev. D, 29-Dec-03
www.vishay.com
5
Si4830ADY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Reverse Current vs. Junction Temperature
10 TJ = 150_C I F - Forward Current (A) 1
SCHOTTKY
Forward Voltage Drop
20 10 I R - Reverse Current (mA)
0.1
30 V 24 V
TJ = 25_C
0.01
0.001
0.0001 0 25 50 75 100 125 150 TJ - Temperature (_C)
1 0.0
0.3
0.6
0.9
1.2
1.5
VF - Forward Voltage Drop (V)
200
Capacitance
160 C - Capacitance (pF)
120
80 Coss 40
0 0 6 12 18 24 30 VDS - Drain-to-Source Voltage (V)
www.vishay.com
6
Document Number: 72021 S-32621--Rev. D, 29-Dec-03


▲Up To Search▲   

 
Price & Availability of 72021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X