Part Number Hot Search : 
2108M00 LTC1264 WF102U B37637 0233035P 2N36S8 V470M PCF857
Product Description
Full Text Search
 

To Download IRLL2705 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 91380B
IRLL2705
HEXFET(R) Power MOSFET
Surface Mount Dynamic dv/dt Rating l Logic-Level Gate Drive l Fast Switching l Ease of Paralleling l Advanced Process Technology l Ultra Low On-Resistance Description
l l
D
VDSS = 55V RDS(on) = 0.04
G
ID = 3.8A
S
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The SOT-223 package is designed for surface-mount using vapor phase, infra red, or wave soldering techniques. Its unique package design allows for easy automatic pickand-place as with other SOT or SOIC packages but has the added advantage of improved thermal performance due to an enlarged tab for heatsinking. Power dissipation of 1.0W is possible in a typical surface mount application
S O T -22 3
Absolute Maximum Ratings
Parameter
ID @ TA = 25C ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 25C VGS EAS IAR EAR dv/dt TJ, TSTG Continuous Drain Current, VGS @ 10V** Continuous Drain Current, VGS @ 10V* Continuous Drain Current, VGS @ 10V* Pulsed Drain Current Power Dissipation (PCB Mount)** Power Dissipation (PCB Mount)* Linear Derating Factor (PCB Mount)* Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Junction and Storage Temperature Range
Max.
5.2 3.8 3.0 30 2.1 1.0 8.3 16 110 3.8 0.10 7.5 -55 to + 150
Units
A
W W
mW/C
V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJA RJA Junction-to-Amb. (PCB Mount, steady state)* Junction-to-Amb. (PCB Mount, steady state)**
Typ.
93 48
Max.
120 60
Units
C/W
* When mounted on FR-4 board using minimum recommended footprint. ** When mounted on 1 inch square copper board, for comparison with other SMD devices.
www.irf.com
1
1/22/99
IRLL2705
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Min. 55 --- --- --- --- 1.0 5.1 --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. Max. Units Conditions --- --- V V GS = 0V, ID = 250A 0.061 --- V/C Reference to 25C, ID = 1mA --- 0.040 VGS = 10V, ID = 3.8A --- 0.051 VGS = 5.0V, ID = 3.8A --- 0.065 VGS = 4.0V, ID = 1.9A --- 2.0 V VDS = V GS, ID = 250A --- --- S V DS = 25V, ID = 1.9A --- 25 VDS = 55V, VGS = 0V A --- 250 VDS = 44V, VGS = 0V, TJ = 150C --- 100 VGS = 16V nA --- -100 VGS = -16V 32 48 ID = 3.8A 3.5 5.3 nC VDS = 44V 9.7 14 VGS = 10V, See Fig. 6 and 9 6.2 --- VDD = 28V 12 --- ID = 3.8A ns 35 --- RG = 6.2 22 --- RD = 7.1, See Fig. 10 870 --- VGS = 0V 220 --- pF VDS = 25V 92 --- = 1.0MHz, See Fig. 5
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions MOSFET symbol --- --- 0.91 showing the A integral reverse --- --- 30 p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 3.8A, VGS = 0V --- 58 88 ns TJ = 25C, I F = 3.8A --- 140 210 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ISD 3.8A, di/dt 220A/s, VDD V(BR)DSS,
TJ 150C
VDD = 25V, starting TJ = 25C, L = 15mH
RG = 25, I AS = 3.8A. (See Figure 12)
Pulse width 300s; duty cycle 2%.
2
www.irf.com
IRLL2705
100
TOP VGS 15V 10V 7.0V 5.5V 4.5V 4.0V 3.5V BOTTOM 3.0V
100
I D , D rain-to-Source C urrent (A)
10
I D, D rain-to-S ource C u rrent (A)
VGS 15V 10V 7.0V 5.5V 4.5V 4.0V 3.5V BOTTOM 3.0V TOP
10
3 .0V
3 .0 V
1 0.1 1
2 0 s P U L S E W ID T H TJ = 25 C A
10 100
1 0.1 1
2 0 s P U L S E W ID TH TJ = 15 0C A
10 100
V DS , D rain-to-S ource V oltage (V )
V D S , D rain-to-S ource V oltage (V )
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.0
R D S (on) , D ra in-to -S o urc e O n R e s is ta nc e (N o rm alize d)
I D = 3.8 A
I D , D rain-to-So urce C urren t (A )
1.5
TJ = 2 5 C TJ = 1 50 C
10
1.0
0.5
1 3.0 3.5 4.0
V DS = 25V 2 0 s P UL S E W ID TH
4.5 5.0
A
0.0 -60 -40 -20 0 20 40 60 80
V G S = 1 0V
100 120 140 160
A
V G S , G ate-to -So urce Voltag e (V)
T J , J unc tion T em perature (C )
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRLL2705
1400
1200
V G S , G ate-to-Source V oltage (V )
V GS C is s C rs s C iss C o ss
= = = =
0V , f = 1M H z C g s + C g d , Cd s S H O R T E D C gd C d s + C gd
20
I D = 3.8 A V D S = 4 4V V D S = 2 8V
16
C , Capacitance (pF)
1000
800
12
600
C oss
8
400
C rss
200
4
0 1 10 100
A
0 0 10 20
F O R TE S T C IR C U IT S E E F IG U R E 9
30 40 50
A
V D S , D rain-to-S ourc e V oltage (V )
Q G , T otal G ate C harge (nC )
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
I S D , Reverse D rain C urrent (A)
O P E R A T IO N IN T H IS A R E A L IM ITE D B Y R D S (o n)
10 s
I D , D rain Current (A )
10 100 s
TJ = 1 50 C
10
TJ = 25 C
1m s 1 10m s
1 0.4 0.6 0.8 1.0
V G S = 0V
1.2
A
0.1
T A = 25 C T J = 15 0C S ing le P u lse
0.1 1 10 100
1.4
A
V S D , S ourc e-to-D rain V oltage (V )
V D S , D rain-to-S ource V oltage (V )
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRLL2705
QG
VDS VGS
RD
10V
VG
QGS
QGD
D.U.T.
+
RG
- VDD
10V
Charge
Pulse Width 1 s Duty Factor 0.1 %
Fig 9a. Basic Gate Charge Waveform
Current Regulator Same Type as D.U.T.
Fig 10a. Switching Time Test Circuit
VDS
50K 12V .2F .3F
90%
D.U.T. VGS
3mA
+ V - DS
10% VGS
td(on)
IG ID
tr
t d(off)
tf
Current Sampling Resistors
Fig 9b. Gate Charge Test Circuit
1000
Fig 10b. Switching Time Waveforms
Therm al R esponse (Z thJA )
100
D = 0 .5 0 0 .2 0
10
0 .1 0 0 .0 5 0 .0 2 0 .0 1
1
PD M
t
0.1
1
t2
S IN G L E P U L S E (T H E R M A L R E S P O N S E )
N o te s: 1 . D u ty fa c to r D = t
1
/t
2
0.01 0.00001
2. P e a k TJ = P D M x Z th J A + T A
A
10000
0.0001
0.001
0.01
0.1
1
10
100
1000
t 1 , R e c ta n g u la r P u ls e D u ra tio n (s e c )
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRLL2705
250
E A S , S ingle P ulse A valanche E nergy (m J)
TO P
200
1 5V
B O TTO M
ID 1.7 A 3.0A 3 .8 A
VD S
L
D R IV E R
150
RG
20V
D .U .T
IA S tp 0 .01
+ - VD D
A
100
50
Fig 12a. Unclamped Inductive Test Circuit
0
V D D = 25 V
25 50 75 100 125
A
150
V (B R )D SS tp
S tarting T J , J unc tion T em perature (C )
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
IAS
Fig 12b. Unclamped Inductive Waveforms
6
www.irf.com
IRLL2705
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 13. For N-Channel HEXFETS
www.irf.com
7
IRLL2705
Package Outline
SOT-223 (TO-261AA) Outline
Part Marking Information
SOT-223
E X A M P L E : T H IS IS A N IR FL 0 14 W A FER LO T CO D E XXXXXX D A TE CO D E (Y W W ) Y = LA S T D IG IT O F TH E Y E A R W W = W E EK P A R T NU M B E R IN TE RN A TIO NA L RE CT IF IE R LO G O F L0 14 31 4
TOP
B O TT O M
8
www.irf.com
IRLL2705
Tape & Reel Information
SOT-223 Outline
4 .1 0 (.1 6 1) 3 .9 0 (.1 5 4) 1 .8 5 (.0 7 2 ) 1 .6 5 (.0 6 5 ) 0 .3 5 (.0 1 3 ) 0 .2 5 (.0 1 0 )
TR
2 .0 5 (.0 8 0 ) 1 .9 5 (.0 7 7 )
7 .5 5 (.2 9 7 ) 7 .4 5 (.2 9 4 ) 7 .6 0 (.2 9 9 ) 7 .4 0 (.2 9 2 ) 1 .6 0 (.0 6 2 ) 1 .5 0 (.0 5 9 ) TYP . F E E D D IR E C T IO N 1 2 .1 0 (.4 7 5 ) 1 1 .9 0 (.4 6 9 ) NOTES : 1 . C O N T R O L L IN G D IM E N S IO N : M IL L IM E T E R . 2 . O U T L IN E C O N F O R M S T O E IA -4 8 1 & E IA -5 41 . 3 . E A C H O 3 3 0 .0 0 (1 3 .0 0 ) R E E L C O N T A IN S 2,50 0 D E V IC E S . 1 3 .2 0 (.5 1 9 ) 1 2 .8 0 (.5 0 4 ) 1 5.40 (.6 0 7 ) 1 1.90 (.4 6 9 ) 4 7 .1 0 (.2 79 ) 6 .9 0 (.2 72 )
1 6 .3 0 (.6 4 1 ) 1 5 .7 0 (.6 1 9 )
2 .3 0 (.0 9 0 ) 2 .1 0 (.0 8 3 )
330.0 0 (13.000) M AX.
5 0.0 0 (1 .9 6 9 ) M IN .
N O T ES : 1 . O U T LIN E C O M F O R M S T O E IA -4 1 8 -1 . 2 . C O N T R O L L IN G D IM E N S IO N : M IL L IM E T E R .. 3 . D IM E N S IO N M E A S U R E D @ H U B . 4 . IN C L U D E S F L A N G E D IS T O R T IO N @ O U T E R E D G E .
1 4 .4 0 (.5 6 6 ) 1 2 .4 0 (.4 8 8 ) 3
1 8 .4 0 (.7 2 4 ) M AX . 4
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936 http://www.irf.com/ Data and specifications subject to change without notice. 1/99
www.irf.com
9


▲Up To Search▲   

 
Price & Availability of IRLL2705

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X