Part Number Hot Search : 
CLE250 2C120 FQP18N20 THB227 IRF2903Z BC556 STF1080C BC556
Product Description
Full Text Search
 

To Download SUP65P06-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUP/SUB65P06-20
Vishay Siliconix
P-Channel 60-V (D-S), 175_C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
-60
rDS(on) (W)
0.020
ID (A)
-65a
TO-220AB
S
TO-263
G DRAIN connected to TAB
GDS Top View SUP65P06-20
G
DS D
Top View SUB65P06-20 P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Gate-Source Voltage Continuous Drain Current (TJ = 175_C) Pulsed Drain Current Avalanche Current Repetitive Avalanche Energyb Power Dissipation Operating Junction and Storage Temperature Range L = 0.1 mH TC = 25_C (TO-220AB and TO-263) TA = 125_C (TO-263)c PD TJ, Tstg TC = 25_C TC = 125_C ID IDM IAR EAR
Symbol
VGS
Limit
"20 -65a -39 -200 -60 180 250d 3.7 -55 to 175
Unit
V
A
mJ W _C
THERMAL RESISTANCE RATINGS
Parameter
PCB Mount (TO-263)c Junction-to-Ambient Junction-to-Case Notes: a. Package limited. b. Duty cycle v 1%. c. When mounted on 1" square PCB (FR-4 material). d. See SOA curve for voltage derating. For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm Document Number: 70289 S-05111--Rev. C, 10-Dec-01 www.vishay.com Free Air (TO-220AB)
Symbol
RthJA RthJA RthJC
Limit
40 62.5 0.6
Unit
_C/W
2-1
SUP/SUB65P06-20
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VGS = 0 V, ID = -250 mA VDS = VGS, ID = -250 mA VDS = 0 V, VGS = "20 V VDS = -60 V, VGS = 0 V Zero Gate Voltage Drain Current IDSS VDS = -60 V, VGS = 0 V, TJ = 125_C VDS = -60 V, VGS = 0 V, TJ = 175_C On-State Drain Currenta ID(on) VDS = -5 V, VGS = -10 V VGS = -10 V, ID = -30 A Drain-Source On-State Resistancea rDS(on) VGS = -10 V, ID = -30 A, TJ = 125_C VGS = -10 V, ID = -30 A, TJ = 175_C Forward Transconductancea gfs VDS = -15 V, ID = -30 A 25 -120 0.017 0.020 0.033 0.042 S W -60 -2.0 -3.0 -4.0 "100 -1 -50 -150 A m mA V nA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Input Capacitance Output Capacitance Reversen Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Ciss Coss Crss Qg Qgs Qgd td(on) tr Timec td(off) tf VDD = -30 V, RL = 0.47 W ID ] -65 A, VGEN = -10 V, RG = 2.5 W VDS = -30 V, VGS = -10 V, ID = -65 A VGS = 0 V, VDS = -25 V, f = 1 MHz 4500 870 350 85 24 22 15 40 65 30 40 80 120 60 ns 120 nC pF
Turn-On Delay Timec Rise Timec Turn-Off Delay Fall Timec
Source-Drain Diode Ratings and Characteristics (TC = 25_C)b
Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge Is ISM VSD trr IRM(REC) Qrr IF = -65 A, di/dt = 100 A/ms m IF = -65 A, VGS = 0 V -1.1 70 7 0.245 -65 A -200 -1.4 120 9 0.54 V ns A mC
Notes: a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing d. Independent of operating temperature.
www.vishay.com S FaxBack 408-970-5600
2-2
Document Number: 70289 S-05111--Rev. C, 10-Dec-01
SUP/SUB65P06-20
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
200 VGS = 10, 9, 8 V 7V 160 I D - Drain Current (A) I D - Drain Current (A) 160 25_C 125_C 120 TC = -55_C 200
Transfer Characteristics
120
6V
80 5V 40 4V 0 0 2 4 6 8 10
80
40
0 0 2 4 6 8 10
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Transconductance
100 0.030
On-Resistance vs. Drain Current
80 g fs - Transconductance (S)
TC = -55_C r DS(on)- On-Resistance ( W )
0.025
25_C 60 125_C 40
0.020
VGS = 10 V
0.015 VGS = 20 V 0.010
20
0.005
0 0 20 40 60 80 100
0.000 0 20 40 60 80 100
VGS - Gate-to-Source Voltage (V)
ID - Drain Current (A)
Capacitance
6000 20
Gate Charge
V GS - Gate-to-Source Voltage (V)
5000 C - Capacitance (pF)
Ciss
16
VDS = 30 V ID = 65 A
4000
12
3000
8
2000 Coss
1000
Crss
4
0 0 10 20 30 40 50 60
0 0 25 50 75 100 125 150 175
VDS - Drain-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
Document Number: 70289 S-05111--Rev. C, 10-Dec-01
www.vishay.com
2-3
SUP/SUB65P06-20
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
2.5 VGS = 10 V ID = 30 A r DS(on)- On-Resistance ( W ) (Normalized) 2.0 I S - Source Current (A) TJ = 150_C TJ = 25_C 10 100
Source-Drain Diode Forward Voltage
1.5
1.0
0.5
0.0 -50
1 -25 0 25 50 75 100 125 150 175 0.3 0.3 0.6 0.9 1.2 1.5
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
THERMAL RATINGS
Maximum Avalanche and Drain Current vs. Case Temperature
80 500 10 ms 100 ms 1 ms 10 10 ms 100 ms dc 1 TC = 25_C Single Pulse
Safe Operating Area
100 60 I D - Drain Current (A) I D - Drain Current (A)
Limited by rDS(on)
40
20
0 0 25 50 75 100 125 150 175
0.1 0.1 1 10 100 TC - Case Temperature (_C) VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Case
2 1 Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2
0.1 0.1 0.05 0.02
Single Pulse 0.01 10-5
10-4
10-3
10-2
10-1
1
3
Square Wave Pulse Duration (sec) www.vishay.com S FaxBack 408-970-5600 Document Number: 70289 S-05111--Rev. C, 10-Dec-01
2-4


▲Up To Search▲   

 
Price & Availability of SUP65P06-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X