Part Number Hot Search : 
VCS1610 T110026 IA8X44 1117C XXAB3 BUL68A LV010 TLP67
Product Description
Full Text Search
 

To Download MAX688EVKIT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAX688 Evaluation Kit
_______________General Description
The MAX688 evaluation kit (EV kit) provides a regulated 3.3V output voltage while operating on input voltages from 3.5V to 11V. It delivers a 0.5A output current from a 3.5V to 5.75V input, with less than 200mV dropout. Operation with higher input voltages (up to 11V) is possible as long as the maximum power dissipation across the pass transistor is less than 1.25W. The MAX688 EV kit is a fully assembled and tested surface-mount printed circuit board. The board comes with a 3.3V-output MAX688 IC installed, but can also be used to evaluate the MAX689 (3.0V output), or MAX687 (3.3V output, automatic shutdown). Additional pads are provided on the board's solder side to accommodate the external components used with the MAX687.
____________________________Features
o 3.5V to 11V Input Supply Range o 3.3V Output Voltage o Up to 0.5A Output Current o <0.02A Shutdown Supply Current o 150A Quiescent Current o External PNP Pass Transistor o Adjustable Current Limit o Surface-Mount Construction o Fully Assembled and Tested
Evaluates: MAX687/MAX688/MAX689
____________________Component List
DESIGNATION QTY C1 1 DESCRIPTION 2.2F ceramic capacitor Marcon THCR30E1E225Z or AVX 1206YG225ZATZA 68F, 20V, low-ESR tantalum capacitor AVX TPSE686M020R0150 or Sprague 595D686X0016D2B 0.01F ceramic capacitor 10, 5% resistor 100k, 5% resistor PNP power transistor VBRCE = 25V, IC = 3A, > 100 Zetex FZT749 Maxim MAX688CSA 3-pin header 2-pin header Shunts MAX688 PC board MAX688 data sheet
______________Ordering Information
PART MAX688EVKIT-SO TEMP. RANGE 0C to +70C BOARD TYPE Surface Mount
C2 C4 R1 R2 Q1 U1 JU1 JU2 None None None
1 1 1 1 1 1 1 1 2 1 1
_________________________Quick Start
The MAX688 EV kit is a fully assembled and tested surface-mount board. Follow these steps to verify board operation. Do not turn on the power supply until all connections are completed. 1) Connect a 3.5V to 11V power supply to the pad marked VIN. The ground connects to the GND pad. 2) Connect a voltmeter and load (if any) to the VOUT pad. 3) Place one shunt across JU1 pins 2 and 3 and remove the other shunt from JU2 for normal operation. 4) Turn on the power and verify that the output voltage is 3.3V. Instructions for modifying the board for a 3.0V output appear in the section Evaluating the MAX689.
______________Component Suppliers
SUPPLIER AVX IRC Marcon Sprague Zetex PHONE (803) 946-0238 (213) 772-2000 (708) 913-9980 (508) 339-8900 (516) 543-7100 FAX (803) 626-3123 (213) 772-9028 (708) 913-1150 (508) 339-5063 (516) 864-7630
________________________________________________________________ Maxim Integrated Products
1
Call toll free 1-800-998-8800 for free samples or literature.
MAX688 Evaluation Kit Evaluates: MAX687/MAX688/MAX689
_______________Detailed Description
Shutdown Function
The MAX688 has an active-low shutdown control input to turn its output on or off at any time. The 3-pin header JU1 selects the shutdown mode. Remove the shunt when driving shutdown with an external signal. Table 1 lists the jumper selectable options.
Evaluating the MAX687
The MAX688 can be replaced with a MAX687 to generate a 3.3V output voltage with output current up to 0.5A. The only modifications required are as follows: 1) replace the IC, 2) remove R2 and the shunt from JU1, and 3) add R3 and C3 (located on the board's solder side) or drive the ON pin with an external signal. The MAX687's 3.3V output automatically shuts down whenever the output voltage drops below 2.96V. A power-fail comparator also monitors the output and provides an early warning of low output voltage before the device shuts down. When shut down, the output is latched off until the ON input is pulsed.
Evaluating the MAX689
The MAX688 can be replaced with a MAX689 to generate a 3.0V output voltage with output current up to 0.5A. The only modification required is to replace the IC.
Table 1. Jumper JU1 Functions
SHUNT LOCATION 2&3 2&1 SHDN PIN Connected to VIN Connected to GND MAX688 OUTPUT MAX688 Enabled, VOUT = 3.3V Shutdown Mode, VOUT = 0V
Base-Current Limiting
The output current can be limited by installing a currentlimiting resistor, R1, between BASE (pin 7) and BLIM (pin 6) of U1. This EV kit comes with a 10 current-limiting resistor that limits the base current to 6.67mA. If R1 is shorted via jumper JU2, base current is limited to 20mA. Refer to the MAX687/MAX688/MAX689 data sheet for instructions on selecting the current-limiting resistor value.
Q1 3 FZT749 1 2, 4 R1 10 7 BASE VIN C1 2.2F C3* 0.1F JU1** 3 SHDN 1 2 R3* 10k 2 SHDN PFO 3 PFO 1 IN 2 JU2 1 6 BLIM OUT 5 C2 68F 20V VOUT
U1
MAX688
R2** 100k
GND 4 8
CC C4 0.01F
* C3, R3 MAX687 ONLY ** JU1, R2 MAX688/MAX689 ONLY
Figure 1. MAX688 EV Kit Schematic
2 _______________________________________________________________________________________
MAX688 Evaluation Kit Evaluates: MAX687/MAX688/MAX689
Figure 2. MAX688 EV Kit Component Placement Guide-- Component Side
Figure 3. MAX688 EV Kit Component Placement Guide-- Solder Side
Figure 4. MAX688 EV Kit PC Board Layout--Component Side
Figure 5. MAX688 EV Kit PC Board Layout--Solder Side
_______________________________________________________________________________________
3
(c) 1994 Maxim Integrated Products
4 ___________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Evaluates: MAX687/MAX688/MAX689
? ?@@@@@@@@ehY0@@@@@@@@ehY0@@@@@@@@@@&?@@@@@@@@e@@@@@@@@@@@4V?hY0@@@@@@@@@@e@@@@@@@@@@@@&?fY0@@@@@@@@@@&?@@@@@@@@ehY0@@@@@@@@ehY0@@@@@@@@@@@? ?@@@@@@@@h?Y(@@@@@@@@@h?Y(@@@@@@@@@@&W?@@@@@@@@e1@@@@@@@@@@@'Vg?Y(@@@@@@@@@@7e@@@@@@@@@@@&W?e?Y(@@@@@@@@@@&W?@@@@@@@@h?Y(@@@@@@@@@h?Y(@@@@@@@@@@@7? ?@@@@@@@@hY(@@@@@@@@@@hY(@@@@@@@@@@&We@@@@@@@@eX)@@@@@@@@@@@'V?fY(@@@@@@@@@@&We@@@@@@@@@@@JfY(@@@@@@@@@@&We@@@@@@@@hY(@@@@@@@@@@hY(@@@@@@@@@@@&W? ?@@@@@@@@g?Y(@@@@@@@@@@@g?Y(@@@@@@@@@@&W?e@@@@@@@@e?X6@@@@@@@@@@@'Ve?M(@@@@@@@@@@&W?e@@@@@@@@@@7?e?Y(@@@@@@@@@@&W?e@@@@@@@@g?Y(@@@@@@@@@@@g?Y(@@@@@@@@@@@&W ?@@@@@@@@gY(@@@@@@@@@@@@gY(@@@@@@@@@@&Wf@@@@@@@@f?K)@@@@@@@@@@'IM0@@@@@@@@@@@&Wf@@@@@@@@@&W?eY(@@@@@@@@@@&Wf@@@@@@@@gY(@@@@@@@@@@@@gY(@@@@@@@@@@@&W? ?@@@@@@@@f?Y(@@@@@@@@@@@@@f?Y(@@@@@@@@@@&W?f@@@@@@@@gX)@@@@@@@@@@@@@@@@@@@@@@@2W?f@@@@@@@@&We?Y(@@@@@@@@@@&W?f@@@@@@@@fY(@@@@@@@@@@@@@@fY(@@@@@@@@@@@&W? ?@@@@@@@@fY(@@@@@@@@@@@@@@fY(@@@@@@@@@@&Wg@@@@@@@@g?X)@@@@@@@@@@@@@@@@@@@@&O?g@@@@@@@&W?eY(@@@@@@@@@@&Wg@@@@@@@@f?Y(@@@@@@@@@@@@@f?Y(@@@@@@@@@@@&W ?@@@@@@@@e?Y(@@@@@@@@@@@@@@@e?Y(@@@@@@@@@@&W?g@@@@@@@@hX)@@@@@@@@@@@@@@@@@@&Wh@@@@@@@Je?Y(@@@@@@@@@@&W?g@@@@@@@@e?Y(@@@@@@@@@@@@@@@e?Y(@@@@@@@@@@@&W ?@@@@@@@@eY(@@@@@@@@@@@@@@@@eY(@@@@@@@@@@&Wh@@@@@@@@h?X)@@@@@@@@@@@@@@@@&W?h@@@@@@@?eY(@@@@@@@@@@&Wh@@@@@@@@eY(@@@@@@@@@@@@@@@@e(@@@@@@@@@@@&W ?@@@@@@@@?Y(@@@@@@@@@@@@@@@@@?Y(@@@@@@@@@@&W?h@@@@@@@@ehX)@@@@@@@@@@@@@@&Weh@@@@@@@??Y(@@@@@@@@@@&W?h@@@@@@@@?Y(@@@@@@@@@@@@@@@@@?YY(@@@@@@@@@@@&W? ?@@@@@@@@Y(@@@@@@@@@@@@@@@@@@Y(@@@@@@@@@@&Weh@@@@@@@@eh?X)@@@@@@@@@@@@&W?eh@@@@@@@?M(@@@@@@@@@@&Weh@@@@@@@@Y(@@@@@@@@@@@@@@@@@@Y(@@@@@@@@@@@&W? ?@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@&W?eh@@@@@@@@fhL@@@@@@@@@@@@?fh@@@@@@@@@@@@@@@@@@@&W?eh@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@&W ?@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@&Wfh@@@@@@@@fhH@@@@@@@@@@@@3fh@@@@@@@@@@@@@@@@@@&Wfh@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@& ?@@@@@@@@@@@@@@@@@@&W@@@@@@@@@@@@@@@@@&W?fh@@@@@@@@eh?Y(@@@@@@@@@@@@@N?eh@@@@@@@@@@@@@@@@@2W?fh@@@@@@@@@@@@@@@@@@&W@@@@@@@@@@@@@@@@@@&WW? ?@@@@@@@@@@@@@@@@@&W?@@@@@@@@@@@@@@@@&W @@@@@@@@ehY(@@@@@@@@@@@@@@'Veh@@@@@@@@@@@@@@@&O? @@@@@@@@@@@@@@@@@&W?@@@@@@@@@@@@@@@@@&W? ?@@@@@@@@@@@@@@@@&We@@@@@@@@@@@@@@@& @@@@@@@@h?Y(@@@@@@@@@@@@@@@@'V?h@@@@@@@@@@@@@@&W @@@@@@@@@@@@@@@@&We@@@@@@@@@@@@@@@@&W ?@@@@@@@@@@@@@@@&W?e@@@@@@@@@@@@@@@JW? @@@@@@@@hY(@@@@@@@@@@@@@@@@@@'Vh@@@@@@@@@@@@@&W? @@@@@@@@@@@@@@@&W?e@@@@@@@@@@@@@@@&W? ?@@@@@@@@@@@@@@&Wf@@@@@@@@@@@@@@7? @@@@@@@@g?Y(@@@@@@@@@@@@@@@@@@@@'V?g@@@@@@@@@@@@&W @@@@@@@@@@@@@@&Wf@@@@@@@@@@@@@@&W ?@@@@@@@@@@@@@&W?f@@@@@@@@@@@@@&W? @@@@@@@@gY(@@@@@@@@@&OK)@@@@@@@@@'Vg@@@@@@@@@@@&W? @@@@@@@@@@@@@&W?f@@@@@@@@@@@@&WW? ?@@@@@@@@@@@@&Wg@@@@@@@@@@@@&W @@@@@@@@f?Y(@@@@@@@@@&WeX)@@@@@@@@@'V?f@@@@@@@@@@&W @@@@@@@@@@@@&Wg@@@@@@@@@@@@@& ?@@@@@@@@@@@&W?g@@@@@@@@@@@&W? @@@@@@@@fY(@@@@@@@@@&W?e?X)@@@@@@@@@'Vf@@@@@@@@@&W? @@@@@@@@@@@&W?g@@@@@@@@@@@&W? ?@@@@@@@@@@&Wh@@@@@@@@@@&W @@@@@@@@f5@@@@@@@@@&WgX)@@@@@@@@@3f@@@@@@@@&W @@@@@@@@@@&Wh@@@@@@@@@@&W ?@@@@@@@@@2W?h@@@@@@@@@2W? @@@@@@@@f@@@@@@@@@2W?g?X6@@@@@@@@@f@@@@@@@2W? @@@@@@@@@2W?h@@@@@@@@@2W? ?
MAX688 Evaluation Kit
MAX687 EV DS REV 0
My end product is: __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __|
City _______________________State_____________Zip__________________Phone# _____________________________
Address ______________________________________________________________________________________________
Company _____________________________________________________________________________________________
Name ______________________________________________Title ______________________________________________
My application is: __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __| __|
FAX NUMBERS:
Featuring:
Product Data Sheets Evaluation Kit Manuals Free Literature Request Cards
Call toll free 1-800-998-8800 for free samples or literature.
Germany (Maxim GmbH)
UK (0734) 84 38 63
US (408) 737-7194
1994 EVALUATION KIT DATA BOOK
1994 New Releases Data Book 1994 Battery Management and DC-DC Converter Circuit Collection 1994 Applications & Product Highlights Book 1993 New Releases Data Book, Vol. II 1993 Applications & Product Highlights Book 1992 New Releases Data Book, Vol. I 1992 Applications & Product Highlights Book
Other Data Books Available from Maxim:
1994 EVALUATION KIT DATA BOOK FAXBACK OFFER
Accelerate your time to market with Maxim's evaluation kits (EV kits) that simplify design-in and prototyping. For your convenience, the 1994 Evaluation Kit Data Book includes EV kit manuals and corresponding data sheets covering 95 products in one easy-to-use book. To receive your free data book, simply FAX this response card to your nearest Maxim office, or call toll-free 1-800-998-8800 (in the US only) for prompt fulfillment. We look forward to serving you.
Printed USA
(089) 8544239
France (1) 30 64 73 48
Italy
(02) 99041981
is a registered trademark of Maxim Integrated Products.
Taiwan (35) 777659 Japan (03) 3232-6149


▲Up To Search▲   

 
Price & Availability of MAX688EVKIT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X